Part Number Hot Search : 
UMX4NTR 02000 MHR66TF SBL1045 CXP88624 SST12P1 72V32 AD7774
Product Description
Full Text Search
 

To Download IPB05N03LAG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPB05N03LA G
OptiMOS(R)2 Power-Transistor
Features * Ideal for high-frequency dc/dc converters * Qualified according to JEDEC1) for target application * N-channel - Logic level * Excellent gate charge x R DS(on) product (FOM) * Very low on-resistance R DS(on) * Superior thermal resistance * 175 C operating temperature * dv /dt rated * Pb-free lead plating; RoHS compliant
Product Summary V DS R DS(on),max (SMD version) ID 25 4.6 80 V m A
PG-TO263
Type IPB05N03LA G
Package PG-TO263
Marking 05N03LA
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C2) T C=100 C Pulsed drain current Avalanche energy, single pulse Reverse diode dv /dt Gate source voltage4) Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1
1)
Value 80 76 385 190 6 20
Unit A
I D,pulse E AS dv /dt V GS P tot T j, T stg
T C=25 C3) I D=72 A, R GS=25 I D=80 A, V DS=20 V, di /dt =200 A/s, T j,max=175 C
mJ kV/s V W C
T C=25 C
94 -55 ... 175 55/175/56
J-STD20 and JESD22
Rev. 1. 7
page 1
2006-05-10
IPB05N03LA G
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case SMD version, device on PCB R thJC R thJA minimal footprint 6 cm2 cooling area5) Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D=1 mA V GS(th) I DSS V DS=V GS, I D=50 A V DS=25 V, V GS=0 V, T j=25 C V DS=25 V, V GS=0 V, T j=125 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=4.5 V, I D=55 A, SMD version V GS=10 V, I D=55 A, SMD version Gate resistance Transconductance RG g fs |V DS|>2|I D|R DS(on)max, I D=55 A 25 1.2 1.6 0.1 2 1 A V 1.6 62 40 K/W Values typ. max. Unit
-
10 1 6.2
100 100 7.8 nA m
43
3.8 1 86
4.6 S
2)
Current is limited by bondwire; with an R thJC=1.6 K/W the chip is able to carry 108 See figure 3
3) 4)
T j,max=150 C and duty cycle D <0.25 for V GS<-5 V 5) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70
Rev. 1. 7
page 2
2006-05-10
IPB05N03LA G
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics 6) Gate to source charge Gate charge at threshold Gate to drain charge Switching charge Gate charge total Gate plateau voltage Gate charge total, sync. FET Output charge Reverse Diode Diode continous forward current Diode pulse current Diode forward voltage IS I S,pulse V SD T C=25 C V GS=0 V, I F=80 A, T j=25 C V R=15 V, I F=I S, di F/dt =400 A/s 0.97 80 385 1.2 V A Q gs Q g(th) Q gd Q sw Qg V plateau Q g(sync) Q oss V DS=0.1 V, V GS=0 to 5 V V DD=15 V, V GS=0 V V DD=15 V, I D=40 A, V GS=0 to 5 V 8.1 3.9 5.3 10 19 3.4 17 20 11 5.0 8.0 14 25 22 27 V nC nC C iss C oss Crss t d(on) tr t d(off) tf V DD=15 V, V GS=10 V, I D=20 A, R G=2.7 V GS=0 V, V DS=15 V, f =1 MHz 2413 921 112 11 27 32 4.6 3110 1225 167 17 38 45 6.9 ns pF Values typ. max. Unit
Reverse recovery charge
Q rr
-
-
10
nC
6)
See figure 16 for gate charge parameter definition
Rev. 1. 7
page 3
2006-05-10
IPB05N03LA G
1 Power dissipation P tot=f(T C) 2 Drain current I D=f(T C); V GS10 V
100 90 80 70 60
100
80
60
P tot [W]
50 40 30 20 10 0 0 50 100 150 200
I D [A]
40 20 0 0 50 100 150 200
T C [C]
T C [C]
3 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
1000
1 s limited by on-state resistance 10 s
4 Max. transient thermal impedance Z thJC=f(t p) parameter: D =t p/T
10
1
0.5
100
0.2
Z thJC [K/W]
100 s
I D [A]
DC
0.1
0.1
0.05 0.02 0.01 single pulse
1 ms
10
10 ms
0.01
1 0.1 1 10 100
0.001 10-6 0 10-5 0 10-4 0 10-3 0 10-20 10-1 0 100 1
V DS [V]
t p [s]
Rev. 1. 7
page 4
2006-05-10
IPB05N03LA G
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
140
10 V 4.5 V
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
25
3.2 V 3V 3.5 V 3.8 V 4.1 V
120 20 100
4.1 V
80
3.8 V
60
3.5 V
R DS(on) [m]
15
I D [A]
10
4.5 V
40
3.2 V
5
10 V
20
3V 2.8 V
0 0 1 2 3
0 0 20 40 60 80 100 120 140
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
160
8 Typ. forward transconductance g fs=f(I D); T j=25 C
120
140 100 120 80
100
80
g fs [S]
175 C 25 C
I D [A]
60
60 40 40 20
20
0 0 1 2 3 4 5
0 0 20 40 60 80
V GS [V]
I D [A]
Rev. 1. 7
page 5
2006-05-10
IPB05N03LA G
9 Drain-source on-state resistance R DS(on)=f(T j); I D=55 A; V GS=10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS parameter: I D
10 9 8 7 2 2.5
500 A
R DS(on) [m]
6 5
V GS(th) [V]
98 %
1.5
50 A
typ
4 3 2 1 0 -60 -20 20 60 100 140 180
1
0.5
0 -60 -20 20 60 100 140 180
T j [C]
T j [C]
11 Typ. Capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
10000
1000
Ciss
Coss
175 C
1000
100
25 C
175C 98%
C [pF]
Crss
100
I F [A]
10
25C 98%
10 0 5 10 15 20 25 30
1 0.0 0.5 1.0 1.5 2.0
V DS [V]
V SD [V]
Rev. 1. 7
page 6
2006-05-10
IPB05N03LA G
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: Tj(start)
100
25 C 100 C 150 C 15 V
14 Typ. gate charge V GS=f(Q gate); I D=40 A pulsed parameter: V DD
12
10
5V 20 V
8
10
V GS [V]
1 10 100 1000
I AV [A]
6
4
2
1
0 0 10 20 30 40
t AV [s]
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=1 mA
16 Gate charge waveforms
29
V GS
28 27 26
Qg
V BR(DSS) [V]
25 24 23 22 21 20 -60 -20 20 60 100 140 180
V g s(th)
Q g(th) Q gs
Q sw Q gd
Q g ate
T j [C]
Rev. 1. 7
page 7
2006-05-10
IPB05N03LA G
PG-TO263-3-2/TO263-3-5/TO263-3-22: Outlines
Footprint
Packaging
Rev. 1. 7
page 8
2006-05-10
IPB05N03LA G
Published by Infineon Technologies AG 81726 Munchen, Germany (c) Infineon Technologies AG 2006. All Rights Reserved. Attention please! The information given in this data sheet shall in no event be regarded as a guarantee of conditions or characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office (www.infineon.com ). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1. 7
page 9
2006-05-10


▲Up To Search▲   

 
Price & Availability of IPB05N03LAG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X