Part Number Hot Search : 
HSE681 2SD662 1N749A E331M VSC7924 2TRPB MODEL308 GP1U273X
Product Description
Full Text Search
 

To Download IP1117L-50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IP1117/IP1117-18/IP1117-25/IP1117-33/IP1117-50
LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V
DESCRIPTION
The IP1117 is a series of low dropout voltage regulators which can provide up to 1.0A of output current. The IP1117 is available in four fixed voltages, 1.8V,2.5V,3.3V and 5.0V. In addition, it is also available in adjustable version. On chip precision trimming adjusts the reference/output voltage to within 2%. Current limit is also trimmed to ensure specified output current and controlled short-circuit current The IP1117 series is available in SOT-223 power packages.
SOT-223
FEATURES
- Adjustable and Fixed of 1.8V, 2.5V, 3.3V,5.0V - Space saving SMD types of SOT-223 - 1.0A Output Current capability - 1.1V drop-out voltage - Foldback current limiting - Thermal protection - Over current protection
ORDERING INFORMATION
Device IP1117/ IP1117L IP1117-18/ IP1117L-18 IP1117-25/ IP1117L-25 IP1117-33/ IP1117L-33 IP1117-50/ IP1117L-50 L means Lead-free Package SOT-223 SOT-223 SOT-223 SOT-223 SOT-223 -35 OC ~ +125O C Operating Temp
APPLICATIONS
- Post Regulator for Switching DC/DC Converter - CD Media - Battery Charger - Battery Powered Equipments
TYPICAL APPLICATION CIRCUITS
Jan. 2005 (Rev.5)
www.interpionsemi.com
-1-
IP1117/IP1117-18/IP1117-25/IP1117-33/IP1117-50
LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V
PIN CONNECTIONS
PIN DESCRIPTIONS
NO 1 2 3 SYMBOL ADJ/GND OUT IN I/O O I DESCRIPTION Adjustable or Power Ground Output Input
ABSOLUTE MAXIMUM RATINGS
Parameter Input Voltage Junction Temperature Storage Temperature Symbol Vinmax Tj Tstg Value 18 -35 ~ +125 -55 ~ +150 Units V
O
C C
O
Absolute Maximum Safe Operating Area
Output Current(A)
1.2 1.0 0.8 0.6 0.4 0.2 0 2 4 6 8 10 12 14 16 18 20 SOA
Vin - Vout (V) -2-
Jan. 2005 (Rev.5)
www.interpionsemi.com
IP1117/IP1117-18/IP1117-25/IP1117-33/IP1117-50
LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V
Electrical Characteristics
( Vin= 5V, Co=10uF, Ta = 25O C, unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Reference Voltage
Vref
IP1117 Only 1.5V < (Vin - Vout) < 7V, Io=10mA IP1117-18 10mA < Iout < 1A, 3.3V < Vin < 10V IP1117-25 10mA < Iout < 1A, 4.0V < Vin < 10V
1.225
1.250
1.275
V
1.764
1.800
1.836
V
2.45
2.50
2.55
V
Output Voltage
Vout
IP1117-33 10mA < Iout < 1A, 4.75V < Vin < 10V IP1117-50 10mA < Iout < 1A, 6.5V < Vin < 12V IP1117 Iout = 10mA, 1.5V < Vin - Vout < 12V IP1117-18 Iout = 10mA, 3.3V < Vin < 15V
3.234
3.300
3.366
V
4.9
5.0
5.1
V
-
0.035
0.2
%
-
1
4
mV
Line Regulation
dVout1
IP1117-25 Iout = 10mA, 4.0V < Vin < 15V IP1117-33 Iout = 10mA, 4.75V < Vin < 15V IP1117-50 Iout = 10mA, 6.5V < Vin < 15V
-
1
5
mV
-
1
7
mV
-
1
10
mV
Jan. 2005 (Rev.5)
www.interpionsemi.com
-3-
IP1117/IP1117-18/IP1117-25/IP1117-33/IP1117-50
LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V
ELECTRICAL CHARACTERISTICS
( Vin= 5V, Co=10uF, Ta = 25O C, unless otherwise specified.)
Parameter
Symbol
Test Conditions IP1117 Vin - Vout = 2.0V, 10mA < Iout < 1A IP1117-18 Vin = 3.8V, 10mA < Iout < 1A
Min.
Typ.
Max.
Units
-
0.05
0.5
%
-
1
9
mV
Load Regulation
dVout2
IP1117-25 Vin = 4.5V, 10mA < Iout < 1A IP1117-33 Vin = 5.3V, 10mA < Iout < 1A IP1117-50 Vin = 7.0V, 10mA < Iout < 1A Iout = 100mA
-
1
12
mV
-
1
16
mV
-
1
25
mV
-
1.0
1.15
V
Dropout voltage
Vdrop Iout = 1A 1.1 1.25 V
Quiescent current
Iq
Vin < 12V f = 120Hz, Cout = 22uF Tantalum, (Vin-Vout) = 3V, Vripple=1.0Vpp Vin - Vout = 2V
-
5
10
mA
Ripple Rejection
RR
60
72
-
dB
Current Limit
Ilimit
1
1.5
-
A
Adjust Pin Current
Iadj 10mA < Iout < 1A Ichg 1.5V < Vin - Vout < 12V Imin Only IP1117 10
-35
-100
uA
Adjust Pin Current Change Minimum Load Current Long Term Stability
0.2
5
uA
-
-
mA
Stable
Ta=125O C, 1000hrs
0.03
1.0
%
Jan. 2005 (Rev.5)
www.interpionsemi.com
-4-
IP1117/IP1117-18/IP1117-25/IP1117-33/IP1117-50
LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V
ELECTRICAL CHARACTERISTICS
( Vin= 5V, Co=10uF, Ta = 25O C, unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
RMS Output Noise
Vn
10Hz < f < 10kHz
-
0.003
-
%
Thermal Shutdown Thermal Shutdown Hysteresis
Tsd
Junction Temperature
-
150
-
O
C
Thys
-
10
-
O
C
Jan. 2005 (Rev.5)
www.interpionsemi.com
-5-
IP1117/IP1117-18/IP1117-25/IP1117-33/IP1117-50
LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V
APPLICATION SUMMARY
- Calculation of adjustable output voltage
Va
Vout = (1 +
R2 ) x Vref R1
(Vref = 1.25V)
Example) R1=125 ohm, R2=25 ohm
Vout = (1+
25 )x 1.25 = 1.5 125
Jan. 2005 (Rev.5)
www.interpionsemi.com
-6-
IP1117/IP1117-18/IP1117-25/IP1117-33/IP1117-50
LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V
ELECTRICAL CHARACTERISTICS CURVES
ICC (mA)
6
ICC vs VCC
5
4
3
2
1
VCC=variable Vout=3.3V Io=0 mA
0 0 5
VCC (V)
10
15
20
Quiescent current vs Vcc
Vdrop (V)
1.2
Vdrop vs IO
1.0
0.8
0.6
0.4
0.2
IO=variable Ta=25
0.0 0.2 0.4 0.6 0.8 1.0
0.0
IO (A)
Drop out voltage vs IO
Jan. 2005 (Rev.5)
www.interpionsemi.com
-7-
IP1117/IP1117-18/IP1117-25/IP1117-33/IP1117-50
LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V
ELECTRICAL CHARACTERISTICS CURVES (Continued)
Vload (mV)
16 14 12 10 8 6 4 2 0 0.0 0.2
Vload vs IO
Vin=5.3V IO=variable Ta=25
0.4 0.6 0.8 1.0
IO (A)
Load regulation vs IO
Jan. 2005 (Rev.5)
www.interpionsemi.com
-8-
IP1117/IP1117-18/IP1117-25/IP1117-33/IP1117-50
LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V
ELECTRICAL CHARACTERISTICS CURVES (Continued)
ICC (mA)
6
ICC vs TEMP
5
4
3
2
1
VCC=5.3V Vout=3.3V Temp=Variable IO=0 mA
0 -20 0 20
Temperature
40
60
80
100
Quiescent current vs Temperature
Vout (V)
4.0 3.8 3.6 3.4 3.2 3.0 2.8 2.6 2.4 2.2 2.0 -20 0
Vout vs TEMP
VCC=5.3V Vout=3.3V Temp=Variable IO=10 mA
20 40 60 80 100
Temperature
Output voltage vs Temperature
Jan. 2005 (Rev.5)
www.interpionsemi.com
-9-
IP1117/IP1117-18/IP1117-25/IP1117-33/IP1117-50
LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V
ELECTRICAL CHARACTERISTICS CURVES (Continued)
Vload (mV)
100
Vload vs TEMP
80
VCC=5.3V Vout=3.3V Temp=Variable IO=10 mA
60
40
20
0 -20 0 20 40 Temperature 60 80 100
Load regulation vs Temperature
Vdrop (V)
Vdrop vs TEMP
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 -20 0 20 40 Temperature 60 80 100
Vout=3.3V Temp=Variable IO=1.0 A
Drop out voltage vs Temperature
Jan. 2005 (Rev.5)
www.interpionsemi.com
- 10 -
IP1117/IP1117-18/IP1117-25/IP1117-33/IP1117-50
LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V
PACKAGE DIMENSION
SOT-223
Jan. 2005 (Rev.5)
www.interpionsemi.com
- 11 -


▲Up To Search▲   

 
Price & Availability of IP1117L-50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X