Part Number Hot Search : 
CDLL4710 AT54S BA6WK 4S100 UPD8237A 3045C XN1113 2SC4980
Product Description
Full Text Search
 

To Download IP1060B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IP1060A IP1060A IP1060B
SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
V CC V Z
3 4 5 6 7 2 1 16 15 14
FEEDFORW ARD OUTPUT OUTPUT (C O L L ) (E M IT )
FEATURES
* * * * * * * * * * * * Stabilised Power Supply Temperature Compensated Reference Source Sawtooth Generator Pulse Width Modulator Remote on/off Switching Current Limiting Low Supply Voltage Protection Loop fault Protection Demagnetisation/Overvoltage Protection Maximum Duty Cycle Clamp Feed Forward Control External Synchronisation
FEEDBACK G A IN M O DULATO R DUTY CYLE CONTROL R T T
8
D E M A G N E T IZ A T IO N / 13 O VERVO LTAG E
12 11 10 9
GND CURRENT REM OTE EXTERNAL L IM IT IN G O N /O F F SYNC
C
Order Information
Part Number
IP1060BJ IP1060D IP1060J IP1060N IP1060AD IP1060AJ IP1060AN
Temperature Range
-55C to + 125C -25C to + 85C -25C to + 85C -25C to + 85C 0C to + 70C 0C to + 70C 0C to + 70C
Package
16 Pin Ceramic DIP 16 Pin Plastic (150)SOIC 16 Pin Ceramic DIP 16 Pin Plastic DIP 16 Pin Plastic (150)SOIC 16 Pin Ceramic DIP 16 Pin Plastic DIP
DESCRIPTION
The IP1060 is a control circuit for use in switched mode power supplies. This single monolithic chip incorporates all the control and supervisory (protection) functions required in switched mode power supplies, including an internal temperature compensated reference source, sawtooth generator, pulse width modulator, output stage and various protection circuits.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
Supply Voltage Sourced Current Sourced Output Transistor Output current Collector Voltage (Pin 15) Max. Emitter Voltage (Pin 14) Operating Temperature (Ambient) IP1060B IP1060 IP1060A Storage Temperature Rage Operating Junction Temperature Range 18V 30mA 40mA 18V 5V -55C to +125C -25C to + 85C 0C to 70C -65C to +150C
150C
Prelim. 7/99
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
IP1060A IP1060A IP1060B
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise stated)
Parameter Internal Reference Voltage (VREF) Temperature Coefficient of VREF Internal Reference (VZ) IL = 0.7mA 7.9 Temperature Coefficient of VZ TJ = Over Temp. Range
2
Test Conditions
1
IP1060 IP1060B Min. Typ. Max. 3.69 3.42 100 8.4 200 9.0 3.72 3.81 4.03
Min. 3.57 3.42
IP1060A Typ. Max. 3.72 100 3.95 4.03 8.4 200 9.0
Units
REFERENCE SECTION
V ppm/C V ppm/C 100k 5 0-90 0-98 Hz % %
7.8
OSCILLATOR SECTION
Frequency Range Initial Accuracy Oscillator Duty Cycle Range TJ = Over Temp. Range R = 5kW fO = 20kHz 0-90
2
50 5 0-98
100k
50
MODULATOR
Modulator Input Current VPin5 = 2V TJ = Over Temp. Range
2
-0.2
-5.0
-0.2
-5.0
mA mA
% Duty Cycle V mV
SUPERVISORY FUNCTIONS
Pin 6, Input Current Pin 6, Duty Cycle Limit Control Pin 1, Low Supply Voltage Protection Thresholds Pin 3, Feedback Loop Protection Trip Thresholds Pin 3, Pull Up Current Pin 13, Demag. / O.V. Protection Threshold Pin 13 Input Current Pin 16, Feed Forward Duty Cycle Control Pin 16, Feed Forward Input Current At 0.25V TJ = Over Temp. Range VPin16 = 2VZ
2
At 2V O TJ = Over Temp. Range For 50% Max. Duty Cycle 15kHz to 50kHz
2
-0.2 40 8.85 460 50 9.0 600 -15 600 -0.6
-6.0 60 10.8 720 -35 720 -7.0 -20 40 8.85 460 -7 470
-0.2 50 9.0 600 -15 600 -0.6
-6.0 60 10.8 720 -35 720 -7.0 -20
VPin6 = 0.4VZ
At 2V
TJ = Over Temp. Range
2
-7 470
mA
mV
mA
% Orig. Duty Cycle
30
40
50
30
40
50
At 16V, VCC = 18V
0.2
50
0.2
50
mA
NOTES
1. Test Conditions unless otherwise stated: VCC = 12V, TJ = 25C. 2. Applies Over Full Temperature Range: IP1060B TA = -55 to +125C IP1060 TA = -25 to +85C IP1060A TA = 0 to +70C
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 7/99
IP1060A IP1060A IP1060B
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise stated)
Parameter Pin 9 Off Pin 9 On Pin 9, Sink Current Pin 10 Off Pin 10 On Pin 10 Sink Current Pin 9 =0V to Pin 10 = 0V VPin9 = 0V VPin9 = 0V Test Conditions IP1060 IP1060B Min. Typ. Max. 0 2 -85 0 2 -85 0.8 VZ -120 0.8 VZ -120 0 2 -85 Min. 0 2 -85 IP1060A Typ. Max. 0.8 VZ -120 0.8 VZ -120 Units
1
EXTERNAL SYNCHRONISATION
V
mA
V
REMOTE ON/OFF
mA mA Ds
mV mV
CURRENT LIMITING
Pin 11 IIN Single Pulse Inhibit Delay Trip Levels: Shut Down, Slow Start Trip Levels: Current Limit VPin11 = 250mV Inhibit Delay Time for 20% Overdrive at IOUT = 30mA 560 400 -2 0.7 600 480 -10 0.8 700 560 9.5 0.7 54 10k 3 60 54 10k 3 0.4 40 5 5 0.4 40 60 560 400 6.2 -2 0.7 600 480 -10 0.8 700 560 9.5 0.7
ERROR AMPLIFIER
Output Voltage Swing Output Voltage Swing Open Loop Gain Feedback Resistor Small Signal Bandwidth (VOH) (VOL) 6.2 V dB
W
MHz V mA V
OUTPUT STAGE
VCE(sat) Output Current Max. Emitter Voltage IC = 40mA (Pin 15) (Pin 14)
SUPPLY VOLTAGE / CURRENT
Voltage Feed V6 = 5V ICC VCC VCC R7 = 25kW IZ = 0 TJ = Over Temp. Range
2
10 15 20 20 24 30 19 20
10 15 24 30
mA mA V
ICC = 10mA, Current Feed ICC = 30mA, Current Feed
NOTES
1. Test Conditions unless otherwise stated: VCC = 12V, TJ = 25C. 2. Applies Over Full Operating Temperature Range: IP1060B TA = -55 to +125C IP1060 TA = -25 to +85C IP1060A TA = 0 to +70C
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 7/99


▲Up To Search▲   

 
Price & Availability of IP1060B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X