Part Number Hot Search : 
1122I 5TRPBF RF2161 06780 T1637 N60A4D 08212 2SC5706
Product Description
Full Text Search
 

To Download IN80C52N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IN80C32N/IN80C52N CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
The 80C32/80C52 is a high-performance microcontroller fabricated with high-density CMOS technology. The 80C52 contains a 8k x 8 ROM , a 256 x 8 RAM , 32 I/O lines, three 16-bit counter/timers, a five-source, two-priority level nested interrupt structure, a serial I/O port for either multi-processor communications, I/O expansion or full duplex UART, and onchip oscillator and clock circuits. The device has two software selectable modes of power reduction idle mode and power-down mode. The idle mode freezes the CPU while allowing the RAM, timers, serial port, and interrupt system to continue functioning. The power-down mode saves the RAM contents but freezes the oscillator, causing all other chip functions to be inoperative. PIN CONFIGURATIONS FEATURES
* 8032/8052 compatible 8k x 8 ROM (80C52) ROMless (80C32) 256 x 8 RAM Three 16-bit counter/timers Full duplex serial channel Boolean processor * Memory addressing capability 64k ROM and 64k RAM * Power control modes: Idle mode Power-down mode * * CMOS and TTL compatible Two speed ranges at VCC=5V 12 Mhz 16 Mhz (MCS-51 family)
T 2 /PP 1 .0 1 .0 T 2 E X /P 1 .1 P 1 .2 P 1 .3 P 1 .4 P 1 .5 P 1 .6 P 1 .7 R ST R x D /P 3 .0 T x D /P 3 .2 I N T 0 /P 3 .2 I N T 1 /P 3 .3 T 0 /P 3 .4 T 1 /P 3 .5 W R /P 3 6 R D /P 3 .7 XTAL2 XTAL1 V ss 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 P L A S T IC DUAL IN - L IN E PAC KAGE 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 V cc P 0 .0 /A D 0 P 0 .1 /A D 1 P 0 .2 /A D 2 P 0 .3 /A D 3 P 0 .4 /A D 4 P 0 .5 /A D 5 P 0 .6 /A D 6 P 0 .7 /A D 6 EA ALE PSEN P 2 .7 /A 1 5 P 2 .6 /A 1 4 P 2 .5 /A 1 3 P 2 .4 /A 1 2 P 2 .3 /A 1 1 P 2 .2 /A 1 0 P 2 .1 /A 9 P 2 .0 /A 8
1
IN80C32N/IN80C52N
CMOS single-chip 8-bit microcontroller 80C32/80C52 DC ELECTRICAL CHARACTERISTICS FOR INTEGRAL DEVICES T=-10 oC to + 70oC; Vcc= 5V 10%
Parameter Symb Vcc Icc Icc1 Ipd Vil Vili Vih Vih1 -Iil Itl Ili Vol Vol1 Voh Voh1 Rrst Ci/0 Supply current operating, mA Idle mode current, mA Pover-down current, mkA LOW level input voltage, V (exept EA) LOW level input voltage, V (for EA) HIGH level input voltage, V (exept XTAL1, RST) HIGH level input voltage, V (for XTAL1, RST) Input current logic 1, mkA (Ports 1, 2 and 3) Input current logic 1 to 0, mkA (Ports 1, 2 and 3) Input leacage current, mkA (Port 0, EA) LOW level output voltage, V (Ports 1, 2 and 3) LOW level output voltage, V (Ports 0, ALE, PSEN) HIGH level output voltage, V (Ports 1, 2 and 3) HIGH level output voltage, V (Ports 0, ALE, PSEN) RST pull-down resistor, kOm I/O pin capasitance, pF Test conditions Vcc = 5,5 V Fclc = 12MHz Vcc = 5,5 V Fclc = 12MHz 2VVpdVcc max INPUTS: Min 4,5 -0,5 -0,5 0,2Vcc +0,9 0,7Vcc Vi=0,45 V Vi=2 V 0,45VViVcc OUTPUTS: Iol = 1,6 mA Iol = 3,2 mA -Ioh=60 mkA Vcc=5V10% -Ioh=400 mkA Vcc=5V10% test frecuency=1MHz Limits Max 5,5 18 5,0 50 0.2Vcc-0,1 0.2Vcc-0,3 Vcc+0,5 Vcc+0,5 50 500 10
2,4 2,4 20 -
0,45 0,45 120 10
AC ELECTRICAL CHARACTERISTICS FOR INTEGRAL DEVICES T=-10 oC to + 70oC; Vcc= 5V 10%
Symbol Fclc Parameter Variable Oscillator Min Max Oscillator Frequency: 1,6 12 1,6 16 1,6 12 1,6 16 Unit
IN80C32N - 12 IN80C32N - 16 IN80C52N - 12 IN80C52N - 16
MHz MHz MHz MHz
2


▲Up To Search▲   

 
Price & Availability of IN80C52N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X