Part Number Hot Search : 
D883B TW0185A 204C56AD 204C56AD 5865B 13080 RT334048 04006GOF
Product Description
Full Text Search
 

To Download IN74VHCT74N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
Dual D Flip-Flop with Set and Reset
IN74VHCT74 is high-speed logic IC made by CMOS technology and designed for use in high-performance calculating systems with a wide supply voltage range. As for operation speed, IN74VHCT74 can be compared with equivalent bipolar ICs based on Schottky TTL and two times surpasses ICs of IN74 series. IN74VHCT74 tolerates operation under conditions when voltage on input & output is exceeded up to 7V without affecting characteristics and IC reliability. This possibility allows to use IN74VHCT74 in radio-electronic devices for interfacing with supply voltages 5V and 3V, eliminate IC failure under supply voltage source emergency outage. Use of output edge shaping block in the microcircuit allows to reduce noise amplitude of noises when switching outputs into the same state simultaneously. Input levels of IN74VHCT74 are compatible with TTL level and output levels with CMOS levels.
IN74VHCT74
ORDERING INFORMATION IN74VHCT74N Plastic IN74VHCT74D SOIC TA = -40 to 85 C for all packages
Features: * Supply voltage range 4.5 to 5.5 V. * Output current 8 mA. * Low consumption current: 0.2 mkA (typical value) at = 25 . * Latchup current not less than 300 mA at = 85 . * Tolerable value of static potential not less than 2000 V as per human body model not less than 200 V as per machine model (). * Ambient operation temperature minus 40 to plus 85 . * Balanced signal propagation delay. * Ensures voltage exceeding mode on input * Low noise level at the simultaneous switching of outputs in the same state: VOLP = 0.8 V (max). * For pins and functions, compatible with IN74HCT74. .
(HBM) and
1
IN74VHCT74
IN74VHCT74 truth table
Input Output nCP X X X nD X X X
H
L L H X X
X
nSD
L H L H
H
H H H
nRD
H L L H
H
H H H
nQ H L H
H
L Qo Qo
Qo
nQ
L H H
L
H Qo Qo
Qo
Note - H - high voltage level; L - low voltage level; X - any voltage level (low or high); Qo - storage of the previous state; Z - output in the third - transition from low into high level; - transition from high into low level
Pinout
1RD 01
14
Pins description in IN74VHCT74
Pin No. Symbol Description
Vcc 2RD 2D 2P 2SD 2Q 2Q
1D 02
13
1CP 03
12
1SD 04
11
01 02 03 04 05 06
07 08 09 10 11 12 13 14
1RD 1D
1CP
1SD 1Q
1Q 05
10
1Q
06
09
GND 07
08
1Q GND 2Q 2Q 2SD 2CP 2D 2RD VCC
Input of RESET signal Data input Input of clock signal Input of SET signal Data output Data output
Common output
Data output Data output Input of SET signal Input of clock signal Data input Input of RESET signal Supply output from voltage source
2
IN74VHCT74
Absolute maximum conditions*
Parameter, unit Supply voltage, V Input voltage, V Output voltage, V Output voltage, V Input diode current, mA Current of common output and supply output, mA Output current, mA Output diode current, mA Dissipated power, mW Symbol VCC Vin Vout Vout1 Iik Icc Iout Iok Pd min -0.5 -0.5 -0.5 -0.5 Value max 7.0 7.0 VCC + 0.5B 7.0 -20 50 25 20 180
*Under absolute maximum conditions operation of microcircuit is not guaranteed. Operation is guaranteed under maximum conditions
Maximum conditions
Parameter, unit Symbol min 4.5 0 0 0 0 Value max 5.5 VCC VCC 5.5* 8.0 20
Supply voltage, V Input voltage,V Output voltage, V Output voltage, V Output current, mA Input rise and fall time, ns/V * - Vcc = 0V
VCC Vin Vout Vout1 Iout tLH, tHL
3
IN74VHCT74
DC electrical characteristics
Value Symbo l VIH Parameter High input voltage Test conditions VO 0.1 V or VO VCC -0.1 VO 0.1 V or VO VCC -0.1 VCC, V 4.5 - 5.5 25 C min 2.0 2.0 max -40 to 85 C min max 2.0 2.0 Unit
V
VIL
Low input voltage
4.5 - 5.5 4.5 5.5 4.5 4.5 5.5 4.5 5.5 5.5 0 0 5.5 5.5
-
0.8 0.8 - - - 0.09 0.09 0.36 -0.1
-
0.8 0.8 - - - 0.1 0.1 0.44 -1.0
VOH High output voltage
VOL
II IIH IIH1 IOPD ICC ICCT
VI = VIH or VIL IO = -50 mkA VI = VIH or VIL; IO = -8 mA Low output voltage VI = VIH or VIL IO = 50 mkA VI = VIH or VIL IO = 8 mA Low level input VI = 0 V current High level input VI = VCC current High level input VI = 5.5V current Output bias current VI = 5.5V excess mode Consumption current VI =VCC or 0V TTL-input VI = 3.4 V consumption current
4.42 5.42 3.94 - - -
4.4 5.4 3.80 - - -
-
0.1 0.1 0.5
-
1.0 1.0 5.0 20.0 1.5 uA
-
2.0 1.35
mA
4
IN74VHCT74
AC electrical characteristics (tLH = tHL = 3.0 ns)
Value Symbol Parameter Test conditions VCC, V CL, pF 25 C min - - max 7.8 8.8 -40 to 85 C min max - 9.0 - 10.0 Unit ns
tPHL, tPLH Propagation delay time VIL = 0 when switching "on", VI=3.0 V, "off" from input to outputs Q, Q tPHL, tPLH Propagation delay time VIL = 0 when switching "on", VI=2.0 V, "off" from inputs SD ,
V, 5.0 0.5 15 50
V, 5.0 0.5 15 50
- -
10.4 11.4
- -
12.0 13.0
ns
RD to outputs Q, Q
fmax Maximum
tSU tH tREM
Frequency
Clock VIL = 0 VI=Vcc,
V, 5.0 0.5 15 50 V, 5.0 0.5 15 50 V, 5.0 0.5 15
- - 5.0 5.0 0 0 3.5 3.5
5 5
100 80 - - - - - -
- -
10 48
- - 5.0 5.0 0 0 3.5 3.5
5 5
80 65 - - - - - -
- -
MHz ns
Time of setting signal D VIL = 0 VI=Vcc, to CP Retention time, D signal VIL = 0 to CP VI=Vcc, Time of recovery of VIL = 0 signal after signals VI=Vcc,
50
V, 5.0 0.5 15
50
SD , RD
tW
CI CD
Pulse duration of CP, VIL = 0 VI=Vcc, SD , RD signals
Input capacity Dynamic capacity
V, 5.0 0.5 15 5.0 5.0
50
VI = 0 V orVCC
pF
5
IN74VHCT74
- Time diagram of input and output pulses
tLH 0.9 0.5 0.1 tHL Vcc tW 1/fmax tP LH 0.5 tP HL GND
P
Q, Q
tW
Vcc
SD, RD 0.5
GND tP HL
Q, Q
0.5 tP LH 0.5 tREM Vcc
Q, Q
CP
0.5 GND
Vcc D 0.5 tSU tH GND Vcc 0.5 CP GND
6
IN74VHCT74
N SUFFIX PLASTIC DIP (MS - 001AA)
A 14 8 B 1 7
Dimension, mm Symbol A B C MIN 18.67 6.1 MAX 19.69 7.11 5.33 0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38 10 3.81 8.26 0.36 0.56 1.78
F
L
D F
C -T- SEATING N G D 0.25 (0.010) M T K
PLANE
G H
H J
M
J K L M N
NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 012AB) Dimension, mm
8
A 14
Symbol A
MIN 8.55 3.8 1.35 0.33 0.4 1.27 5.27 0 0.1 0.19 5.8 0.25
MAX 8.75 4 1.75 0.51 1.27
H
B
P
B C
1
G
7 C R x 45
D F G
-TD 0.25 (0.010) M T C M K
SEATING PLANE
H
J F M
J K M P R
8 0.25 0.25 6.2 0.5
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
7


▲Up To Search▲   

 
Price & Availability of IN74VHCT74N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X