Part Number Hot Search : 
K2699 ZPD24 IL3480 16F88 LPC4337 U4793B ZT751 T281N
Product Description
Full Text Search
 

To Download IN74LV373N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IN74LV373
OCTAL D-TYPE TRANSPARENT LATCH (3-STATE)
IN74LV373 are compatible by pinning with IN74HC373A and IN74HCT373A series. Input voltage levels are compatible with standard CMOS levels. Output voltage levels are compatible with input levels of CMOS, NMOS and TTL ICS Voltage supply range: 2.0 to 3.2 V LOW input current: 1.0 ; 0.1 at = 25 Input current LOW/HIGH: 8 m Latch current: not less than 150 m at = 125 ESD acceptable value: not less than 2000 V as per HBM and not less than 200 V as per MM
* * * * * * *
ORDERING INFORMATION IN74LV373N Plastic DIP IN74LV373D SOIC TA = -40 to 125 C for all packages
BLOCK DIAGRAM
OE
PIN ASSIGNMENT
01 20 19 18 17 16 15 14 13 12 11
VCC Q7 D7 D6 Q6 Q5 D5 D4 Q4 LE
D0 D1 D2 D3 D4 D5 D6 D7 LE OE
03 04 07 08 13 14 17 18
02 05 06 09 12 15 16 19
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
Q0 02 D0 03 D1 04 Q1 05 Q2 06 D2 07 D3 08 Q3 09 GND 10 373
11 01
Pin 20=VCC Pin 10 = GND
OE L L L H
FUNCTION TABLE Inputs Output LE Dn Qn H H H H L L L X no change X X Z
1
IN74LV373
ABSOLUTE MAXIMUM RATINGS* Symbol Parameter Rating Unit VCC Supply voltage -0.5 to +5.0 V 1 IIK * Input diode current m 20 IOK *2 Output diode current m 50 IO *3 Output source or sink current m 35 ICC VCC current m 70 IGND GND current m 70 mW PD Power dissipation per package: 750 Plastic DIP *4 4 500 SOIC * Tstg Storage temperature range -65 to +150 C * In absolute maximum ratings modes functioning is not guaranteed. Upon lifting the absolute maximum ratings functioning is guarateed at the recommended operatng conditions. *1 Provided VI < -0.5 V or VI > VCC + 0.5 V. *2 Provided VO < -0.5 V or VO > VCC + 0.5 V. *3 Provided -0.5 V < VO < VCC + 0.5 V. *4 When operating in the temperature range of 70 to 125C power dissipation value decreses: - for Plastic DIP by 12 mW/C - for SOIC by 8 mW/C RECOMMENDED OPERAING CONDITIONS Symbol Parameter VCC Supply voltage VIN Input voltage VOUT Output voltage TA Operating ambient temperature range. For all types of packages tLH, tHL Input rise and fall times VCC =1.2 V VCC =2.0 V VCC =3.0 V VCC =3.6 V
Min 1.2 0 0 -40 0
Max 3.6 VCC VCC 125 1000 700 500 400
Unit V V V C ns
2
IN74LV373
DC CHARACTERISTICS Symbol Parameter Test conditions VCC, V Limits 25C -40C to 85C 125C min ma min max min max x 0.9 0.9 0.9 1.4 1.4 1.4 2.1 2.1 2.1 2.5 2.5 2.5 0.3 0.3 0.3 0.6 0.6 0.6 0.9 0.9 0.9 1.1 1.1 1.1 1.0 1.0 1.1 1.9 1.9 1.92 2.9 2.9 2.92 3.5 3.5 3.52 2.48 2.34 2.20 0.09 0.09 0.09 0.09 0.33 0.1 0.5 0.1 0.1 0.1 0.1 0.4 1.0 5 0.1 0.1 0.1 0.1 0.5 1.0 10 Unit
VIH
HIGH voltage LOW voltage
level VO = 0.1 V level
VIL
VOH
HIGH level output voltage
VOL
LOW level output voltage
II IOZ
Input current OFF-state output current
ICC
Supply current
VCC- 1.2 2.0 3.0 3.6 VO =0.1 V 1.2 2.0 3.0 3.6 VI = VIH or VIL 1.2 2.0 IO = -50 3.0 3.6 VI = VIH or VIL 3.0 IO = -8 m VI = VIH or VIL 1.2 2.0 IO = 50 3.0 3.6 VI = VIH or VIL 3.0 IO = 8 m VI = VCC or 3.6 0V 3.6 3-state outputs VI = VIL or VIH VO =VCC or 0V VI =VCC or 3.6 0V IO = 0
V
V
V
V V
V
-
8.0
-
80
-
160
3
IN74LV373
AC CHARACTERISTICS (CL=50 pF, tLH = tHL = 6.0 ns) Test VCC, Symbol Parameter conditions V 25C Limits -40C to 125C 85C min ma min max min max x 220 190 - 150 58 48 38 35 29 23 270 230 - 180 68 56 45 41 34 27 240 200 - 160 45 43 35 32 28 23 240 200 - 160 60 50 40 36 30 24 120 100 75 24 20 16 15 13 10 250 30 18 45 15 9 25 5 5 7 80 350 34 20 50 17 10 25 5 5 450 41 24 100 15 12 25 5 5 -
Unit
tPHL, tPLH from Dn to Qn tPHL, tPLH from LE to Qn tPHZ tPLZ from OE to Qn tPZH tPZL from OE to Qn tTHL, tTLH
Propagation delay Propagation delay
Figure 1 Figure 2
3-state output Figure 4 enable time 3-state time disable Figure 4
tW tSU tH CI CPD
Figures 1,2 HIGH-to-LOW and LOW-toHIGH transition time Clock pulse Figure 2 width HIGH or LOW Set-up time Dn Figure 3 to LE Hold time Dn to Figure 3 LE Input capacitance Power dissipation capacitance (per flip-flop)
1.2 2.0 3.0 1.2 2.0 3.0 1.2 2.0 3.0 1.2 2.0 3.0 1.2 2.0 3.0 1.2 2.0 3.0 1.2 2.0 3.0 1.2 2.0 3.0 3.0
ns
pF
VI = 0 V or 3.0 VCC
4
IN74LV373
tLH 0.9 Dn 0.1 tPL
H
tHL 0.9 V1 V1 0.1 tPH
L
VCC
GND
0.9 Qn V1 0.1 tTLH V1 = 0.5VCC
0.9 V1 tTHL 0.1 0V
Figure 1 - Time diagram
tLH 0.9 LE 0.1 tPL
H
VCC
V1 tW
V1
V1 GND tPH
L
0.9 V1 Qn V1 = 0.5VCC 0.1 tTLH
0.9 V1 tTHL 0.1 0V
Figure 2 - Time diagram.
5
IN74LV373
VCC V1 V1 V1 V1 GND VCC LE V1 V1 GND V1 = 0.5V CC
Dn
t SU
tH
t SU
tH
Figure 3 - Time diagram
tLH 0.9 OE 0.1 tPZ
H
tHL 0.9 V1 0.1
VCC
V1
GND VOH
0.9 V1 tPH
Z
Qn
0V tPLZ Qn V1 tPZL 0.1 VOL V1 = 0.5VCC VCC
Figure 4 -Time diagram
6
IN74LV373
Drawing of the chip
1.66 mm
18 19
17
16
15
14
13
12
1.68 mm
20
11
74LV373/374
1 10
On-chip marking
2
9 7 8
3
4
5
6
Pads allocation Table Pad coordinates (counted from lower left corner), number mm X Y 01 0.142 0.628 02 0.142 0.377 03 0.142 0.125 04 0.498 0.125 05 0.693 0.125 06 0.871 0.125 07 1.095 0.125 08 1.423 0.130 09 1.423 0.329 10 1.423 0.587 11 1.423 0.949 12 1.423 1.198 13 1.423 1.447 14 1.085 1.447 15 0.868 1.447 16 0.696 1.447 17 0.461 1.447 18 0.142 1.447 19 0.142 1.245 20 0.142 0.997
Pad size, mm 0.108 x 0.108 0.108 x 0.108 0.108 x 0.108 0.108 x 0.108 0.108 x 0.108 0.108 x 0.108 0.108 x 0.108 0.108 x 0.108 0.108 x 0.108 0.108 x 0.108 0.108 x 0.108 0.108 x 0.108 0.108 x 0.108 0.108 x 0.108 0.108 x 0.108 0.108 x 0.108 0.108 x 0.108 0.108 x 0.108 0.108 x 0.108 0.108 x 0.108
7


▲Up To Search▲   

 
Price & Availability of IN74LV373N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X