|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TECHNICAL DATA IN74LS04 Hex Inverters This device contains six independent inverts. It performs the Boolean function Y=A. ORDERING INFORMATION IN74LS04N Plastic IN74LS04D SOIC TA = -0 to 70 C for all packages PIN ASSIGNMENT LOGIC DIAGRAM FUNCTION TABLE Inputs A H L Output Y L H PIN 14 =VCC PIN 7 = GND 1 IN74LS04 MAXIMUM RATINGS* Symbol VCC VIN VOUT Tstg * Parameter Supply Voltage Input Voltage Output Voltage Storage Temperature Range Value 7.0 7.0 7.0 -65 to +150 Unit V V V C Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. RECOMMENDED OPERATING CONDITIONS Symbol VCC IOH IOL TA Supply Voltage High Level Output Current Low Level Output Current Ambient Temperature Range 0 Parameter Min 4.75 Max 5.25 -400 8.0 +70 Unit V V V C DC ELECTRICAL CHARACTERISTICS over full operating conditions Guaranteed Limit Symbol VIH VIL VIK VOH VOL II IIH IIL IOS ICC Parameter High Level Input Voltage Low Level Input Voltage Input Clamp Voltage High Level Output Current Low Level Output Voltage Input Current at maximum input voltage High Level Input Current Low Level Input Current Short-circuit output current Supply Current VCC = min, II = -18 mA VCC = min, VIL =max IOH = max VCC = min, VIH =min, IOL = 8 mA VCC = max, VI = -7V VCC = max, VIN = 2.7 V VCC = max, VIN = 0.4 V VCC = max (Note) VCC = max Total with outputs high Total with outputs low -20 0.1 20 -0.4 -100 2.4 6.6 mA A mA mA mA 0.5 V 2.7 Test Conditions Min 2 0.8 -1.5 Max Unit V V V V Note: Not more than one output should be shorted at a time, and duration should not exceed one second. 2 IN74LS04 AC ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, CL = 15 pF, TA=25 C, RL = 2 k, tr =15 ns, tf = 6.0 ns) Symbol tPLH tPHL Parameter Propagation Delay Time Propagation Delay Time Min Max 15 15 Unit ns ns Figure 1. Switching Waveforms NOTE A. CL includes probe and jig capacitance. Figure 2. Test Circuit 3 IN74LS04 N SUFFIX PLASTIC DIP (MS - 001AA) A 14 8 B 1 7 Dimension, mm Symbol A B C MIN 18.67 6.1 MAX 19.69 7.11 5.33 0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38 10 3.81 8.26 0.36 0.56 1.78 F L D F C -T- SEATING N G D 0.25 (0.010) M T K PLANE G H H J M J K L M N NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side. D SUFFIX SOIC (MS - 012AB) Dimension, mm 8 A 14 Symbol A MIN 8.55 3.8 1.35 0.33 0.4 1.27 5.27 0 0.1 0.19 5.8 0.25 MAX 8.75 4 1.75 0.51 1.27 H B P B C 1 G 7 C R x 45 D F G -TD 0.25 (0.010) M T C M K SEATING PLANE H J F M J K M P R 8 0.25 0.25 6.2 0.5 NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side. 4 |
Price & Availability of IN74LS04N |