Part Number Hot Search : 
NTE2558 C4235 CHV37H64 CHV37H64 DZD30 CMIB8788 PXD20RM 8C110MGR
Product Description
Full Text Search
 

To Download IN74HCT139AN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IN74HCT139A
DUAL 1-OF-4 DECODER/DEMULTIPLEXER
High-Performance Silicon-Gate CMOS
The IN74HCT139A is identical in pinout to the LS/ALS139. The IN74HCT139A may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs. This device consists of two independent 1-of-4 decoders, each of which decodes a two-bit Address to one-of-four activelow outputs. Active-low Selects are provided to facilitate the demultiplexing and cascading functions. The demultiplexing function is accomplished by using the Address inputs to select the desired device output, and utilizing the Select as a data input. * TTL/NMOS Compatible Input Levels * Outputs Directly Interface to CMOS, NMOS, and TTL * Operating Voltage Range: 4.5 to 5.5 V * Low Input Current: 1.0 A
ORDERING INFORMATION IN74HCT139AN Plastic IN74HCT139AD SOIC TA = -55 to 125 C for all packages
PIN ASSIGNMENT LOGIC DIAGRAM
FUNCTION TABLE PIN 16 =VCC PIN 8 = GND
Inputs Select A1 H X L L L L L H L H A0 X L H L H Y0 H L H H H Outputs Y1 Y2 H H H H L H H L H H Y3 H H H H L
X = don't care
1
IN74HCT139A
MAXIMUM RATINGS* Symbol Parameter Value Unit VCC DC Supply Voltage (Referenced to GND) -0.5 to +7.0 V VIN DC Input Voltage (Referenced to GND) -1.5 to VCC +1.5 V VOUT DC Output Voltage (Referenced to GND) -0.5 to VCC +0.5 V IIN DC Input Current, per Pin mA 20 IOUT DC Output Current, per Pin mA 25 ICC DC Supply Current, VCC and GND Pins mA 50 PD Power Dissipation in Still Air, Plastic DIP+ 750 mW SOIC Package+ 500 Tstg Storage Temperature -65 to +150 C 260 TL Lead Temperature, 1 mm from Case for 10 C Seconds (Plastic DIP or SOIC Package) * Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C RECOMMENDED OPERATING CONDITIONS Symbol Parameter VCC DC Supply Voltage (Referenced to GND) VIN, VOUT DC Input Voltage, Output Voltage (Referenced to GND) TA Operating Temperature, All Package Types t r, tf Input Rise and Fall Time (Figure 1) Min 4.5 0 -55 0 Max 5.5 VCC +125 500 Unit V V C ns
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
2
IN74HCT139A
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND) Guaranteed Limit VCC Symbol Parameter Test Conditions V 85 125 25 C to C C -55C VOUT=0.1 V or VCC-0.1 V 4.5 VIH Minimum High2.0 2.0 2.0 Level Input 5.5 2.0 2.0 2.0 IOUT 20 A Voltage VOUT=0.1 V or VCC-0.1 V 4.5 VIL Maximum Low 0.8 0.8 0.8 Level Input 5.5 0.8 0.8 0.8 IOUT 20 A Voltage VIN=VIH or VIL VOH Minimum High4.5 4.4 4.4 4.4 Level Output 5.5 5.4 5.4 5.4 IOUT 20 A Voltage VIN=VIH or VIL 4.5 3.98 3.84 3.7 IOUT 4.0 mA VIN=VIH or VIL VOL Maximum Low4.5 0.1 0.1 0.1 Level Output 5.5 0.1 0.1 0.1 IOUT 20 A Voltage VIN=VIH or VIL 4.5 0.26 0.33 0.4 IOUT 4.0 mA IIN Maximum Input VIN=VCC or GND 5.5 0.1 1.0 1.0 Leakage Current VIN=VCC or GND ICC Maximum 5.5 4.0 40 160 Quiescent Supply IOUT=0A Current (per Package) VIN = 2.4 V, Any One Additional 25C to 125C ICC Quiescent Supply Input 55C VIN=VCC or GND, Other Current Inputs 5.5 2.9 2.4 IOUT=0A
Unit
V V V
V
A A
mA
3
IN74HCT139A
AC ELECTRICAL CHARACTERISTICS(VCC=5.0 V 10%, CL=50pF,Input tr=tf=6.0 ns) Guaranteed Limit Unit Symbol Parameter 25 C 85C 125 to C -55C tPLH, Maximum Propagation Delay, Select to 23 29 35 ns tPHL OutputY (Figures 1 and 3) tPLH, Maximum Propagation Delay , Input A to 23 29 35 ns tPHL OutputY (Figures 2 and 3) 15 19 22 ns tTLH, tTHL Maximum Output Transition Time, Any Output (Figures 1 and 3) CIN Maximum Input Capacitance 10 10 10 pF Power Dissipation Capacitance (Per Decoder) Used to determine the no-load dynamic power consumption: PD=CPDVCC2f+ICCVCC Typical @25C,VCC=5.0 V 60
CPD
pF
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
4
IN74HCT139A
Figure 3. Test Circuit
EXPANDED LOGIC DIAGRAM (1/2 of Device)
5


▲Up To Search▲   

 
Price & Availability of IN74HCT139AN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X