Part Number Hot Search : 
BH6056GU CS452 R5F21324 ISL8024 TPVI65 HFM301 87C575 D1213
Product Description
Full Text Search
 

To Download IN74HCT109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IN74HCT109
DUAL J-K FLIP-FLOP WITH SET AND RESET
High-Performance Silicon-Gate CMOS
The IN74HCT109 is identical in pinout to the LS/ALS109. The IN74HCT109 may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs. This device consists of two J- K flip-flops with individual set, reset, and clock inputs. Changes at the inputs are reflected at the outputs with the next low-to-high transition of the clock. Both Q to Q outputs are available from each flip-flop. * TTL/NMOS Compatible Input Levels * Outputs Directly Interface to CMOS, NMOS, and TTL * Operating Voltage Range: 4.5 to 5.5 V * Low Input Current: 1.0 A
ORDERING INFORMATION IN74HCT109N Plastic IN74HCT109D SOIC TA = -55 to 125 C for all packages.
PIN ASSIGNMENT
LOGIC DIAGRAM
FUNCTION TABLE
Set L H L H H H H H Reset H L L H H H H H Inputs Clock X X X J X X X L H L H X
K
X X X L L H H X
Output Q Q H L L H H* H* L H Toggle No Change H L No Change
PIN 16=VCC PIN 8 = GND
L
X = Don't care * Both outputs will remain high as long as Set and Reset are low., but the output states are unpredictable if Set and Reset go high simultaneously.
1
IN74HCT109
MAXIMUM RATINGS* Symb Parameter Value Unit ol VCC DC Supply Voltage (Referenced to GND) -0.5 to +7.0 V VIN DC Input Voltage (Referenced to GND) -1.5 to VCC +1.5 V VOUT DC Output Voltage (Referenced to GND) -0.5 to VCC +0.5 V IIN DC Input Current, per Pin mA 20 IOUT DC Output Current, per Pin mA 25 ICC DC Supply Current, VCC and GND Pins mA 50 PD Power Dissipation in Still Air, Plastic DIP+ 750 mW SOIC Package+ 500 Tstg Storage Temperature -65 to +150 C 260 TL Lead Temperature, 1 mm from Case for 10 C Seconds (Plastic DIP or SOIC Package) * Maximum Ratings are those values beyond witch damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C RECOMMENDED OPERATING CONDITIONS Symbol Parameter VCC DC Supply Voltage (Referenced to GND) VIN, VOUT DC Input Voltage, Output Voltage (Referenced to GND) TA Operating Temperature, All Package Types t r, tf Input Rise and Fall Time (Figure 1) Min 4.5 0 -55 0 Max 5.5 VCC +125 500 Unit V V C ns
2
IN74HCT109
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND) Guaranteed Limit VCC Unit Symb Parameter Test Conditions V 85 125 25 C ol to C C -55C VOUT=0.1 V or VCC-0.1 V VIH Minimum 4.5 2.0 2.0 2.0 V High-Level 5.5 2.0 2.0 2.0 IOUT 20 A Input Voltage VOUT=0.1 V or VCC-0.1 V VIL Maximum 4.5 0.8 0.8 0.8 V Low -Level 5.5 0.8 0.8 0.8 IOUT 20 A Input Voltage VIN=VIH or VIL VOH Minimum 4.5 4.4 4.4 4.4 V High-Level 5.5 5.4 5.4 5.4 IOUT 20 A Output Voltage VIN=VIH or VIL 4.5 3.98 3.84 3.7 IOUT 4.0 mA VIN= VIL or VIH VOL Maximum 4.5 0.1 0.1 0.1 V Low-Level 5.5 0.1 0.1 0.1 IOUT 20 A Output Voltage VIN= VIL or VIH 4.5 0.26 0.33 0.4 IOUT 4.0 mA VIN=VCC or GND IIN Maximum 5.5 0.1 1.0 1.0 A Input Leakage Current VIN=VCC or GND ICC Maximum 5.5 4.0 40 80 A Quiescent IOUT=0A Supply Current (per Package) Additional VIN = 2.4 V, Any One Input -55C 25C to 125C A ICC Quiescent VIN=VCC or GND, Other Inputs 5.5 2.9 2.4 Supply IOUT=0A Current This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
3
IN74HCT109
AC ELECTRICAL CHARACTERISTICS(VCC=5.5 V 10%, CL=50pF,Input tr=tf=6.0 ns) Guaranteed Limit Unit Symbol Parameter 85 125 25 C to C C -55C fmax Maximum Clock Frequency (50% Duty 30 24 20 MHz Cycle) (Figures 1 and 4) 35 44 53 ns tPLH, Maximum Propagation Delay, Clock to Q tPHL or Q (Figures 1 and 4) 46 58 69 ns tPHL Maximum Propagation Delay , Set or Reset to Q or Q (Figures 2 and 4) tTLH, tTHL Maximum Output Transition Time, Any 15 19 22 ns Output (Figures 1 and 4) CIN Maximum Input Capacitance 10 10 10 pF Power Dissipation Capacitance (Per FlipFlop) Used to determine the no-load dynamic power consumption: PD=CPDVCC2f+ICCVCC+ICCVCC Typical @25C,VCC=5.0 V 60
CPD
pF
TIMING REQUIREMENTS (VCC=5.5 V 10%, CL=50pF,Input tr=tf=6.0 ns) Guaranteed Limit Symbol Parameter 25 C to 85C 125C -55C tSU Minimum Setup Time, J 20 25 30 or K to Clock (Figure 3) th Minimum Hold Time, 5 5 5 Clock to J or K (Figure 3) 5 5 5 trec Minimum Recovery Time, Set or Reset Inactive to Clock (Figure 2) tw Minimum Pulse Width, 16 20 24 Set or Reset (Figure 2) tw Minimum Pulse 16 20 24 Width,Clock (Figure 1) tr, tf Maximum Input Rise and 500 500 500 Fall Times (Figure 1)
Unit ns ns ns
ns ns ns
4
IN74HCT109
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
Figure 3. Switching Waveforms Figure 4. Switching Waveforms EXPANDED LOGIC DIAGRAM
5


▲Up To Search▲   

 
Price & Availability of IN74HCT109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X