Part Number Hot Search : 
C3510 MM1593H 2N490 EGP20A TQ144 FW003 766013 801809
Product Description
Full Text Search
 

To Download IN74HC4060AN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IN74HC4060A
14 STAGE BINARY COUNTER/OSCILLATOR
The IN74HC4060A is an high speed CMOS 14-STAGE BINARY COUNTER/OSCILLATOR fabricated with silicon gate C2MOS technology. The oscillator configuration allows design of either RC or crystal oscillator circuits. A high level on the CLEAR accomplishes the reset function, i.e. all counter outputs are made low and the oscillator is disabled. A negative transition on the clock input increments the counter. Ten kinds of divided output are provided; 4 to 10 and 12 to 14 stage inclusive. The maximum division available at Q12 is 1/16384 f oscillator. The Clock Input (I) and the CLEAR input are equipped with protection circuits against static discharge and transient excess voltage. o o o o . LOW POWER DISSIPATION: ICC =4 A(MAX.) at TA=25C SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 4 mA (MIN) BALANCED PROPAGATION DELAYS: tPLH = tPHL WIDE OPERATING VOLTAGE RANGE: VCC (OPR) = 2 V to 6 V
IN74HC4060A
ORDERING INFORMATION IN74HC4060AN Plastic IN74HC4060ADW SOIC TA = -55 to 125 C for all packages
PIN DESCRIPTION
PIN No 01, 02, 03 07, 05, 04, 06, 14, 13, 15 09 10 11 12 08 16 SYMBOL Q12 to Q14 Q4 to Q10 NAME AND FUNCTION Counter Outputs Counter Outputs External Capacitor Connection External Resistor Connection Clock Input / Oscillator Master Reset Ground (0V) Positive Supply Voltage
PIN ASSIGNMENT
O
O
I
CLEAR GND VCC
CLEAR
I
O
O
INPUT AND OUTPUT EQUIVALENT CIRCUIT
VCC VCC
INPUT
OUTPUT
GND
GND
1
IN74HC4060A
TRUTH TABLE
I
X CLEAR H L L X : Don't Care FUNCTION COUNTER IS RESET TO ZERO STATE O OUTPUT GOES TO HIGH LEVEL
O OUTPUT GOES TO LOW LEVEL
COUNT UP ONE STEP NO CHANGE
LOGIC DIAGRAM
Q4 7 I 11 O 10 O 9 D CK CLEAR 12 R Q D CK R Q D CK R Q D CK R Q D CK R Q Q5 5
Q
R CK D
Q
R CK D
Q
R CK D
Q
R CK D
Q
R CK D
Q
R CK D
Q
R CK D
Q
R CK D
Q
R CK D
3 Q14
2 Q13
1 Q12
15 Q10 Q9
13 Q8
14 Q7
6 Q6
4
This logic diagram has not be used to estimate propagation delays
2
IN74HC4060A
ABSOLUTE MAXIMUM RATINGS
Symbol V VI VO IIK IOK IO ICC or IGND Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current DC VCC or Ground Current Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 50 Unit V V V mA mA mA mA
Tstg Storage Temperature -65 to +150 C Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied
RECOMMENDED OPERATING CONDITIONS
Symbol V VI VO TOP tr, tf Supply Voltage Input Voltage Output Voltage Operating Temperature VCC = 2.0 V Input Rise and Fall Time VCC = 4.5 V VCC = 6.0 V Parameter Value 2 to 6 0 to VCC 0 to VCC -55 to +125 0 to 1000 0 to 500 0 to 400 Unit V V V C ns ns ns
3
IN74HC4060A
DC ELECTRICAL CHARACTERISTICS
Test Condition Symbol VIH Parameter High Level Input Voltage VCC (V) 2.0 4.5 6.0 VIL Low Level Input Voltage 2.0 4.5 6.0 VOH High Level Output Voltage (Q Output) 2.0 4.5 6.0 4.5 6.0 VOL Low Level Output Voltage (Q Output) 2.0 4.5 6.0 4.5 6.0 VOH High Level Output Voltage (O, O Output) VOL Low Level Output Voltage (O, O Output) II ICC Input Leakage Current Quiescent Supply Current 2.0 4.5 6.0 2.0 4.5 6.0 6.0 6.0 IO = -20 A IO = -20 A IO = -20 A IO= -4.0 A IO = -5.2 A IO = 20 A IO = 20 A IO = 20 A IO= 4.0 A IO= 5.2 A IO = -20 A IO = -20 A IO = -20 A IO = 20 A IO = 20 A IO = 20 A VI = VCC or GND V I= VCC or GND 1.8 4.4 5.5 0.2 0.5 0.5 0.1 4 1.9 4.4 5.9 4.18 5.68 0.1 0.1 0.1 0.26 0.26 1.8 4.0 5.5 0.2 0.5 0.5 1 80 A A V V TA = 25C Min 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 V V Max Value -55C to 125C Min 1.5 3.15 4.2 0.5 1.35 1.8 V Max V Unit
4
IN74HC4060A
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 tPLH, tPHL Propagation Delay Time (I-Q4) tPD Propagation Delay Time Difference (Qn - Qn+1) Propagation Delay Time (CLEAR - Qn) Maximum Clock Frequency 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 tW(H), tW(L) tW(H) Minimum Pulse Width ( I ) Minimum Pulse Width (CLEAR) 2.0 4.5 6.0 2.0 4.5 6.0 tREM Minimum Removal Time 2.0 4.5 6.0 6 30 35 75 15 13 75 15 13 100 20 17 TA = 25C Min Max 75 15 13 300 60 51 75 15 13 195 39 33 4 20 24 110 22 19 110 22 19 150 30 26 ns ns ns MHz Value -55C to 125C Min Max 110 22 19 450 90 76 110 22 19 295 59 50 ns ns ns ns Unit
tTLH, tTHL Output Transition Time
tPHL
fMAX
CAPACITIVE CHARACTERISTICS
Test Condition Symbol CIN Parameter Input Capacitance VCC (V) 5.0 TA = 25C Min Max 10 Value -55C to 125C Min Max 10 pF Unit
5
IN74HC4060A
TEST CIRCUIT
VCC
PULSE GENERATOR RT
D.U.T.
CL
CL = 50 pF or equivalent (includes jig and probe capacitance) RL = ZOUT of pulse generator (typically 50 )
WAVEFORM 1: PROPAGATION DELAY TIMES, MINIMUM PULSE WIDTH ( I ) (f=1MHz; 50% duty cycle) 6ns 6ns
I
50% tW
90% 50% 10% tW
VCC
GND
VOH Q4 tPLH 50%
50%
tPHL VOL
WAVEFORM 2 : PROPAGATION DELAY TIMES, MINIMUM PULSE WIDTH (CLEAR) (f=1MHz; 50% duty cycle)
6ns 90% CLEAR 50% 10% tW
6ns VCC
GND
VOH QN tPHL
50%
VOL
6
IN74HC4060A
WAVEFORM 3 :PROPAGATION DELAY TIMES (f=1MHz; 50% duty cycle)
tTHL 90% QN 50% 10% tTLH 90% QN+1 tPLH 50% 10% VOL VOH VOL VOH
WAVEFORM 4 : PROPAGATION DELAY TIMES (f=1MHz; 50% duty cycle)
tTHL 90% QN 50% 10% tTHL 90% QN+1 50% 10% tPHL VOL VOH VOL VOH
7
IN74HC4060A
N SUFFIX PLASTIC DIP (MS - 001BB)
A
Dimension, mm
16 9 B 1 8
Symbol A B C
MIN 18.67 6.1
MAX 19.69 7.11 5.33
F
L
D F
0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38
0.56 1.78
C -T- SEATING N G D 0.25 (0.010) M T K
PLANE
G H
H J
M
J K L M N
10 3.81 8.26 0.36
NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 012AC) Dimension, mm
A 16 9
Symbol A
MIN 9.8 3.8 1.35 0.33 0.4 1.27 5.72 0 0.1 0.19 5.8 0.25
MAX 10 4 1.75 0.51 1.27
H
B
P
B C
1
G
8 C R x 45
D F G
J F M
-TD 0.25 (0.010) M T C M K
SEATING PLANE
H J K M P R
8 0.25 0.25 6.2 0.5
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
8


▲Up To Search▲   

 
Price & Availability of IN74HC4060AN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X