![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TECHNICAL DATA IN74HC257 Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Performance Silicon-Gate CMOS The IN74HC257 is identical in pinout to the LS/ALS257. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs. This device selects a (4-bit) nibble from either the A or B inputs as determined by the Select input. The nibble is presented at the outputs in noninverted from when the Output Enable pin is at a low level. A high level on the Output Enable pin switches the outputs into the highimpedance state. * Outputs Directly Interface to CMOS, NMOS, and TTL * Operating Voltage Range: 2.0 to 6.0 V * Low Input Current: 1.0 A * High Noise Immunity Characteristic of CMOS Devices ORDERING INFORMATION IN74HC257N Plastic IN74HC257D SOIC TA = -55 to 125 C for all packages PIN ASSIGNMENT LOGIC DIAGRAM FUNCTION TABLE Inputs Output Enable H L PIN 16 =VCC PIN 8 = GND L Select X L H Outputs Y0-Y3 Z A0-A3 B0-B3 X=don't care Z = high-impedance state A0-A3,B0-B3=the levels of the respective Nibble Inputs 321 IN74HC257 MAXIMUM RATINGS* Symbol VCC VIN VOUT IIN IOUT ICC PD Tstg TL * Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package) Value -0.5 to +7.0 -1.5 to VCC +1.5 -0.5 to VCC +0.5 20 35 75 750 500 -65 to +150 260 Unit V V V mA mA mA mW C C Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C RECOMMENDED OPERATING CONDITIONS Symbol VCC VIN, VOUT TA tr, tf Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) VCC =2.0 V VCC =4.5 V VCC =6.0 V Min 2.0 0 -55 0 0 0 Max 6.0 VCC +125 1000 500 400 Unit V V C ns This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open. 322 IN74HC257 DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND) VCC Symbol Parameter Test Conditions V Guaranteed Limit 25 C to -55C 1.5 3.15 4.2 0.3 0.9 1.2 1.9 4.4 5.9 3.98 5.48 0.1 0.1 0.1 0.26 0.26 0.1 0.5 85 C 1.5 3.15 4.2 0.3 0.9 1.2 1.9 4.4 5.9 3.84 5.34 0.1 0.1 0.1 0.33 0.33 1.0 5.0 125 C 1.5 3.15 4.2 0.3 0.9 1.2 1.9 4.4 5.9 3.7 5.2 0.1 0.1 0.1 0.4 0.4 1.0 10 A A V Unit VIH Minimum High-Level Input Voltage Maximum Low Level Input Voltage Minimum High-Level Output Voltage VOUT=0.1 V or VCC-0.1 V IOUT 20 A VOUT=0.1 V or VCC-0.1 V IOUT 20 A VIN=VIH or VIL IOUT 20 A VIN=VIH or VIL IOUT 6.0 mA IOUT 7.8 mA 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 6.0 6.0 V VIL V VOH V VOL Maximum Low-Level Output Voltage VIN=VIH or VIL IOUT 20 A VIN=VIH or VIL IOUT 6.0 mA IOUT .7.8 mA IIN IOZ Maximum Input Leakage Current Maximum ThreeState Leakage Current Maximum Quiescent Supply Current (per Package) VIN=VCC or GND Output in High-Impedance State VIN= VIL or VIH VOUT= VCC or GND VIN=VCC or GND IOUT=0A ICC 6.0 8.0 80 160 A 323 IN74HC257 AC ELECTRICAL CHARACTERISTICS(CL=50pF,Input tr=tf=6.0 ns) VCC Symbol Parameter V Guaranteed Limit 25 C to -55C 100 20 17 100 20 17 150 30 26 150 30 26 60 12 10 10 15 85C 125C Unit tPLH, tPHL Maximum Propagation Delay, Nibble A or B to Output Y (Figures 1and 4) Maximum Propagation Delay , Select to Output Y (Figures 2 and 4) Maximum Propagation Delay , Output Enable to Output Y (Figures 3 and 5) Maximum Propagation Delay , Output Enable to Output Y (Figures 3 and 5) Maximum Output Transition Time, Any Output (Figures 1 and 4) Maximum Input Capacitance Maximum Three-State Output Capacitance (Output in High-Impedance State) Power Dissipation Capacitance (Per Package) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 - 125 25 21 125 25 21 190 38 33 190 38 33 75 15 13 10 15 150 30 26 150 30 26 225 45 38 225 45 38 90 18 15 10 15 ns tPLH, tPHL ns tPLZ, tPHZ ns tPZL, tPZH ns tTLH, tTHL ns CIN COUT pF pF Typical @25C,VCC=5.0 V 39 pF CPD Used to determine the no-load dynamic power consumption: PD=CPDVCC2f+ICCVCC Figure 1. Switching Waveforms Figure 2. Switching Waveforms 324 IN74HC257 Figure 3. Switching Waveforms Figure 4. Test Circuit Figure 5. Test Circuit EXPANDED LOGIC DIAGRAM 325 |
Price & Availability of IN74HC257N
![]() |