Part Number Hot Search : 
RN2961FS SCD545UH P5506HVG 412MR2C VC060318 CT245N 2022R68 TC1682
Product Description
Full Text Search
 

To Download IN74HC20N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IN74HC20
DUAL 4-INPUT NAND GATE
High-Performance Silicon-Gate CMOS
The IN74HC20 is identical in pinout to the LS/ALS20. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs. Outputs Directly Interface to CMOS, NMOS, and TTL Operating Voltage Range: 2.0 to 6.0 V Low Input Current: 1.0 A High Noise Immunity Characteristic of CMOS Devices
* * * *
ORDERING INFORMATION IN74HC20N Plastic IN74HC20D SOIC TA = -55 to 125 C for all packages
PIN ASSIGNMENT LOGIC DIAGRAM
NC = NO CONNECTION PIN 14 =VCC PIN 7 = GND PINS 3,11 = NO CONNECTION
A L X X X H
FUNCTION TABLE
B X L X X H Inputs C X X L X H D X X X L H Output Y H H H H L
X = don't care
1
IN74HC20
MAXIMUM RATINGS* Symbol Parameter Value Unit VCC DC Supply Voltage (Referenced to GND) -0.5 to +7.0 V VIN DC Input Voltage (Referenced to GND) -1.5 to VCC +1.5 V VOUT DC Output Voltage (Referenced to GND) -0.5 to VCC +0.5 V IIN DC Input Current, per Pin mA 20 IOUT DC Output Current, per Pin mA 25 ICC DC Supply Current, VCC and GND Pins mA 50 PD Power Dissipation in Still Air, Plastic DIP+ 750 mW SOIC Package+ 500 Tstg Storage Temperature -65 to +150 C 260 TL Lead Temperature, 1 mm from Case for 10 C Seconds (Plastic DIP or SOIC Package) * Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C RECOMMENDED OPERATING CONDITIONS Symbol Parameter VCC DC Supply Voltage (Referenced to GND) VIN, VOUT DC Input Voltage, Output Voltage (Referenced to GND) TA Operating Temperature, All Package Types t r, tf Input Rise and Fall Time (Figure VCC =2.0 V 1) VCC =4.5 V VCC =6.0 V Min 2.0 0 -55 0 0 0 Max 6.0 VCC +125 1000 500 400 Unit V V C ns
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
2
IN74HC20
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND) Guaranteed Limit VCC Symbol Parameter Test Conditions V 85 125 25 C to C C -55C 1.5 1.5 1.5 VIH Minimum High- VOUT=0.1 V or VCC-0.1 V 2.0 3.15 3.15 3.15 Level Input IOUT 20 A 4.5 4.2 4.2 4.2 Voltage 6.0 0.3 0.3 0.3 VIL Maximum Low - VOUT=0.1 V or VCC-0.1 V 2.0 0.9 0.9 0.9 Level Input IOUT 20 A 4.5 1.2 1.2 1.2 Voltage 6.0 1.9 1.9 1.9 VOH Minimum High- VIN= VIH or VIL 2.0 4.4 4.4 4.4 Level Output IOUT 20 A 4.5 5.9 5.9 5.9 Voltage 6.0 VIN= VIH or VIL 3.7 3.84 3.98 IOUT 4.0 mA 4.5 5.2 5.34 5.48 6.0 IOUT 5.2 mA 0.1 0.1 0.1 VOL Maximum Low- VIN=VIH 2.0 0.1 0.1 0.1 Level Output IOUT 20 A 4.5 0.1 0.1 0.1 Voltage 6.0 VIN=VIH 0.4 0.33 0.26 IOUT 4.0 mA 4.5 0.4 0.33 0.26 6.0 IOUT 5.2 mA IIN Maximum Input VIN=VCC or GND 6.0 0.1 1.0 1.0 Leakage Current VIN=VCC ICC Maximum or GND 6.0 2.0 20 40 Quiescent Supply IOUT=0A Current (per Package)
Unit
V V V
V
A A
3
IN74HC20
AC ELECTRICAL CHARACTERISTICS(CL=50pF,Input tr=tf=6.0 ns) Guaranteed Limit VCC Symbol Parameter V 25 C 85C 125 C to -55C 135 115 90 tPLH, Maximum Propagation Delay, Input A 2.0 27 23 18 tPHL ,B,C or D to Output Y (Figures 1 and 2) 4.5 23 20 15 6.0 110 95 75 tTLH, tTHL Maximum Output Transition Time, Any 2.0 22 19 15 Output (Figures 1 and 2) 4.5 19 16 13 6.0 CIN Maximum Input Capacitance 10 10 10 Power Dissipation Capacitance (Per Gate) Used to determine the no-load dynamic power consumption: PD=CPDVCC2f+ICCVCC Typical @25C,VCC=5.0 V 26 pF
Unit
ns ns pF
CPD
Figure 1. Switching Waveforms Figure 2. Test Circuit EXPANDED LOGIC DIAGRAM (1/2 of the Device)
4


▲Up To Search▲   

 
Price & Availability of IN74HC20N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X