Part Number Hot Search : 
TSAL7400 L1050 STD2805 KBP06M LBT39301 FZT65 ADD5205 00850
Product Description
Full Text Search
 

To Download IN74HC165 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
High-Performance Silicon-Gate CMOS
The IN74HC165 is identical in pinout to the LS/ALS165. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs. This device is an 8-bit shift register with complementary outputs from the last stage. Data may be loaded into the register either in parallel or in serial form. When the Serial Shift/ Parallel Load input is low, the data is loaded asynchronously in parallel. When the Serial Shift/Parallel Load input is high, the data is loaded serially on the rising edge of either Clock or Clock Inhibit (see the Function Table). The 2-input NOR clock may be used either by combining two independent clock sources or by designating one of the clock inputs to act as a clock inhibit. * Outputs Directly Interface to CMOS, NMOS, and TTL * Operating Voltage Range: 2.0 to 6.0 V * Low Input Current: 1.0 A * High Noise Immunity Characteristic of CMOS Devices
IN74HC165
ORDERING INFORMATION IN74HC165N Plastic IN74HC165D SOIC TA = -55 to 125 C for all packages
LOGIC DIAGRAM
PIN ASSIGNMENT
PIN 16=VCC PIN 8 = GND
FUNCTION TABLE
Inputs Serial Shift/ Parallel Load L H H H H H H L L X H H X Clock H Clock Inhibit X L L SA X L H L H X X A-H a...h X X X X X X no change No Clock Internal Stages QA a L H L H QB-QG b-g QAn-QFn QAn-QFn QAn-QFn QAn-QFn no change Output QH h QGn QGn QGn QGn Serial Shift via Clock Inhibit Inhibited Clock Asynchronous Parallel Load Serial Shift via Clock Operation
H L L X X X = Don't Care QAn-QFn = Data shifted from the preceding stage
228
IN74HC165
MAXIMUM RATINGS*
Symbol VCC VIN VOUT IIN IOUT ICC PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +7.0 -1.5 to VCC +1.5 -0.5 to VCC +0.5 20 25 50 750 500 -65 to +150 260
Unit V V V mA mA mA mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TA tr, tf Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) VCC =2.0 V VCC =4.5 V VCC =6.0 V Min 2.0 0 -55 0 0 0 Max 6.0 VCC +125 1000 500 400 Unit V V C ns
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
229
IN74HC165
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC Symbol Parameter Test Conditions V Guaranteed Limit 25 C to -55C 1.5 3.15 4.2 0.3 0.9 1.2 1.9 4.4 5.9 3.98 5.48 0.1 0.1 0.1 0.26 0.26 0.1 8.0 85 C 1.5 3.15 4.2 0.3 0.9 1.2 1.9 4.4 5.9 3.84 5.34 0.1 0.1 0.1 0.33 0.33 1.0 80 125 C 1.5 3.15 4.2 0.3 0.9 1.2 1.9 4.4 5.9 3.7 5.2 0.1 0.1 0.1 0.4 0.4 1.0 160 A A V Unit
VIH
Minimum High-Level Input Voltage Maximum Low Level Input Voltage Minimum High-Level Output Voltage
VOUT=0.1 V or VCC-0.1 V IOUT 20 A VOUT=0.1 V or VCC-0.1 V IOUT 20 A VIN=VIH or VIL IOUT 20 A VIN=VIH or VIL IOUT 4.0 mA IOUT 5.2 mA
2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 6.0 6.0
V
VIL
V
VOH
V
VOL
Maximum Low-Level Output Voltage
VIN= VIL or VIH IOUT 20 A VIN= VIL or VIH IOUT 4.0 mA IOUT 5.2 mA
IIN ICC
Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package)
VIN=VCC or GND VIN=VCC or GND IOUT=0A
230
IN74HC165
AC ELECTRICAL CHARACTERISTICS(CL=50pF,Input tr=tf=6.0 ns)
VCC Symbol Parameter V Guaranteed Limit 25 C to -55C 6.0 30 35 150 30 26 175 35 30 150 30 26 75 15 13 10 85C 125C Unit
fmax
Maximum Clock Frequency (50% Duty Cycle) (Figures 1 and 8) Maximum Propagation Delay, Clock (or Clock Inhibit) to QH or QH (Figures 1 and 8) Maximum Propagation Delay , SerialShift./.Parallel Load to QH or QH (Figures 2 and 8) Maximum Propagation Delay, Input H to QH or QH (Figures 3 and 8) Maximum Output Transition Time, Any Output (Figures 1 and 8) Maximum Input Capacitance Power Dissipation Capacitance (Per Package)
2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 -
4.8 24 28 190 38 33 220 44 37 190 38 33 95 19 16 10
4.0 20 24 225 45 38 265 53 45 225 45 38 110 22 19 10
MHz
tPLH, tPHL
ns
tPLH, tPHL
ns
tPLH, tPHL
ns
tTLH, tTHL
ns
CIN
pF
Typical @25C,VCC=5.0 V 85 pF
CPD
Used to determine the no-load dynamic power consumption: PD=CPDVCC2f+ICCVCC
231
IN74HC165
TIMING REQUIREMENTS (CL=50pF,Input tr=tf=6.0 ns)
VCC Symbol tSU Parameter Minimum Setup Time, Parallel Data Inputs to Serial Shift/Parallel Load (Figure 4) Minimum Setup Time, Input SA to Clock (or Clock Inhibit) (Figure 5) Minimum Setup Time, Serial Shift/Parallel Load to Clock (or Clock Inhibit) (Figure 6) Minimum Setup Time, Clock to Clock Inhibit (Figure 7) Minimum Hold Time, Serial Shift/Parallel Load to Parallel Data Inputs (Figure 4) Minimum Hold Time, Clock (or Clock Inhibit) to Input SA (Figure 5) Minimum Hold Time, Clock (or Clock Inhibit) to Serial Shift/Parallel Load (Figure 6) Minimum Recovery Time, Clock to Clock Inhibit (Figure 7) Minimum Pulse Width, Clock (or Clock Inhibit) (Figure 1) Minimum Pulse Width, Serial Shift/Parallel Load (Figure 2) Maximum Input Rise and Fall Times (Figure 1) V 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 25 C to -55C 100 20 17 100 20 17 100 20 17 100 20 17 5 5 5 5 5 5 5 5 5 100 20 17 80 16 14 80 16 14 1000 500 400 Guaranteed Limit 85C 125 25 21 125 25 21 125 25 21 125 25 21 5 5 5 5 5 5 5 5 5 125 25 21 100 20 17 100 20 17 1000 500 400 125C 150 30 26 150 30 26 150 30 26 150 30 26 5 5 5 5 5 5 5 5 5 150 30 26 120 24 20 120 24 20 1000 500 400 Unit ns
tSU
ns
tSU
ns
tSU
ns
th
ns
th
ns
th
ns
trec
ns
tw
ns
tw
ns
tr, tf
ns
232
IN74HC165
SWITCHING WAVEFORMS
233
IN74HC165
TIMING DIAGRAM
EXPANDED LOGIC DIAGRAM
234


▲Up To Search▲   

 
Price & Availability of IN74HC165

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X