Part Number Hot Search : 
M48Z59Y FR102 5KE91 05A19 LX3044 0EP16 1N414 GMPSA14
Product Description
Full Text Search
 

To Download IN74HC163AN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IN74HC163A
PRESETTABLE COUNTERS
High-Performance Silicon-Gate CMOS
The IN74HC163A is identical in pinout to the LS/ALS163. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs. The IN74HC163A is programmable 4-bit synchronous counter that feature parallel Load, synchronous Reset, a Carry Output for cascading and count-enable controls. The IN74HC163A is binary counter with synchronous Reset. Outputs Directly Interface to CMOS, NMOS, and TTL Operating Voltage Range: 2.0 to 6.0 V Low Input Current: 1.0 A High Noise Immunity Characteristic of CMOS Devices
* * * *
LOGIC DIAGRAM
ORDERING INFORMATION IN74HC163AN Plastic IN74HC163AD SOIC TA = -55 to 125 C for all packages PIN ASSIGNMENT
PIN 16 =VCC PIN 8 = GND FUNCTION TABLE
Rese t L H H H H X Load X L H H H X Inputs Enable Enable P T X X X X X L L X H H X X Clock Q0 L P0 Outputs Q1 Q2 L L P1 P2 No change No change Count up No change Q3 L P3 Function Reset to "0" Preset Data No count No count Count No count
X=don't care P0,P1,P2,P3 = logic level of Data inputs Ripple Carry Out = Enable T * Q0 * Q1 * Q2 * Q3
1
IN74HC163A
MAXIMUM RATINGS* Symbol Parameter Value Unit VCC DC Supply Voltage (Referenced to GND) -0.5 to +7.0 V VIN DC Input Voltage (Referenced to GND) -1.5 to VCC +1.5 V VOUT DC Output Voltage (Referenced to GND) -0.5 to VCC +0.5 V IIN DC Input Current, per Pin mA 20 IOUT DC Output Current, per Pin mA 25 ICC DC Supply Current, VCC and GND Pins mA 50 PD Power Dissipation in Still Air, Plastic DIP+ 750 mW SOIC Package+ 500 Tstg Storage Temperature -65 to +150 C 260 TL Lead Temperature, 1 mm from Case for 10 C Seconds (Plastic DIP or SOIC Package) * Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C RECOMMENDED OPERATING CONDITIONS Symbol Parameter VCC DC Supply Voltage (Referenced to GND) VIN, VOUT DC Input Voltage, Output Voltage (Referenced to GND) TA Operating Temperature, All Package Types t r, tf Input Rise and Fall Time (Figure VCC =2.0 V 1) VCC =4.5 V VCC =6.0 V Min 2.0 0 -55 0 0 0 Max 6.0 VCC +125 1000 500 400 Unit V V C ns
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
2
IN74HC163A
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND) Guaranteed Limit VCC Symbol Parameter Test Conditions V 85 125 25 C to C C -55C 1.5 1.5 VOUT=0.1 V or VCC-0.1 V 2.0 1.5 VIH Minimum High3.15 3.15 3.15 Level Input 4.5 IOUT 20 A 4.2 4.2 4.2 Voltage 6.0 0.5 0.5 VOUT=0.1 V or VCC-0.1 V 2.0 0.5 VIL Maximum Low 1.35 1.35 1.35 Level Input 4.5 IOUT 20 A 1.8 1.8 1.8 Voltage 6.0 1.9 1.9 VIN=VIH or VIL 1.9 VOH Minimum High2.0 4.4 4.4 4.4 Level Output 4.5 IOUT 20 A 5.9 5.9 5.9 Voltage 6.0 VIN=VIH or VIL 3.7 3.84 3.98 4.5 IOUT 6.0 mA 5.2 5.34 5.48 6.0 IOUT 7.8 mA 0.1 0.1 VIN=VIH or VIL 0.1 VOL Maximum Low2.0 0.1 0.1 0.1 Level Output 4.5 IOUT 20 A 0.1 0.1 0.1 Voltage 6.0 VIN=VIH or VIL 0.4 0.33 0.26 4.5 IOUT 6.0 mA 0.4 0.33 0.26 6.0 IOUT 7.8 mA IIN Maximum Input VIN=VCC or GND 6.0 0.1 1.0 1.0 Leakage Current VIN=VCC or GND ICC Maximum 6.0 4.0 40 160 Quiescent Supply IOUT=0A Current (per Package)
Unit
V V V
V
A A
3
IN74HC163A
AC ELECTRICAL CHARACTERISTICS(CL=50pF,Input tr=tf=6.0 ns) Guaranteed Limit VCC Symbol Parameter V 25 C 85C 125 C to -55C 4 5 6 fmax Maximum Clock Frequency (Figures1,6) 2.0 20 24 30 4.5 24 28 35 6.0 200 160 120 2.0 tPLH 28 23 20 4.5 22 20 16 6.0 Maximum Propagation Delay Clock to Q 320 185 145 tPHL (Figures 1,6) 2.0 30 25 22 4.5 23 20 18 6.0 190 150 110 2.0 tPLH 20 18 16 4.5 17 15 14 Maximum Propagation Delay Enable T to 6.0 Ripple Carry Out 210 175 135 tPHL (Figures 2,6) 2.0 22 20 18 4.5 20 16 15 6.0 200 160 120 2.0 tPLH 30 27 22 4.5 25 22 18 Maximum Propagation Delay Clock to 6.0 Ripple 220 185 145 tPHL Carry Out (Figures 1,6) 2.0 35 28 22 4.5 28 24 20 6.0 110 95 75 tTLH, tTHL Maximum Output Transition Time, Any 2.0 22 19 15 Output, (Figures 1 and 6) 4.5 19 16 13 6.0 CIN Maximum Input Capacitance 10 10 10 Power Dissipation Capacitance (Per Gate) Used to determine the no-load dynamic power consumption: PD=CPDVCC2f+ICCVCC Typical @25C,VCC=5.0 V 30 pF
Unit
MHz ns ns ns
ns ns
ns ns pF
CPD
4
IN74HC163A
TIMING REQUIREMENTS (CL=50pF,Input tr=tf=6.0 ns) Symbol Parameter VCC V Guaranteed Limit 25 C 85C 125 C to -55C 80 60 40 30 20 15 20 18 12 90 75 60 30 20 15 20 18 12 90 75 60 35 25 20 25 23 17 110 95 80 35 25 20 25 23 17 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 110 95 80 26 20 15 23 17 12 90 75 60 18 15 12 15 13 10 90 75 60 18 15 12 15 13 10 1000 1000 1000 500 500 500 400 400 400 Unit
tsu tsu tsu tsu th th th trec tw tw tr, tf
Minimum Setup Time, Preset Data Inputs to Clock (Figure 4) Minimum Setup Time, Load to Clock (Figure 4) Minimum Setup Time, Reset to Clock (Figure 3) Minimum Setup Time, Enable T or Enable P to Clock (Figure 5) Minimum Hold Time, Clock to Load or Preset Data Inputs (Figure 4) Minimum Hold Time, Clock to Reset (Figure 3) Minimum Hold Time, Clock to Enable T or Enable P (Figure 5) Minimum Recovery Time, Load Inactive to Clock (Figure 4) Minimum Pulse Width, Clock (Figure 1) Minimum Pulse Width, Reset (Figure 3) Maximum Input Rise and Fall Times (Figure 1)
2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0
ns ns ns ns ns ns ns ns ns ns ns
5
IN74HC163A
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
Figure 3. Switching Waveforms
Figure 4. Switching Waveforms
Figure 5. Switching Waveforms
Figure 6. Test Circuit
6
IN74HC163A
VCC=Pin 16 GND=Pin 8 The flip-flops shown in the circuit diagrams are Toggle-Enable flip-flops. A Toggle-Enable flip-flop is a combination of a D flip-flop and a T flip-flop. When loading data from Preset inputs P0, P1, P2, and P3, the Load signal is used to disable the Toggle input (Tn) of the flip-flop. The logic level at the Pn input is then clocked to the Q output of the flip-flop on the next rising edge of the clock. A logic zero on the Reset device input forces the internal clock (C) high and resets the Q output of the flip-flop low. Figure 7.Expanded logic diagram
7
IN74HC163A
1. 2. 3. 4.
Sequence illustrated in waveforms: Reset outputs to zero. Preset to binary twelve. Count to thirteen, fourteen, fifteen, zero, one, and two. Inhibit. Figure 8. Timing Diagram
8
IN74HC163A
TYPICAL APPLICATIONS CASCADING
Note:When used in these cascaded configurations the clock fmax guaranteed limits may not apply. Actual performance will depend on number of stages. This limitation is due to set up times between Enable (Port) and clock. Figure 9. N-Bit Synchronous Counters
Figure 10. Nibble Ripple Counter
9


▲Up To Search▲   

 
Price & Availability of IN74HC163AN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X