Part Number Hot Search : 
LS386A HCS0901F FF2AS BD809G LGA80D BD799 2SC3189 EVQPC1
Product Description
Full Text Search
 

To Download IN74ACT253N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IN74ACT253
DUAL 4-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OTPUTS
High-Speed Silicon-Gate CMOS
The IN74ACT253 is identical in pinout to the LS/ALS253, HC/HCT253. The IN74ACT253 may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs. The Address Inputs select one of four Data Inputs from each multiplexer. Each multiplexer has an active-low Output Enable control and a three-state noninverting output. * TTL/NMOS Compatible Input Levels Outputs Directly Interface to CMOS, NMOS, and TTL Operating Voltage Range: 4.5 to 5.5 V Low Input Current: 1.0 A; 0.1 A @ 25C Outputs Source/Sink 24 mA
* * * *
ORDERING INFORMATION IN74ACT253N Plastic IN74ACT253D SOIC TA = -40 to 85 C for all packages PIN ASSIGNMENT
LOGIC DIAGRAM
FUNCTION TABLE
A1 X L L H H Inputs A0 Output Enable X H L L H L L L H L Output Y Z D0 D1 D2 D3
PIN 16 =VCC PIN 8 = GND
D0,D1...D3=the level of the respective Data Input Z = high impedance X = don't care
1
IN74ACT253
MAXIMUM RATINGS* Symbol Parameter Value Unit VCC DC Supply Voltage (Referenced to GND) -0.5 to +7.0 V VIN DC Input Voltage (Referenced to GND) -0.5 to VCC +0.5 V VOUT DC Output Voltage (Referenced to GND) -0.5 to VCC +0.5 V IIN DC Input Current, per Pin mA 20 IOUT DC Output Sink/Source Current, per Pin mA 50 ICC DC Supply Current, VCC and GND Pins mA 50 PD Power Dissipation in Still Air, Plastic DIP+ 750 mW SOIC Package+ 500 Tstg Storage Temperature -65 to +150 C 260 TL Lead Temperature, 1 mm from Case for 10 C Seconds (Plastic DIP or SOIC Package) * Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C RECOMMENDED OPERATING CONDITIONS Symbol Parameter VCC DC Supply Voltage (Referenced to GND) VIN, VOUT DC Input Voltage, Output Voltage (Referenced to GND) TJ Junction Temperature (PDIP) TA Operating Temperature, All Package Types IOH Output Current - High IOL Output Current - Low t r, tf Input Rise and Fall Time * VCC =4.5 V VCC =5.5 V (except Schmitt Inputs) * VIN from 0.8 V to 2.0 V Min 4.5 0 Max 5.5 VCC 140 +85 -24 24 10 8.0 Unit V V C C mA mA ns/V
-40
0 0
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
2
IN74ACT253
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND) Guaranteed VCC Limits Symbol Parameter Test Conditions V 25 C -40C to 85C VOUT=0.1 V or VCC-0.1 V 4.5 VIH Minimum High2.0 2.0 Level Input 5.5 2.0 2.0 Voltage VOUT= 0.1 V or VCC-0.1 VIL Maximum Low 4.5 0.8 0.8 Level Input V 5.5 0.8 0.8 Voltage VOH Minimum High4.5 4.4 4.4 IOUT -50 A Level Output 5.5 5.4 5.4 Voltage * VIN= VIL or VIH 3.76 3.86 4.5 IOH=-24 mA 4.76 4.86 5.5 IOH=-24 mA VOL Maximum Low4.5 0.1 0.1 IOUT 50 A Level Output 5.5 0.1 0.1 Voltage * VIN= VIL or VIH 0.44 0.36 4.5 IOL=24 mA 0.44 0.36 5.5 IOL=24 mA IIN Maximum Input VIN=VCC or GND 5.5 0.1 1.0 Leakage Current 5.5 IOZ Maximum Three- VIN (OE)=VIL, VIH 0.5 5.0 State Leakage VIN=VCC, GND Current VOUT=VCC, GND 5.5 1.5 Additional Max VIN=VCC - 2.1 V ICCT ICC/Input VOLD=1.65 V Max IOLD +Minimum 5.5 75 Dynamic Output Current VOHD=3.85 V Min IOHD +Minimum 5.5 -75 Dynamic Output Current VIN=VCC or GND ICC Maximum 5.5 8.0 80 Quiescent Supply Current (per Package) * All outputs loaded; thresholds on input associated with output under test. +Maximum test duration 2.0 ms, one output loaded at a time.
Unit V V V
V
A A mA mA mA A
3
IN74ACT253
AC ELECTRICAL CHARACTERISTICS(VCC=5.0 V 10%, CL=50pF,Input tr=tf=3.0 ns) Guaranteed Limits Unit Symbol Parameter 25 C -40C to 85C Min Max Min Max tPLH Propagation Delay,Address to Output Y 2.0 11. 2.0 13.0 ns (Figure 1) 5 tPHL Propagation Delay,Address to Output Y 3.0 13. 2.5 14.5 ns (Figure 1) 0 tPLH Propagation Delay, Data to Output Y 2.5 10. 2.0 11.0 ns (Figure 1) 0 tPHL Propagation Delay, Data to Output Y 3.5 11. 3.0 12.5 ns (Figure 1) 0 tPZH Propagation Delay, Output Enable to Y 2.0 7.5 1.5 8.5 ns (Figure 2) tPZL Propagation Delay, Output Enable to Y 2.0 8.0 1.5 9.0 ns (Figure 2) tPHZ Propagation Delay, Output Enable to Y 3.0 9.5 2.5 10.0 ns (Figure 2) tPLZ Propagation Delay, Output Enable to Y 2.5 7.5 2.0 8.5 ns (Figure 2) CIN Maximum Input Capacitance 4.5 4.5 pF Typical @25C,VCC=5.0 V 50
CPD
Power Dissipation Capacitance
pF
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
4
IN74ACT253
EXPANDED LOGIC DIAGRAM
5


▲Up To Search▲   

 
Price & Availability of IN74ACT253N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X