Part Number Hot Search : 
CDBER70 TRH0703 11EWA A36AN MC34351 PSC100C TOP265EG UC3340
Product Description
Full Text Search
 

To Download IN74ACT251N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IN74ACT251
8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
High-Speed Silicon-Gate CMOS
The IN74ACT251 is identical in pinout to the LS/ALS251, HC/HCT251. The IN74ACT251 may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs. The device selects one of the eight binary Data Inputs, as determined by the Address Inputs. The Output Enable pin must be at a low level for the selected data to appear at the outputs. If Output Enable is high, the Y and the Y outputs are in the highimpedance state. This 3-State feature allows the IN74ACT251 to be used in bus-oriented systems. * TTL/NMOS Compatible Input Levels Outputs Directly Interface to CMOS, NMOS, and TTL Operating Voltage Range: 4.5 to 5.5 V Low Input Current: 1.0 A; 0.1 A @ 25C Outputs Source/Sink 24 mA
* * * *
ORDERING INFORMATION IN74ACT251N Plastic IN74ACT251D SOIC TA = -40 to 85 C for all packages PIN ASSIGNMENT
LOGIC DIAGRAM
FUNCTION TABLE
A2 X L L L L H H A1 Inputs A0 Output Enable X X H L L L L H H L L H H H L H L H L H L L L L L L L Outputs Y Y Z D0 D1 D2 D3 D4 D5 D6 D7 Z
PIN 16 =VCC PIN 8 = GND
H H
D0 D1 D2 D3 D4 D5 D6 D7
D0,D1...D7=the level of the respective D input Z = high-impedance state X = don't care
1
IN74ACT251
MAXIMUM RATINGS* Symbol Parameter Value Unit VCC DC Supply Voltage (Referenced to GND) -0.5 to +7.0 V VIN DC Input Voltage (Referenced to GND) -0.5 to VCC +0.5 V VOUT DC Output Voltage (Referenced to GND) -0.5 to VCC +0.5 V IIN DC Input Current, per Pin mA 20 IOUT DC Output Sink/Source Current, per Pin mA 50 ICC DC Supply Current, VCC and GND Pins mA 50 PD Power Dissipation in Still Air, Plastic DIP+ 750 mW SOIC Package+ 500 Tstg Storage Temperature -65 to +150 C 260 TL Lead Temperature, 1 mm from Case for 10 C Seconds (Plastic DIP or SOIC Package) * Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C RECOMMENDED OPERATING CONDITIONS Symbol Parameter VCC DC Supply Voltage (Referenced to GND) VIN, VOUT DC Input Voltage, Output Voltage (Referenced to GND) TJ Junction Temperature (PDIP) TA Operating Temperature, All Package Types IOH Output Current - High IOL Output Current - Low t r, tf Input Rise and Fall Time * VCC =4.5 V VCC =5.5 V (except Schmitt Inputs) * VIN from 0.8 V to 2.0 V Min 4.5 0 Max 5.5 VCC 140 +85 -24 24 10 8.0 Unit V V C C mA mA ns/V
-40
0 0
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
2
IN74ACT251
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND) Guaranteed VCC Limits Symbol Parameter Test Conditions V 25 C -40C to 85C VOUT=0.1 V or VCC-0.1 V 4.5 VIH Minimum High2.0 2.0 Level Input 5.5 2.0 2.0 Voltage VOUT=0.1 V or VCC-0.1 V 4.5 VIL Maximum Low 0.8 0.8 Level Input 5.5 0.8 0.8 Voltage VOH Minimum High4.5 4.4 4.4 IOUT -50 A Level Output 5.5 5.4 5.4 Voltage * VIN=VIH or VIL 3.76 3.86 4.5 IOH=-24 mA 4.76 4.86 5.5 IOH=-24 mA VOL Maximum Low4.5 0.1 0.1 IOUT 50 A Level Output 5.5 0.1 0.1 Voltage * VIN=VIH or VIL 0.44 0.36 4.5 IOL=24 mA 0.44 0.36 5.5 IOL=24 mA IIN Maximum Input VIN=VCC or GND 5.5 0.1 1.0 Leakage Current 5.5 1.5 Additional Max. VIN=VCC - 2.1 V ICCT ICC/Input 5.5 IOZ Maximum Three- VIN (OE)= VIH or VIL 0.5 5.0 State Leakage VIN =VCC or GND Current VOUT =VCC or GND VOLD=1.65 V Max IOLD +Minimum 5.5 75 Dynamic Output Current VOHD=3.85 V Min IOHD +Minimum 5.5 -75 Dynamic Output Current VIN=VCC or GND ICC Maximum 5.5 8.0 80 Quiescent Supply Current (per Package) * All outputs loaded; thresholds on input associated with output under test. +Maximum test duration 2.0 ms, one output loaded at a time.
Unit V V V
V
A mA A mA mA A
3
IN74ACT251
AC ELECTRICAL CHARACTERISTICS(VCC=5.0 V 10%, CL=50pF, Input tr=tf=3.0 ns) Guaranteed Limits Unit Symbol Parameter 25 C -40C to 85C Min Max Min Max 17.0 ns tPLH Propagation Delay, Input A to 2.5 15.5 2.0 Output Y or Y (Figure 3) 18.5 ns tPHL Propagation Delay, Input A to 2.5 16.5 2.5 Output Y or Y (Figure 3) 13.0 ns tPLH Propagation Delay, Input D to 2.5 12.0 2.0 Output Y or Y (Figures 1,2) 14.0 ns tPHL Propagation Delay, Input D to 2.5 12.5 2.5 Output Y or Y (Figures 1,2) 8.5 1.5 9.0 ns tPZH Propagation Delay, Output Enable to 1.5 Output Y or Y (Figure 4) 8.5 1.5 9.5 ns tPZL Propagation Delay, Output Enable to 1.5 Output Y or Y (Figure 4) 13.0 ns tPHZ Propagation Delay, Output Enable to 2.0 12.0 2.0 Output Y or Y (Figure 4) 8.5 1.5 9.0 ns tPLZ Propagation Delay, Output Enable to 1.5 Output Y or Y (Figure 4) CIN Maximum Input Capacitance 4.5 4.5 pF Typical @25C,VCC=5.0 V 70
CPD
Power Dissipation Capacitance
pF
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
4
IN74ACT251
Figure 3. Switching Waveforms
Figure 4. Switching Waveforms
EXPANDED LOGIC DIAGRAM
5


▲Up To Search▲   

 
Price & Availability of IN74ACT251N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X