Part Number Hot Search : 
TLWR9 MC14081B Q0270R MBRB20 3454VT 16M86VBB TEA684 221MB
Product Description
Full Text Search
 

To Download IN74ACT157N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
IN74ACT157
Quad 2-Input Data Selector/Multiplexer
High-Speed Silicon-Gate CMOS
The IN74ACT157 is identical in pinout to the LS/ALS157, HC/HCT157. The IN74ACT157 may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs. This device routes 2 nibbles (A or B) to a single port (Y) as determined by the Select input. The data is presented at the outputs in noninvertered form. A high level on the Output Enable input sets all four Y outputs to a low level. * TTL/NMOS Compatible Input Levels * Outputs Directly Interface to CMOS, NMOS, and TTL * Operating Voltage Range: 4.5 to 5.5 V * Low Input Current: 1.0 A; 0.1 A @ 25C * Outputs Source/Sink 24 mA
ORDERING INFORMATION IN74ACT157N Plastic IN74ACT157D SOIC TA = -40 to 85 C for all packages
PIN ASSIGNMENT LOGIC DIAGRAM
FUNCTION TABLE
Inputs Output Enable PIN 16 =VCC PIN 8 = GND H L L Select X L H Outputs Y0-Y3 L A0-A3 B0-B3
X=don't care A0-A3,B0-B3=the levels of the respective Data-Word Inputs
198
IN74ACT157
MAXIMUM RATINGS*
Symbol VCC VIN VOUT IIN IOUT ICC PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Sink/Source Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +7.0 -0.5 to VCC +0.5 -0.5 to VCC +0.5 20 50 50 750 500 -65 to +150 260
Unit V V V mA mA mA mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TJ TA IOH IOL tr, tf
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Junction Temperature (PDIP) Operating Temperature, All Package Types Output Current - High Output Current - Low Input Rise and Fall Time (except Schmitt Inputs)
*
Min 4.5 0 -40
Max 5.5 VCC 140 +85 -24 24
Unit V V C C mA mA ns/V
VCC =4.5 V VCC =5.5 V
0 0
10 8.0
VIN from 0.8 V to 2.0 V
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
199
IN74ACT157
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC Symbol VIH VIL VOH Parameter Minimum High-Level Input Voltage Maximum Low Level Input Voltage Minimum High-Level Output Voltage Test Conditions VOUT=0.1 V or VCC-0.1 V VOUT=0.1 V or VCC-0.1 V IOUT -50 A
*
Guaranteed Limits 25 C 2.0 2.0 0.8 0.8 4.4 5.4 3.86 4.86 0.1 0.1 0.36 0.36 0.1 -40C to 85C 2.0 2.0 0.8 0.8 4.4 5.4 3.76 4.76 0.1 0.1 0.44 0.44 1.0 1.5 75 -75 8.0 80 A mA mA mA A V Unit V V V
V 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 5.5 5.5 5.5 5.5 5.5
VIN=VIH or VIL IOH=-24 mA IOH=-24 mA VOL Maximum Low-Level Output Voltage IOUT 50 A VIN=VIL or VIH IOL=24 mA IOL=24 mA IIN ICCT IOLD IOHD ICC Maximum Input Leakage Current Additional Max ICC/Input +Minimum Dynamic Output Current +Minimum Dynamic Output Current Maximum Quiescent Supply Current (per Package) VIN=VCC or GND VIN=VCC - 2.1 V VOLD=1.65 V Max VOHD=3.85 V Min VIN=VCC or GND
*
All outputs loaded; thresholds on input associated with output under test. +Maximum test duration 2.0 ms, one output loaded at a time.
*
200
IN74ACT157
AC ELECTRICAL CHARACTERISTICS(VCC=5.0 V 10%, CL=50pF,Input tr=tf=3.0 ns)
Guaranteed Limits Symbol Parameter 25 C Min tPLH tPHL tPLH tPHL tPLH tPHL CIN Propagation Delay, Select to Output Y (Figure 2) Propagation Delay, Select to Output Y (Figure 2) Propagation Delay, Output Enable to Output Y (Figure 3) Propagation Delay, Output Enable to Output Y (Figure 3) Propagation Delay, Input A or B to Output Y (Figure 1) Propagation Delay, Input A or B to Output Y (Figure 1) Maximum Input Capacitance 2.0 2.0 1.5 1.5 1.5 1.5 4.5 Max 9.0 9.5 10 8.5 7.0 7.5 -40C to 85C Min 1.5 2.0 1.5 1.0 1.0 1.0 4.5 Max 10.0 10.5 11.5 9.0 8.5 8.5 ns ns ns ns ns ns pF Unit
Typical @25C,VCC=5.0 V CPD Power Dissipation Capacitance 50 pF
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
201
IN74ACT157
Figure 3. Switching Waveforms
EXPANDED LOGIC DIAGRAM
A0
B0
A1
B1
A2
B2
A3
B3
OE SELECT
Y0
Y1
Y2
Y3
202


▲Up To Search▲   

 
Price & Availability of IN74ACT157N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X