Part Number Hot Search : 
158X0 NJM29 CP58806 T960014 N6006A STK413 NJM29 R3020
Product Description
Full Text Search
 

To Download IN4937 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Plastic Fast Recovery Rectifier
COMCHIP
www.comchiptech.com
1N4933 THRU 1N4937
Voltage Range 50 to 600 V Current 1.0 Ampere
Features
Fast switching for high efficiency Low forward voltage drop High current capability Low reverse leakage current High surge current capability
.034(.86) .028(.71) 1.0(25.4) MIN. DIA.
DO-41
Mechanical Data
Case: Molded plastic DO-41 Epoxy: UL 94V-0 rate flame retardant Terminals: Solderable per MIL-STD-202 method 208 Polarity:Color band denotes cathode Mounting position: Any Weight: 0.036gram
.205(5.2) .160(4.1) .107(2.7) .080(2.0) 1.0(25.4) MIN. DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current TL=55 C Peak Forward Surge Current, 8.3ms single Half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 1.0 A Maximum DC Reverse Current @TJ=25 C At Rated DC Blocking Voltage @TJ=100 C Maximum Reverse Recovery Time (Note 1) Typical junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Operating Junction and Storage Temperature Range
o o o
1N4933 50 35 50
1N4934 100 70 100
1N4935 200 140 200 1.0
1N4936 400 280 400
1N4937 600 420 600
UNIT V V V A
VRRM VRMS VDC IF(AV)
IFSM
30
A
VF
1.2 5.0 250 130 15 75 -55 to + 125
o
V uA uA nS pF CW
o
IR Trr CJ R JA TJ, TSTG
C
NOTES : (1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A. (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC. (3) Thermal Resistance junction to lead.
MDS0405001A
Page 1
Plastic Fast Recovery Rectifier
COMCHIP
www.comchiptech.com
FIG.1 - FORWARD CURRENT DERATING CURVE
1.0
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
30
PEAK FORWARD SURGE CURRENT, AMPERES
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
Pulse Width 8.3ms Single Half-Sire-Wave (JEDEC Method)
0.8
25
20
0.6
15
0.4
10
0.2 60 Hz Resistive or Inductive load 0 0 50 100
o
5
0 150 1 10 100
LEAD TEMPERATURE, C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
IINSTANTANEOUS FORWARD CURRENT, AMPERES
10
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
1000
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
100
TJ=100 C
o
1.0
10
0.1
1
TJ=25 C
o
0.01 0.2 0.4 0.6 0.8
TJ=25 C PULSE WIDTH=300uS 1% DUTY CYCLE 1.0 1.2 1.4 1.6
o
0.1 0 20 40 60 80 100
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.5 - TYPICAL JUNCTION CAPACITANCE
100
JUNCTION CAPACITANCE, pF
TJ = 25 C f = 1.0 MHZ Vsig = 50mVp-p
o
10
1 0.1 1.0 4.0 10 100
REVERSE VOLTAGE, VOLTS
MDS0405001A
Page 2


▲Up To Search▲   

 
Price & Availability of IN4937

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X