Part Number Hot Search : 
STD2805 TIC22 C2562 MBJ4762A B59101Z 95310 41000 AD8691
Product Description
Full Text Search
 

To Download IN4937 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4933G THRU 1N4937G
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER Reverse Voltage - 50 to 600 Volts Forward Current - 1.0 Ampere
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High temperature metallurgically bonded construction Capable of meeting environmental standards of MIL-S-19500 For use in high frequency rectifier circuits Fast switching for high efficiency Glass passivated cavity-free junction 1.0 ampere operation at TA=75 with no thermal runaway Typical IR less than 0.1 A High temperature soldering guaranteed: 350 /10 seconds, 0.375 (9.5mm) lead length, 5 lbs. (2.3Kg) tension.
Mechanical Data
Case: DO-41 molded plastic over glass body Terminals: Plated axial leads, solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 ounce, 0.335 gram
DIM A B C D inches Min. 0.165 0.079 0.028 1.000
DIMENSIONS mm Max. 0.205 0.106 0.034 Min. 4.2 2.0 0.71 25.40 Max. 5.2 2.7 0.86 Note
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified.
Symbols
1N 4933G
1N 4934G
1N 4935G
1N 4936G
1N 4937G
Units
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=75 Peak forward surge current 8.3mS single half sine-wave superimposed on rated load (MIL-STD-750D 4066 method) Maximum instantaneous forward voltage at 1.0A Maximum DC reverse current at rated DC blocking voltage TA=25 TA=125
VRRM VRMS VDC I(AV) IFSM VF IR Trr CJ R
JA
50 35 50
100 70 100
200 140 200 1.0 30.0 1.20 5.0 100.0 200.0 15.0 55.0 -65 to +175
400 280 400
600 420 600
Volts Volts Volts Amp Amps Volts A nS F /W
Maximum reverse recovery time (Note 1) Typical junction capacitance (Note 2) Typical thermal resistance (Note 3) Operating junction and storage temperature range
TJ, TSTG
Notes: (1) Reverse recovery test conditions: IF=1.0A, VR=30 volts (2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts (3) Thermal resistance from junction to ambient at 0.375 (9.5mm) lead length, P.C.B. mounted
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of IN4937

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X