Part Number Hot Search : 
MBR72008 AD679TJ 100NH00G C3508 BAT74 ZTK33A D17010GF 1N6269CL
Product Description
Full Text Search
 

To Download IMX15-25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IMX 15, IMY 15 Series
15 Watt DC-DC Converters
Wide input voltage ranges up to 150 V DC 1 or 2 outputs up to 48 V DC 1500...4000 V DC I/O electric strength test
LGA
* Reinforced isolation for IMY-models * Magnetic feedback * Synchronous rectifier for 2.5, 3.3 and 5 V outputs * Short circuit protection
Selection chart
Output 1 Uo nom Io nom [V DC] [mA] 2.5 4500 2.5 4500 3.3 4500 3.3 4500 3.3 4500 5 3500 5 3500 5 3500 5.1 2300 5.1 2500 5.1 2500 +5.1 1350 +5.1 1500 +5.1 1500 5 1300 5 1400 5 1400 12 650 12 700 12 700 15 500 15 560 15 560 24 320 24 350 24 350 Output 2 Uo nom Io nom [V DC] [mA] +3.3 1350 +3.3 1500 +3.3 1500 5 1300 5 1400 5 1400 12 650 12 700 12 700 15 500 15 560 15 560 24 320 24 350 24 350 Input voltage Ui [V DC] 8.4...36 16.8...75 8.4...36 16.8...75 50...150 8.4...36 16.8...75 50...150 8.4...36 16.8...75 50...150 8.4...36 16.8...75 50...150 8.4...36 16.8...75 50...150 8.4...36 16.8...75 50...150 8.4...36 16.8...75 50...150 8.4...36 16.8...75 50...150 Type Options (for availability consult sales point) -8, i, L, C, Z -8, i, L, C, Z -8, i, L, C, Z -8, i, L, C, Z -8, i, L, C, Z -8, i, L, C, Z -8, i, L, C, Z -8, i, L, C, Z -8, i, L, C, Z -8, i, L, C, Z -8, i, L, C, Z -8, i, L, C, Z -8, i, L, C, Z -8, i, L, C, Z -8, R, K, i, L, C, Z -8, R, K, i, L, C, Z -8, R, i, L, C, Z -8, R, K, i, L, C, Z -8, R, K, i, L, C, Z -8, R, i, L, C, Z -8, R, K, i, L, C, Z -8, R, K, i, L, C, Z -8, R, i, L, C, Z -8, R, i, L, C, Z -8, R, i, L, C, Z -8, R, i, L, C, Z
20 IMX 15-2.5-9RG 40 IMX 15-2.5-9RG 20 IMX 15-03-9RG 40 IMX 15-03-9RG 110 IMY 15-03-9RG 20 IMX 15-05-9RG 40 IMX 15-05-9RG 110 IMY 15-05-9RG 20 IMX 15-05-9R 40 IMX 15-05-9R 110 IMY 15-05-9R 20 IMX 15-0503-9R 40 IMX 15-0503-9R 110 IMY 15-0503-9R 20 IMX 15-05-05-9 40 IMX 15-05-05-9 110 IMY 15-05-05-9 20 IMX 15-12-12-9 40 IMX 15-12-12-9 110 IMY 15-12-12-9 20 IMX 15-15-15-9 40 IMX 15-15-15-9 110 IMY 15-15-15-9 20 IMX 15-24-24-9 40 IMX 15-24-24-9 110 IMY 15-24-24-9
www.power-one.com
1
Board Mountable
Input
Input voltage range 20 IMX 15 40 IMX 15 110 IMY 15
IMX 15, IMY 15 Series
8.4...36 V DC 16.8...75 V DC 50...150 V DC
Output
Output voltage setting accuracy Minimum load Line/load regulation Line regulation Load regulation Output voltage switching noise Efficiency
Ui nom , 50% lo nom 1% Uo nom recommended for double output models 10% lo nom Ui min...Ui max, 50% lo nom, models R (magn. feedback) 0.5% Uo nom Ui min...Ui max, 50% lo nom, models without R 1% Uo nom Ui nom , 10...100% lo nom, models without R, main outp. 3% Uo nom tracking output, models without R 3% Uo nom Ui nom , 0...100% lo nom, peak-peak, total max. 1...2% Uo nom Ui nom , lo nom up to typ 88%
Control and protection
Remote shut down Trim input for Uo Input undervoltage lock-out Overload protection No-load protection Temperature protection TTL-compatible input disabled with 0.7 V 80...105%
Ui min...Ui max, fully protected, hiccup mode Ui min...Ui max
Safety and EMC
Electric strength test voltage Type of insulation Electromagnetic interference I/O (20 and 40 IMX/110 IMY) 1500/4000 V DC I/O (20 and 40 IMX supplementary/110 IMY re-inforced) conducted (with external filter) class B radiated class A
Environmental
Operating ambient temperature Ui nom, lo nom Storage temperature non operational Relative humidity non condensing -40...71C -40...100C 93%
Options
Extended temperature range Magnetic feedback Alternative pinout Inhibit input (reverse logic) SMD version C-pinout Open version -40...85C (derating above 71C), ambient, operating standard for all single output and -0503-models connected outputs, for compatibility TTL-compatible, disabled with 2.4 V or open-circuit with PCB lid connected outputs, no options possible no housing, not lacquered -8 R K i L C Z
www.power-one.com
2
IMX 15, IMY 15 Series
Mechanical data
Tolerances 0.3 mm (0.012") unless otherwise indicated.
15 Watt DC-DC Converters
European Projection
Standard and option K
10.5 (0.41") 45.72 (1.8")
S09011
2.54 (0.1")
11 0.8 (0.03") 1 2 3 4 17 15 12 13
5.08 (0.2")
5 (0.19")
47 (1.85") 50.8 (2") Measuring point of case temperature TC
C pinout (option C)
0.5 (0.02") 11.2 (0.44") 45.72 (1.8") 45.72 (1.8")
S90010
5.08 (0.2")
3 1 2 5
40.65 (1.6")
4
3.4 (0.13")
50.8 (2") Measuring point of case temperature TC
20.3 (0.8")
36.83 (1.45")
Fixing hole for M2 or KA 22 self tapping screws
40.65 (1.6")
www.power-one.com
3
Board Mountable
Open frame version (option Z)
10.5 (0.41") 45.72 (1.8")
IMX 15, IMY 15 Series
S90011
11 12 13
3 x 5.08 (0.2") ? (?")
1 14 2 3 4 15 16 17
5 (0.19")
48.26 (1.9")
SMC version (option L)
11.5 (0.45") 54.57 (2.15")
S90012
11 6 12
5 x 5.08 (0.2")
1 2
13 14 15
3 4 16 17 50.8 (2")
Pin allocation
Pin 1 2 3 4 5 6 11 12 13 15 17 single Vi+ Vi- SD Vo+ Vo- R Standard double Vi+ Vi- Trim SD Vo1+ Vo1- Vo2+ Vo2- n.c./R -0503Vi+ Vi- n.c. SD Vo2+ Go Vo1+ Go R Option K dual Vi+ Vi- SD Vo+ Go Vo- n.c. Option C single dual Vi+ Vi+ Vi- Vi- Vo+ Vo+ Go Vo- Vo- Option L and Z single double Vi+ Vi+ Vi- Vi- n.c. Trim SD SD n.c. n.c. n.c. n.c. Vo1- Vo2- Vo+ Vo1+ Vo- Vo2- R n.c.
6 x 5.08 (0.2")
40.65 (1.6")
5
6 x 5.08 (0.2")
www.power-one.com
4


▲Up To Search▲   

 
Price & Availability of IMX15-25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X