Part Number Hot Search : 
G78SVF 16000 AN7709 BTA20 NTE5454 92001 BLY89C M6585
Product Description
Full Text Search
 

To Download IMS-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IMS-5
Vishay Dale
Inductors
Military, MIL-PRF-15305 Qualified, Type LT and Commercial, Molded, Shielded
FEATURES
* * * * Wide inductance range in small package. Flame retardant coating. Electromagnetic shield-finest shield available. Epoxy molded construction provides superior moisture protection. * Precision performance, excellent reliability, sturdy construction.
ELECTRICAL SPECIFICATIONS INDUCTANCE RANGE AND MILITARY STANDARD
INDUCTANCE CLASSIFICATION MATERIAL RANGE MILITARY FROM TO GRADE CLASS CORE SHIELD STANDARD .10H .82H 1 A Phenolic Powd. Iron MS75087 A 1.0H 12.0H 1 Powd. Iron Powd. Iron MS75088 MS75089* 1 A 15.0H 100,000H Ferrite Ferrite *Not QPL'd.
Inductance Tolerance: 10% standard. 5% available. Insulation Resistance: 1000 Megohm minimum per MIL-STD-202, Method 302, Test Condition B. Dielectric Withstanding Voltage: 1000 VAC per MIL-STD-202, Method 301 (sea level). Percent Coupling: 3% maximum per MIL-PRF-15305. Operating Temperature Range: - 55C to + 105C.
MECHANICAL SPECIFICATIONS ENVIRONMENTAL PERFORMANCE
TEST Barometric Pressure Thermal Shock Flammability Overload Low Temperature Storage Resistance to Soldering Heat Resistance to Solvents CONDITIONS Test Condition C SPECIFICATIONS MIL-STD-202, Method 105
Terminal Strength: 5 pounds pull per MIL-STD-202, Method 211, Test Condition A. Weight: IMS-5 = 0.85 grams maximum.
MATERIAL SPECIFICATIONS
Encapsulant: Epoxy. Standard Terminal: #22 AWG tinned copper.
Test Condition A-1 MIL-STD-202, Method 107 -- -- -- Test Condition A -- MIL-STD-202, Method 111 MIL-PRF-15305 MIL-PRF-15305 MIL-STD-202, Method 210 MIL-STD-202, Method 215
DIMENSIONS in inches [millimeters]
1.44 0.188 [36.57 4.78]
0.025 0.002 [0.635 0.051]
0.410 0.020 [10.41 0.508]
0.162 0.010 [4.11 .254]
STANDARD ELECTRICAL SPECIFICATIONS
IND. (H) 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 MILITARY TOL. STANDARD 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% MS75087 -1 -2 -3 -4 -5 -6 -7 -8 -9 -10 -11 -12 MS75088 -1 -2 MILITARY TYPE LT10K 191 192 193 194 195 196 197 198 199 200 201 202 LT10K 203 204 Q MIN. 50 51 51 50 49 47 46 44 44 43 42 40 44 44 TEST FREQ. L&Q (MHz) 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 25.0 7.9 SELF-RESONANT * DCR @ 25 C FREQ. MIN. MAX. (MHz) (Ohms) 250.0 250.0 250.0 250.0 250.0 250.0 250.0 250.0 235.0 210.0 190.0 180.0 140.0 130.0 0.025 0.034 0.037 0.047 0.067 0.11 0.13 0.18 0.25 0.33 0.45 0.59 0.07 0.10 RATED DC ** INCREMENTAL*** CURRENT CURRENT (mA) (mA) 1790 1530 1470 1300 1100 855 780 670 565 490 420 370 1070 895 -- -- -- -- -- -- -- -- -- -- -- -- -- --
*Measured with full length lead. **Rated DC Current: Based on maximum temperature rise not to exceed 15C at + 90C ambient. ***Incremental Current: The minimum typical current at which the inductance will be decreased by 5% from its initial zero DC value. NOTE: Listing of Military Standard does not imply qualification. Contact factory for latest government QPL information. www.vishay.com 24 For technical questions, contact Magnetics@vishay.com Document Number 34048 Revision 18-Oct-04
IMS-5
Inductors, Military, MIL-PRF-15305 Qualified, Type LT and Commercial, Molded, Shielded
STANDARD ELECTRICAL SPECIFICATIONS
IND. (H) 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0 180.0 220.0 270.0 330.0 390.0 470.0 560.0 680.0 820.0 1000.0 1200.0 1500.0 1800.0 2200.0 2700.0 3300.0 3900.0 4700.0 5600.0 6800.0 8200.0 10000.0 12000.0 15000.0 18000.0 22000.0 27000.0 33000.0 39000.0 47000.0 56000.0 68000.0 82000.0 100000.0 TOL. 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% MILITARY MILITARY Q STANDARD TYPE MIN. -3 -4 -5 -6 -7 -8 -9 -10 -11 -12 -13 -14 MS75089 (Not QPL'd) -1 -2 -3 -4 -5 -6 -7 -8 -9 -10 -11 -12 -13 -14 -15 -16 -17 -18 -19 -20 -21 -22 MS75089 (Not QPL'd) -23 -24 -25 -26 -27 -28 -29 -30 -31 -32 -33 -34 -35 -36 -37 -38 -39 -40 -41 -42 -43 -44 -45 -46 -47 205 206 207 208 209 210 211 212 213 214 215 216 LT10K 217 218 219 220 221 222 223 224 225 226 227 228 229 230 231 232 233 234 235 236 237 238 LT10K 239 240 241 242 243 244 245 246 247 248 249 250 251 252 253 254 255 256 257 258 259 260 261 262 263 44 44 44 44 44 44 44 44 50 50 50 55 45 45 45 45 45 50 50 50 50 50 50 55 55 55 55 55 55 60 60 60 60 60 60 45 45 45 45 45 45 45 45 44 40 40 40 30 30 30 27 27 27 27 23 23 23 21 18 TEST FREQ. SELF-RESONANT * DCR @ 25 C L&Q FREQ. MIN. MAX. (MHz) (MHz) (Ohms) 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.079 0.079 0.079 0.079 0.079 0.079 0.079 0.079 0.079 0.079 0.079 0.079 115.0 105.0 100.0 92.0 85.0 75.0 70.0 65.0 55.0 50.0 46.0 44.0 49.0 45.0 41.0 38.0 34.0 29.0 27.0 25.0 21.0 10.5 10.0 9.7 8.5 8.0 7.5 7.0 6.5 6.2 5.7 4.7 4.5 4.2 3.8 1.5 1.2 1.0 0.97 0.92 0.84 0.80 0.74 0.73 0.66 0.54 0.47 0.33 0.29 0.28 0.25 0.21 0.19 0.17 0.16 0.14 0.13 0.12 0.11 0.12 0.14 0.19 0.28 0.35 0.40 0.55 0.72 1.02 1.32 1.62 2.0 0.80 0.89 0.96 1.19 1.37 1.93 2.11 2.23 2.70 2.44 3.12 3.6 4.1 4.4 5.0 5.8 6.4 7.4 9.5 10.5 11.8 13.0 17.5 22.1 26.5 29.9 33.8 47.3 53.0 73.8 81.6 98.9 111.0 119.0 137.0 143.0 157.0 175.0 274.0 308.0 343.0 376.0 473.0 512.0 580.0 618.0 678.0 RATED DC ** INCREMENTAL*** CURRENT CURRENT (mA) (mA) 815 775 650 535 480 450 380 335 280 250 220 200 315 300 290 260 240 205 195 190 170 180 160 150 140 135 125 115 110 105 92 90 80 80 70 60 55 50 50 40 40 35 31 28 27 26 24 23 22 21 17 16 15 15 13 13 12 11 11 -- -- -- -- -- -- -- -- -- -- -- -- 250.0 235.0 220.0 200.0 190.0 180.0 175.0 160.0 150.0 140.0 120.0 95.0 90.0 85.0 80.0 70.0 65.0 60.0 58.0 55.0 50.0 45.0 40.0 35.0 33.0 30.0 27.0 25.0 22.0 20.0 19.0 17.0 16.0 15.0 14.0 13.0 12.0 10.0 9.0 8.0 7.5 6.0 5.5 5.0 4.0 3.5 3.0
Vishay Dale
*Measured with full length lead. **Rated DC Current: Based on maximum temperature rise not to exceed 15C at + 90C ambient. ***Incremental Current: The minimum typical current at which the inductance will be decreased by 5% from its initial zero DC value. NOTE: Listing of Military Standard does not imply qualification. Contact factory for latest government QPL information.
ORDERING INFORMATION
IMS-5 MODEL 10H INDUCTANCE VALUE
10% INDUCTANCE TOLERANCE
ORDERING INFORMATION - MILITARY PART NUMBER
MS75088 MILITARY STANDARD Document Number 34048 Revision 18-Oct-04 -13 INDUCTANCE VALUE OR LT TYPE 10 GRADE AND CLASS K FAMILY 215 ID NUMBER www.vishay.com 25
For technical questions, contact Magnetics@vishay.com


▲Up To Search▲   

 
Price & Availability of IMS-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X