Part Number Hot Search : 
MS8GE P1002A AD80066 ITS724G 74HCT244 MVME712M MCP18 ZMY68
Product Description
Full Text Search
 

To Download IMO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IMO Series
6 Watt DC-DC Converters
Input voltage range up to 72 V DC 1 or 2 outputs up to 30 V DC 1500 V DC I/O electric strength test voltage * Wide input range * Short circuit protection * Industry standard 2" x 1" foot print
Selection chart
Output 1 Uo nom Io nom [V DC] [mA] 3.3 1500 3.3 1500 5 1000 5 1000 12 500 12 500 15 400 15 400 +5 500 +5 500 +12 250 +12 250 +15 200 +15 200 Output 2 Uo nom Io nom [V DC] [mA] -5 500 -5 500 -12 250 -12 250 -15 200 -15 200 Input voltage Ui [V DC] 10...36 18...72 10...36 18...72 10...36 18...72 10...36 18...72 10...36 18...72 10...36 18...72 10...36 18...72 Rated power TA = 71C Po tot [W] 5 5 5 5 6 6 6 6 5 5 6 6 6 6 Type Option
24 IMO 6-03-2 48 IMO 6-03-2 24 IMO 6-05-2 48 IMO 6-05-2 24 IMO 6-12-2 48 IMO 6-12-2 24 IMO 6-15-2 48 IMO 6-15-2 24 IMO 6-0505-2 48 IMO 6-0505-2 24 IMO 6-1212-2 48 IMO 6-1212-2 24 IMO 6-1515-2 48 IMO 6-1515-2
-7 -7 -7 -7 -7 -7 -7 -7 -7 -7 -7 -7 -7 -7
Input
Input voltage Reverse voltage protection continuous range, 24 V continuous range, 48 V shunt diode 10...36 V DC 18...72 V DC
Output
Output voltage setting accuracy Minimum load Line regulation Load regulation Ripple and noise Efficiency
Ui nom , lo nom not required Ui min...Ui max, lo nom Ui nom , 0...100% lo nom , single output models dual output models Ui nom , 0...100% lo nom, peak-peak, total Ui nom , lo nom
2% Uo nom 1% Uo nom 2% Uo nom max. 5% Uo nom max. 3% Uo nom up to 80%
Control and protection
Overload protection No-load protection
Ui min, full load
150% Pi nom
www.power-one.com
1
Board Mountable
Safety and EMC
Electric strength test voltage Electromagnetic interference I/O conducted conducted with external filter
IMO Series
1500 V DC class A class B
Environmental
Operating ambient temperature Storage temperature Relative humidity MTBF
Ui nom , lo nom non operational non condensing MIL-HDBK-217F, N2
-10...50C -40...100C 95% >3'000'000 h
Options
Extended temperature range -25...71C, ambient, operating -7
Accessories
DIN and chassis mounting bracket
Mechanical data
Tolerances 0.3 mm (0.012") unless otherwise indicated.
5 (0.2") 50.8 (2")
S09112
European Projection
1 2
4
fl 1 (0.04")
5 12 (0.47") 20.32 (0.8")
Pin allocation
Pin 1 2 3 4 5 Single output Vi+ Vi- Vo+ no pin Vo- Dual output Vi+ Vi- Vo+ COM Vo-
2 x 10.16 (0.4")
5.08 (0.2")
3
25.4 (1")
www.power-one.com
2


▲Up To Search▲   

 
Price & Availability of IMO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X