|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IMD10A Transistors Power management (dual digital transistors) IMD10A Features 1) Two digital transistors in a SMT package. 2) Up to 500mA can be driver. 3) Low VCE (sat) of driver transistors for low power dissipation. Circuit diagram (4) (5) R2 R1 DTr1 DTr2 R1 (3) (2) (1) R1=10k R2=100 Absolute maximum ratings (Ta=25C) DTr1 Parameter Supply voltage Input voltage Collector current Symbol VCC VIN IC Limits -50 -5 to +5 -500 Unit V V mA (6) DTr2 Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Symbol VCBO VCEO VEBO IC Limits 50 50 5 100 Unit V V V mA Package, marking, and packaging specifications Part No. Package Marking Code Basic ordering unit (pieces) IMD10A SMT6 D10 T108 3000 Total Parameter Power dissipation Junction temperature Storage temperature Symbol Pd Tj Tstg Limits 300(TOTAL) 150 -55 to +150 Unit mW C C 200mW per element must not be exceeded. Electrical characteristics (Ta=25C) DTr1 Parameter Input voltage Output voltage Input current Output current DC current gain Transition frequency Input resistance Resistance ratio Symbol VI(off) VI(on) VO(on) II IO(off) GI fT R1 R2 / R1 Min. Typ. Max. Unit V V mA A VCC= Conditions - -1.5 - - - 68 - - - -0.1 - - - 200 100 100 -0.3 - -0.3 -25 -0.5 - - 130 120 - - 70 80 MHz Transition frequency of the device. DTr2 Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current transfer ratio Transition frequency Input resistance Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE fT R1 Min. 50 50 5 Typ. Max. -5V , IO= -100A VO= -0.3V , IO= -100mA IO= -100mA , II= -5mA VI= -2V VCC= -50V , VI=0V IO= -100mA , VO= -5V VCE= -10V , IE=50mA , f=100MHz - - Unit V V V A A V MHz k IC=50A IC=1mA IE=50A VCB=50V VEB=4V Conditions - - - 100 - - - - - - 250 250 10 0.5 0.5 0.3 600 13 - - - IC=10mA , IB=1mA VCE=5V , IC=1mA VCE=10V , IE= - 7 - - Transition frequency of the device. -5mA , f=100MHz - Rev.A 1/2 IMD10A Transistors Electrical characteristic curves 1k 500 Ta=100C 25C -40C VO = -5V -1 -500m IO/II=20/1 INPUT VOLTAGE : VI(on) (V) -100 -50 VO = -0.3V OUTPUT VOLTAGE : VO(on) (V) DC CURRENT GAIN : GI 200 100 50 20 10 5 2 -200m -100m -50m -20m -10m -5m -2m Ta=100C 25C -40C -20 -10 -5 -2 -1 -500m -200m Ta= -40C 25C 100C 1 -500 -1m -2m -5m -10m -20m -50m -100m-200m -500m -1m -500 -1m -2m -5m -10m -20m -50m -100m -200m -500m -100m -500 -1m -2m -5m -10m -20m -50m -100m -200m -500m OUTPUT CURRENT : IO (A) OUTPUT CURRENT : IO (A) OUTPUT CURRENT : IO (A) Fig.1 DC current gain vs. Output current characteristics Fig.2 Output voltage vs. Output current characteristics Fig.3 Input voltage vs. Output current (ON characteristics) -10m -5m OUTPUT CURRENT : Io (A) VCC=-5V 1k 500 DC CURRENT GAIN : hFE COLLECTOR SATURATION VOLTAGE : VCE (sat) (V) VCE=5V 1 500m 200m 100m 50m 20m 10m 5m 2m 1m 100 200 500 1m 2m 5m 10m 20m Ta=100C 25C -40C lC/lB=10 -2m -1m -500 -200 -100 -50 -20 -10 -5 -2 -1 0 200 100 50 20 10 5 2 Ta=100C 25C -40C Ta=100C 25C -40C -1 -2 -3 1 100 200 500 1m 2m 5m 10m 20m 50m 100m 50m 100m INPUT VOLTAGE : VI(off) (V) COLLECTOR CURRENT : IC (A) COLLECTOR CURRENT : IC (A) Fig.4 Output current vs. Input voltage (OFF characteristics) Fig.5 DC current gain vs. Collector current Fig.6 Collector-emitter saturation voltage vs. Collector current Rev.A 2/2 Appendix Notes No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design. The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction. Appendix1-Rev1.1 |
Price & Availability of IMD10A |