Part Number Hot Search : 
KRC285M MU1000 0N08S S4521 PM39F040 RU206G CSN042A SP13TR
Product Description
Full Text Search
 

To Download IL6965N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
IL6965
Telephone Speech Network with Dialer Interface
The IL6965 is a bipolar integrated circuit for use in electronic telephones. The IL6965 has low operating voltage, it provides an excellent branch performance. It has line voltage increasing circuit by the external terminal. Transmitting and receiving gains automatically vary according to the line current.
ORDERING INFORMATION IL6965N Plastic DIP IL6965D Plastic SOIC TA = -30 to 70 C
FEATURES
* Externally adjustable transmitting, receiving and sidetone gains. * Switching between transmitting output and DTMF output is possible. * Direct interface with light and compact ceramic transmitter-receiver is possible. * Receiver follow impedance type can also be used. * Gain is automatically controlled according to the line current. (Auto-PAD function) * The line voltage can be increased by the external terminal (Up function). * PKG is 20pin DIP & SOP
PIN ASSIGNMENT
1
IL6965
BLOCK DIAGRAM
2
IL6965
3
IL6965
4
IL6965
5
IL6965
6
IL6965
7
IL6965
8
IL6965
9
IL6965
10
IL6965
11
IL6965
12
IL6965
13
IL6965
14
IL6965
15
IL6965
IL6965
16
IL6965
17
IL6965
18
IL6965
19
IL6965
20
IL6965
21
IL6965
22
IL6965
23
IL6965
N SUFFIX PLASTIC DIP (MS - 001AD)
A
Dimension, mm
20 11 B 1 10
Symbol A B C
MIN 24.89 6.10
MAX 26.92 7.11 5.33
F
L
D F
0.36 1.14 2.54 7.62 0 2.92 7.62 0.20 0.38
0.56 1.78
C -T- SEATING
PLANE
G H
H J
N G D 0.25 (0.010) M T K M
J K L M N
10 3.81 8.26 0.36
NOTES:
1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 013AC)
A 20 11
Dimension, mm Symbol MIN 12.60 7.40 2.35 0.33 0.40 1.27 9.53 0 0.10 0.23 10.00 0.25 8 0.30 0.32 10.65 0.75 MAX 13.00 7.60 2.65 0.51 1.27
H
B
P
A B
1
G
10 C R x 45
C D F
-TD 0.25 (0.010) M T C M K
SEATING PLANE
J
F
M
G H J K M P R
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
24


▲Up To Search▲   

 
Price & Availability of IL6965N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X