Part Number Hot Search : 
74004 M32186 BYX90G SILICON 2SD24 1SMA5935 190MS8E ISL97692
Product Description
Full Text Search
 

To Download IL33269-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IL33269 LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
The IL33269 series are low dropout, medium current, fixed and adjustable, positive voltage regulators specifically designed for use in low input voltage applications. These devices offer the circuit designer an economical solution for precision voltage regulation, while keeping power losses to a minimum. The regulator consists of a 1.0V dropout composite PNP-NPN pass transistor, current limiting, and thermal shutdown.
TO-220 AB
Pin 1. Gnd/ Adj 2. Vin 3. Vout
(H eatsink surface connected to Pin 2.)
FEATURES
* 3.3 V, 5.0 V, 12V and Adjustable Versions * 1.0 V Dropout * Output Current in Excess of 800 mA * Thermal Protection * Short Circuit Protection * Output Trimmed to 1.0% Tolerance * No Minimum Load Requirement for Fixed Voltage Output Devices
Device type/nominal output voltage
IL33269-3.3 IL33269-5 IL33269-12 3.3 V 5V 12 V
MAXIMUM RATINGS
Rating Power Supply input Voltage Power Dissipation and Thermal Characteristics TA = +25 C Thermal Resistance, Junction to Air Thermal Resistance, Junction to Case Operating Junction Temperature Range Storage Temperature Symbol Vin PD JA JC TJ Tstg -40 to +150 -55 to +150 Value 20 Unit V W C/W o C/W C C
o
1
IL33269
ELECTRICAL CHARACTERISTICS (CO= 10 nF,TA=25C, for min/max values TJ=-40oC to+125oC, unless otherwise noted.)
Characteristic Output Voltage (Iout - 10 mA, TJ = 25C) 3.3 Suffix (Vcc=5.3V) 5.0 Suffix (Vcc=7V) 12 Suffix (Vcc=14V) Output Voltage (Line, Load and Temperature) (1.25 V Vjn - Vout 15 V, Iout = 500 mA) (1.35 V Vin -Vout 10 V, Iout = 800 mA) 3.3 Suffix 5.0 Suffix 12 Suffix Reference Voltage (Iout = 10 mA, Vjn-Vout = 2.0 V, TJ = 25C) Adjustable Reference Voltage (Line, Load and Temperature) (Note 1) (1.25 VVin- Vout 15 V, Iout - 500 mA) (1.35 V Vin -Vout10 V, Iout - 600 mA) Adjustable Line Regulation (Iout = 10 mA, Vin = [Vout+1.5 V] to Vin=20 V, TJ= 25oC) Load Regulation (Vin=Vout+3.0V, Iout=10mA to 800 mA, TJ = 25oC) Dropout Voltage (Iout = 500 mA) (Iout = 800 mA) Ripple Rejection (10 Vpp, 120 Hz Sinewave; Iout = 500 mA) Current Limit (Vin - Vout = 10 V) Quiescent Current (Fixed Output) Minimum Required Load Current Fixed Output Adjustable Adjustment Pin Current Symbol VQ Min 3.27 4.95 11.86 Vo 3.23 4.9 11.76 1.235 1.225 3.3 5.0 12 1.25 1.25 3.37 5.1 12.24 1.265 1.275 Typ 3.3 5.0 12 Max 3.33 5.05 12.12 V Unit V
Vrei Vrel
V V
Regline Begload Vin-Vout RR ILimit IQ ILoad IAdj
55 600 8.0 -
1.0 1.1 5.5 -
0.3 0.5 1.25 1.35 8.0 0 120
% % V dB mA mA mA nA
2


▲Up To Search▲   

 
Price & Availability of IL33269-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X