Part Number Hot Search : 
MC33178P 0BA02 2SK1586 82000 AD85531 19N20C HER104 ON2493
Product Description
Full Text Search
 

To Download IF4511 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 01/99
B-39
IF4511
N-Channel Silicon Junction Field-Effect Transistor
Audio Amplifier
Absolute maximum ratings at TA = 25C
Reverse Gate Source & Reverse Gate Drain Voltage Continuous Forward Gate Current Continuous Device Power Dissipation Power Derating Storage Temperature Range
- 20 V 10 mA 300 mW 1.8 mW/C - 65C to 200C
At 25C free air temperature: Static Electrical Characteristics
IF4511 Min Max Unit
Process NJ450H Test Conditions
Gate Source Breakdown Voltage Gate Reverse Current Gate Source Cutoff Voltage Drain Saturation Current (Pulsed)
Dynamic Electrical Characteristics
V(BR)GSS IGSS VGS(OFF) IDSS
- 20 - 0.35 5 - 0.1 - 1.5
V nA V mA
IG = - 1 A, VDS = OV VGS = - 30V, VDS = OV VDS = 15V, ID = 0.5 nA VDS = 15V, VGS = OV
Common Source Forward Transconductance Common Source Input Capacitance Common Source Reverse Transfer Capacitance
gfs Ciss Crss
15 35 8
Typ
mS pF pF
VDS = 15V, ID = 5 mA VDS = 15V, VGS = OV VDS = 15V, VGS = OV
f = 1 kHz f = 1 MHz f = 1 MHz
Equivalent Short Circuit Input Noise Voltage
eN
1.5
nV/Hz
VDG = 12V, VGS = OV
f = 1 kHz
TO72 Package
Dimensions in Inches (mm)
Pin Configuration
1 Source, 2 Drain, 3 Gate, 4 Case
www.interfet.com
1000 N. Shiloh Road, Garland, TX 75042 (972) 487-1287 FAX (972) 276-3375


▲Up To Search▲   

 
Price & Availability of IF4511

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X