|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IDTQS3VH125 2.5V / 3.3V QUAD ACTIVE LOW, HIGH BANDWIDTH SWITCH INDUSTRIAL TEMPERATURE RANGE QUICKSWITCH(R) PRODUCTS 2.5V / 3.3V QUAD ACTIVE LOW, HIGH BANDWIDTH BUS SWITCH IDTQS3VH125 * N channel FET switches with no parasitic diode to VCC - Isolation under power-off conditions - No DC path to VCC or GND - 5V tolerant in OFF and ON state * 5V tolerant I/Os * Low RON - 4 typical * Flat RON characteristics over operating range * Rail-to-rail switching 0 - 5V * Bidirectional dataflow with near-zero delay: no added ground bounce * Excellent RON matching between channels * VCC operation: 2.3V to 3.6V * High bandwidth - up to 500MHz * LVTTL-compatible control Inputs * Undershoot Clamp Diodes on all switch and control Inputs * Low I/O capacitance, 4pF typical * Available in QSOP, TSSOP, and SOIC packages FEATURES: DESCRIPTION: The QS3VH125 is a high bandwidth, Quad bus switch. The QS3VH125 has very low ON resistance, resulting in under 250ps propagation delay through the switch. The switches can be turned ON under the control of individual LVTTL-compatible active low Output Enable signals for bidirectional data flow with no added delay or ground bounce. In the ON state, the switches can pass signals up to 5V. In the OFF state, the switches offer very high impedence at the terminals. The combination of near-zero propagation delay, high OFF impedance, and over-voltage tolerance makes the QS3VH125 ideal for high performance communications applications. The QS3VH125 is characterized for operation from -40C to +85C. APPLICATIONS: * * * * * Hot-swapping 10/100 Base-T, Ethernet LAN switch Low distortion analog switch Replaces mechanical relay ATM 25/155 switching FUNCTIONAL BLOCK DIAGRAM 1A 2A 3A 4A 1O E 2O E 3O E 4O E 1Y 2Y 3Y 4Y The IDT logo is a registered trademark of Integrated Device Technology, Inc. INDUSTRIAL TEMPERATURE RANGE 1 c 2003 Integrated Device Technology, Inc. MARCH 2003 DSC-5597/7 IDTQS3VH125 2.5V / 3.3V QUAD ACTIVE LOW, HIGH BANDWIDTH SWITCH INDUSTRIAL TEMPERATURE RANGE PIN CONFIGURATION ABSOLUTE MAXIMUM RATINGS(1) Symbol VTERM(2) VTERM(3) Description Max SupplyVoltage to Ground DC Switch Voltage VS DC Input Voltage VIN AC Input Voltage (pulse width 20ns) DC Output Current (max. sink current/pin) Storage Temperature -0.5 to +4.6 -0.5 to +5.5 -0.5 to +5.5 -3 120 -65 to +150 Unit V V V V mA C NC 1OE 1A 1Y 2OE 2A 2Y GND 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VCC 4OE 4A 4Y 3OE 3A 3Y NC VTERM(3) VAC IOUT TSTG NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VCC terminals. 3. All terminals except VCC . QSOP TOP VIEW CAPACITANCE (TA = +25C, F = 1MHz, VIN = 0V, VOUT = 0V) Symbol CIN CI/O CI/O Parameter(1) Control Inputs Quickswitch Channels (Switch OFF) Quickswitch Channels (Switch ON) Typ. 3 4 8 Max. 5 6 12 Unit pF pF pF NOTE: 1. This parameter is guaranteed but not production tested. 1OE 1A 1Y 2OE 2A 2Y GND 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VCC 4OE 4A 4Y 3OE 3A 3Y PIN DESCRIPTION Pin Names 1A - 4A 1Y - 4Y 1OE - 4OE I/O I/O I/O I Bus A Bus Y Output Enable Description FUNCTION TABLE(1) SOIC/ TSSOP TOP VIEW OE L L H A H L X Y H L X Function Connect Connect Disconnect NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care 2 IDTQS3VH125 2.5V / 3.3V QUAD ACTIVE LOW, HIGH BANDWIDTH SWITCH INDUSTRIAL TEMPERATURE RANGE DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 3.3V 0.3V Symbol VIH VIL IIN IOZ IOFF RON Parameter Input HIGH Voltage Input LOW Voltage Input Leakage Current (Control Inputs) Off-State Current (Hi-Z) Data Input/Output Power Off Leakage Switch ON Resistance for Control Inputs Guaranteed Logic LOW for Control Inputs 0V VIN VCC 0V VOUT 5V, Switches OFF VIN or VOUT 0V to 5V, VCC = 0V VCC = 2.3V Typical at VCC = 2.5V VCC = 3V NOTE: 1. Typical values are at VCC = 3.3V and TA = 25C. Test Conditions Guaranteed Logic HIGH VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V Min. 1.7 2 -- -- -- -- -- Typ.(1) Max. -- -- -- -- -- -- -- 6 7 4 5 -- -- 0.7 0.8 1 1 1 8 9 6 8 Unit V V A A A VIN = 0V VIN = 1.7V VIN = 0V VIN = 2.4V ION = 30mA ION = 15mA ION = 30mA ION = 15mA -- -- -- -- TYPICAL ON RESISTANCE vs VIN AT VCC = 3.3V 16 14 RON 12 (ohms) 10 8 6 4 2 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 VIN (Volts) 3 IDTQS3VH125 2.5V / 3.3V QUAD ACTIVE LOW, HIGH BANDWIDTH SWITCH INDUSTRIAL TEMPERATURE RANGE POWER SUPPLY CHARACTERISTICS Symbol ICCQ ICC ICCD Parameter Quiescent Power Supply Current Power Supply Current (2,3) per Input HIGH Dynamic Power Supply Current (4) Test Conditions(1) VCC = Max., VIN = GND or VCC, f = 0 VCC = Max., VIN = 3V, f = 0 per Control Input VCC = 3.3V, A and Y Pins Open, Control Inputs Toggling @ 50% Duty Cycle Min. -- -- Typ. 1 -- Max. 3 30 Unit mA A See Typical ICCD vs Enable Frequency graph below NOTES: 1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics. 2. Per input driven at the specified level. A and Y pins do not contribute to Icc. 3. This parameter is guaranteed but not tested. 4. This parameter represents the current required to switch internal capacitance at the specified frequency. The A and Y inputs do not contribute to the Dynamic Power Supply Current. This parameter is guaranteed but not production tested. TYPICAL ICCD vs ENABLE FREQUENCY CURVE AT VCC = 3.3V 6 4 ICCD (mA) 2 0 0 2 4 6 8 10 12 14 16 18 20 ENABLE FREQUENCY (MHz) 4 IDTQS3VH125 2.5V / 3.3V QUAD ACTIVE LOW, HIGH BANDWIDTH SWITCH INDUSTRIAL TEMPERATURE RANGE SWITCHING CHARACTERISTICS OVER OPERATING RANGE TA = -40C to +85C VCC = 2.5 0.2V (1) Symbol tPLH tPHL tPZL tPZH tPLZ tPHZ fxOE Parameter Data Propagation Delay(2,3) A to Y Switch Turn-On Delay xOE to xA/xY Switch Turn-Off Delay xOE to xA/xY Operating Frequency -Enable(2,5) Min. (4) VCC = 3.3 0.3V (1) Min. (4) 1.5 1.5 Max. 0.2 6.5 7 20 Unit ns ns ns MHz Max. 0.2 8 7 10 1.5 1.5 NOTES: 1. See Test Conditions under TEST CIRCUITS AND WAVEFORMS. 2. This parameter is guaranteed but not production tested. 3. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone is of the order of 0.2ns at CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side. 4. Minimums are guaranteed but not production tested. 5. Maximum toggle frequency for xOE control input (pass voltage > VCC, VIN = 5V, RLOAD 1M, no CLOAD). 5 IDTQS3VH125 2.5V / 3.3V QUAD ACTIVE LOW, HIGH BANDWIDTH SWITCH INDUSTRIAL TEMPERATURE RANGE SOME APPLICATIONS FOR HOTSWITCH PRODUCTS 0 to +5V NFET 0 to +5V Vcc = 3.3V CHARGE PUMP +6.5V OE DRIVER SINGLE HOT SWITCH Rail-to-Rail Switching PHY 4.5VPP 3VH SWITCH LOGIC SIDE 4.5VPP Z = 100 10Mbps to 100Mbps >100m TWISTED PAIR Z = 100 LOGIC SIDE 2VPP Fast Ethernet Data Switching (LAN Switch) PLUGGABLE CARD/ LIVE SYSTEM CONNECTOR ZERO DOWN TIME SYSTEM QS3VHXXX CARD I/O ON CARD LOGIC CPU CONNECTOR QS3VHXXX CARD I/O ON CARD LOGIC RAM BUS Hot-Swapping 6 IDTQS3VH125 2.5V / 3.3V QUAD ACTIVE LOW, HIGH BANDWIDTH SWITCH INDUSTRIAL TEMPERATURE RANGE TEST CIRCUITS AND WAVEFORMS TEST CONDITIONS Symbol VLOAD VIH VT VLZ VHZ CL VCC(1)= 3.3V 0.3V 6 3 1.5 300 300 50 VCC(2)= 2.5V 0.2V 2 x Vcc Vcc VCC/2 150 150 30 Unit V V V mV mV pF O PPOSITE PHASE INPUT TRANSITION SAM E PHASE INPUT TRANSITION tPLH OUTPUT tPLH tPHL tPHL VIH VT 0V VOH VT VOL VIH VT 0V Propagation Delay VLOAD ENABLE Open 500 Pulse Generator (1, 2) VCC DISABLE G ND CONTRO L INPUT tPZL OUTPUT SW ITCH NORMALLY CLO SED LOW tPZH OUTPUT SW ITCH NORMALLY OPEN HIGH VLOAD/2 VT tPHZ VT 0V tPLZ VIH VT 0V VLOAD/2 VOL VOL VOH VOH 0V + VIN D.U.T. VOUT VLZ RT 500 CL -V H Z Test Circuits for All Outputs NOTE: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. NOTES: 1. Pulse Generator for All Pulses: Rate 10MHz; tF 2.5ns; tR 2.5ns. 2. Pulse Generator for All Pulses: Rate 10MHz; tF 2ns; tR 2ns. Enable and Disable Times SWITCH POSITION Test tPLZ/tPZL tPHZ/tPZH tPD Switch VLOAD GND Open 7 IDTQS3VH125 2.5V / 3.3V QUAD ACTIVE LOW, HIGH BANDWIDTH SWITCH INDUSTRIAL TEMPERATURE RANGE ORDERING INFORMATION IDTQS XXXXX Device Type XX Package S1 S1G Q QG PA 3VH125 Small Outline IC SOIC - Green Quarter Size Outline Package QSOP - Green Thin Shrink Small Outline Package 2.5V / 3.3V Quad Active Low, High Bandwidth Switch DATA SHEET DOCUMENT HISTORY 8/6/2002 3/3/2003 Updated according to PCN Logic-0206-11 Changed Icc limits CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054 for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com 8 for Tech Support: logichelp@idt.com (408) 654-6459 |
Price & Availability of IDTQS3VH125S1G |