Part Number Hot Search : 
1502B MB8264A 6747L LND081B PE45128 LM358AST 1N5285 CTQ080
Product Description
Full Text Search
 

To Download IDTQS3R862SQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDTQS3R862 HIGH-SPEED CMOS 10-BIT LOW RESISTANCE BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
QUICKSWITCH(R) PRODUCTS HIGH-SPEED CMOS 10-BIT LOW RESISTANCE BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
* * * * * * *
IDTQS3R862
FEATURES:
Enhanced N channel FET with no inherent diode to Vcc 2.5 bidirectional switches connect inputs to outputs Zero propagation delay, zero ground bounce Undershoot clamp diodes on all switch and control inputs Active high and low enable controls Bidirectional signal flow Available in SOIC and QSOP packages
APPLICATIONS:
* Hot-swapping, hot-docking (low resistance for PCI and Compact PCI applications) * Voltage translation (5V to 3.3V) * Power Conservation * Capacitance reduction and isloation * Applications requiring low RON resistance and active high enabling * Bus Isolation * Clock Gating
The QS3R862 provides a set of ten high-speed CMOS TTL-compatible bus switches. The very low ON resistance (2.5) of the QS3R862 allows inputs to be connected to outputs without adding propagation delay and without generating additional ground bounce noise. The switches are controlled by active Low Enable (BE) and active High Enable (BE) controls. The QS3R862 with 2.5 RON resistance is ideal for switching digital buses as well as for hot-plugging, hot-swapping, and hot-docking applications. The low RON resistance of the QS3R862 makes it ideal for PCI, Compact PCI, and VME hot-plugging applications. The QS3R862 is characterized for operation at -40C to +85C.
DESCRIPTION:
FUNCTIONAL BLOCK DIAGRAM
A0
B0
A9
B9
BE BE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
c 1999 Integrated Device Technology, Inc.
NOVEMBER 1999
DSC-5541/1
IDTQS3R862 HIGH-SPEED CMOS 10-BIT LOW RESISTANCE BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
BE A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 GND 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 Vcc BE B0 B1 B2 B3 B4 B5 B6 B7 B8 B9
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VTERM(2) VTERM(3) VTERM(3) VAC IOUT PMAX TSTG Description Supply Voltage to Ground DC Switch Voltage VS DC Input Voltage VIN AC Input Voltage (pulse width 20ns) DC Output Current Maximum Power Dissipation Storage Temperature Max -0.5 to +7 -0.5 to +7 -0.5 to +7 -3 120 0.5 -65 to +150 Unit V V V V mA W C
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VCC terminals. 3. All terminals except VCC .
CAPACITANCE (TA = +25C, f = 1MHz, VIN = 0V, VOUT = 0V)
Pins Control Inputs Quickswitch Channels (Switch OFF) Typ. 3 5 Max. (1) 4 6 Unit pF pF
SOIC/ QSOP TOP VIEW
NOTE: 1. This parameter is guaranteed but not production tested.
PIN DESCRIPTION
Pin Names A0 - A9 B0 - B9 BE BE I/O I/O I/O I I Bus A Bus B Active LOW Bus Enable Active HIGH Bus Enable Description
FUNCTION TABLE(1)
BE L L H H BE L H L H A0 - A9 Z Z B0 - B9 Z Function Disconnect Disconnect Connect Disconnect
NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level Z = High-Impedance
2
IDTQS3R862 HIGH-SPEED CMOS 10-BIT LOW RESISTANCE BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5V 10%
Symbol VIH VIL IIN IOZ RON VP Parameter Input HIGH Voltage Input LOW Voltage Input Leakage Current (Control Inputs) Off-State Current (Hi-Z) Switch ON Resistance(2) Pass Voltage(3) Test Conditions Guaranteed Logic HIGH for Control Pins Guaranteed Logic LOW for Control Pins 0V VIN VCC 0V VOUT VCC, Switches OFF VCC = Min., VIN = 0V, ION = 30mA VCC = Min., VIN = 2.4V, ION = 15mA VIN = VCC = 5V, IOUT = -5A Min. 2 -- -- -- -- -- 3.7 Typ.(1) Max. -- -- 0.01 0.01 2.5 4 4 -- 0.8 1 1 5 8.5 4.3 V Unit V V A A
NOTES: 1. Typical values are at VCC = 5V and TA = 25C. 2. Max value of RON is guaranteed but not production tested. 3. Pass voltage is guaranteed but not production tested.
TYPICAL ON RESISTANCE vs VIN AT VCC = 5V
16 14
RON
(ohms)
12 10 8 6 4 2 0 0.0 0.5 1.0 1.5
VIN
(Volts)
2.0
2.5
3.0
3.5
3
IDTQS3R862 HIGH-SPEED CMOS 10-BIT LOW RESISTANCE BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICCQ ICC ICCD Parameter Quiescent Power Supply Current Power Supply Current per Input HIGH(3) Dynamic Power Supply Current per MHz(4) Test Conditions(1) VCC = Max., VIN = GND or VCC, f = 0 VCC = Max., VIN = 3.4V, f = 0 VCC = Max., A and B Pins Open, BE or BE Input Toggling @ 50% Duty Cycle
NOTES: 1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics. 2. Typical values are at VCC = 5V and TA = 25C. 3. Per TTL-driven input (VIN = 3.4V, control inputs only). A and B pins do not contribute to Icc. 3. This current applies to the control inputs only and represents the current required to switch internal capacitance at the specified frequency. The A and B inputs generate no significant AC or DC currents as they transition. This parameter is guaranteed but not production tested.
Typ.(2) 0.2
Max. 3 2.5 0.25
Unit A mA mA/MHz
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
TA = -40C to +85C, VCC = 5V 10% CLOAD = 50pF, RLOAD = 500 unless otherwise noted.
Symbol tPLH tPHL tPZL tPZH tPLZ tPHZ Parameter Data Propagation Delay(2) A to B, B to A Switch Turn-On Delay BE or BE to A or B Switch Turn-Off Delay(2) BE or BE to A or B 1.5 1.5 5.6 4.5 ns ns Min. (1) Typ. Max. 0.12(3) Unit ns
NOTES: 1. Minimums are guaranteed but not production tested. 2. This parameter is guaranteed but not production tested. 3. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone is of the order of 0.12ns at CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
4
IDTQS3R862 HIGH-SPEED CMOS 10-BIT LOW RESISTANCE BUS SWITCH
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDTQS XXXXX Device Type XX Package X Process
Blank
Industrial (-40C to +85C)
SO Q
Small Outline IC Quarter Size Outline Package
3R862
High Speed CMOS 10-Bit Low Resistance Bus Switch with Active High and Low Enables
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
5


▲Up To Search▲   

 
Price & Availability of IDTQS3R862SQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X