Part Number Hot Search : 
SPA560 MMBT390 EL6040 ADFC13 VS9MAUH MAX3580 21100 B3200
Product Description
Full Text Search
 

To Download IDT74CBTLV3383Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74CBTLV3383 LOW-VOLTAGE 10-BIT BUS-EXCHANGE SWITCH
INDUSTRIAL TEMPERATURE RANGE
LOW-VOLTAGE 10-BIT BUS-EXCHANGE SWITCH
IDT74CBTLV3383
FEATURES:
* * * * * *
5 A/B bi-directional bus switch Isolation under power-off conditions Over-voltage tolerant Latch-up performance exceeds 100mA VCC = 2.3V - 3.6V, Normal Range ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) * Available in SSOP, QSOP and TSSOP packages
DESCRIPTION:
The CBTLV3383 provides ten bits of high-speed bus switching or exchanging with low on-switch resistance of the switch allowing connections to be made with minimal propagation delay. The device operates as a 10-bit bus switch or a 5-bit bus exchanger, which provides swapping of the A and B pairs of signals. The bus-exchange function is selected when BX is high and BE is low.
APPLICATIONS:
* 3.3V High Speed Bus Switching and Bus Isolation * Crossbar Switching
FUNCTIONAL BLOCK DIAGRAM
2
SIMPLIFIED SCHEMATIC, EACH SWITCH
1A1
3
SW
1B1
SW
SW
1A2
4
5 SW
1B2
A
B
5A 1
21
SW
20
5B 1
SW
SW
CONTROL CIRCUITRY
23
5A2
22
SW
5B2
BE BX
1 13
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
AUGUST 2002
DSC-5738/5
(c) 2002 Integrated Device Technology, Inc.
IDT74CBTLV3383 LOW-VOLTAGE 10-BIT BUS-EXCHANGE SWITCH
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
BE
1B 1 1A 1 1A 2 1B 2 2B 1 2A 1 2A 2 2B 2 3B 1 3A 1
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VCC Description SupplyVoltage Range Input Voltage Range Continuous Channel Current IIK TSTG Input Clamp Current, VI/O < 0 Storage Temperature Max -0.5 to +4.6 -0.5 to +4.6 128 -50 -65 to +150 Unit V V mA mA C
1 2 3 4 5 6 7 8 9 10 11 12
24 23 22 21 20 19 18 17 16 15 14 13
VCC
5B 2 5A 2 5A 1 5B 1 4B 2 4A 2 4A 1 4B 1 3B 2 3A 2
VI
NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
FUNCTION TABLE(1)
Input BE L L H
NOTE: 1. H = HIGH Voltage Level X = Don't Care L = LOW Voltage Level Z = High Impedance
Inputs/Outputs BX L H X
1A1 - 5A1 1B1 - 5B1 1B2 - 5B2 1A2 - 5A2 1B2 - 5B2 1B1 - 5B1
GND
BX
Z
Z
SSOP/ QSOP/ TSSOP TOP VIEW
OPERATING CHARACTERISTICS, TA = 25C(1)
Symbol VCC VIH VIL TA Parameter Supply Voltage High-Level Control Input Voltage Low-Level Control Input Voltage Operating Free-Air Temperature VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V
NOTE: 1. All unused control inputs of the device must be held at VCC or GND to ensure proper device operation.
Test Conditions
Min. 2.3 1.7 2 -- -- -40
Max. 3.6 -- -- 0.7 0.8 85
Unit V V V C
2
IDT74CBTLV3383 LOW-VOLTAGE 10-BIT BUS-EXCHANGE SWITCH
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Operating Conditions: TA = -40C to +85C
Symbol VIK II IOZ IOFF ICC ICC(2) CI CIO(OFF) VCC = 2.3V Typ. at VCC = 2.5V RON(3) VCC = 3V VI = 2.4V Control Inputs Control Inputs Parameter Control Inputs, Data Inputs Control Inputs Data I/O VCC = 3V, II = -18mA VCC = 3.6V, VI = VCC or GND VCC = 3.6V, VO = 0 or 3.6V, switch disabled VCC = 0, VI or VO = 0 to 3.6V VCC = 3.6V, IO = 0, VI = VCC or GND VCC = 3.6V, one input at 3V, other inputs at VCC or GND VI = 3V or 0 VO = 3V or 0, BE = VCC VI = 0 VI = 1.7V VI = 0 IO = 64mA IO = 24mA IO = 15mA IO = 64mA IO = 24mA IO = 15mA Test Conditions Min. -- -- -- -- -- -- -- -- -- -- -- -- -- -- Typ.(1) -- -- -- -- -- -- 3.5 13.5 5 5 27 5 5 10 Max. -1.2 1 5 10 10 300 -- -- 8 8 40 7 7 15 Unit V A A A A A pF pF
NOTES: 1. Typical values are at VCC = 3.3V, +25C ambient. 2. The increase in supply current is attributable to each current that is at the specified voltage level rather than VCC or GND. 3. This is measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by the lower of the voltages of the two (A or B ) terminals.
SWITCHING CHARACTERISTICS
VCC = 2.5V 0.2V Symbol tPD(1) tPD tEN tDIS Parameter Propagation Delay A to B or B to A Propagation Delay BX to A or B Output Enable Time BE to A or B Output Disable Time BE to A or B
NOTE: 1. The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance driven by an ideal voltage source (zero output impedance).
VCC = 3.3V 0.3V Max. 0.15 5.8 5.3 6 Min. - 1.5 1.5 1 Typ. - - - - Max. 0.25 4.7 4.7 6 Unit ns ns ns ns
Min. - 1.5 1.5 1
Typ. - - - -
3
IDT74CBTLV3383 LOW-VOLTAGE 10-BIT BUS-EXCHANGE SWITCH
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS TEST CONDITIONS
Symbol VLOAD VIH VT VLZ VHZ CL VCC(1)= 3.3V0.3V 6 3 1.5 300 300 50 VCC(2)= 2.5V0.2V 2 x Vcc Vcc Vcc / 2 150 150 30 Unit V V V mV mV pF
OPPOSITE PHASE INPUT TRANSITION SAME PHASE INPUT TRANSITION tPLH OUTPUT tPLH tPHL tPHL VIH VT 0V VOH VT VOL VIH VT 0V
Propagation Delay
VCC 500 Pulse(1, 2) Generator VIN D.U.T. RT 500 CL VOUT
VLOAD Open GND CONTROL INPUT
ENABLE
DISABLE
tPZL OUTPUT SWITCH NORMALLY CLOSED LOW tPZH OUTPUT SWITCH NORMALLY OPEN HIGH VLOAD/2 VT tPHZ VT 0V
tPLZ
VIH VT 0V VLOAD/2 VOL + VLZ VOL VOH VOH -VHZ 0V
Test Circuits for All Outputs
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. NOTES: 1. Pulse Generator for All Pulses: Rate 10MHz; tF 2.5ns; tR 2.5ns. 2. Pulse Generator for All Pulses: Rate 10MHz; tF 2ns; tR 2.5ns.
Enable and Disable Times
SWITCH POSITION
Test tPLZ/tPZL tPHZ/tPZH tPD Switch VLOAD GND Open
4
IDT74CBTLV3383 LOW-VOLTAGE 10-BIT BUS-EXCHANGE SWITCH
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDT XX CBTLV XXX Device Type XX Package Temp. Range
PY Q PG
Shrink Small Outline Package Quarter-size Small Outline Package Thin Shrink Small Outline Package
3383
Low-Voltage 10-Bit Bus Exchange Switch
74
-40C to +85C
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
5


▲Up To Search▲   

 
Price & Availability of IDT74CBTLV3383Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X