Part Number Hot Search : 
AT45DB04 TF206G ICL8007C 2N3906G 2SC2500 C85FCCAB IN5229B W04P15
Product Description
Full Text Search
 

To Download IDT54FCT162344ETPVB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FAST CMOS ADDRESS/ CLOCK DRIVER
Integrated Device Technology, Inc.
IDT54/74FCT162344AT/CT/ET
FEATURES:
* * * * * * * * * * * 0.5 MICRON CMOS Technology Ideal for address line driving and clock distribution 8 banks with 1:4 fanout and 3-state Typical tSK(o) (Output Skew) < 500ps Balanced Output Drivers: 24mA (commercial), 16mA (military) Reduced system switching noise ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) Packages include 25 mil pitch SSOP, 19.6 mil pitch TSSOP, 15.7 mil pitch TVSOP and 25 mil pitch Cerpack Extended commercial range of -40C to +85C VCC = 5V 10% Low input and output leakage 1A (max.)
DESCRIPTION:
The FCT162344AT/CT/ET is a 1:4 address line driver built using advanced dual metal CMOS technology. This highspeed, low power device provides the ability to fanout to memory arrays. Eight banks, each with a fanout of 4, and 3state control provide efficient address distribution. One or more banks may be used for clock distribution. The FCT162344AT/CT/ET has balanced output drive with current limiting resistors. This offers low ground bounce, minimal undershoot and controlled output fall times reducing the need for external series terminating resistors. A large number of power and ground pins and TTL output swings also ensure reduced noise levels. All inputs are designed with hysteresis for improved noise margins.
FUNCTIONAL BLOCK DIAGRAM
OE1 B11 A1 B14 B21 A2 B24 A6 A5
OE3 B51
B54 B61
B64
OE2 B31 A3 B34 B41 A4 B44 A8 A7
OE4 B71
B74 B81
B84
3069 drw 01
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
(c)1996 Integrated Device Technology, Inc.
AUGUST 1996
DSC-3069/3
5.6
1
IDT54/74FCT162344AT/CT/ET FAST CMOS ADDRESS LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS
OE1 B11 B12 GND B13 B14 VCC A1 B21 B22 GND B23 B24 A2 A3 B31 B32 GND B33 B34 A4 VCC B41 B42 GND B43 B44 OE2
1 2 3 4 5 6 7 8 9 10 11 12 13
56 55 54 53 52 51 50 49 48 47 46 45 44
OE4 B81 B82 GND B83 B84 VCC A8 B71 B72 GND B73 B74 A7 A6 B61 B62 GND B63 B64 A5 VCC B51 B52 GND B53 B54 OE3
OE1 B11 B12 GND B13 B14 VCC A1 B21 B22 GND B23 B24 A2 A3 B31 B32 GND B33 B34 A4 VCC B41 B42 GND B43 B44 OE2
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 CERPACK TOP VIEW E56-1
56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29
OE4 B81 B82 GND B83 B84 VCC A8 B71 B72 GND B73 B74 A7 A6 B61 B62 GND B63 B64 A5 VCC B51 B52 GND B53 B54 OE3
14 SO56-1 43 SO56-2 15 SO56-3 42 16 17 18 19 20 21 22 23 24 25 26 27 28 41 40 39 38 37 36 35 34 33 32 31 30 29
SSOP/ TSSOP/TVSOP TOP VIEW
3069 drw 02
3069 drw 03
5.6
2
IDT54/74FCT162344AT/CT/ET FAST CMOS ADDRESS LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN DESCRIPTION
Pin Names
FUNCTION TABLE(1)
OEx
Ax Bxx
Description 3-State Output Enable Inputs (Active LOW) Inputs 3-State Outputs
3069 tbl 01
OEx
L L H
Inputs Ax L H X
Outputs Bxx L H Z
3069 tbl 02
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Description Max. (2) Terminal Voltage with Respect to -0.5 to +7.0 VTERM GND (3) Terminal Voltage with Respect to VTERM -0.5 to GND VCC +0.5 TSTG Storage Temperature -65 to +150 IOUT DC Output Current -60 to +120 Unit V V C mA
NOTE: 1. H = HIGH Voltage Level X = Don't Care L = LOW Voltage Level Z = High Impedance
CAPACITANCE (TA = +25C, f = 1.0MHz)
Symbol Parameter(1) CIN Input Capacitance COUT Output Capacitance Conditions VIN = 0V VOUT = 0V Typ. 3.5 3.5 Max. Unit 6.0 pF 8.0
pF
3069 lnk 03 NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. All device terminals except FCT162XXXT Output and I/O terminals. 3. Output and I/O terminals for FCT162XXXT.
NOTE: 1. This parameter is measured at characterization but not tested.
3069 lnk 04
5.6
3
IDT54/74FCT162344AT/CT/ET FAST CMOS ADDRESS LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Commercial: TA = -40C to +85C, VCC = 5.0V 10%; Military: TA = -55C to +125C, VCC = 5.0V 10%
Symbol VIH VIL II H II L IOZH IOZL VIK IOS VH ICCL ICCH ICCZ Parameter Input HIGH Level Input LOW Level Input HIGH Current (Input pins)(5) Input HIGH Current (I/O pins)(5) Input LOW Current (Input pins)(5) Input LOW Current (I/O (3-State Output pins) (5) VCC = Min., IIN = -18mA VCC = Max., VO = GND (3)
--
Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VCC = Max. VI = VCC VI = GND VCC = Max. VO = 2.7V VO = 0.5V
Min. 2.0 -- -- -- -- -- -- -- -- -80 -- --
Typ.(2) --
-- -- -- -- -- -- -- -0.7 -140
Max.
--
Unit V V A
0.8 1 1 1 1 1 1
-1.2 -225 --
pins)(5)
High Impedance Output Current Clamp Diode Voltage Short Circuit Current Input Hysteresis Quiescent Power Supply Current
A V mA mV A
100 5
VCC = Max., VIN = GND or VCC
500
3069 lnk 05
OUTPUT DRIVE CHARACTERISTICS
Symbol IODL IODH VOH VOL Parameter Output LOW Current Output HIGH Current Output HIGH Voltage Output LOW Voltage Test Conditions(1) VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V (3) VCC = 5V, VIN = VIH or VIL, VOUT = 1.5V(3) VCC = Min. VIN = VIH or VIL VCC = Min. VIN = VIH or VIL IOH = -16mA MIL. IOH = -24mA COM'L. IOL = 16mA MIL. IOL = 24mA COM'L. Min. 60 -60 2.4 -- Typ.(2) 115 -115 3.3 0.3 Max. 200 -200 -- 0.55 Unit mA mA V V
3069 lnk 06
NOTES: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at Vcc = 5.0V, +25C ambient. 3. Not more than one output should be tested at one time. Duration of the test should not exceed one second. 4. Duration of the condition can not exceed one second. 5. The test limit for this parameter is 5A at TA = -55C.
5.6
4
IDT54/74FCT162344AT/CT/ET FAST CMOS ADDRESS LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
POWER SUPPLY CHARACTERISTICS
Symbol ICC ICCD Parameter Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(4) VCC = Max. VIN = 3.4V(3) VCC = Max. Outputs Open OEx = GND One Input Bit Toggling Four Output Bits Toggling 50% Duty Cycle VCC = Max. Outputs Open fi = 10MHz 50% Duty Cycle OEx = GND One Input Bit Toggling Four Output Bits Toggling VCC = Max. Outputs Open fi = 2.5MHz 50% Duty Cycle OEx = GND Eight Input Bits Toggling Thirty Two Output Bits Toggling VIN = VCC VIN = GND Test Conditions(1) Min. -- -- Typ.(2) 0.5 170 Max. 1.5 220 Unit mA A/ MHz
IC
Total Power Supply Current (6)
VIN = VCC VIN = GND VIN = 3.4V VIN = GND
--
1.7
2.7
mA
--
2.0
3.5
VIN = VCC VIN = GND VIN = 3.4V VIN = GND
--
3.4
4.9 (5)
--
5.4
10.9 (5)
NOTES: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fCPNCP/2 + fiNi) ICC = Quiescent Current (ICCL, ICCH and ICCZ) ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) NCP = Number of Clock Inputs at fCP fi = Input Frequency Ni = Number of Inputs at fi
3069 tbl 07
5.6
5
IDT54/74FCT162344AT/CT/ET FAST CMOS ADDRESS LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
FCT162344AT Com'l. Symbol Parameter Mil. FCT162344CT Com'l. Mil. FCT162344ET Com'l. Mil. Unit
Condition(1) Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max.
tPLH tPHL tPZH tPZL tPHZ tPLZ tSK1(o)
Propagation Delay Ax to Bxx Output Enable Time OEx to Bx Output Disable Time OEx to Bx Skew between outputs of same bank and same package (same transition) (3)
CL = 50pF RL = 500
1.5 1.5 1.5 --
4.8 6.2 5.6 0.5
1.5 1.5 1.5 --
5.1 6.5 5.9 0.5
1.5 1.5 1.5 --
4.3 5.8 5.2 0.35
1.5 1.5 1.5 --
4.6 6.5 5.7 0.35
1.5 1.5 1.5 --
3.8 5.0 4.6 0.25
-- -- -- --
-- -- -- --
ns ns ns ns
tSK2(o) Skew between outputs of all banks of same package (A1 thru A8 tied together)(3)
--
0.5
--
0.5
--
0.5
--
0.5
--
0.5
--
--
ns
NOTES: 1. See test circuit and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. This parameter is guaranteed but not production tested.
3069 tbl 08
5.6
6
IDT54/74FCT162344AT/CT/ET FAST CMOS ADDRESS LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TEST CIRCUITS AND WAVEFORMS TEST CIRCUITS FOR ALL OUTPUTS
VCC 500 VIN Pulse Generator RT D.U.T. 50pF CL
3069 drw 04
SWITCH POSITION
Test
7.0V
Switch
Open Drain Disable Low Enable Low All Other Tests
Closed
V OUT
Open
500
3069 lnk 09 DEFINITIONS: CL= Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
SET-UP, HOLD AND RELEASE TIMES
DATA INPUT t SU TIMING INPUT ASYNCHRONOUS CONTROL PRESET CLEAR ETC. SYNCHRONOUS CONTROL PRESET CLEAR CLOCK ENABLE ETC. t REM 3V 1.5V 0V 3V 1.5V 0V
3069 drw 05
PULSE WIDTH
3V 1.5V 0V 3V 1.5V 0V
tH
LOW-HIGH-LOW PULSE t HIGH-LOW-HIGH PULSE
W
1.5V
1.5V
3069 drw 06
t SU
tH
PROPAGATION DELAY
SAME PHASE INPUT TRANSITION t PLH OUTPUT t PLH OPPOSITE PHASE INPUT TRANSITION t PHL 3V 1.5V 0V
3069 drw 07
ENABLE AND DISABLE TIMES
3V 1.5V t PHL 0V VOH 1.5V VOL
ENABLE CONTROL INPUT t PZL OUTPUT NORMALLY SWITCH LOW CLOSED t PZH OUTPUT SWITCH NORMALLY OPEN HIGH
DISABLE 3V 1.5V 0V 3.5V 0.3V t PHZ 0.3V 1.5V 0V V OH 0V
3069 drw 08
t PLZ 3.5V 1.5V
V OL
OUTPUT SKEW - tSKn(o)
INPUT 3V 1.5V 0V VOH 1.5V VOL VOH 1.5V VOL
tPLH1
tPHL1
NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns
OUTPUT 1 tSK1(o) OUTPUT 2 tSK1(o)
NOTE: 1. For tSK1(o) OUTPUT1 and OUTPUT 2 are in the same bank, For tSK2(o) OUTPUT1 and OUTPUT 2 are in different banks on the same part.
tPLH2 tPHL2 tSKn(o) = |tPLH2 - tPLH1| or |tPHL2 - tPHL1|
5.6
7
IDT54/74FCT162344AT/CT/ET FAST CMOS ADDRESS LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
ORDERING INFORMATION
XXXX IDT XX FCT Temp. Range Device Type X Package X Process Blank B PV PA PF E Commercial MIL-STD-883, Class B Shrink Small Outline Package (SO56-1) Thin Shrink Small Outline Package (SO56-2) Thin Very Small Outline Package (SO56-3) CERPACK (E56-1)
162344AT Address Line Driver 162344CT 162344ET 54 74 -55C to +125C -40C to +85C
3069 drw 09
5.6
8


▲Up To Search▲   

 
Price & Availability of IDT54FCT162344ETPVB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X