Part Number Hot Search : 
MC3403D DTF6A60 MA7D49A D3624 MAZK068D 74ACT251 14012 OVFSB6C8
Product Description
Full Text Search
 

To Download ICS95V842 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS95V842
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
Recommended Application: 1:2 DDRI Clock Driver Product Description/Features: * Low skew, low jitter PLL clock driver * Feedback pins for input to output synchronization * Spread Spectrum tolerant inputs * With bypass mode mux * Operating frequency 60 to 220 MHz Switching Characteristics: * CYCLE - CYCLE jitter: <75ps * OUTPUT - OUTPUT skew: <60ps * Period jitter: 75ps * Half-Period jitter: 75ps
Pin Configuration
VDD2.5 DDRT0 DDRC0 GND CLK_INT CLK_INC AVDD AGND 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 GND DDRC1 DDRT1 VDD2.5 FB_INC FB_INT FB_OUTT FB_OUTC
16 pin SSOP
Functionality
INPUTS GND GND 2.5V (nom) 2.5V (nom) L H L H H L H L L H L H H L H L OUTPUTS L H L H H L H L AVDD CLK_INT CLK_INC CLKT CLKC FB_OUTT FB_OUTC PLL State Bypassed/Off Bypassed/Off On On
Block Diagram
FB_INT FB_INC CLK_INC CLK_INT
PLL
FB_OUTT FB_OUTC DDRT (1:0) DDRC (1:0)
AVDD
0830A--09/10/04
ICS95V842
ICS95V842
Pin Descriptions
PIN # PIN NAME PIN TYPE DESCRIPTION
1 2 3 4 5 6 7 8 9
VDD2.5 DDRT0 DDRC0 GND CLK_INT CLK_INC AVDD AGND FB_OUTC
PWR OUT OUT PWR IN IN PWR PWR OUT
10
FB_OUTT
OUT
Power supply, nominal 2.5V "True" Clock of differential pair output. "Complementary" Clock of differential pair output. Ground pin. "True" reference clock input. "Complementary" reference clock input. 3.3V Analog Power pin for Core PLL Analog Ground pin for Core PLL Complement single-ended feedback output, dedicated external feedback. It switches at the same frequency as other DDR outputs, This output must be connect to FB_INC. True single-ended feedback output, dedicated external feedback. It switches at the same frequency as other DDR outputs, This output must be connect to FB_INT. True single-ended feedback input, provides feedback signal to internal PLL for synchronization with CLK_INT to eliminate phase error. Complement single-ended feedback input, provides feedback signal to internal PLL for synchronization with CLK_INT to eliminate phase error. Power supply, nominal 2.5V "True" Clock of differential pair output. "Complementary" Clock of differential pair output. Ground pin.
11
FB_INT
IN
12 13 14 15 16
FB_INC VDD2.5 DDRT1 DDRC1 GND
IN PWR OUT OUT PWR
0830A--09/10/04
2
ICS95V842
Absolute Maximum Ratings
Supply Voltage: (VDD & AVDD) . . . . . . . . . . . . . . . . -0.5V to 3.6V Input clamp current: IIK (VI < 0 or VI > VDD) . . . . . . +/- 50mA Output clamp current: IOK (VO < 0 or VO > VDD) . . +/- 50mA Continuous output current: I O (VO = 0 to VDD) . . . . +/- 50mA Package thermal impedance, theta JA: DGG package +89C/ Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . -65C to +150C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only and functional operation of the device at these or any other conditions above those listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0C to +85C; Supply Voltage AVDD, VDD = 2.5 V +/- 0.2V (unless otherwise stated) SYMBOL MIN TYP PARAMETER CONDITIONS VI = VDD or GND IIH 5 Input High Current VI = VDD or GND IIL Input Low Current Operating Supply Current Output High Current Output Low Current High Impedance Output Current Input Clamp Voltage IDD2.5 IDDPD IOH IOL IOZ VIK VOH CL = 0pF, RL = CL = 0pF, RL = VDD = 2.3V, VOUT = 1V VDD = 2.3V, VOUT = 1.2V VDD=2.7V, Vout=VDD or GND Iin = -18mA VDD = min to max, IOH = -1 mA VDD = 2.3V, IOH = -12 mA VDD = min to max IOL=1 mA VDD = 2.3V IOH=12 mA VI = VDD or GND VI = VDD or GND MAX 5 160 100 -18 26 10 -1.2 VDD - 0.1 1.7 0.1 0.6 3 3 V pF pF UNITS A A mA A mA mA A V V V
High-level output voltage
Low-level output voltage
VOL
CIN Input Capacitance1 1 COUT Output Capacitance 1 Guaranteed by design and characterization, not 100% tested in production.
0830A--09/10/04
3
ICS95V842
DC Electrical Characteristics
TA = 0C to +85C; Supply Voltage AVDD, VDD = 2.5 V +/- 0.2V (unless otherwise stated) PARAMETER SYMBOL CONDITIONS MIN TYP Supply Voltage VDDQ, AVDD 2.3 2.5 CLK_INT, CLK_INC, FB_INC, Low level input voltage VIL 0.4 FB_INT CLK_INT, CLK_INC, FB_INC, VDD/2 + 0.18 2.1 High level input voltage VIH FB_INT DC input signal voltage VIN -0.3 (note 1,2) Differential input signal CLK_INT, CLK_INC, FB_INC, VID 0.36 voltage (note 3) FB_INT Differential output voltage CLK_INT, CLK_INC, FB_INC, VOD 0.7 (note 3) FB_INT Output differential crossVOX VDD/2 - 0.15 voltage (note 4) Input differential crossVDD/2 - 0.2 VDD/2 VIX voltage (note 4) Operating free-air TA 0 temperature MAX 2.7 V DD/2 - 0.18 UNITS V V V V DD + 0.3 VDD + 0.6 VDD + 0.6 VDD/2 + 0.15 VDD/2 + 0.2 85 V V V V V C
Notes: 1 Unused inputs must be held high or low to prevent them from floating. 2 DC input signal voltage specifies the allowable DC excursion of differential input. 3 Differential input signal voltage specifies the differential voltage [VTR-VCP] required for switching, where VTR is the true input level and VCP is the complementary input level. 4 Differential cross-point voltage is expected to track variations of VDD and is the voltage at which the differential signal must be crossing.
Timing Requirements
TA = 0C to +85C; Supply Voltage AVDD, VDD = 2.5 V +/- 0.2V (unless otherwise stated) CONDITIONS PARAMETER SYMBOL MIN MAX UNITS Max clock frequency 3 Application Frequency Range3 Input clock duty cycle CLK stabilization freqop freqApp dtin TSTAB 33 60 40 233 220 60 100 MHz MHz % s
0830A--09/10/04
4
ICS95V842
Switching Characteristics
TA = 0C to +85C; Supply Voltage AVDD, VDD = 2.5 V +/- 0.2V (unless otherwise stated) PARAMETER CONDITION SYMBOL MIN TYP 3 freqop 40 Max clock frequency Application Frequency freqApp 60 Range3 dtin Input clock duty cycle 40 tsl(I) 1 Input clock slew rate TSTAB CLK stabilization Low-to high level propagation CLK_IN to any output tPLH1 delay time High-to low level propagation CLK_IN to any output tPHL1 delay time ten Output enable time PD# to any output 5 tdis PD# to any output 5 Output disable time tjit (per) -75 Period jitter tjit(hper) -75 Half-period jitter tsl(o) Over the application 1 Output clock slew rate frequency range tcyc-tcyc -75 Cycle to Cycle Jitter t(spo) -50 Static Phase Offset tskew Output to Output Skew 40
Notes: 1. Refers to transition on noninverting output in PLL bypass mode. 2. While the pulse skew is almost constant over frequency, the duty cycle error increases at higher frequencies. This is due to the formula: duty cycle=twH/tc, were the cycle (tc) decreases as the frequency goes up. 3. Switching characteristics are guaranteed for application frequency range. The PLL Locks over the Max Clock Frequency range, but the device doe not necessarily meet other timing parameters. 4. Does not include jitter.
MAX 333 220 60 2 100 5.5 5.5
UNITS MHz MHz % v/ns s ns ns ns ns ps ps v/ns ps ps ps
75 75 2.5 75 50 60
0830A--09/10/04
5
ICS95V842
Parameter Measurement Information VDD V(CLKC)
R = 60
R = 60 VDD/2 V(CLKC) ICS95V842 GND Figure 1. IBIS Model Output Load VDD/2 ICS95V842 Z = 60 C = 14 pF -V DD/2 R = 10 Z = 50 SCOPE
R = 50 V(TT) Z = 60 R = 10 Z = 50
C = 14 pF -VDD/2 -VDD/2 NOTE: V(TT) = GND Figure 2. Output Load Test Circuit
R = 50 V(TT)
YX, FB_OUTC YX, FB_OUTT tc(n) tc(n+1) tjit(cc) = tc(n) tc(n+1) Figure 3. Cycle-to-Cycle Jitter
0830A--09/10/04
6
ICS95V842
Parameter Measurement Information CLK_INC CLK_INT
FB_INC FB_INT
t( ) n
n=N t( ) n 1 t( )= N (N is a large number of samples) Figure 4. Static Phase Offset
t ( ) n+1
YX # YX
YX, FB_OUTC YX, FB_OUTT t(SK_O) Figure 5. Output Skew
YX, FB_OUTC YX, FB_OUTT YX, FB_OUTC YX, FB_OUTT 1 fO t(jit_per) = tC(n) - 1 fO Figure 6. Period Jitter
0830A--09/10/04
7
ICS95V842
Parameter Measurement Information YX, FB_OUTC YX, FB_OUTT
t (hper_n) 1 fo t (hper_n+1)
t(jit_Hper) = t(jit_Hper_n) - 1 2xfO Figure 7. Half-Period Jitter
80%
80% VID , VOD
Clock Inputs and Outputs
20% Rise tsl Fall tsl
20%
Figure 8. Input and Output Slew Rates
0830A--09/10/04
8
ICS95V842
16-Lead, 150 mil SSOP (QSOP) In Millimeters In Inches SYMBOL COMMON DIMENSIONS COMMON DIMENSIONS MIN MAX MIN MAX A 1.35 1.75 .053 .069 A1 0.10 0.25 .004 .010 A2 -1.50 -.059 b 0.20 0.30 .008 .012 c 0.18 0.25 .007 .010 SEE VARIATIONS D SEE VARIATIONS E 5.80 6.20 .228 .244 E1 3.80 4.00 .150 .157 e 0.635 BASIC 0.025 BASIC L 0.40 1.27 .016 .050 SEE VARIATIONS SEE VARIATIONS N a 0 8 0 8 ZD SEE VARIATIONS SEE VARIATIONS VARIATIONS N 16 D mm. MIN 4.80 MAX 5.00 ZD (Ref) 0.23 D (inch) MIN .189 MAX .197 ZD (Ref) .009
Reference Doc.: JEDEC Publication 95, MO-137
10-0032
Ordering Information
ICS95V842yFLF-T
Example:
ICS XXXX y F LF- T
Designation for tape and reel packaging Lead Free (Optional) Package Type F = SSOP Revision Designator (will not correlate with datasheet revision) Device Type Prefix ICS = Standard Device
0830A--09/10/04
9


▲Up To Search▲   

 
Price & Availability of ICS95V842

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X