Part Number Hot Search : 
TLSE16TP FM540 74LCX16 946905 TDA2593N P1500S EST1GF N4754
Product Description
Full Text Search
 

To Download ICS840051I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS840051I
FEMTOCLOCKSTM CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
FEATURES
* 1 LVCMOS/LVTTL output, 15 output impedance * Crystal oscillator interface designed for 18pF parallel resonant crystals * Output frequency range: 70MHz - 170MHz * VCO range: 560MHz - 680MHz * RMS phase jitter at 155.52MHz (1.875MHz - 20MHz): 0.48ps (typical) * RMS phase noise at 155.52MHz Offset Noise Power 100Hz ............... -99.7 dBc/Hz 1KHz ................ -120 dBc/Hz 10KHz ................ -128 dBc/Hz 100KHz ................ -127 dBc/Hz * 3.3V or 2.5V operating supply * -40C to 85C ambient operating temperature * Lead-Free fully RoHS compliant
GENERAL DESCRIPTION
The ICS840051I is a Gigabit Ethernet Clock Generator and a member of the HiPerClocksTM HiPerClockSTM family of high performance devices from ICS. The ICS840051I can synthesize 10 Gigabit Ethernet, SONET, or Serial ATA reference clock frequencies with the appropriate choice of crystal and output divider. The ICS840051I has excellent phase jitter performance and is packaged in a small 8-pin TSSOP, making it ideal for use in systems with limited board space.
ICS
FREQUENCY TABLE
Inputs Crystal Frequency (MHz) 20.141601 20.141601 19.53125 19.53125 19.44 19.44 18.75 18.75 FREQ_SEL 0 1 0 1 0 1 0 1 Output Frequency (MHz) 161.132812 80.566406 156.25 78.125 155.52 77.76 15 0 75
BLOCK DIAGRAM
OE Pullup FREQ_SEL Pulldown
PIN ASSIGNMENT
VDDA OE XTAL_OUT XTAL_IN Q0 1 2 3 4 8 7 6 5 VDD Q0 GND FREQ_SEL
XTAL_IN
OSC
XTAL_OUT
Phase Detector
VCO
560MHz-680MHz
0 /4 (default) 1 /8
ICS840051I
8-Lead TSSOP 4.40mm x 3.0mm x 0.925mm package body G Package Top View
/32 (fixed)
840051AGI
www.icst.com/products/hiperclocks.html
1
REV. A JANUARY 14, 2005
Integrated Circuit Systems, Inc.
ICS840051I
FEMTOCLOCKSTM CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
Type Power Input Input Input Power Description
TABLE 1. PIN DESCRIPTIONS
Number 1 2 3, 4 5 6 7 8 Name VDDA OE XTAL_OUT, XTAL_IN FREQ_SEL GND Q0 VDD Analog supply pin. Output enable pin. When HIGH, Q0 output is enabled. When LOW, Pullup forces Q0 to HiZ state. LVCMOS/LVTTL interface levels. See Table 3A. Crystal oscillator interface. XTAL_IN is the input, XTAL_OUT is the output. Pulldown Frequency select pin. LVCMOS/LVTTL interface levels. See Table 3B. Power supply ground. Single-ended clock output. LVCMOS/LVTTL interface levels. 15 output impedance. Core supply pin.
Output Power
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
TABLE 2. PIN CHARACTERISTICS
Symbol CIN CPD RPULLUP RPULLDOWN ROUT Parameter Input Capacitance Power Dissipation Capacitance Input Pullup Resistor Input Pulldown Resistor Output Impedance VDD, VDDA = 3.465V VDD, VDDA = 2.625V Test Conditions Minimum Typical 4 7 7 51 51 15 Maximum Units pF pF pF K K
TABLE 3A. CONTROL FUNCTION TABLE
Control Input OE 0 1 Output Q0 Hi-Z Active
TABLE 3B. FREQ_SEL FUNCTION TABLE
Control Input FRE_SEL 0 1 N Divider /4 (default) /8
840051AGI
www.icst.com/products/hiperclocks.html
2
REV. A JANUARY 14, 2005
Integrated Circuit Systems, Inc.
ICS840051I
FEMTOCLOCKSTM CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
4.6V -0.5V to VDD + 0.5 V -0.5V to VDD + 0.5V 101.7C/W (0 mps) -65C to 150C NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VDD Inputs, VI Outputs, VO Package Thermal Impedance, JA Storage Temperature, TSTG
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, VDD = VDDA = 3.3V5%, TA = -40C TO 85C
Symbol VDD VDDA IDD IDDA Parameter Core Supply Voltage Analog Supply Voltage Power Supply Current Analog Supply Current Test Conditions Minimum 3.135 3.135 Typical 3.3 3.3 Maximum 3.465 3.465 60 10 Units V V mA mA
TABLE 4B. POWER SUPPLY DC CHARACTERISTICS, VDD = VDDA = 2.5V5%, TA = -40C TO 85C
Symbol VDD VDDA IDD IDDA Parameter Core Supply Voltage Analog Supply Voltage Power Supply Current Analog Supply Current Test Conditions Minimum 2.375 2.375 Typical 2.5 2.5 Maximum 2.625 2.625 55 10 Units V V mA mA
TABLE 4C. LVCMOS/LVTTL DC CHARACTERISTICS, VDD = VDDA = 3.3V5%, TA = -40C TO 85C
Symbol VIH VIL IIH IIL VOH Parameter Input High Voltage Input Low Voltage Input High Current Input Low Current FREQ_SEL OE FREQ_SEL OE VDD = VIN = 3.465V or 2.625V VDD = VIN = 3.465V or 2.625V VDD = 3.465V or 2.625V, VIN = 0V VDD = 3.465V or 2.625V, VIN = 0V VDD = 3.465V VDD = 2.625V -5 -150 2.6 1.8 0.5 Test Conditions Minimum 2 -0.3 Typical Maximum VDD + 0.3 0.8 150 5 Units V V A A A A V V V
Output High Voltage; NOTE 1
VOL Output Low Voltage; NOTE 1 VDD = 3.465V or 2.625V NOTE 1: Outputs terminated with 50 to VDD/2. See Parameter Measurement Information Section, "Output Load Test Circuit" diagrams.
840051AGI
www.icst.com/products/hiperclocks.html
3
REV. A JANUARY 14, 2005
Integrated Circuit Systems, Inc.
ICS840051I
FEMTOCLOCKSTM CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
Test Conditions Minimum 17.5 Typical Fundamental 21.25 50 7 MHz pF Maximum Units
TABLE 5. CRYSTAL CHARACTERISTICS
Parameter Mode of Oscillation Frequency Equivalent Series Resistance (ESR) Shunt Capacitance
TABLE 6A. AC CHARACTERISTICS, VDD = VDDA = 3.3V5%, TA = -40C TO 85C
Symbol fOUT Parameter Output Frequency RMS Phase Jitter ( Random); NOTE 1 Output Rise/Fall Time Test Conditions 155.52MHz, Integration Range: 1.875MHz - 20MHz 20% to 80% Minimum 70 0.48 150 48 500 52 Typical Maximum 170 Units MHz ps ps %
tjit(O)
tR / tF
odc Output Duty Cycle NOTE 1: Please refer to the Phase Noise Plots.
TABLE 6B. AC CHARACTERISTICS, VDD = VDDA = 2.5V5%, TA = -40C TO 85C
Symbol fOUT Parameter Output Frequency RMS Phase Jitter ( Random); NOTE 1 Output Rise/Fall Time Test Conditions 155.52MHz, Integration Range: 1.875MHz - 20MHz 20% to 80% Minimum 70 0.50 200 49 600 51 Typical Maximum 170 Units MHz ps ps %
tjit(O)
tR / tF
odc Output Duty Cycle NOTE 1: Please refer to the Phase Noise Plots.
840051AGI
www.icst.com/products/hiperclocks.html
4
REV. A JANUARY 14, 2005
Integrated Circuit Systems, Inc.
ICS840051I
FEMTOCLOCKSTM CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
TYPICAL PHASE NOISE AT 155.52MHZ (3.3V)
0 -10 -20 -30 -40 -50
NOISE POWER dBc Hz
-60 -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 -170 -180 -190 100 1k 10k
RMS Phase Jitter (Random) 1.875Mhz to 20MHz = 0.48ps (typical)
Raw Phase Noise Data
Phase Noise Result by adding 10GigE Filter to raw data
100k 1M 10M 100M
OFFSET FREQUENCY (HZ)
TYPICAL PHASE NOISE AT 155.52MHZ (2.5V)
-10 -20 -30 -40 -50
10GigE Filter 155.52MHz
RMS Phase Jitter (Random) 1.875Mhz to 20MHz = 0.50ps (typical)
0
NOISE POWER dBc Hz
-60 -70 -80 -90 -100 -110
Raw Phase Noise Data
-120 -130 -140 -150 -160 -180 -190 100
840051AGI
1k
10k
OFFSET FREQUENCY (HZ)
www.icst.com/products/hiperclocks.html
5
REV. A JANUARY 14, 2005
-170
Phase Noise Result by adding 10GigE Filter to raw data
100k 1M 10M 100M

10GigE Filter 155.52MHz
Integrated Circuit Systems, Inc.
ICS840051I
FEMTOCLOCKSTM CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
PARAMETER MEASUREMENT INFORMATION
1.65V 5%
1.25V5%
VDD, VDDA
SCOPE
Qx
VDD, VDDA
SCOPE
Qx
LVCMOS
GND
LVCMOS
GND
-1.65V 5%
-1.25V5%
3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
2.5V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
Phase Noise Plot
V
DD
Q0
Pulse Width t
2
Noise Power
Phase Noise Mask
PERIOD
odc =
t PW t PERIOD
f1
Offset Frequency
f2
RMS Jitter = Area Under the Masked Phase Noise Plot
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
RMS PHASE JITTER
80% 20%
tR
80% 20% tF
Clock Outputs
OUTPUT RISE/FALL TIME
840051AGI
www.icst.com/products/hiperclocks.html
6
REV. A JANUARY 14, 2005
Integrated Circuit Systems, Inc.
ICS840051I
FEMTOCLOCKSTM CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR APPLICATION INFORMATION
POWER SUPPLY FILTERING TECHNIQUES
As in any high speed analog circuitry, the power supply pins are vulnerable to random noise. The ICS840051I provides separate power supplies to isolate any high switching noise from the outputs to the internal PLL. VDD and VDDA should be individually connected to the power supply plane through vias, and bypass capacitors should be used for each pin. To achieve optimum jitter performance, power supply isolation is required. Figure 1 illustrates how a 10 resistor along with a 10F and a .01F bypass capacitor should be connected to each VDDA pin.
3.3V or 2.5V VDD .01F 10
V DDA .01F 10F
FIGURE 1. POWER SUPPLY FILTERING
CRYSTAL INPUT INTERFACE
The ICS840051I has been characterized with 18pF parallel resonant crystals. The capacitor values, C1 and C2, shown in Figure 2 below were determined using a 26.04167MHz, 18pF parallel resonant crystal and were chosen to minimize the ppm error. The optimum C1 and C2 values can be slightly adjusted for different board layouts.
XTAL_OUT C1 33p X1 18pF Parallel Crystal XTAL_IN C2 22p
Figure 2. CRYSTAL INPUt INTERFACE
840051AGI
www.icst.com/products/hiperclocks.html
7
REV. A JANUARY 14, 2005
Integrated Circuit Systems, Inc.
ICS840051I
FEMTOCLOCKSTM CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR RELIABILITY INFORMATION
TABLE 7. JAVS. AIR FLOW TABLE
FOR
8 LEAD TSSOP
JA by Velocity (Meters per Second)
0
Multi-Layer PCB, JEDEC Standard Test Boards 101.7C/W
1
90.5C/W
2.5
89.8C/W
TRANSISTOR COUNT
The transistor count for ICS840051I is: 1927
840051AGI
www.icst.com/products/hiperclocks.html
8
REV. A JANUARY 14, 2005
Integrated Circuit Systems, Inc.
ICS840051I
FEMTOCLOCKSTM CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
8 LEAD TSSOP
PACKAGE OUTLINE - G SUFFIX
FOR
TABLE 8. PACKAGE DIMENSIONS
SYMBOL N A A1 A2 b c D E E1 e L aaa 0.45 0 -4.30 0.65 BASIC 0.75 8 0.10 -0.05 0.80 0.19 0.09 2.90 6.40 BASIC 4.50 Millimeters Minimum 8 1.20 0.15 1.05 0.30 0.20 3.10 Maximum
Reference Document: JEDEC Publication 95, MO-153
840051AGI
www.icst.com/products/hiperclocks.html
9
REV. A JANUARY 14, 2005
Integrated Circuit Systems, Inc.
ICS840051I
FEMTOCLOCKSTM CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
Marking 051AI 051AI TBD TBD Package 8 Lead TSSOP 8 Lead TSSOP 8 Lead "Lead-Free" TSSOP 8 Lead "Lead-Free" TSSOP Shipping Packaging tube 2500 tape & reel tube 2500 tape & reel Temperature -40C to 85C -40C to 85C -40C to 85C -40C to 85C
TABLE 9. ORDERING INFORMATION
Part/Order Number ICS840051AGI ICS840051AGIT ICS840051AGILF ICS840051AGILFT
The aforementioned trademarks, HiPerClockSTM and FemtoClocksTM are a trademark of Integrated Circuit Systems, Inc. or its subsidiaries in the United States and/or other countries. While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial and industrial applications. Any other applications such as those requiring high reliability or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. 840051AGI
www.icst.com/products/hiperclocks.html
10
REV. A JANUARY 14, 2005


▲Up To Search▲   

 
Price & Availability of ICS840051I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X