Part Number Hot Search : 
2SC4291 IL715 AB5050 SP333CT MRF316 HT9313B COMPONEN BUW132H
Product Description
Full Text Search
 

To Download ICS345RP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ICS345
Triple PLL Field Programmable SS VersaClock Synthesizer
Description
The ICS345 field programmable clock synthesizer generates up to nine high-quality, high-frequency clock outputs including multiple reference clocks from a low-frequency crystal or clock input. It is designed to replace crystals and crystal oscillators in most electronic systems. Using ICS' VersaClockTM software to configure PLLs and outputs, the ICS345 contains a One-Time Programmable (OTP) ROM to allow field programmability. Programming features include eight selectable configuration registers, up to two sets of four low-skew outputs, and optional Spread Spectrum outputs. Using Phase-Locked Loop (PLL) techniques, the device runs from a standard fundamental mode, inexpensive crystal, or clock. It can replace multiple crystals and oscillators, saving board space and cost. The ICS345 is also available in factory programmed custom versions for high-volume applications.
Features
* * * * * * * * * * * *
Packaged as 20-pin SSOP (QSOP) Spread spectrum capability Eight addressable registers Replaces multiple crystals and oscillators Output frequencies up to 200 MHz at 3.3 V Input crystal frequency of 5 to 27 MHz Input clock frequency of 2 to 50 MHz Up to nine reference outputs Up to two sets of four low-skew outputs Operating voltages of 3.3 V Advanced, low-power CMOS process For one output clock, use the ICS341. For two output clocks, see the ICS342. For three output clocks, see the ICS343. For more than three outputs, see the ICS345 or ICS348.
* Available in Pb (lead) free packaging
Block Diagram
VDD 3
S 2:S 0
3
OTP ROM w ith P LL V alues
P LL1 with S pread S pectrum D ivide Logic and O utput E nable C ontrol
C LK 1 C LK 2 C LK 3
P LL2
C LK 4 C LK 5 C LK 6 C LK 7 C LK 8
C rystal or clock input X 1/IC LK C rystal O scillator X2
P LL3
C LK 9
E xternal capacitors are required w ith a crystal input.
GND
2 PD TS
MDS 345 D Integrated Circuit Systems, Inc.
1
525 Race Street, San Jose, CA 95126
Revision 090704 tel (408) 297-1201
www.icst.com
ICS345 Triple PLL Field Programmable SS VersaClock Synthesizer
Pin Assignment
X1/ICLK S0 S1 CLK9 VDD GND CLK1 CLK2 CLK3 CLK4 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 X2 VDD PDTS S2 VDD GND CLK5 CLK6 CLK7 CLK8
20-pin (150 mil) SSOP (QSOP)
Pin Descriptions
Pin Number
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Pin Name
X1/ICLK S0 S1 CLK9 VDD GND CLK1 CLK2 CLK3 CLK4 CLK8 CLK7 CLK6 CLK5 GND VDD S2 PDTS VDD X2
Pin Type
XI Input Input Output Power Power Output Output Output Output Output Output Output Output Power Power Input Input Power XO
Pin Description
Crystal input. Connect this pin to a crystal or external input clock. Select pin 0. Internal pull-up resistor. Select pin 1. Internal pull-up resistor. Output clock 9. Weak internal pull-down when tri-state. Connect to +3.3 V. Connect to ground. Output clock 1. Weak internal pull-down when tri-state. Output clock 2. Weak internal pull-down when tri-state. Output clock 3. Weak internal pull-down when tri-state. Output clock 4. Weak internal pull-down when tri-state. Output clock 8. Weak internal pull-down when tri-state. Output clock 7. Weak internal pull-down when tri-state. Output clock 6. Weak internal pull-down when tri-state. Output clock 5. Weak internal pull-down when tri-state. Connect to ground. Connect to +3.3 V. Select pin 2. Internal pull-up resisitor. Power-down tri-state. Powers down entire chip and tri-states clock outputs when low. Internal pull-up resisitor. Connect to +3.3 V. Crystal Output. Connect this pin to a crystal. Float for clock input.
MDS 345 D Integrated Circuit Systems, Inc.
2
525 Race Street, San Jose, CA 95126
Revision 090704 tel (408) 297-1201
www.icst.com
ICS345 Triple PLL Field Programmable SS VersaClock Synthesizer
External Components
Series Termination Resistor
Clock output traces over one inch should use series termination. To series terminate a 50 trace (a commonly used trace impedance), place a 33 resistor in series with the clock line, as close to the clock output pin as possible. The nominal impedance of the clock output is 20.
spaces, instead they should be separated and away from other traces. 3) To minimize EMI, the 33 series termination resistor (if needed) should be placed close to the clock output. 4) An optimum layout is one with all components on the same side of the board, minimizing vias through other signal layers.
ICS345 Configuration Capabilities
The architecture of the ICS345 allows the user to easily configure the device to a wide range of output frequencies, for a given input reference frequency. The frequency multiplier PLL provides a high degree of precision. The M/N values (the multiplier/divide values available to generate the target VCO frequency) can be set within the range of M = 1 to 2048 and N = 1 to 1024. The ICS345 also provides separate output divide values, from 2 through 20, to allow the two output clock banks to support widely differing frequency values from the same PLL. Each output frequency can be represented as:
OutputFreq REFFreq ------------------------------------OutputDivide ---M N
Decoupling Capacitors
As with any high-performance mixed-signal IC, the ICS345 must be isolated from system power supply noise to perform optimally. Decoupling capacitors of 0.01F must be connected between each VDD and the PCB ground plane.
Crystal Load Capacitors
The device crystal connections should include pads for small capacitors from X1 to ground and from X2 to ground. These capacitors are used to adjust the stray capacitance of the board to match the nominally required crystal load capacitance. Because load capacitance can only be increased in this trimming process, it is important to keep stray capacitance to a minimum by using very short PCB traces (and no vias) been the crystal and device. Crystal capacitors must be connected from each of the pins X1 and X2 to ground. The value (in pF) of these crystal caps should equal (CL -6 pF)*2. In this equation, CL= crystal load capacitance in pF. Example: For a crystal with a 16 pF load capacitance, each crystal capacitor would be 20 pF [(16-6) x 2] = 20.
=
ICS VersaClock Software
ICS applies years of PLL optimization experience into a user friendly software that accepts the user's target reference clock and output frequencies and generates the lowest jitter, lowest power configuration, with only a press of a button. The user does not need to have prior PLL experience or determine the optimal VCO frequency to support multiple output frequencies. VersaClock software quickly evaluates accessible VCO frequencies with available output divide values and provides an easy to understand, bar code rating for the target output frequencies. The user may evaluate output accuracy, performance trade-off scenarios in seconds.
PCB Layout Recommendations
For optimum device performance and lowest output phase noise, the following guidelines should be observed. 1) Each 0.01F decoupling capacitor should be mounted on the component side of the board as close to the VDD pin as possible. No vias should be used between decoupling capacitor and VDD pin. The PCB trace to VDD pin should be kept as short as possible, as should the PCB trace to the ground via. 2) The external crystal should be mounted just next to the device with short traces. The X1 and X2 traces should not be routed next to each other with minimum
Spread Spectrum Modulation
The ICS345 utilizes frequency modulation (FM) to distribute energy over a range of frequencies. By modulating the output clock frequencies, the device effectively lowers energy across a broader range of
MDS 345 D Integrated Circuit Systems, Inc.
3
525 Race Street, San Jose, CA 95126
Revision 090704 tel (408) 297-1201
www.icst.com
ICS345 Triple PLL Field Programmable SS VersaClock Synthesizer
frequencies; thus, lowering a system's electromagnetic interference (EMI). The modulation rate is the time from transitioning from a minimum frequency to a maximum frequency and then back to the minimum. Spread Spectrum Modulation can be applied as either "center spread" or "down spread". During center spread modulation, the deviation from the target frequency is equal in the positive and negative directions. The effective average frequency is equal to the target frequency. In applications where the clock is driving a component with a maximum frequency rating, down spread should be applied. In this case, the maximum frequency, including modulation, is the target frequency. The effective average frequency is less than the target frequency. The ICS345 operates in both center spread and down spread modes. For center spread, the frequency can
be modulated between +/- 0.125% to +/-2.0%. For down spread, the frequency can be modulated between -0.25% to -4.0%. Both output frequency banks will utilize identical spread spectrum percentage deviations and modulation rates, if a common VCO frequency can be identified.
Spread Spectrum Modulation Rate
The spread spectrum modulation frequency applied to the output clock frequency may occur at a variety of rates. For applications requiring the driving of "down-circuit" PLLs, Zero Delay Buffers, or those adhering to PCI standards, the spread spectrum modulation rate should be set to 30-33 kHz. For other applications, a 120 kHz modulation option is available.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS345. These ratings, which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended operating temperature range.
Parameter
Supply Voltage, VDD Inputs Clock Outputs Storage Temperature Soldering Temperature Junction Temperature
Condition
Referenced to GND Referenced to GND Referenced to GND Max 10 seconds
Min.
-0.5 -0.5 -65
Typ.
Max.
7 VDD+0.5 VDD+0.5 150 260 125
Units
V V V C C C
MDS 345 D Integrated Circuit Systems, Inc.
4
525 Race Street, San Jose, CA 95126
Revision 090704 tel (408) 297-1201
www.icst.com
ICS345 Triple PLL Field Programmable SS VersaClock Synthesizer
Recommended Operation Conditions
Parameter
Ambient Operating Temperature (ICS345RP) Ambient Operating Temperature (ICS345RIP) Power Supply Voltage (measured in respect to GND) Power Supply Ramp Time
Min.
0 -40 +3.15
Typ.
Max.
+70 +85
Units
C C V ms
+3.3
+3.45 4
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3V 5%, Ambient Temperature -40 to +85C
Parameter
Operating Voltage
Symbol
VDD
Conditions
Configuration Dependent See VersaClockTM Estimates
Min.
3.15
Typ.
Max.
3.45
Units
V mA
Operating Supply Current Input High Voltage
IDD
Nine 33.3333 MHz outs, PDTS = 1, no load, Note 1 PDTS = 0, no load, Note 1 S2:S0 S2:S0 VDD-0.5 2
23 20 0.4 0.4
mA A V V V V V VDD/2-1 V V V 0.4 V mA k k pF
Input High Voltage Input Low Voltage Input High Voltage, PDTS Input Low Voltage, PDTS Input High Voltage Input Low Voltage Output High Voltage (CMOS High) Output High Voltage Output Low Voltage Short Circuit Current Nominal Output Impedance Internal pull-up resistor Internal pull-down resistor Input Capacitance
VIH VIL VIH VIL VIH VIL VOH VOH VOL IOS ZO RPUS RPD CIN
ICLK ICLK IOH = -4 mA IOH = -12 mA IOL = 12 mA
VDD/2+1 VDD-0.4 2.4 70 20
S2:S0, PDTS CLK outputs Inputs
250 525 4
Note 1: Example with 25 MHz crystal input with nine outputs of 33.3 MHz, no load, and VDD = 3.3 V.
MDS 345 D Integrated Circuit Systems, Inc.
5
525 Race Street, San Jose, CA 95126
Revision 090704 tel (408) 297-1201
www.icst.com
ICS345 Triple PLL Field Programmable SS VersaClock Synthesizer
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3V 5%, Ambient Temperature -40 to +85 C
Parameter
Input Frequency Output Frequency Output Rise Time Output Fall Time Duty Cycle Power-up time
Symbol
FIN
Conditions
Fundamental crystal Input clock VDD=3.3 V
Min.
5 2 0.25
Typ.
Max. Units
27 50 200 MHz MHz MHz ns ns 60 10 2 % ms ms
tOR tOF
20% to 80%, Note 1 80% to 20%, Note 1 Note 2 PLL lock-time from power-up, Note 3 PDTS goes high until stable CLK output, Spread Spectrum Off, Note 3 PDTS goes high until stable CLK output, Spread Spectrum On, Note 3 40
1 1 49-51 4 0.2
4
7
ms
One Sigma Clock Period Jitter Maximum Absolute Jitter tja
Configuration Dependent Deviation from Mean. Configuration Dependent Low Skew Outputs -250
50 +200
ps ps
Pin-to-Pin Skew Note 1: Measured with 15pF load
250
ps
Note 2: Duty Cycle is configuration dependent. Most configurations are min 45% / max 55% Note 3: ICS test mode output occurs for first 170 clock cycles on CLK7 for each PLL powered up. PDTS transition high on select address change.
Thermal Characteristics
Parameter
Thermal Resistance Junction to Ambient
Symbol
JA JA JA JC
Conditions
Still air 1 m/s air flow 3 m/s air flow
Min.
Typ.
135 93 78 60
Max. Units
C/W C/W C/W C/W
Thermal Resistance Junction to Case
MDS 345 D Integrated Circuit Systems, Inc.
6
525 Race Street, San Jose, CA 95126
Revision 090704 tel (408) 297-1201
www.icst.com
ICS345 Triple PLL Field Programmable SS VersaClock Synthesizer
Package Outline and Package Dimensions (20-pin SSOP, 150 Mil. Wide Body)
Package dimensions are kept current with JEDEC Publication No. 95
Millimeters
20
Inches Min Max
Symbol
Min
Max
E1 INDEX AREA
E
12 D
A A1 A2 b c D E E1 e L aaa
1.35 1.75 0.10 0.25 -1.50 0.20 0.30 0.18 0.25 8.55 8.75 5.80 6.20 3.80 4.00 .635 Basic 0.40 1.27 0 8 -0.10
0.053 0.069 0.004 0.010 -0.059 0.008 0.012 0.007 0.010 0.337 0.344 0.228 0.244 0.150 0.157 .025 Basic 0.016 0.050 0 8 -0.004
A2 A1
A
c
-Ce
b SEATING PLANE L
aaa C
Ordering Information
Part / Order Number
ICS345RP ICS345RIP ICS345RLF
Marking
ICS345RP ICS345RIP ICS345RLF
Shipping packaging
Tubes Tubes Tubes
Package
20-pin SSOP 20-pin SSOP 20-pin SSOP
Temperature
0 to +70C -40 to +85C 0 to +70C
"LF" denotes Pb (lead) free package. While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments.
MDS 345 D Integrated Circuit Systems, Inc.
7
525 Race Street, San Jose, CA 95126
Revision 090704 tel (408) 297-1201
www.icst.com


▲Up To Search▲   

 
Price & Availability of ICS345RP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X