![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ICS307-03 SERIALLY PROGRAMMABLE CLOCK SOURCE Description The ICS307-03 is a dynamic, serially programmable clock source which is flexible and takes up minimal board space. Output frequencies are programmed via a 3-wire SPI port. An advanced PLL coupled to an array of configurable output dividers and three outputs allows low-jitter generation of frequencies from 200 Hz to 270 MHz. The device can be reprogrammed during operation, making it ideal for applications where many different frequencies are required, or where the output frequency must be determined at run time. Glitch-free frequency transitions, where the clock period changes slightly over many cycles, are possible. Features * Crystal or clock reference input * 3.3 V CMOS outputs * Three outputs can be individually configured or shut off * * * * * Small 16-pin TSSOP package Reprogrammable during operation 3-wire SPI serial interface Glitch-free output frequency switching User selectable charge pump current and damping resistor control bit * Power-down control via hardware pin or software * Programming word can be generated by ICS VersaClock II Software * Directly programmable via VersaClock II Software and a Windows PC parallel port * Available in Pb (lead) free package Block Diagram Charge Pump (Table 3) X1 (Table 1) REF Divide 1-2055 [Bit 122] X2 VCO DIVIDE 12-2055 (Table 2) 1 0 DIN CS SCLK Programming Register (132 bits) [Bit 123] Divider 2 - 34 (Table 6) [Bit 111] CLK2 Resistor (Table 4) 300 pF Divider 2 - 8232 (Table 5) [Bit 110] CP 11pF CLK1 1 0 [Bit 124] Divider 2 - 34 (Table 7) [Bit 129] CLK3 MDS 307-03 C I n t e gra te d C i r c u i t S y s t e m s 1 5 25 Race Stre et, San Jo se, CA 9 5126 Revision 101705 te l (40 8) 2 97-12 01 w w w. i c st . c o m ICS307-03 SERIALLY PROGRAMMABLE CLOCK SOURCE Pin Assignment X1 VDD VDD VDD GND GND GND CLK1 1 2 3 16 15 14 X2 PD CLK3 GND CLK2 DIN CS SCLK ICS307-03 4 5 6 7 8 13 12 11 10 9 16-pin TSSOP Pin Descriptions Pin Number Pin Name Pin Type Pin Description 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 X1 VDD VDD VDD GND GND GND CLK1 SCLK CS DIN CLK2 GND CLK3 PD X2 XI Power Power Power Power Power Power Output Input Input Input Output Power Output Input - Connect to input reference clock or crystal. Power connection for crystal oscillator. Power connection for PLL. Power connection for inputs and outputs. Ground connection for crystal oscillator. Ground connection for PLL. Ground connection for inputs and outputs. Clock 1 output. Programming interface - Serial clock input. Internal pull-up. Programming interface - LOAD input. Internal pull-down. Programming interface - Serial data input. Internal pull-up. Clock 2 output. Ground connection. Clock 3 output. Crystal, PLL, and outputs are powered-down when low. Internal pull-up. Connect to crystal. Leave open if reference clock input is used. MDS 307-03 C In te grated Circuit Systems 2 525 Ra ce Street, San Jose, CA 9512 6 Revision 101705 tel (4 08) 297 -1 201 w w w. i c s t . c o m ICS307-03 SERIALLY PROGRAMMABLE CLOCK SOURCE Table 1. Input Divider Divide Value 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 ... 2054 2055 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 1 1 1 1 1 12 X X X X X X X X X X X X X X X X X 0 0 0 0 11 X X X X X X X X X X X X X X X X X 0 0 0 0 10 X X X X X X X X X X X X X X X X X 0 0 0 0 9 X X X X X X X X X X X X X X X X X 0 0 0 0 8 X X X X X X X X X X X X X X X X X 0 0 0 0 7 X X X X X X X X X X X X X X X X X 0 0 0 0 Bits 6 X X X X X X X X X X X X X X X X X 0 0 0 0 5 X X 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 4 X X 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 0 0 1 1 3 X X 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 2 X X 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 0 1 0 1 1 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 subtract 8 from the desired divide value, convert to binary, and apply to bits 11...2 Bits [1..0] = 11 Rule 1+ Bit 0 1 + Bit 0 subtract 2 from the desired value, convert to binary, invert, and apply to bits 5...2 Bits [1..0] = 10 Table 2. VCO Divider Bits Divide Value 12 13 14 2054 2055 ... 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 1 MDS 307-03 C In te grated Circuit Systems 23 0 0 0 22 0 0 0 21 0 0 0 20 0 0 0 19 0 0 0 18 0 0 0 17 0 0 0 16 0 0 0 15 1 1 1 14 0 0 1 13 0 1 0 Rule subtract 8 from the desired divide value, convert to binary, and apply to bits 23...13 3 525 Ra ce Street, San Jose, CA 9512 6 Revision 101705 tel (4 08) 297 -1 201 w w w. i c s t . c o m ICS307-03 SERIALLY PROGRAMMABLE CLOCK SOURCE Table 3. Charge Pump Current Charge Pump Current (A) 1.25 2.5 2.5 3.75 3.75 5 5 5 6.25 7.5 7.5 7.5 70 10 10 10 11.25 12.5 15 15 15 17.5 18.75 20 20 22.5 25 26.25 30 30 35 40 93 1 1 1 1 1 1 1 1 0 0 1 1 0 0 1 1 1 0 1 0 1 0 0 0 1 0 0 0 0 0 0 0 92 1 1 1 0 1 0 1 1 1 1 1 0 0 0 0 1 0 1 0 1 0 0 1 0 0 1 1 0 0 1 0 0 Bits 91 1 0 1 1 1 0 0 1 1 0 0 1 1 0 0 0 1 1 0 0 1 1 1 0 0 0 1 1 0 0 1 0 127 0 0 1 0 0 0 1 1 0 0 0 1 0 0 1 1 0 1 0 1 1 1 0 1 1 0 1 0 0 1 1 1 128 0 0 0 0 1 0 0 1 0 0 1 0 0 0 0 1 1 0 1 0 1 0 1 0 1 1 1 1 1 1 1 1 Rule Icp = ([127...128]+1)*1.25A*([93 92 91] + 1) Table 4. Loop Filter Resistor Bits Resistor Value 64 k 52 k 16 k 4k 89 0 0 1 1 90 0 1 0 1 MDS 307-03 C In te grated Circuit Systems 4 525 Ra ce Street, San Jose, CA 9512 6 Revision 101705 tel (4 08) 297 -1 201 w w w. i c s t . c o m ICS307-03 SERIALLY PROGRAMMABLE CLOCK SOURCE Table 5. Output Divider for Output 1 Divide Value 2 3 4 5 6 7 8 9 10 11 12 13 14 15 109 108 107 106 105 104 103 X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X Bits 102 101 100 99 98 97 96 95 Rule X X X X X X 1 X 1 X 1 X 1 1 X X X X X X 1 X 1 X 1 X 0 0 X X X X X X 1 X 0 X 0 X 1 1 X X X X X 0 0 1 1 0 0 1 1 1 0 0 1 X 1 0 1 0 1 1 1 1 1 0 0 0 0 0 0 0 1 0 1 0 1 0 1 1 0 0 0 1 0 1 0 1 0 1 0 1 0 0 0 1 0 0 1 1 0 1 0 1 0 1 0 0 apply Rule from Divide Values 14-37 apply Rule from Divide Values 14-37 apply Rule from Divide Values 14-37 subtract 6 from the desired divide value, convert to binary, invert, and apply to bits 102..98 set bits [97..95] = 100 36 37 38 39 1029 1030 1032 2056 2058 2060 2064 4112 4116 4120 4128 8224 8232 ... ... ... ... X X X X X X 0 0 0 0 0 0 (increments of 1) 1 1 1 0 1 1 0 1 1 (increments of 2) 1 1 1 1 1 1 0 1 1 0 1 1 (increments of 4) 1 1 1 1 1 1 0 1 1 0 1 1 (increments of 8) 1 1 1 1 1 1 X X 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 X X 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 X X 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 X X 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 1 0 1 1 1 0 1 1 1 0 1 1 1 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 1 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 output divide = ((([109..101]+3)*2)+[98])*2^[100 set bits [95..97] = 101 ( this Rule applies to Divide Values 38-8232) MDS 307-03 C In te grated Circuit Systems 5 525 Ra ce Street, San Jose, CA 9512 6 Revision 101705 tel (4 08) 297 -1 201 w w w. i c s t . c o m ICS307-03 SERIALLY PROGRAMMABLE CLOCK SOURCE Table 6. Output Divider for Output 2 Divide Value 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 117 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 116 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 Bits 115 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 114 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 113 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Rule output divide = ([117..114]+2)*2^[113]) Table 7. Output Divider for Output 3 Divide Value 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 121 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 120 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 Bits 119 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 118 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 94 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Rule output divide = ([121..118]+2)*2^[94]) MDS 307-03 C In te grated Circuit Systems 6 525 Ra ce Street, San Jose, CA 9512 6 Revision 101705 tel (4 08) 297 -1 201 w w w. i c s t . c o m ICS307-03 SERIALLY PROGRAMMABLE CLOCK SOURCE Table 8. Miscellaneous Control Bits Bit 24~88 110 111 112 122 123 124 125 126 129 130 131 Function Reserved--set to 0 OE1--set to 1 to enable CLK1 OE2--set to 1 to enable CLK2 1 = Normal Operation, 0 = power down feedback counter, charge pump and VCO Crystal Input = 1, Clock Input = 0 Selects source for CLK2 (see block diagram) Selects source for CLK3 (see block diagram) Reserved--set to 0 Reserved--set to 0 OE3--set to 1 to enable CLK3 Reserved--set to 0 Reserved--set to 0 External Components The ICS307-03 requires a minimum number of external components for proper operation. Decoupling Capacitors TheICS307-03 requires 0.01F decoupling capacitors to be connected between each VDD pin and the Ground Plane. The 0.01F capacitors must be placed as close to the ICS307-03's power pins as possible to minimize lead inductance. Output Termination The ICS307-03 has advanced output pads that allows the device to achieve very high speed (270 MHz) operation with single ended clock outputs. The clock outputs on the ICS307-03 are designed to be directly connected to a 50 Ohm transmission line without the need for any series resistors. Crystal Selection A parallel resonant, fundamental mode crystal with a load (correlation) capacitance of 12 C should be used. For crystals with a specified load capacitance greater than 12, additional crystal capacitors may be connected from each of the pins X1 and X2 to ground as shown in the Block Diagram on page 1. The value (in pF) of these crystal caps should be = (CL-12)*2, where CL is the crystal load capacitance in pF and C is the capacitance value from Table 4. For a single ended clock input, connect it to X1 and leave X2 unconnected with no capacitors on either pin. MDS 307-03 C In te grated Circuit Systems 7 525 Ra ce Street, San Jose, CA 9512 6 Revision 101705 tel (4 08) 297 -1 201 w w w. i c s t . c o m ICS307-03 SERIALLY PROGRAMMABLE CLOCK SOURCE Initial Output Frequency ICS307-03 on-chip registers are initially configured to provide a 1x output clock on the CLK1 output, and 0.5x clock on CLK2 and CLK3. The output frequency will be the same as the input clock or crystal for input frequencies from 10 - 50 MHz. This is useful when the ICS307-03 needs to provide an initial system clock at power-up. Determining and Controlling the Output Frequency with VersaClockTM II The ICS307-03 is directly supported by the ICS provided software called VersaClock II. Complete programming words for this device can be calculated on any Windows PC by running the VersaClock II software and simple inputting desired input and output frequencies. Once the software generates an appropriate programming word, it may then be either copied to the Windows clipboard or even directly programmed into the ICS307-03 via the host computers parallel port. For more information on VersaClock II, please visit www.icst.com or send an e-mail to ics-mk@icst.com. Manually Determining the Output Frequency The user has full control over the desired output frequency as long as it is operated within the limits shown in the AC Electrical Characteristics. The output of the ICS307-03 can be determined by the following equation: VCLK1Frequency = InputFrequency ----------------R OD Where: VCO Divider (V) = 12 to 2055 Reference Divider Word (R) = 1 to 2055 Output Divider = values in tables 5, 6, 7 Also, the following operating ranges should be observed. V VCOmin < InputFrequency --- < VCOmaxfreq R Input Frequency 20kHz < ------------------------------------------ < 100MHz R To determine the best combination of VCO, reference, and output dividers, please use the VersaClock II software mentioned above. If more information is needed, please contact ICS by sending an e-mail to ics-mk@icst.com. MDS 307-03 C In te grated Circuit Systems 8 525 Ra ce Street, San Jose, CA 9512 6 Revision 101705 tel (4 08) 297 -1 201 w w w. i c s t . c o m ICS307-03 SERIALLY PROGRAMMABLE CLOCK SOURCE Programming Interface The dynamic register within the ICS307-03 controls the entire device and may be reprogrammed any time after power is properly applied. If V or R values are changed, the frequency will transition smoothly to the new value without glitches or short cycles. However, changing any divider or mux in the output signal path may generate a glitch. The register is 132 bits in length and accepts the MSB first. The SCLK signal latches the current data bit value in the rising edge of It latches the most recently shifted 132 bit values into the control register of device whenever CS is high. Care must be taken to ensure that CS is always low until the system is ready to load in a new register value and that SCLK is never toggled high when CS is high. The register can be programmed any time after power is applied, even while in power-down (pin 15 or bit 112 held low) with the waveform and timing shown below:. Figure 2: ICS307-03 Programming Timing Diagram DIN tsetup 131 130 129 128 2 1 0 thold SCLK tw CS ts Table 8: AC Parameters for Programming the ICS307-03 Parameter Condition Min. Max. Units tSETUP tHOLD tW tS Setup time Hold time after SCLK Data wait time Strobe pulse width SCLK Frequency 2.5 2.5 2.5 10 200 ns ns ns ns MHz Programming with VersaClock Software The VersaClock II Software not only generates the programming word for the user, it can also be used to program the device via the host computer's parallel port. Demonstration boards are available from ICS that allows the VersaClock II S/W to directly connect the ICS307-03 to a Windows based PC's DB-25 parallel port connector and programmed simply by pressing the "Program Part" button. Contact ics-mk@icst.com for more details. MDS 307-03 C In te grated Circuit Systems 9 525 Ra ce Street, San Jose, CA 9512 6 Revision 101705 tel (4 08) 297 -1 201 w w w. i c s t . c o m ICS307-03 SERIALLY PROGRAMMABLE CLOCK SOURCE Absolute Maximum Ratings Stresses above the ratings listed below can cause permanent damage to the ICS307-03. These ratings, which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended operating temperature range. Item Supply Voltage, VDD All Inputs and Outputs Storage Temperature Soldering Temperature 5V Rating -0.5 V to VDD+0.5 V -65 to +150C 260C Recommended Operating Conditions Parameter Ambient Operating Temperature Power Supply Voltage (measured in respect to GND) Min. 0 +3.0 Typ. Max. +70 +3.6 Units C V DC Electrical Characteristics VDD=3.3 V 5% , Ambient temperature 0 to +70C, unless stated otherwise Parameter Operating Voltage Input High Voltage Input Low Voltage Output High Voltage Output Low Voltage Output High Voltage, CMOS level Tri-state Output Leakage Operating Supply Current Symbol VDD VIH VIL VOH VOL VOH Conditions Min. 3.0 2 Typ. Max. 3.6 0.8 Units V V V V V V IOH = -4 mA IOL = 4 mA IOH = -6.5 mA 2.4 0.4 VDD-0.4 1 A mA IDD 27 MHz crystal No load, 100 MHz out, all outputs enabled CLK outputs 24 Short Circuit Current Input Capacitance On-Chip Pull-up Resistor On-Chip Pull-down Resistor CIN RPU RPD 60 4 240 100 mA pF k k MDS 307-03 C In te grated Circuit Systems 10 525 Ra ce Street, San Jose, CA 9512 6 Revision 101705 tel (4 08) 297 -1 201 w w w. i c s t . c o m ICS307-03 SERIALLY PROGRAMMABLE CLOCK SOURCE AC Electrical Characteristics VDD = 3.3 V 5%, Ambient Temperature 0 to +70 C, unless stated otherwise Parameter Input Frequency Clock Output Frequency Output Clock Rise/Fall Time Output Clock Duty Cycle Frequency Transition time One Sigma Clock Period Jitter Maximum Absolute Jitter VCO Frequency Divider 1 Input Symbol FIN FOUT tR, tF Conditions Fundamental crystal Clock 5 pF load 15 pF load 20 to 80% (5 pF load) Output Divides <> 3 Output Divide = 3 STROBE high to CLK out Note 2 Min. 3 0.1 0.0002 0.0002 Typ. Max. 27 300 270 200 Units MHz MHz MHz MHz ns % % ms ps ps 1.5 45 40 3 50 120 100 730 540 400 720 600 570 730 540 400 440 500 730 49-51 55 60 10 tja VCOF Deviation from mean, Note 2 Output divider 1 = 2 (5 pF load) Output divider 1 = 2 (15 pF load) Output divider 1 = 3 (5 pF load) Output divider 1 = 3 (15 pF load) Output divider 1 = 38 ~ 1029 All other Output Divider 1 values MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz Divider 2 and 3 Inputs Output divider 2, 3 = 2 (5 pF load) Output divider 2, 3 = 2 (15 pF load) Output divider 2, 3=12 Output divider 2, 3 = 16, 24, 28 and 32 All other Output Divider 2 & 3 values Note 1: Measured with 15 pF load. Note 2: Jitter performance will change depending on configuration settings. MDS 307-03 C In te grated Circuit Systems 11 525 Ra ce Street, San Jose, CA 9512 6 Revision 101705 tel (4 08) 297 -1 201 w w w. i c s t . c o m ICS307-03 SERIALLY PROGRAMMABLE CLOCK SOURCE Package Outline and Package Dimensions (16-pin TSSOP, 4.40 mm Body, 0.65 mm Pitch) Package dimensions are kept current with JEDEC Publication No. 95, MO-153 Millimeters Symbol Min Max Inches Min Max 16 E1 IN D EX AR EA E 1 2 D A A1 A2 b C D E E1 e L aaa -1.20 0.05 0.15 0.80 1.05 0.19 0.30 0.09 0.20 4.90 5.1 6.40 BASIC 4.30 4.50 0.65 Basic 0.45 0.75 0 8 -0.10 -0.047 0.002 0.006 0.032 0.041 0.007 0.012 0.0035 0.008 0.193 0.201 0.252 BASIC 0.169 0.177 0.0256 Basic 0.018 0.030 0 8 -0.004 A 2 A 1 A c -Ce b S E A T IN G P LA N E L aaa C Ordering Information Part / Order Number ICS307G-03 ICS307G-03T ICS307G-03LF ICS307G-03LFT Marking ICS307G-03 ICS307G-03 307G-03LF 307G-03LF Shipping packaging Tubes Tape and Reel Tubes Tape and Reel Package 16-pin TSSOP 16-pin TSSOP 16-pin TSSOP 16-pin TSSOP Temperature 0 to +70 C 0 to +70 C 0 to +70 C 0 to +70 C Parts that are ordered with a "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant. While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. MDS 307-03 C In te grated Circuit Systems 12 525 Ra ce Street, San Jose, CA 9512 6 Revision 101705 tel (4 08) 297 -1 201 w w w. i c s t . c o m |
Price & Availability of ICS307G-03T
![]() |