Part Number Hot Search : 
S10R12 36V18 PD200561 TDA8173 1N4762 SS471 DM74A 0FFI02
Product Description
Full Text Search
 

To Download ICL3244IA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ICL3224, ICL3226, ICL3238, ICL3244
Data Sheet November 2002 FN4876.6
1 Microamp, +3V to +5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
The Intersil ICL32XX devices are 3.0V to 5.5V powered RS-232 transmitters/receivers which meet ElA/TIA-232 and V.28/V.24 specifications, even at VCC = 3.0V. Targeted applications are PDAs, Palmtops, and notebook and laptop computers where the low operational, and even lower standby, power consumption is critical. Efficient on-chip charge pumps, coupled with manual and enhanced automatic powerdown functions, reduce the standby supply current to a 1A trickle. Small footprint packaging, and the use of small, low value capacitors ensure board space savings as well. Data rates greater than 250kbps are guaranteed at worst case load conditions. This family is fully compatible with 3.3V only systems, mixed 3.3V and 5.0V systems, and 5.0V only systems. The ICL3244 is a 3 driver, 5 receiver device that provides a complete serial port suitable for laptop or notebook computers. The ICL3244/38 also include a noninverting always-active receiver for RING INDICATOR monitoring. These devices feature an enhanced automatic powerdown function which powers down the on-chip powersupply and driver circuits. This occurs when all receiver and transmitter inputs detect no signal transitions for a period of 30sec. These devices power back up, automatically, whenever they sense a transition on any transmitter or receiver input. Table 1 summarizes the features of the devices represented by this data sheet, while Application Note AN9863 summarizes the features of each device comprising the ICL32XX 3V family.
Features
* 15kV ESD Protected (Human Body Model) * Manual and Enhanced Automatic Powerdown Features * Drop in Replacements for MAX3224, MAX3226, MAX3238, MAX3244 * Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V * Latch-Up Free * RS-232 Compatible with VCC = 2.7V * On-Chip Voltage Converters Require Only Four External 0.1F Capacitors * Flow-Through Pinout (ICL3238) * Guaranteed Mouse Driveability (ICL3244) * "Ready to Transmit" Indicator Output (ICL3224/26) * Receiver Hysteresis For Improved Noise Immunity * Guaranteed Minimum Data Rate . . . . . . . . . . . . . 250kbps * Guaranteed Minimum Slew Rate . . . . . . . . . . . . . . . 6V/s * Wide Power Supply Range . . . . . . . Single +3V to +5.5V * Low Supply Current in Powerdown State. . . . . . . . . . .1A
Applications
* Any System Requiring RS-232 Communication Ports - Battery Powered, Hand-Held, and Portable Equipment - Laptop Computers, Notebooks, Palmtops - Modems, Printers and other Peripherals - Digital Cameras - Cellular/Mobile Phones - Data Cradles
Related Literature
* Technical Brief TB363 "Guidelines for Handling and Processing Moisture Sensitive Surface Mount Devices (SMDs)" * AN9863, "3V to +5.5V, 250k-1Mbps, RS-232 Transmitters/Receivers"
TABLE 1. SUMMARY OF FEATURES PART NUMBER ICL3224 ICL3226 ICL3238 ICL3244 NO. OF NO. OF Tx. Rx. 2 1 5 3 2 1 3 5 NO. OF MONITOR Rx. (ROUTB) 0 0 1 1 DATA RATE (kbps) 250 250 250 250 Rx. ENABLE FUNCTION? NO NO NO NO READY OUTPUT? YES YES NO NO MANUAL POWERDOWN? YES YES YES YES ENHANCED AUTOMATIC POWERDOWN YES YES YES YES
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2002. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ICL3224, ICL3226, ICL3238, ICL3244 Ordering Information
(NOTE 1) PART NO. ICL3224CA ICL3224IA ICL3224CP ICL3226CA ICL3226IA ICL3238CA ICL3238IA ICL3244CA TEMP. RANGE (oC) 0 to 70 -40 to 85 0 to 70 0 to 70 -40 to 85 0 to 70 -40 to 85 0 to 70 PACKAGE 20 Ld SSOP 20 Ld SSOP 20 Ld PDIP 16 Ld SSOP 16 Ld SSOP 28 Ld SSOP 28 Ld SSOP 28 Ld SSOP PKG. NO. M20.209 M20.209 E20.3 M16.209 M16.209 M28.209 M28.209 M28.209
Ordering Information
(NOTE 1) PART NO. ICL3244IA ICL3244CB ICL3244IB ICL3244CV ICL3244IV NOTE: TEMP. RANGE (oC) -40 to 85 0 to 70 -40 to 85 0 to 70 -40 to 85
(Continued)
PACKAGE 28 Ld SSOP 28 Ld SOIC 28 Ld SOIC 28 Ld TSSOP 28 Ld TSSOP
PKG. NO. M28.209 M28.3 M28.3 M28.173 M28.173
1. Most surface mount devices are available on tape and reel; add "-T" to suffix.
Pinouts
ICL3224 (PDIP, SSOP) TOP VIEW
READY 1 C1+ 2 V+ 3 20 FORCEOFF 19 VCC 18 GND 17 T1OUT 16 R1IN 15 R1OUT 14 FORCEON 13 T1IN 12 T2IN 11 INVALID READY 1 C1+ 2 V+ 3 16 FORCEOFF 15 VCC 14 GND 13 T1OUT 12 FORCEON 11 T1IN 10 INVALID 9 R1OUT
ICL3226 (SSOP) TOP VIEW
C1- 4 C2+ 5 C2- 6 V- 7 T2OUT 8 R2IN 9 R2OUT 10
C1- 4 C2+ 5 C2- 6 V- 7 R1IN 8
ICL3238 (SSOP) TOP VIEW
C2+ 1 GND 2 C23 28 C1+ 27 V+ 26 VCC 25 C124 T1IN 23 T2IN 22 T3IN 21 R1OUT 20 R2OUT 19 T4IN 18 R3OUT 17 T5IN 16 R1OUTB 15 INVALID
ICL3244 (SOIC, SSOP, TSSOP) TOP VIEW
C2+ 1 C2- 2 V3 28 C1+ 27 V+ 26 VCC 25 GND 24 C123 FORCEON 22 FORCEOFF 21 INVALID 20 R2OUTB 19 R1OUT 18 R2OUT 17 R3OUT 16 R4OUT 15 R5OUT
V- 4 T1OUT 5 T2OUT 6 T3OUT 7 R1IN 8 R2IN 9 T4OUT 10 R3IN 11 T5OUT 12 FORCEON 13 FORCEOFF 14
R1IN 4 R2IN 5 R3IN 6 R4IN 7 R5IN 8 T1OUT 9 T2OUT 10 T3OUT 11 T3IN 12 T2IN 13 T1IN 14
2
ICL3224, ICL3226, ICL3238, ICL3244 Pin Descriptions
PIN VCC V+ VGND C1+ C1C2+ C2TIN TOUT RIN ROUT ROUTB INVALID READY System power supply input (3.0V to 5.5V). Internally generated positive transmitter supply (+5.5V). Internally generated negative transmitter supply (-5.5V). Ground connection. External capacitor (voltage doubler) is connected to this lead. External capacitor (voltage doubler) is connected to this lead. External capacitor (voltage inverter) is connected to this lead. External capacitor (voltage inverter) is connected to this lead. TTL/CMOS compatible transmitter Inputs. RS-232 level (nominally 5.5V) transmitter outputs. RS-232 compatible receiver inputs. TTL/CMOS level receiver outputs. TTL/CMOS level, noninverting, always enabled receiver outputs. Active low output that indicates if no valid RS-232 levels are present on any receiver input. Active high output that indicates when the ICL32XX is ready to transmit (i.e., V- -4V) FUNCTION
FORCEOFF Active low to shut down transmitters and on-chip power supply. This overrides any automatic circuitry and FORCEON (see Table 2). FORCEON Active high input to override automatic powerdown circuitry thereby keeping transmitters active. (FORCEOFF must be high).
Typical Operating Circuits
ICL3224
+3.3V + 0.1F 2 + 4 5 + 6 13 T1IN 12 T2IN TTL/CMOS LOGIC LEVELS 15 R1OUT 10 R2OUT 1 READY 14 FORCEON GND 18 FORCEOFF INVALID R2 5k 20 11 R1 5k 9 R2IN 12 16 R1IN C1+ C1C2+ C2T1 T2 17 T1OUT 8 T2OUT RS-232 LEVELS TTL/CMOS LOGIC LEVELS +3.3V 19 VCC V+ 3 + C3 0.1F C4 +0.1F C1 0.1F C2 0.1F +
ICL3226
0.1F C1+
15 VCC 3 V+ V- 7 T1 13 T1OUT 8 R1 5k R1IN RS-232 LEVELS + C3 0.1F C4 + 0.1F
C1 0.1F C2 0.1F
V- 7
C15 C2+ + 6 C211 T1IN 9
2 + 4
R1OUT 1 READY
16 FORCEOFF 10
VCC TO POWER CONTROL LOGIC
FORCEON GND 14
INVALID
VCC TO POWER CONTROL LOGIC
3
ICL3224, ICL3226, ICL3238, ICL3244 Typical Operating Circuits
ICL3238
C3 (OPTIONAL CONNECTION, NOTE 2) +3.3V 0.1F 28 + 25 1 + 3 24 T1IN 23 T2IN 22 T3IN 19 T4IN 17 T5IN TTL/CMOS LOGIC LEVELS 16 R1OUTB 21 R1OUT 20 R2OUT 18 R3OUT 13 FORCEON VCC TO POWER CONTROL LOGIC 14 FORCEOFF 15 INVALID GND 2 VCC TO POWER CONTROL LOGIC 22 FORCEOFF 21 INVALID GND 25 R3 5k R2 5k R1 5k 8 R1IN 9 R2IN 11 R3IN 17 R3OUT RS-232 LEVELS 16 R4OUT 15 R5OUT 23 R5 FORCEON 5k R4 5k 8 R5IN R3 5k 7 R4IN 6 R3IN RS-232 LEVELS T4 T3 T3 T2 C1+ C1C2+ C2T1 V+ + 26 VCC 27 V+ 4 C +3 0.1F NOTE 3 C4 0.1F + +3.3V + 0.1F 28 + 24 C1+
(Continued) ICL3244
26 VCC 27 V+ 3 + C3 0.1F
C1 0.1F NOTE 3 C2 0.1F
C1 0.1F C2 0.1F
C11 C2+ + 2 C214 T1IN 13 T2IN 12 T3 T2 T1
V-
C4 0.1F +
9 T1OUT 10 T2OUT 11 T3OUT RS-232 LEVELS
5 T1OUT 6 T2OUT 7 T3OUT 10 T4OUT 12 T5OUT TTL/CMOS LOGIC LEVELS RS-232 LEVELS
T3IN 20 R2OUTB 19 R1OUT 18 R2OUT R2 5k R1 5k
4 R1IN 5 R2IN
NOTES: 2. THE NEGATIVE TERMINAL OF C3 CAN BE CONNECTED TO EITHER VCC OR GND. 3. FOR VCC = 3.15V (3.3V -5%), USE C1 - C4 = 0.1F OR GREATER. FOR VCC = 3.0V (3.3V -10%), USE C1 - C4 = 0.22F.
4
ICL3224, ICL3226, ICL3238, ICL3244
Absolute Maximum Ratings
VCC to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V V+ to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V V- to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3V to -7V V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14V Input Voltages TIN, FORCEOFF, FORCEON . . . . . . . . . . . . . . . . . . -0.3V to 6V RIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V Output Voltages TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.2V ROUT, INVALID, READY . . . . . . . . . . . . . . . . -0.3V to VCC +0.3V Short Circuit Duration TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . See Specification Table
Thermal Information
Thermal Resistance (Typical, Note 4) JA (oC/W) 20 Ld PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . 80 28 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . 75 16 Ld SSOP Package . . . . . . . . . . . . . . . . . . . . . . . 140 20 Ld SSOP Package . . . . . . . . . . . . . . . . . . . . . . . 125 28 Ld SSOP and TSSOP Packages . . . . . . . . . . . . 100 Moisture Sensitivity (see Technical Brief TB363) All Packages Not Listed Below . . . . . . . . . . . . . . . . . . . . . Level 1 16 Ld SSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . Level 2 Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC (SOIC, SSOP, TSSOP - Lead Tips Only)
Operating Conditions
Temperature Range ICL32XXC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC ICL32XXI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 4. JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Test Conditions: VCC = 3V to 5.5V, C1 - C4 = 0.1F (ICL3238: C1 - C4 = 0.22F @ VCC = 3V); Unless Otherwise Specified. Typicals are at TA = 25oC TEST CONDITIONS TEMP (oC) MIN TYP MAX UNITS A A mA mA
PARAMETER DC CHARACTERISTICS Supply Current, Automatic Powerdown Supply Current, Powerdown Supply Current, Automatic Powerdown Disabled
All RIN Open, FORCEON = GND, FORCEOFF = VCC FORCEOFF = GND All Outputs Unloaded, FORCEON ICL3244, VCC = 3V = FORCEOFF = VCC All Others, VCC = 3.15V TIN, FORCEON, FORCEOFF TIN, FORCEON, FORCEOFF VCC = 3.3V VCC = 5.0V
25 25 25 25
-
1.0 1.0 0.3 0.3
10 10 1.0 1.0
LOGIC AND TRANSMITTER INPUTS AND RECEIVER OUTPUTS Input Logic Threshold Low Input Logic Threshold High Full Full Full 25 TIN, FORCEON, FORCEOFF FORCEOFF = GND IOUT = 1.6mA IOUT = -1.0mA Full Full Full Full 2.0 2.4 0.5 0.01 0.05 0.8 1.0 10 0.4 V V V V A A V V
Transmitter Input Hysteresis Input Leakage Current Output Leakage Current Output Voltage Low Output Voltage High RECEIVER INPUTS Input Voltage Range Input Threshold Low VCC = 3.3V VCC = 5.0V Input Threshold High VCC = 3.3V VCC = 5.0V Input Hysteresis Input Resistance TRANSMITTER OUTPUTS Output Voltage Swing All Transmitter Outputs Loaded with 3k to Ground
VCC -0.6 VCC -0.1 -25 0.6 0.8 3 5.0 1.2 1.5 1.5 1.8 0.5 5 5.4
Full 25 25 25 25 25 25
25 2.4 2.4 7
V V V V V V k
Full
-
V
5
ICL3224, ICL3226, ICL3238, ICL3244
Electrical Specifications
Test Conditions: VCC = 3V to 5.5V, C1 - C4 = 0.1F (ICL3238: C1 - C4 = 0.22F @ VCC = 3V); Unless Otherwise Specified. Typicals are at TA = 25oC (Continued) TEST CONDITIONS VCC = V+ = V- = 0V, Transmitter Output = 2V VOUT = 12V, VCC = 0V or 3V to 5.5V, Automatic Powerdown or FORCEOFF = GND TEMP (oC) Full Full Full MIN 300 TYP 10M 35 MAX 60 25 UNITS mA A
PARAMETER Output Resistance Output Short-Circuit Current Output Leakage Current
MOUSE DRIVEABILITY (ICL3244 Only) Transmitter Output Voltage (See Figure 11) T1IN = T2IN = GND, T3IN = VCC, T3OUT Loaded with 3k to GND, T1OUT and T2OUT Loaded with 2.5mA Each See Figure 6 See Figure 6 IOUT = 1.6mA IOUT = -1.0mA ICL3238 All Others ICL3238 All Others ICL3238, Note 5 All Others, Note 5 Note 5 Full 5 V
ENHANCED AUTOMATIC POWERDOWN (FORCEON = GND, FORCEOFF = VCC) Receiver Input Thresholds to INVALID High Receiver Input Thresholds to INVALID Low INVALID, READY Output Voltage Low INVALID, READY Output Voltage High Receiver Positive or Negative Threshold to INVALID High Delay (tINVH) Receiver Positive or Negative Threshold to INVALID Low Delay (tINVL) Receiver or Transmitter Edge to Transmitters Enabled Delay (tWU) Receiver or Transmitter Edge to Transmitters Disabled Delay (tAUTOPWDN) TIMING CHARACTERISTICS Maximum Data Rate Receiver Propagation Delay RL = 3k, CL = 1000pF, One Transmitter Switching Receiver Input to Receiver Output, CL = 150pF tPHL tPLH Full 25 25 25 25 25 25 CL = 150pF to 1000pF CL = 150pF to 2500pF 25 25 250 6 4 500 0.15 0.15 200 200 100 50 8 30 30 kbps s s ns ns ns ns V/s V/s Full Full Full Full 25 25 25 25 25 25 Full -2.7 -0.3 VCC-0.6 15 0.1 1 50 30 25 100 30 2.7 0.3 0.4 60 V V V V s s s s s s sec
Receiver Output Enable Time Receiver Output Disable Time Transmitter Skew Receiver Skew Transition Region Slew Rate
Normal Operation (ICL3238/44 Only) Normal Operation (ICL3238/44 Only) tPHL - tPLH tPHL - tPLH VCC = 3.3V, RL = 3k to 7k, Measured From 3V to -3V or -3V to 3V
ESD PERFORMANCE RS-232 Pins (TOUT, RIN) Human Body Model IEC1000-4-2 Contact Discharge IEC1000-4-2 Air Gap Discharge All Other Pins NOTE: 5. An "edge" is defined as a transition through the transmitter or receiver input thresholds. Human Body Model 25 25 25 25 15 8 10 2.5 kV kV kV kV
6
ICL3224, ICL3226, ICL3238, ICL3244 Detailed Description
These ICL32XX interface ICs operate from a single +3V to +5.5V supply, guarantee a 250kbps minimum data rate, require only four small external 0.1F capacitors, feature low power consumption, and meet all ElA RS-232C and V.28 specifications. The circuit is divided into three sections: The charge pump, the transmitters, and the receivers. The ICL3238 and ICL3244 inverting receivers disable during forced (manual) powerdown, but not during automatic powerdown (see Table 2). Conversely, the monitor receiver remains active even during manual powerdown making it extremely useful for Ring Indicator monitoring. Standard receivers driving powered down peripherals must be disabled to prevent current flow through the peripheral's protection diodes (see Figures 2 and 3). This renders them useless for wake up functions, but the corresponding monitor receiver can be dedicated to this task as shown in Figure 3.
VCC RXIN -25V VRIN +25V GND 5k RXOUT GND VROUT VCC
Charge-Pump
Intersil's new ICL32XX family utilizes regulated on-chip dual charge pumps as voltage doublers, and voltage inverters to generate 5.5V transmitter supplies from a VCC supply as low as 3.0V. This allows these devices to maintain RS-232 compliant output levels over the 10% tolerance range of 3.3V powered systems. The efficient on-chip power supplies require only four small, external 0.1F capacitors for the voltage doubler and inverter functions at VCC = 3.3V. See the "Capacitor Selection" section, and Table 3 for capacitor recommendations for other operating conditions. The charge pumps operate discontinuously (i.e., they turn off as soon as the V+ and V- supplies are pumped up to the nominal values), resulting in significant power savings.
FIGURE 1. INVERTING RECEIVER CONNECTIONS
VCC VCC CURRENT FLOW VOUT = VCC Rx POWERED DOWN UART Tx GND SHDN = GND OLD RS-232 CHIP
VCC
Transmitters
The transmitters are proprietary, low dropout, inverting drivers that translate TTL/CMOS inputs to EIA/TIA-232 output levels. Coupled with the on-chip 5.5V supplies, these transmitters deliver true RS-232 levels over a wide range of single supply system voltages. Transmitter outputs disable and assume a high impedance state when the device enters the powerdown mode (see Table 2). These outputs may be driven to 12V when disabled. All devices guarantee a 250kbps data rate for full load conditions (3k and 1000pF), VCC 3.0V, with one transmitter operating at full speed. Under more typical conditions of VCC 3.3V, RL = 3k, and CL = 250pF, one transmitter easily operates at 1Mbps. Transmitter inputs float if left unconnected, and may cause ICC increases. Connect unused inputs to GND for the best performance.
FIGURE 2. POWER DRAIN THROUGH POWERED DOWN PERIPHERAL
VCC
TRANSITION DETECTOR TO WAKE-UP LOGIC VCC R2OUTB RX POWERED DOWN UART VOUT = HI-Z R2OUT TX T1IN T1OUT FORCEOFF = GND R2IN ICL3238/44
Receivers
All the ICL32XX devices contain standard inverting receivers, but only the ICL3238 and ICL3244 receivers can tristate, via the FORCEOFF control line. Additionally, the ICL3238 and ICL3244 include a noninverting (monitor) receiver (denoted by the ROUTB label) that is always active, regardless of the state of any control lines. Both receiver types convert RS-232 signals to CMOS output levels and accept inputs up to 25V while presenting the required 3k to 7k input impedance (see Figure 1) even if the power is off (VCC = 0V). The receivers' Schmitt trigger input stage uses hysteresis to increase noise immunity and decrease errors due to slow input signal transitions. 7
FIGURE 3. DISABLED RECEIVERS PREVENT POWER DRAIN
Powerdown Functionality
This 3V family of RS-232 interface devices requires a nominal supply current of 0.3mA during normal operation
ICL3224, ICL3226, ICL3238, ICL3244
TABLE 2. POWERDOWN LOGIC TRUTH TABLE RCVR OR XMTR EDGE WITHIN 30 SEC? RS-232 LEVEL PRESENT AT RECEIVER INPUT?
(NOTE 6) ROUTB FORCEOFF FORCEON TRANSMITTER RECEIVER INPUT INPUT OUTPUTS OUTPUTS OUTPUTS
INVALID OUTPUT
MODE OF OPERATION
ICL3224, ICL3226 NO NO YES YES NO NO X X H H H H H H L L H H L L L L X X Active Active Active Active High-Z High-Z High-Z High-Z Active Active Active Active Active Active Active Active N.A. N.A. N.A. N.A. N.A. N.A. N.A. N.A. NO YES NO YES NO YES NO YES L H L H L H L H Normal Operation (Enhanced Auto Powerdown Disabled) Normal Operation (Enhanced Auto Powerdown Enabled) Powerdown Due to Enhanced Auto Powerdown Logic Manual Powerdown
ICL322X - INVALID DRIVING FORCEON AND FORCEOFF (EMULATES AUTOMATIC POWERDOWN) X X NOTE 7 NOTE 7 NOTE 7 NOTE 7 Active High-Z Active Active N.A. N.A. YES NO H L Normal Operation Forced Auto Powerdown
ICL3238, ICL3244 NO NO YES YES NO NO X X H H H H H H L L H H L L L L X X Active Active Active Active High-Z High-Z High-Z High-Z Active Active Active Active Active Active High-Z High-Z Active Active Active Active Active Active Active Active NO YES NO YES NO YES NO YES L H L H L H L H Normal Operation (Enhanced Auto Powerdown Disabled) Normal Operation (Enhanced Auto Powerdown Enabled) Powerdown Due to Enhanced Auto Powerdown Logic Manual Powerdown
ICL3238, ICL3244 - INVALID DRIVING FORCEON AND FORCEOFF (EMULATES AUTOMATIC POWERDOWN) X X NOTES: 6. Applies only to the ICL3238 and ICL3244. 7. Input is connected to INVALID Output. NOTE 7 NOTE 7 NOTE 7 NOTE 7 Active High-Z Active High-Z Active Active YES NO H L Normal Operation Forced Auto Powerdown
(not in powerdown mode). This is considerably less than the 5mA to 11mA current required of 5V RS-232 devices. The already low current requirement drops significantly when the device enters powerdown mode. In powerdown, supply current drops to 1A, because the on-chip charge pump turns off (V+ collapses to VCC, V- collapses to GND), and the transmitter outputs tristate. Inverting receiver outputs may or may not disable in powerdown; refer to Table 2 for details. This micro-power mode makes these devices ideal for battery powered and portable applications.
active and powerdown modes, under logic or software control, only the FORCEOFF input need be driven. The FORCEON state isn't critical, as FORCEOFF dominates over FORCEON. Nevertheless, if strictly manual control over powerdown is desired, the user must strap FORCEON high to disable the enhanced automatic powerdown circuitry. ICL3238 and ICL3244 inverting (standard) receiver outputs also disable when the device is in powerdown, thereby eliminating the possible current path through a shutdown peripheral's input protection diode (see Figures 2 and 3). Connecting FORCEOFF and FORCEON together disables the enhanced automatic powerdown feature, enabling them to function as a manual SHUTDOWN input (see Figure 4). With any of the above control schemes, the time required to exit powerdown, and resume transmission is only 100s.
Software Controlled (Manual) Powerdown
These devices allow the user to force the IC into the low power, standby state, and utilize a two pin approach where the FORCEON and FORCEOFF inputs determine the IC's mode. For always enabled operation, FORCEON and FORCEOFF are both strapped high. To switch between
8
ICL3224, ICL3226, ICL3238, ICL3244
FORCEOFF PWR MGT LOGIC FORCEON
INVALID ICL32XX
uses this indicator to power down the interface block. Reconnecting the cable restores valid levels at the receiver inputs, INVALID switches high, and the power management logic wakes up the interface block. INVALID can also be used to indicate the DTR or RING INDICATOR signal, as long as the other receiver inputs are floating, or driven to GND (as in the case of a powered down driver).
VALID RS-232 LEVEL - INVALID = 1 2.7V
I/O UART CPU 0.3V
INDETERMINATE
INVALID LEVEL - INVALID = 0 -0.3V
FIGURE 4. CONNECTIONS FOR MANUAL POWERDOWN WHEN NO VALID RECEIVER SIGNALS ARE PRESENT
INDETERMINATE
-2.7V VALID RS-232 LEVEL - INVALID = 1
When using both manual and enhanced automatic powerdown (FORCEON = 0), the ICL32XX won't power up from manual powerdown until both FORCEOFF and FORCEON are driven high, or until a transition occurs on a receiver or transmitter input. Figure 5 illustrates a circuit for ensuring that the ICL32XX powers up as soon as FORCEOFF switches high. The rising edge of the Master Powerdown signal forces the device to power up, and the ICL32XX returns to enhanced automatic powerdown mode an RC time constant after this rising edge. The time constant isn't critical, because the ICL32XX remains powered up for 30 seconds after the FORCEON falling edge, even if there are no signal transitions. This gives slow-to-wake systems (e.g., a mouse) plenty of time to start transmitting, and as long as it starts transmitting within 30 seconds both systems remain enabled.
POWER MANAGEMENT UNIT MASTER POWERDOWN LINE 0.1F 1M
FIGURE 6. DEFINITION OF VALID RS-232 RECEIVER LEVELS
Enhanced Automatic Powerdown
Even greater power savings is available by using these devices which feature an enhanced automatic powerdown function. When the enhanced powerdown logic determines that no transitions have occurred on any of the transmitter nor receiver inputs for 30 seconds, the charge pump and transmitters powerdown, thereby reducing supply current to 1A. The ICL32XX automatically powers back up whenever it detects a transition on one of these inputs. This automatic powerdown feature provides additional system power savings without changes to the existing operating system. Enhanced automatic powerdown operates when the FORCEON input is low, and the FORCEOFF input is high. Tying FORCEON high disables automatic powerdown, but manual powerdown is always available via the overriding FORCEOFF input. Table 2 summarizes the enhanced automatic powerdown functionality.
FORCEOFF T_IN EDGE DETECT S 30sec TIMER EDGE DETECT R AUTOSHDN
FORCEOFF
FORCEON
ICL32XX
FIGURE 5. CIRCUIT TO ENSURE IMMEDIATE POWER UP WHEN EXITING FORCED POWERDOWN
INVALID Output
The INVALID output always indicates (see Table 2) whether or not 30s have elapsed with invalid RS-232 signals (see Figures 6 and 8) persisting on all of the receiver inputs, giving the user an easy way to determine when the interface block should power down. Invalid receiver levels occur whenever the driving peripheral's outputs are shut off (powered down) or when the RS-232 interface cable is disconnected. In the case of a disconnected interface cable where all the receiver inputs are floating (but pulled to GND by the internal receiver pull down resistors), the INVALID logic detects the invalid levels and drives the output low. The power management logic then
R_IN
FORCEON
FIGURE 7. ENHANCED AUTOMATIC POWERDOWN LOGIC
Figure 7 illustrates the enhanced powerdown control logic. Note that once the ICL32XX enters powerdown (manually or automatically), the 30 second timer remains timed out (set), keeping the ICL32XX powered down until FORCEON
9
ICL3224, ICL3226, ICL3238, ICL3244
FORCEON FORCEOFF
The INVALID output signal switches low to indicate that invalid levels have persisted on all of the receiver inputs for more than 30s (see Figure 8), but this has no direct effect on the state of the ICL32XX (see the next sections for methods of utilizing INVALID to power down the device). INVALID switches high 1s after detecting a valid RS-232 level on a receiver input. INVALID operates in all modes (forced or automatic powerdown, or forced on), so it is also useful for systems employing manual powerdown circuitry. The time to recover from automatic powerdown mode is typically 100s.
INVALID I/O UART CPU
transitions high, or until a transition occurs on a receiver or transmitter input.
ICL32XX
Emulating Standard Automatic Powerdown
If enhanced automatic powerdown isn't desired, the user can implement the standard automatic powerdown feature (mimics the function on the ICL3221/23/43) by connecting the INVALID output to the FORCEON and FORCEOFF inputs, as shown in Figure 9. After 30s of invalid receiver levels, INVALID switches low and drives the ICL32XX into a forced powerdown condition. INVALID switches high as soon as a receiver input senses a valid RS-232 level, forcing the ICL32XX to power on. See the "INVALID DRIVING FORCEON AND FORCEOFF" section of Table 2 for an operational summary. This operational mode is perfect for handheld devices that communicate with another computer via a detachable cable. Detaching the cable allows the internal receiver pull-down resistors to pull the inputs to GND (an invalid RS-232 level), causing the 30s timer to time-out and drive the IC into powerdown. Reconnecting the cable restores valid levels, causing the IC to power back up.
FIGURE 9. CONNECTIONS FOR AUTOMATIC POWERDOWN WHEN NO VALID RECEIVER SIGNALS ARE PRESENT
Hybrid Automatic Powerdown Options
For devices which communicate only through a detachable cable, connecting INVALID to FORCEOFF (with FORCEON = 0) may be a desirable configuration. While the cable is attached INVALID and FORCEOFF remain high, so the enhanced automatic powerdown logic powers down the RS232 device whenever there is 30 seconds of inactivity on the receiver and transmitter inputs. Detaching the cable allows the receiver inputs to drop to an invalid level (GND), so INVALID switches low and forces the RS-232 device to power down. The ICL32XX remains powered down until the cable is reconnected (INVALID = FORCEOFF = 1) and a transition occurs on a receiver or transmitter input (see Figure 7). For immediate power up when the cable is
RECEIVER INPUTS TRANSMITTER INPUTS TRANSMITTER OUTPUTS tINVH INVALID OUTPUT tINVL tAUTOPWDN READY OUTPUT V+ VCC 0 VtWU tAUTOPWDN tWU
} INVALID REGION
FIGURE 8. ENHANCED AUTOMATIC POWERDOWN, INVALID AND READY TIMING DIAGRAMS
10
ICL3224, ICL3226, ICL3238, ICL3244
reattached, connect FORCEON to FORCEOFF through a network similar to that shown in Figure 5. ICL32XX transmitter outputs meet RS-562 levels (3.7V), at the full data rate, with VCC as low as 2.7V. RS-562 levels typically ensure interoperability with RS-232 devices.
Ready Output (ICL3224 and ICL3226 only)
The Ready output indicates that the ICL322X is ready to transmit. Ready switches low whenever the device enters powerdown, and switches back high during power-up when V- reaches -4V or lower.
Mouse Driveability
The ICL3244 is specifically designed to power a serial mouse while operating from low voltage supplies. Figure 11 shows the transmitter output voltages under increasing load current. The on-chip switching regulator ensures the transmitters will supply at least 5V during worst case conditions (15mA for paralleled V+ transmitters, 7.3mA for single V- transmitter).
Capacitor Selection
The charge pumps require 0.1F capacitors for 3.3V operation. For other supply voltages refer to Table 3 for capacitor values. Do not use values smaller than those listed in Table 3. Increasing the capacitor values (by a factor of 2) reduces ripple on the transmitter outputs and slightly reduces power consumption. C2, C3, and C4 can be increased without increasing C1's value, however, do not increase C1 without also increasing C2, C3, and C4 to maintain the proper ratios (C1 to the other capacitors). When using minimum required capacitor values, make sure that capacitor values do not degrade excessively with temperature. If in doubt, use capacitors with a larger nominal value. The capacitor's equivalent series resistance (ESR) usually rises at low temperatures and it influences the amount of ripple on V+ and V-.
TABLE 3. REQUIRED CAPACITOR VALUES (Note 8) VCC (V) 3.0 to 3.6 (3.3V 10%) 3.15 to 3.6 (3.3V 5%) 4.5 to 5.5 3.0 to 5.5 NOTE: 8. Parenthesized values apply only to the ICL3238 C1 (F) 0.1 (0.22) (0.1) 0.047 0.1 (0.22) C2, C3, C4 (F) 0.1 (0.22) (0.1)
5V/DIV
FORCEOFF T1
VCC = +3.3V C1 - C4 = 0.1F 2V/DIV
T2
5V/DIV
READY TIME (20s/DIV.)
FIGURE 10. TRANSMITTER OUTPUTS WHEN EXITING POWERDOWN
6 TRANSMITTER OUTPUT VOLTAGE (V) 5 4 3 2 1 0 -1 -2 -3 -4 -5 -6 0 1 2 3 4 5 6 7 8 9 10 VCC T2 ICL3244 T3 VOUT VOUT VCC = 3.0V T1 VOUT+ VOUT+
0.33 0.47 (1.0)
Power Supply Decoupling
In most circumstances a 0.1F bypass capacitor is adequate. In applications that are particularly sensitive to power supply noise, decouple VCC to ground with a capacitor of the same value as the charge-pump capacitor C1. Connect the bypass capacitor as close as possible to the IC.
Transmitter Outputs when Exiting Powerdown
Figure 10 shows the response of two transmitter outputs when exiting powerdown mode. As they activate, the two transmitter outputs properly go to opposite RS-232 levels, with no glitching, ringing, nor undesirable transients. Each transmitter is loaded with 3k in parallel with 2500pF. Note that the transmitters enable only when the magnitude of the supplies exceed approximately 3V.
LOAD CURRENT PER TRANSMITTER (mA)
FIGURE 11. TRANSMITTER OUTPUT VOLTAGE vs LOAD CURRENT (PER TRANSMITTER, i.e., DOUBLE CURRENT AXIS FOR TOTAL VOUT+ CURRENT)
High Data Rates
The ICL32XX maintain the RS-232 5V minimum transmitter output voltages even at high data rates. Figure 12 details a transmitter loopback test circuit, and Figure 13 illustrates the loopback test result at 120kbps. For this test, all transmitters were simultaneously driving RS-232 loads in parallel with 1000pF, at 120kbps. Figure 14 shows the loopback results
Operation Down to 2.7V
11
ICL3224, ICL3226, ICL3238, ICL3244
for a single transmitter driving 1000pF and an RS-232 load at 250kbps. The static transmitters were also loaded with an RS-232 receiver.
VCC 0.1F + C1 C1ICL32XX + C2 C2TIN ROUT FORCEON VCC FORCEOFF TOUT RIN 5K 1000pF VCC = +3.3V C1 - C4 = 0.1F 2s/DIV. C2+ VC4 + R1OUT + C1+ VCC V+ T1OUT 5V/DIV. T1IN
+ C3
FIGURE 14. LOOPBACK TEST AT 250kbps
Interconnection with 3V and 5V Logic
The ICL32XX directly interface with 5V CMOS and TTL logic families. Nevertheless, with the ICL32XX at 3.3V, and the logic supply at 5V, AC, HC, and CD4000 outputs can drive ICL32XX inputs, but ICL32XX outputs do not reach the minimum VIH for these logic families. See Table 4 for more information.
TABLE 4. LOGIC FAMILY COMPATIBILITY WITH VARIOUS SUPPLY VOLTAGES
FIGURE 12. TRANSMITTER LOOPBACK TEST CIRCUIT
5V/DIV. T1IN
T1OUT
VCC SUPPLY SYSTEM POWER-SUPPLY VOLTAGE (V) VOLTAGE (V) 3.3
VCC = +3.3V C1 - C4 = 0.1F 5s/DIV.
COMPATIBILITY Compatible with all CMOS families. Compatible with all TTL and CMOS logic families. Compatible with ACT and HCT CMOS, and with TTL. ICL32XX outputs are incompatible with AC, HC, and CD4000 CMOS inputs.
R1OUT
3.3 5
5
5 FIGURE 13. LOOPBACK TEST AT 120kbps
3.3
12
ICL3224, ICL3226, ICL3238, ICL3244 Typical Performance Curves
6 TRANSMITTER OUTPUT VOLTAGE (V) TRANSMITTER OUTPUT VOLTAGE (V) VOUT+ 4 ICL3224, ICL3226, ICL3244 2 1 TRANSMITTER AT 250kbps OTHER TRANSMITTERS AT 30kbps 0 -2 -4 -6 0 1000 2000 3000 4000 5000 LOAD CAPACITANCE (pF)
VCC = 3.3V, TA = 25oC
6 VOUT+ 4 ICL3238 2 1 TRANSMITTER AT 250kbps OTHER TRANSMITTERS AT 30kbps 0 -2 -4 -6 VOUT -
VOUT -
0
1000
2000
3000
4000
5000
LOAD CAPACITANCE (pF)
FIGURE 15. TRANSMITTER OUTPUT VOLTAGE vs LOAD CAPACITANCE
FIGURE 16. TRANSMITTER OUTPUT VOLTAGE vs LOAD CAPACITANCE
25
40 ICL3224 35
20 SLEW RATE (V/s)
-SLEW
SUPPLY CURRENT (mA)
250kbps 30 25 20 15 20kbps 10
15 +SLEW 10
120kbps
5 0 1000 2000 3000 4000 5000 LOAD CAPACITANCE (pF)
5 0 1000 2000 3000 4000 5000 LOAD CAPACITANCE (pF)
FIGURE 17. SLEW RATE vs LOAD CAPACITANCE
FIGURE 18. SUPPLY CURRENT vs LOAD CAPACITANCE WHEN TRANSMITTING DATA
55
35 ICL3226 30 SUPPLY CURRENT (mA) 25 20 120kbps 15 10 20kbps 5 0 0 1000 2000 3000 4000 5000 LOAD CAPACITANCE (pF) 250kbps SUPPLY CURRENT (mA)
ICL3238 50 45 40 35 30 25 20 0 1000 2000 3000 4000 5000 LOAD CAPACITANCE (pF) 20kbps 120kbps 250kbps
FIGURE 19. SUPPLY CURRENT vs LOAD CAPACITANCE WHEN TRANSMITTING DATA
FIGURE 20. SUPPLY CURRENT vs LOAD CAPACITANCE WHEN TRANSMITTING DATA
13
ICL3224, ICL3226, ICL3238, ICL3244 Typical Performance Curves
45 ICL3244 40 SUPPLY CURRENT (mA) 250kbps 35 30 120kbps 25 20 20kbps 15 0.5 10 0 1000 2000 3000 4000 5000 LOAD CAPACITANCE (pF) 0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 SUPPLY CURRENT (mA) 2.5 2.0 1.5 1.0 3.0
VCC = 3.3V, TA = 25oC (Continued)
3.5 NO LOAD ALL OUTPUTS STATIC
SUPPLY VOLTAGE (V)
FIGURE 21. SUPPLY CURRENT vs LOAD CAPACITANCE WHEN TRANSMITTING DATA
FIGURE 22. SUPPLY CURRENT vs SUPPLY VOLTAGE
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP): GND TRANSISTOR COUNT: ICL3224: 937 ICL3226: 825 ICL3238: 1235 ICL3244: 1109 PROCESS: Si Gate CMOS
14
ICL3224, ICL3226, ICL3238, ICL3244 Dual-In-Line Plastic Packages (PDIP)
N E1 INDEX AREA 12 3 N/2
E20.3 (JEDEC MS-001-AD ISSUE D) 20 LEAD DUAL-IN-LINE PLASTIC PACKAGE
INCHES SYMBOL MIN 0.015 0.115 0.014 0.045 0.008 0.980 0.005 0.300 0.240 MAX 0.210 0.195 0.022 0.070 0.014 1.060 0.325 0.280 MILLIMETERS MIN 0.39 2.93 0.356 1.55 0.204 24.89 0.13 7.62 6.10 MAX 5.33 4.95 0.558 1.77 0.355 26.9 8.25 7.11 NOTES 4 4 8 5 5 6 5 6 7 4 9 Rev. 0 12/93
-B-AD BASE PLANE SEATING PLANE D1 B1 B 0.010 (0.25) M D1 A1 A2 L A C L E
A A1 A2 B B1 C D D1 E E1
-C-
eA eC
C
e
C A BS
eB
NOTES: 1. Controlling Dimensions: INCH. In case of conflict between English and Metric dimensions, the inch dimensions control. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication No. 95. 4. Dimensions A, A1 and L are measured with the package seated in JEDEC seating plane gauge GS-3. 5. D, D1, and E1 dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.010 inch (0.25mm). 6. E and eA are measured with the leads constrained to be perpendicular to datum -C- . 7. eB and eC are measured at the lead tips with the leads unconstrained. eC must be zero or greater. 8. B1 maximum dimensions do not include dambar protrusions. Dambar protrusions shall not exceed 0.010 inch (0.25mm). 9. N is the maximum number of terminal positions. 10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3, E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm).
e eA eB L N
0.100 BSC 0.300 BSC 0.115 20 0.430 0.150 -
2.54 BSC 7.62 BSC 10.92 3.81 20
2.93
15
ICL3224, ICL3226, ICL3238, ICL3244 Small Outline Plastic Packages (SSOP)
N INDEX AREA E -B1 2 3 L SEATING PLANE -AD -CA 0.25 0.010 GAUGE PLANE H 0.25(0.010) M BM
M16.209 (JEDEC MO-150-AC ISSUE B) 16 LEAD SHRINK SMALL OUTLINE PLASTIC PACKAGE
INCHES SYMBOL A A1 A2 B C D MIN 0.002 0.065 0.009 0.004 0.233 0.197 MAX 0.078 0.072 0.014 0.009 0.255 0.220 MILLIMETERS MIN 0.05 1.65 0.22 0.09 5.90 5.00 MAX 2.00 1.85 0.38 0.25 6.50 5.60 NOTES 9 3 4 6 7 8o Rev. 2 3/95

A1 0.10(0.004) A2 C
E e H L N
e
B 0.25(0.010) M C AM BS
0.026 BSC 0.292 0.022 16 0o 8o 0.322 0.037
0.65 BSC 7.40 0.55 16 0o 8.20 0.95
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.20mm (0.0078 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.20mm (0.0078 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. Dimension "B" does not include dambar protrusion. Allowable dambar protrusion shall be 0.13mm (0.005 inch) total in excess of "B" dimension at maximum material condition. 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
16
ICL3224, ICL3226, ICL3238, ICL3244 Shrink Small Outline Plastic Packages (SSOP)
N INDEX AREA E -B1 2 3 L SEATING PLANE -AD -CA 0.25 0.010 GAUGE PLANE H 0.25(0.010) M BM
M20.209 (JEDEC MO-150-AE ISSUE B) 20 LEAD SHRINK SMALL OUTLINE PLASTIC PACKAGE
INCHES SYMBOL A A1 A2 B C D MIN 0.002 0.065 0.009 0.004 0.272 0.197 MAX 0.078 0.072 0.014 0.009 0.295 0.220 MILLIMETERS MIN 0.05 1.65 0.22 0.09 6.90 5.00 MAX 2.00 1.85 0.38 0.25 7.50 5.60 NOTES 9 3 4 6 7 8o Rev. 2 4/95

A1 0.10(0.004) A2 C
E e H L N
e
B 0.25(0.010) M C AM BS
0.026 BSC 0.292 0.022 20 0o 8o 0.322 0.037
0.65 BSC 7.40 0.55 20 0o 8.20 0.95
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.20mm (0.0078 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.20mm (0.0078 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. Dimension "B" does not include dambar protrusion. Allowable dambar protrusion shall be 0.13mm (0.005 inch) total in excess of "B" dimension at maximum material condition. 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
17
ICL3224, ICL3226, ICL3238, ICL3244 Thin Shrink Small Outline Plastic Packages (TSSOP)
N INDEX AREA E E1 -B1 2 3 L 0.05(0.002) -AD -CSEATING PLANE A 0.25 0.010 GAUGE PLANE 0.25(0.010) M BM
M28.173
28 LEAD THIN SHRINK SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL A A1 A2 b c D MIN 0.002 0.031 0.0075 0.0035 0.378 0.169 MAX 0.047 0.006 0.051 0.0118 0.0079 0.386 0.177 MILLIMETERS MIN 0.05 0.80 0.19 0.09 9.60 4.30 MAX 1.20 0.15 1.05 0.30 0.20 9.80 4.50 NOTES 9 3 4 6 7 8o Rev. 0 6/98
A1 0.10(0.004) A2 c
E1 e E L N
e
b 0.10(0.004) M C AM BS
0.026 BSC 0.246 0.0177 28 0o 8o 0.256 0.0295
0.65 BSC 6.25 0.45 28 0o 6.50 0.75
NOTES: 1. These package dimensions are within allowable dimensions of JEDEC MO-153-AE, Issue E. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E1" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.15mm (0.006 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. Dimension "b" does not include dambar protrusion. Allowable dambar protrusion shall be 0.08mm (0.003 inch) total in excess of "b" dimension at maximum material condition. Minimum space between protrusion and adjacent lead is 0.07mm (0.0027 inch). 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact. (Angles in degrees)
18
ICL3224, ICL3226, ICL3238, ICL3244 Small Outline Exposed Pad Plastic Packages (EPSOIC)
N INDEX AREA E -B1 2 3 H 0.25(0.010) M BM
M28.3B
28 LEAD WIDE BODY SMALL OUTLINE EXPOSED PAD PLASTIC PACKAGE INCHES SYMBOL A A1
TOP VIEW L SEATING PLANE -AD -CA h x 45o
MIN 0.091 0.001 0.014 0.0091 0.701 0.292
NOMINAL 0.050 BSC
MAX 0.099 0.005 0.019 0.0125 0.711 0.299
NOTES 9 3 4 -
B C D E e H
0.400 0.010 0.024
28
0.410 0.016 0.040
5 6 7
A1 0.10(0.004) C
h L N
e
B 0.25(0.010) M SIDE VIEW C AM BS
P P1
0 0.180 0.156
5 0.214 0.190
8 0.218 0.194
11 11 Rev. 0 5/02
1
2
3
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95.
P1
2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side.
N P BOTTOM VIEW
4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width "B", as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch) 10. Controlling dimension: INCH. 11. Dimensions "P" and "P1" are thermal and/or electrical enhanced variations. Values shown are maximum size of exposed pad within lead count body size.
19
ICL3224, ICL3226, ICL3238, ICL3244 Shrink Small Outline Plastic Packages (SSOP)
N INDEX AREA E -B1 2 3 L SEATING PLANE -AD -CA 0.25 0.010 GAUGE PLANE H 0.25(0.010) M BM
M28.209 (JEDEC MO-150-AH ISSUE B) 28 LEAD SHRINK SMALL OUTLINE PLASTIC PACKAGE
INCHES SYMBOL A A1 A2 B C D MIN 0.002 0.065 0.009 0.004 0.390 0.197 MAX 0.078 0.072 0.014 0.009 0.413 0.220 MILLIMETERS MIN 0.05 1.65 0.22 0.09 9.90 5.00 MAX 2.00 1.85 0.38 0.25 10.50 5.60 NOTES 9 3 4 6 7 8o Rev. 1 3/95

A1 0.10(0.004) A2 C
E e H L N
e
B 0.25(0.010) M C AM BS
0.026 BSC 0.292 0.022 28 0o 8o 0.322 0.037
0.65 BSC 7.40 0.55 28 0o 8.20 0.95
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.20mm (0.0078 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.20mm (0.0078 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. Dimension "B" does not include dambar protrusion. Allowable dambar protrusion shall be 0.13mm (0.005 inch) total in excess of "B" dimension at maximum material condition. 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact.
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 20


▲Up To Search▲   

 
Price & Availability of ICL3244IA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X