Part Number Hot Search : 
SC320 W30NF20 H32S72 7BSVZ 012GN01 T2955 MMBT2907 A7303
Product Description
Full Text Search
 

To Download I03-562-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ICE Components, Inc.
Voice: 800.729.2099 Fax: 678.560.9304
cust.serv@icecomp.com www.icecomponents.com
High Current Power Inductor
Features
* High Saturation Current to 50A * DCR as low as 0.98m * High Energy Storage in a Compact Package * Lower DCR than similar Toroid Design
I03 Series
Applications
* Desktop CPUs * Servers * VRMs * DC/DC Converters
Packaging: Tray =108 pieces, Box = 12 trays, Box = 1296 pieces Mechanical
13.8 MAX
Suggested PCB layout
13.5 MAX
Schematic
S
13.5 MAX
I03-XXX-1 YYWW
5 +/- 0.5
F
Y+/- 0.1
unit: mm
Side View Electrical Specifications
Part Number I03-142-1 I03-302-1 I03-562-1 Inductance1
(H, +/-10%)
Side View
DCR (m)
Typ. Max.
Isat5
(A)
Idc6
(A)
Dimensions (mm) X 6.60 9.45 7.11 Y 1.65 1.30 0.91
1.4 3.0 5.6
0.98 2.60 7.00
1.03 2.73 7.66
50 30 14
35 21 9
1. Tested at 100 kHz, 0.1Vrms, 0 Adc bias. 2. Electrical specifications at 25C. 3. Operating range: -40C to +155C. This is a combination of ambient plus temperature rise. 4. Meets Class F (155C) insulation system requirements. 5. Isat is the DC current required to reduce the nominal inductance by 30%. 6. Idc is the DC current required to produce a temperature rise of 50C. 7. Meets UL 94V-0.
Specifications subject to change without notice.
(10/06) I03-1


▲Up To Search▲   

 
Price & Availability of I03-562-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X