Part Number Hot Search : 
UPC2502 T970014 NSC5008A STM32 SR05F3 0D101K J110C STM32
Product Description
Full Text Search
 

To Download HYS72V32300GU-8-C2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HYS 64/72V32300GU SDRAM-Modules
3.3 V 32M x 64/72-Bit, 256MByte SDRAM Modules 168-pin Unbuffered DIMM Modules
* 168 Pin unbuffered 8 Byte Dual-In-Line SDRAM Modules for PC main memory applications using 256Mbit technology. * PC100-222, PC133-333 and PC133-222 versions * One bank 32M x 64 and 32M x 72 organisation * Optimized for byte-write non-parity or ECC applications * Fully PC board layout compatible to INTEL's Rev. 1.0 module specification * Programmed Latencies: Product Speed -7 -7.5 -8 PC133 PC133 PC100 CL 2 3 2
tRCD tRP
* Single + 3.3 V ( 0.3 V) power supply * Programmable CAS Latency, Burst Length, and Wrap Sequence (Sequential & Interleave) * Auto Refresh (CBR) and Self Refresh * Decoupling capacitors mounted on substrate * All inputs, outputs are LVTTL compatible * Serial Presence Detect with E2PROM * Uses Infineon 256 Mbit SDRAM components in 32M x 8 organization and TSOPII-54 packages * Gold contact pads, card size: 133.35 mm x 31.75 mm x 3.00 mm (JEDEC MO-161-BA)
2 3 2
2 3 2
* SDRAM Performance: -7 / -7.5 PC133
fCK tAC
-8 PC100 100 6
Unit MHz ns
Clock Frequency (max.) Clock Access Time
133 5.4
Description The HYS 64V32300GU and HYS 72V32300GU are industry standard 168-pin 8-byte Dual in-line Memory Modules (DIMMs) which are organized as 32M x 64 and 32M x 72 in 1 memory bank high speed memory arrays designed with 256M Synchronous DRAMs (SDRAMs) for non-parity and ECC applications. The DIMMs use -7 speed sorted 32M x 8 SDRAM devices in TSOP54 packages to meet the PC133-222 requirement, -7.5 components for PC133-333 and -8 components for the standard PC100 applications. Decoupling capacitors are mounted on the PC board. The PC board design is according to INTEL's module specification. The DIMMs have a serial presence detect, implemented with a serial E2PROM using the 2-pin I2C protocol. The first 128 bytes are utilized by the DIMM manufacturer and the second 128 bytes are available to the end user. All Infineon 168pin DIMMs provide a high performance, flexible 8-byte interface in a 133.35 mm long footprint, with 1.25" (31.75 mm) height.
INFINEON Technologies
1
9.01
HYS 64/72V32300GU SDRAM-Modules
Ordering Information Type HYS 64V32300GU-7-D HYS 72V32300GU-7-D Code Package Descriptions Module Height 1.25" 1.25" 1.25" 1.25" 1.25" 1.25"
PC133-222-520 L-DIM-168-33 PC133 32M x 64 1 bank SDRAM module PC133-222-520 L-DIM-168-33 PC133 32M x 72 1 bank ECC-SDRAM module
HYS 64V32300GU-7.5-C2 PC133-333-520 L-DIM-168-33 PC133 32M x 64 1 bank HYS 64V32300GU-7.5-D SDRAM module HYS 72V32300GU-7.5-C2 PC133-333-520 L-DIM-168-33 PC133 32M x 72 1 bank ECC-SDRAM module HYS 72V32300GU-7.5-D HYS 64V32300GU-8-C2 HYS 72V32300GU-8-C2 PC100-222-620 L-DIM-168-33 PC100 32M x 64 1 bank SDRAM module PC100-222-620 L-DIM-168-33 PC100 32M x 72 1 bank ECC-SDRAM module
Note: All part numbers end with a place code designating the die revision. Consult factory for current revision. Example: HYS 64V32300GU-8-C2, indicating Rev. C2 dies are used for SDRAM components. Pin Definitions and Functions A0 - A12 BA0, BA1 CB0 - CB7 RAS CAS WE CKE0 Address Inputs Bank Selects CLK0 - CLK3 CS0, CS2 Clock Input Chip Select Power (+ 3.3 V) Ground Clock for Presence Detect Serial Data Out for Presence Detect No Connection
DQMB0 - DQMB7 Data Mask
DQ0 - DQ63 Data Input/Output Row Address Strobe Column Address Strobe Read/Write Input Clock Enable
Check Bits (x72 organisation only) VDD
VSS
SCL SDA N.C./DU
Address Format Part Number Rows Columns 10 Bank Select 2 Refresh Period Interval 8k 64 ms 7.8 s 32M x 64/72 HYS64/72V32300GU 13
INFINEON Technologies
2
9.01
HYS 64/72V32300GU SDRAM-Modules
Pin Configuration PIN# Symbol
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 VSS DQ0 DQ1 DQ2 DQ3 VDD DQ4 DQ5 DQ6 DQ7 DQ8 VSS DQ9 DQ10 DQ11 DQ12 DQ13 VDD DQ14 DQ15 N.C. (CB0) N.C. (CB1) VSS N.C. N.C. VDD WE DQMB0 DQMB1 CS0 DU VSS A0 A2 A4 A6 A8 A10 BA1 VDD VDD CLK0
PIN#
43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84
Symbol
VSS DU CS2 DQMB2 DQMB3 DU VDD N.C. N.C. N.C. (CB2) N.C. (CB3) VSS DQ16 DQ17 DQ18 DQ19 VDD DQ20 N.C. DU N.C. VSS DQ21 DQ22 DQ23 VSS DQ24 DQ25 DQ26 DQ27 VDD DQ28 DQ29 DQ30 DQ31 VSS CLK2 N.C. WP SDA SCL VDD
PIN#
85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126
Symbol
VSS DQ32 DQ33 DQ34 DQ35 VDD DQ36 DQ37 DQ38 DQ39 DQ40 VSS DQ41 DQ42 DQ43 DQ44 DQ45 VDD DQ46 DQ47 N.C. (CB4) N.C. (CB5) VSS N.C. N.C. VDD CAS DQMB4 DQMB5 N.C. RAS VSS A1 A3 A5 A7 A9 BA0 A11 VDD CLK1 A12
PIN#
127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168
Symbol
VSS CKE0 N.C. DQMB6 DQMB7 N.C. VDD N.C. N.C. CB6 CB7 VSS DQ48 DQ49 DQ50 DQ51 VDD DQ52 N.C. DU N.C. VSS DQ53 DQ54 DQ55 VSS DQ56 DQ57 DQ58 DQ59 VDD DQ60 DQ61 DQ62 DQ63 VSS CLK3 N.C. SA0 SA1 SA2 VDD
Note: Pin names in parantheses are for the x72 ECC versions; example: Pin 106 = (CB5) INFINEON Technologies 3 9.01
HYS 64/72V32300GU SDRAM-Modules
WE CS0 DQMB0 DQ(7:0) CS WE DQM DQ0-DQ7 D0 CS WE DQM DQ0-DQ7 D1 CS WE DQM DQ0-DQ7 D8 DQMB4 DQ(39:32) CS WE DQM DQ0-DQ7 D4 CS WE DQM DQ0-DQ7 D5
DQMB1 DQ(15:8)
DQMB5 DQ(47:40)
CB(7:0)
CS2 DQMB2 DQ(23:16) CS WE DQM DQ0-DQ7 D2 CS WE DQM DQ0-DQ7 D3 D0-D7, (D8) DQMB6 DQ(55:48) CS WE DQM DQ0-DQ7 D6 CS WE DQM DQ0-DQ7 D7 E PROM (256 word x 8 Bit) SA0 SA1 SA2 SCL SA0 SA1 SA2 SCL SDA WP 47 k
2
DQMB3 DQ(31:24)
DQMB7 DQ(63:56)
A0-A12, BA0, BA1 VCC VSS RAS CAS CKE0
D0-D7, (D8) C0-C15, (C16, C17) D0-D7, (D8) D0-D7, (D8) D0-D7, (D8) D0-D7, (D8)
Clock Wiring 16 M x 64 16 M x 72
5 SDRAM Termination 4 SDRAM + 3.3 pF Termination BL013
Note: D8 is only used in the x72 ECC version and all resistor values are 10 Ohm except otherwise noted.
CLK0 CLK1 CLK2 CLK3
4 SDRAM + 3.3 pF Termination 4 SDRAM + 3.3 pF Termination
Block Diagram: 32M x 64/72 One Bank SDRAM DIMM Modules
INFINEON Technologies
4
9.01
HYS 64/72V32300GU SDRAM-Modules
Absolute Maximum Ratings
Parameter Symbol min. Input / Output voltage relative to VSS Power supply voltage on VDD Storage temperature range Power dissipation per SDRAM component Data out current (short circuit) VIN, VOUT VDD T STG PD IOS - 1.0 - 1.0 -55 - - Limit Values max. 4.6 4.6 +150 1 50 V V
o
Unit
C
W mA
Permanent device damage may occur if "Absolute Maximum Ratings" are exceeded. Functional operation should be restricted to recommended operation conditions. Exposure to higher than recommended voltage for extended periods of time affect device reliability
DC Characteristics TA = 0 to 70 C; VSS = 0 V; VDD = 3.3 V 0.3 V Parameter Input High Voltage Input Low Voltage Output High Voltage (I OUT = - 4.0 mA) Output Low Voltage (IOUT = 4.0 mA) Input Leakage Current, any input (0 V < VIN < 3.6 V, all other inputs = 0 V) Output Leakage Current (DQ is disabled, 0 V < V OUT < V DD) Symbol min. Limit Values max. 2.0 - 0.5 2.4 - - 40 - 40 Unit V V V V
VIH VIL VOH VOL II(L) IO(L)
VDD + 0.3
0.8 - 0.4 40 40
A A
TA = 0 to 70 C; VDD = 3.3 V 0.3 V, f = 1 MHz
Parameter Symbol Limit Values max. 32M x 64 Input Capacitance
(A0 to A11, BA0, BA1, RAS, CAS, WE)
Capacitance
Unit
max. 32M x 72 72 40 40 72 16 10 8 8 pF pF pF pF pF pF pF pF
CI1 CI2 CICL CI3 CI4 CSC CSD
65 32 38 65 13 10 8 8
Input Capacitance (CS0 - CS3) Input Capacitance (CLK0 - CLK3) Input Capacitance (CKE0) Input Capacitance (DQMB0 - DQMB7) Input Capacitance (SCL, SA0-2) Input/Output Capacitance
Input/Output Capacitance (DQ0 - DQ63, CB0 - CB7) C IO
INFINEON Technologies
5
9.01
HYS 64/72V32300GU SDRAM-Modules
Operating Currents per SDRAM Component TA = 0 to 70 oC, VDD = 3.3 V 0.3 V Parameter Operating current
1)
Test Condition -
Symbol
-7.5 230
-8 max. 170
Unit Note mA
2)
ICC1
tRC = tRCMIN., tCK = tCKMIN.
Outputs open, Burst Length = 4, CL = 3 All banks operated in random access, all banks operated in ping-pong manner to maximize gapless data access Precharge stand-by current in Power Down Mode CS = V IH(MIN.), CKE VIL(MAX.) Precharge Stand-by Current in Non-Power Down Mode CS = V IH (MIN.), CKE V IH(MIN.) No operating current CKE VIH(MIN.) ICC3N CKE VIL(MAX.) ICC3P 50 10 45 10 mA mA
2) 2)
tCK = min.
ICC2P
2
2
mA
2)
tCK = min.
ICC2N
40
30
mA
2)
tCK = min., CS = VIH(MIN.),
active state (max. 4 banks) Burst operating current tCK = min., Read command cycling Auto refresh current tCK = min., Auto Refresh command cycling Self refresh current Self Refresh Mode, CKE = 0.2 V
-
ICC4
150
100
mA
2), 3)
-
ICC5
240
220
mA
2)
ICC6
3
3
mA
2)
1. All values are shown per one SDRAM component. 2. These parameters depend on the cycle rate. These values are measured at 133 MHz operation frequency for -7 & -7.5 and at 100 MHz for -8 modules. Input signals are changed once during tCK , excepts for ICC6 and for stand-by currents when tCK = infinity. 3. These parameters are measured with continuous data stream during read access and all DQ toggling. CL = 3 and BL = 4 are assumed and the data-out current is excluded.
INFINEON Technologies
6
9.01
HYS 64/72V32300GU SDRAM-Modules
AC Characteristics 1), 2) TA = 0 to 70 C; VSS = 0 V; VDD = 3.3 V 0.3 V, tT = 1 ns Parameter
Symbol
Limit Values -7 -7.5 PC133-222 PC133-333 -8 PC100-222
Unit Note
min. max min. max. min. max. Clock Clock Cycle Time CAS Latency = 3 CAS Latency = 2 System Frequency CAS Latency = 3 CAS Latency = 2 Clock Access Time CAS Latency = 3 CAS Latency = 2 Clock High Pulse Width Clock Low Pulse Width Setup and Hold Times Input Setup Time Input Hold Time Power Down Mode Entry Time Power Down Mode Exit Setup Time Mode Register Setup Time Transition Time (rise and fall) Common Parameters RAS to CAS Delay Precharge Time Active Command Period Cycle Time Bank to Bank Delay Time
tCK
7.5 7.5 - - 133 133 5.4 5.4 - - 7.5 10 - - - - 2.5 2.5 - - 133 100 5.4 6 - - 10 10 - - - - 3 3 - - 100 100 6 6 - - ns ns
-
fCK
- - MHz MHz
-
tAC
- - ns ns ns ns
3), 4)
tCH tCL
2.5 2.5
4) 4)
tCS tCH tSB tPDE tRSC tT
1.5 0.8 - 1 2 1
- - 1 - - -
1.5 0.8 - 1 2 1
- - 1 - - -
2 1 - 1 2 1
- - 1 - - -
ns ns CLK CLK CLK ns
5) 5) 6) 7)
-
tRCD tRP tRAS tRC tRRD
15 15 42 60 14 1
- - - - - -
20 20 45 67.5 15 1
- - - - -
20 20 70 16 1
- - - - -
ns ns ns ns
- - - - -
100k 50
100k ns
CAS to CAS Delay Time (same bank) tCCD
CLK -
INFINEON Technologies
7
9.01
HYS 64/72V32300GU SDRAM-Modules
AC Characteristics (cont'd) 1), 2)
TA = 0 to 70 C; VSS = 0 V; VDD = 3.3 V 0.3 V, tT = 1 ns
Parameter
Symbol
Limit Values -7 -7.5 PC133-222 PC133-333 -8 PC100-222
Unit Note
min. max min. max. min. max. Refresh Cycle Refresh Period (8192 cycles) Self Refresh Exit Time Read Cycle Data Out Hold Time Data Out to Low Impedance Data Out to High Impedance DQM Data Out Disable Latency Write Cycle Data Input to Precharge (write recovery) DQM Write Mask Latency
tREF tSREX
64 -
- 1
- 1
64 -
- 1
64 -
ms CLK
6) 8)
tOH tLZ tHZ tDQZ
3 0 3 -
- - 7 2
3 0 3 -
- - 7 2
3 0 3 -
- - 8 2
ns ns ns
2)
-
9)
CLK -
tWR tDQW
2 0
- -
2 0
- -
2 0
- -
CLK - CLK -
INFINEON Technologies
8
9.01
HYS 64/72V32300GU SDRAM-Modules
Notes 1. All AC characteristics are shown for the SDRAM components. An initial pause of 100 s is required after power-up. Then a Precharge All Banks command must be given followed by eight Auto Refresh (CBR) cycles before the Mode Register Set Operation can begin. 2. AC timing tests have VIL = 0.4 V and VIH = 2.4 V with the timing referenced to the 1.4 V crossover point. The transition time is measured between V IH and VIL. All AC measurements assume tT = 1 ns with the AC output load circuit shown in Figure below. Specified tAC and tOH parameters are measured with a 50 pF only, without any resistive termination and with a input signal of 1V/ ns edge rate between 0.8 V and 2.0 V. 3. If clock rising time is longer than 1 ns, a time (tT/2 - 0.5) ns must be added to this parameter. 4. Rated at 1.4 V. 5. If tT is longer than 1 ns, a time (tT - 1) ns must be added to this parameter. 6. Whenever the refresh Period has been exceeded, a minimum of two Auto (CBR) Refresh commands must be given to "wake-up" the device. 7. Timing is a asynchronous. If setup time is not met by rising edge of the clock then the CKE signal is assumed latched on the next cycle. 8. Self Refresh Exit is a synchronous operation and begins on the second positive clock edge after CKE returns high. Self Refresh Exit is not complete until a time period equal to tRC is satisfied after the Self Refresh Exit command is registered. 9. This is referenced to the time at which the output achieved the open circuit condition, not to output voltage levels.
t CH CLOCK 1.4 V t CL t IH tT 2.4 V 0.4 V
t IS
INPUT tAC t LZ OUTPUT
1.4 V tAC t OH 1.4 V t HZ
IO.vsd
I/O 50 pF
Measurement conditions for tAC and tOH
Serial Presence Detect A serial presence detect storage device - E 2PROM - is assembled onto the module. Information about the module configuration, speed, etc. is written into the E2PROM device during module production using a serial presence detect protocol (I2C synchronous 2-wire bus).
INFINEON Technologies
9
9.01
HYS 64/72V32300GU SDRAM-Modules
SPD-Table for 32M x 64 (256MByte non-ECC) Modules HYS64V32300GU Byte# Description SPD Entry Value -7 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 Number of SPD Bytes Total Bytes in Serial PD Memory Type Number of Row Addresses Number of Column Addresses Number of DIMM Banks Module Data Width Module Data Width (cont'd) Module Interface Levels SDRAM Cycle Time at CL = 3 SDRAM Access Time at CL = 3 DIMM Config Refresh Rate/Type SDRAM Width, Primary Error Checking SDRAM Data Width Minimum Clock Delay for Back-toBack Random Column Address Burst Length Supported Number of SDRAM Banks Supported CAS Latencies CS Latencies WE Latencies SDRAM DIMM Module Attributes SDRAM Device Attributes: General SDRAM Cycle Time at CL = 2 SDRAM Access Time at CL = 2 SDRAM Cycle Time at CL = 1 SDRAM Access Time at CL = 1 Minimum Row Precharge Time Min. Row to Row Active Delay tRRD Minimum RAS to CAS Delay tRCD Minimum RAS Pulse Width tRAS Module Bank Density (per bank) SDRAM Input Setup Time SDRAM Input Hold Time SDRAM Data Input Hold Time SDRAM Data Input Setup Time 128 256 SDRAM 13 10 1 64 0 LVTTL 7.5 / 10 ns 5.4 / 6 ns non-ECC Self-Refresh, 7.8 s x8 na tCCD = 1 CLK 1, 2, 4 & 8 4 CL = 2 & 3 CS latency = 0 Write latency = 0 unbuffered VDD tol +/- 10% 7.5 / 10.0 ns 5.4 / 6.0 ns not supported not supported 15 / 20 ns 14 / 15 / 16 ns 15 / 20 ns 42 / 45 / 50 ns 256 MByte 1.5 / 2.0 ns 0.8 / 1.0 ns 1.5 / 2.0 ns 0.8 / 1.0 ns 10 Hex 32M x 64 -7.5 80 08 04 0D 0A 01 40 00 01 75 54 00 82 08 00 01 0F 04 06 01 01 00 0E A0 60 FF FF 14 0F 14 2D 40 15 08 15 08
-8
75 54
A0 60
75 54 00 00 0F 0E 0F 2A 15 08 15 08
A0 60 FF FF 14 10 14 32 20 10 20 10 9.01
INFINEON Technologies
HYS 64/72V32300GU SDRAM-Modules
Byte# Description
SPD Entry Value
36-61 62 63 64 65-71 72 73-90 91-92 93-94 95-98 99-125 126 127 128+
Superset Information SPD Revision Checksum for Bytes 0 - 62 Manufacturers JEDEC ID Code Manufacturer Module Assembly Locaction Module Part Number Module Revision Code Module Manufacturing Code Module Serial Number Superset Information Frequency Specification 100 MHz Support Details Unused Storage Locations
- Revision 1.2 - -
Hex 32M x 64 -7 -7.5 -8 FF FF FF 12 12 12 F3 36 99 C1 INFINEO(N)
- -
64 AF
64 AF FF
64 AF
INFINEON Technologies
11
9.01
HYS 64/72V32300GU SDRAM-Modules
SPD-Table for 32M x 72 (256MByte ECC) Modules HYS72V32300GU Byte# Description SPD Entry Value -7 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 Number of SPD Bytes Total Bytes in Serial PD Memory Type Number of Row Addresses Number of Column Addresses Number of DIMM Banks Module Data Width Module Data Width (cont'd) Module Interface Levels SDRAM Cycle Time at CL = 3 SDRAM Access Time at CL = 3 DIMM Config Refresh Rate/Type SDRAM Width, Primary Error Checking SDRAM Data Width Minimum Clock Delay for Back-toBack Random Column Address Burst Length Supported Number of SDRAM Banks Supported CAS Latencies CS Latencies WE Latencies SDRAM DIMM Module Attributes SDRAM Device Attributes: General SDRAM Cycle Time at CL = 2 SDRAM Access Time at CL = 2 SDRAM Cycle Time at CL = 1 SDRAM Access Time at CL = 1 Minimum Row Precharge Time Min. Row to Row Active Delay tRRD Minimum RAS to CAS Delay tRCD Minimum RAS Pulse Width tRAS Module Bank Density (per bank) SDRAM Input Setup Time SDRAM Input Hold Time SDRAM Data Input Hold Time SDRAM Data Input Setup Time 128 256 SDRAM 13 10 1 72 0 LVTTL 7.5 / 10 ns 5.4 / 6 ns ECC Self-Refresh, 7.8 s x8 x8 tCCD = 1 CLK 1, 2, 4 & 8 4 CL = 2 & 3 CS latency = 0 Write latency = 0 unbuffered VDD tol +/- 10% 7.5 / 10.0 ns 5.4 / 6.0 ns not supported not supported 15 / 20 ns 14 / 15 / 16 ns 15 / 20 ns 42 / 45 / 50 ns 256 MByte 1.5 / 2.0 ns 0.8 / 1.0 ns 1.5 / 2.0 ns 0.8 / 1.0 ns 12 Hex 32M x 72 -7.5 80 08 04 0D 0A 01 48 00 01 75 54 02 82 08 08 01 0F 04 06 01 01 00 0E A0 60 FF FF 14 0F 14 2D 40 15 08 15 08
-8
75 54
A0 60
75 54 00 00 0F 0E 0F 2A 15 08 15 08
A0 60 FF FF 14 10 14 32 20 10 20 10 9.01
INFINEON Technologies
HYS 64/72V32300GU SDRAM-Modules
Byte# Description
SPD Entry Value
36-61 62 63 64 65-71 72 73-90 91-92 93-94 95-98 99-125 126 127 128+
Superset Information SPD Revision Checksum for Bytes 0 - 62 Manufacturers JEDEC ID Code Manufacturer Module Assembly Locaction Module Part Number Module Revision Code Module Manufacturing Code Module Serial Number Superset Information Frequency Specification 100 MHz Support Details Unused Storage Locations
- Revision 1.2 - -
Hex 32M x 72 -7 -7.5 -8 FF FF FF 12 12 12 05 48 AB C1 INFINEO(N)
- -
64 AF
64 AF FF
64 AF
INFINEON Technologies
13
9.01
HYS 64/72V32300GU SDRAM-Modules
Package Outlines
L-DIM-168-33 (JEDEC MO-161-BA) SDRAM DIMM Module Package
133.35 + 0.15
127.35
3 max.
+ 0.13 -
4
*)
31.75 3 1 3 1.27 10 11 6.35 42.18 91 x 1.27 = 115.57 3.125 40 41 6.35 84
1.27 + 0.1
85
94
2 95
124
125
168
17.78
3 min.
3
Detail of Contacts
*) on ECC modules only
0.25
1 1.27
L-DIM-168-33
2.55
Note: All tolerances according to JEDEC standard
Dimensions in mm
INFINEON Technologies
14
9.01
HYS 64/72V32300GU SDRAM-Modules
INFINEON Technologies
15
9.01
HYS 64/72V32300GU SDRAM-Modules
Change List:
14.1.1999 18.4.1999
12.5.99 21.7.99 23.8.99 6.9.99 29.9.99 20.10.99 2.12.99 20.1.2000 10.3.2000
10.5.2000 14.02.2001 25.07.2001 06.09.2001
Input capacitances adjusted -8A speed sort added Infineon logo added SPD codes updated according to new 256M speedsorts Some ICC current values changed due to new inputs HYS64/72V32200GU changed to HYS64/72V32300GU due to the use of LDIM168-33 instead of L-DIM168-30 Byte 126 changed to 64h for PC133 modules Template from R&L Some minor errors corrected CL=2 max. frequency for -7.5 modules changes to 83 MHz Some timing parameters according to INTEL'S PC133 specification Capacitance values for x72 adjusted (new measurements) -8B version removed Implemented differences between 256Mbit S20 and S17 PC133 modules 256Mbit S20 based PC133 modules are backward compatible to PC100 3-2-2 256Mbit S17 based modules are backwards compatible to PC100-2-2-2 leading to changes in SPD code of bytes 23, 63 (checksum) and 126 TPCR issued Reference to JEDEC MO-161-BA added -8A speedsort removed for 256M S17 and later only 256M S14 based modules including -7 added SCR : Absolute Maximum Ratings table added
INFINEON Technologies
16
9.01


▲Up To Search▲   

 
Price & Availability of HYS72V32300GU-8-C2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X