Part Number Hot Search : 
HK8SX3B LT660 AHK214Y2 MAX6101 2N3029 BPW34 AT89LV51 FSE0140
Product Description
Full Text Search
 

To Download HWZT-MA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INDUSTRIAL GRADE CERAMIC RESONATOR
HWZT-MA
FEATURES: * Excellent environmental resistance * Industrial Grade * Low resonant impedence
Pb in ceramic (exempt per RoHS 2002/95/EC Annex (7))
RoHS
Compliant
|||||||||||||||
Size Varies
APPLICATIONS: * Low cost timing solution * Small size, Light weight * Electric appliances * Remote controls * Microprocessor clocks * Industrial controllers * General timing
STANDARD SPECIFICATIONS:
PARAMETERS ABRACON P/N: Operating Temperature: Storage Temperature: Withstanding Voltage: Insulation Resistance: Rating Voltage Freq. Tolerance @ 25C: Freq. Stability over the Operating Temperature: Resonant Impedance: Load Capacitance CL: Aging in 10 Years:
Table 2.1
HWZT-MA -25C to +85C -55C to +85C 50 V (DC ,1 min) 100M min (10V , 1 min) 6V DC 15V p-p 0.5% max. 0.3% max. See Table 2.1 See Table 2.2 0.3% max.
Part Number (XX.XX denotes freq. in MHz) 1.79 ~ 2.99 3.00 ~ 3.49 3.50 ~ 8.0 8.01 ~ 13.00 13.01 ~ 50.00
Resonant Impedance () max 80 50 30 25 30
Table 2.2
Freq (MHz) 1.79 ~ 20.00 20.01 ~ 25.99 26.00 ~ 50.00 C1=C2 pf (20%) 30 15 5
Frequency (MHz) 1.80 ~ 6.00 6.01 ~ 13.00 13.01 ~ 23.99 24.00 ~ 31.99 32.00~50.00
H (max.) 7.5 10.0 10.0 7.5 6.5
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
TEST CIRCUIT:
Packaging ammo A packing
HWZT - Frequency MA - C
Load Capacitance Please specify CL in pF
WAVE PEAK SOLDER PROFILE:
Lead free solder (standard) Temp Graph
IC1/6TC74HCU04x2 XCERAMIC RESONATOR C1 C2See Table 2.2
Dimensions: inch (mm)
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
Visit www.abracon.com for Terms & Conditions of Sale Revised: 07.16.07 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
INDUSTRIAL GRADE CERAMIC RESONATOR
HWZT-MA
OUTLINE DRAWING:
Pb in ceramic (exempt per RoHS 2002/95/EC Annex (7))
RoHS
Compliant
|||||||||||||||
Size Varies
Dimensions: mm
TAPE & REEL: T = Tape and reel 1,000pcs/reel
P2 P h h
P1 L H D 0 P0 t1 t2
H1
W2
W
W1 W0
H2
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
Visit www.abracon.com for Terms & Conditions of Sale Revised: 07.16.07 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


▲Up To Search▲   

 
Price & Availability of HWZT-MA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X