Part Number Hot Search : 
EZ1583CM CDBA320 EZ1583CM MF0ICU2 NX5302SK AB019B CLA80000 15000
Product Description
Full Text Search
 

To Download HUR3060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HUR3060
High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
Dimensions TO-247AC A C(TAB) C A=Anode, C=Cathode, TAB=Cathode A C
Dim. A B C D E F G H J K L M N
Millimeter Min. Max. 19.81 20.32 20.80 21.46 15.75 16.26 3.55 3.65 4.32 5.4 1.65 1.0 10.8 4.7 0.4 1.5 5.49 6.2 2.13 4.5 1.4 11.0 5.3 0.8 2.49
Inches Min. Max. 0.780 0.819 0.610 0.140 0.170 0.212 0.065 0.040 0.426 0.185 0.016 0.087 0.800 0.845 0.640 0.144 0.216 0.244 0.084 0.177 0.055 0.433 0.209 0.031 0.102
HUR3060
VRSM V 600
VRRM V 600
Symbol IFRMS IFAVM IFSM EAS IAR TVJ TVJM Tstg Ptot Md Weight TC=25oC mounting torque typical
Test Conditions TC=135oC; rectangular, d=0.5 TVJ=45oC; tp=10ms (50Hz), sine TVJ=25 C; non-repetitive; IAS=1.3A; L=180uH VA=1.5.VR typ.; f=10kHz; repetitive
o
Maximum Ratings 70 30 250 0.2 0.1 -55...+175 175 -55...+150 165 0.8...1.2 6
Unit A A mJ A
o
C
W Nm g
HUR3060
High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
Symbol TVJ=25oC; VR=VRRM TVJ=150oC; VR=VRRM IF=30A; TVJ=150oC TVJ=25oC
Test Conditions
Characteristic Values typ. max. 250 1 1.25 1.60 0.9 0.25
Unit uA mA V K/W ns A
IR VF RthJC RthCH trr IRM
IF=1A; -di/dt=200A/us; VR=30V; TVJ=25oC VR=100V; IF=50A; -diF/dt=100A/us; TVJ=100 C
o
35 6
FEATURES
* International standard package * Planar passivated chips * Very short recovery time * Extremely low switching losses * Low IRM-values * Soft recovery behaviour
APPLICATIONS
* Antiparallel diode for high frequency switching devices * Antisaturation diode * Snubber diode * Free wheeling diode in converters and motor control circuits * Rectifiers in switch mode power supplies (SMPS) * Inductive heating * Uninterruptible power supplies (UPS) * Ultrasonic cleaners and welders
ADVANTAGES
* Avalanche voltage rated for reliable operation * Soft reverse recovery for low EMI/RFI * Low IRM reduces: - Power dissipation within the diode - Turn-on loss in the commutating switch
HUR3060
High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
70 A 60 IF 50
TVJ=150C
3000
T = 100C nC VVJ = 300V R 2500
50 A IRM 40
TVJ= 100C VR = 300V IF= 60A IF= 30A IF= 15A
Qr 2000 1500 1000
IF= 60A IF= 30A IF= 15A
40
TVJ=100C
30
30 20
TVJ=25C
20
10 0 0.0
500 0 100
10
0 A/us 1000 -diF/dt 0 200 400 600 A/us 1000 800 -diF/dt
0.5
1.0
1.5 VF
V2.0
Fig. 1 Forward current IF versus VF
Fig. 2 Reverse recovery charge Qr versus -diF/dt
130 ns 120
TVJ= 100C VR = 300V
Fig. 3 Peak reverse current IRM versus -diF/dt
20 V VFR tfr 15
VFR
2.0
1.2 us tfr 0.9
1.5 Kf 1.0
IRM
trr 110 100 90
IF= 60A IF= 30A IF= 15A
10
0.6
0.5
Qr
5 80 70 0 40 80 120 C 160 TVJ 0 200 400 600 -diF/dt 800 A/us 1000 0 0 200 400
TVJ= 100C IF = 30A
0.3
0.0
0.0 600 A/us 1000 800 diF/dt
Fig. 4 Dynamic parameters Qr, IRM versus TVJ
1 K/W
Fig. 5 Recovery time trr versus -diF/dt
Fig. 6 Peak forward voltage VFR and tfr versus diF/dt Constants for ZthJC calculation: i 1 2 3 Rthi (K/W) 0.465 0.179 0.256 ti (s) 0.0052 0.0003 0.0396
0.1 ZthJC
0.01
0.001 0.00001
0.0001
0.001
0.01
0.1 t
s
1
Fig. 7 Transient thermal resistance junction to case


▲Up To Search▲   

 
Price & Availability of HUR3060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X