|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HUF76121D3, HUF76121D3S Data Sheet January 2003 20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs These N-Channel power MOSFETs are manufactured using the innovative UltraFETTM process. This advanced process technology achieves the lowest possible on-resistance per silicon area, resulting in outstanding performance. This device is capable of withstanding high energy in the avalanche mode and the diode exhibits very low reverse recovery time and stored charge. It was designed for use in applications where power efficiency is important, such as switching regulators, switching converters, motor drivers, relay drivers, lowvoltage bus switches, and power management in portable and battery-operated products. Formerly developmental type TA76121. Features * Logic Level Gate Drive * 20A, 30V * Ultra Low On-Resistance, rDS(ON) = 0.023 * Temperature Compensating PSPICE(R) Model * Temperature Compensating SABER(c) Model * Thermal Impedance SPICE Model * Thermal Impedance SABER Model * Peak Current vs Pulse Width Curve * UIS Rating Curve * Related Literature - TB334, "Guidelines for Soldering Surface Mount Components to PC Boards" Ordering Information PART NUMBER HUF76121D3 HUF76121D3S PACKAGE TO-251AA TO-252AA BRAND 76121D 76121D Symbol D NOTE: When ordering, use the entire part number. Add the suffix T to obtain the TO-252AA variant in tape and reel, e.g., HUF76121D3ST. G S Packaging JEDEC TO-251AA SOURCE DRAIN GATE JEDEC TO-252AA DRAIN (FLANGE) GATE SOURCE DRAIN (FLANGE) (c)2003 Fairchild Semiconductor Corporation HUF76121D3, HUF76121D3S Rev. B1 HUF76121D3, HUF76121D3S Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified UNITS Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS Drain to Gate Voltage (R GS = 20k) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS Drain Current Continuous (TC = 25oC, VGS = 10V) (Figure 2). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID Continuous (TC = 100oC, VGS = 5V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID Continuous (TC = 100oC, VGS = 4.5V) (Figure 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IDM Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG Maximum Temperature for Soldering Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg 30 30 20 20 20 20 Figure 4 Figures 6, 17, 18 75 0.6 -55 to 150 300 260 W W/oC oC oC oC V V V A A A CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTE: 1. TJ = 25oC to 150oC. Electrical Specifications PARAMETER OFF STATE SPECIFICATIONS TA = 25oC, Unless Otherwise Specified SYMBOL TEST CONDITIONS MIN TYP MAX UNITS Drain to Source Breakdown Voltage Zero Gate Voltage Drain Current BVDSS IDSS ID = 250A, V GS = 0V (Figure 12) VDS = 25V, VGS = 0V VDS = 25V, VGS = 0V, TC = 150oC 30 - - 1 250 100 V A A nA Gate to Source Leakage Current ON STATE SPECIFICATIONS Gate to Source Threshold Voltage Drain to Source On Resistance IGSS VGS = 20V VGS(TH) rDS(ON) VGS = VDS, ID = 250A (Figure 11) ID = 20A, VGS = 10V (Figure 9, 10) ID = 20A, VGS = 5V (Figure 9) ID = 20A, VGS = 4.5V (Figure 9) 1 - 0.017 0.021 0.023 3 0.023 0.030 0.033 V THERMAL SPECIFICATIONS Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient SWITCHING SPECIFICATIONS (VGS = 4.5V) Turn-On Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-Off Time tON td(ON) tr td(OFF) tf tOFF VDD = 15V, ID 20A, RL = 0.75, VGS = 4.5V, RGS = 11.0 (Figures 15, 21, 22) 18 165 18 40 275 87 ns ns ns ns ns ns RJC RJA (Figure 3) TO-251AA, TO-252AA 1.66 100 oC/W oC/W (c)2003 Fairchild Semiconductor Corporation HUF76121D3, HUF76121D3S Rev. B1 HUF76121D3, HUF76121D3S Electrical Specifications PARAMETER SWITCHING SPECIFICATIONS (VGS = 10V) Turn-On Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-Off Time GATE CHARGE SPECIFICATIONS Total Gate Charge Gate Charge at 5V Threshold Gate Charge Gate to Source Gate Charge Gate to Drain "Miller" Charge CAPACITANCE SPECIFICATIONS Input Capacitance Output Capacitance Reverse Transfer Capacitance CISS COSS CRSS VDS = 25V, VGS = 0V, f = 1MHz (Figure 13) 850 465 100 pF pF pF Qg(TOT) Qg(5) Qg(TH) Qgs Qgd VGS = 0V to 10V VGS = 0V to 5V VGS = 0V to 1V VDD = 15V, ID 20A, RL = 0.75 Ig(REF) = 1.0mA (Figures 14, 19, 20) 2.40 7.40 nC nC 24 13 1.0 30 16 1.2 nC nC nC tON td(ON) tr td(OFF) tf tOFF VDD = 15V, ID 20A, RL = 0.75, VGS = 10V, RGS = 12.0 (Figures 16, 21, 22) 6 50 45 45 85 135 ns ns ns ns ns ns TA = 25oC, Unless Otherwise Specified (Continued) SYMBOL TEST CONDITIONS MIN TYP MAX UNITS Source to Drain Diode Specifications PARAMETER Source to Drain Diode Voltage Reverse Recovery Time Reverse Recovered Charge SYMBOL VSD trr QRR ISD = 20A ISD = 20A, dISD/dt = 100A/s ISD = 20A, dISD/dt = 100A/s TEST CONDITIONS MIN TYP MAX 1.25 58 70 UNITS V ns nC Typical Performance Curves 1.2 POWER DISSIPATION MULTIPLIER 1.0 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 175 TC , CASE TEMPERATURE (oC) ID, DRAIN CURRENT (A) 25 20 15 VGS = 10V 10 VGS = 4.5V 5 0 25 50 75 100 125 TC, CASE TEMPERATURE (oC) 150 175 FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE TEMPERATURE FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs CASE TEMPERATURE (c)2003 Fairchild Semiconductor Corporation HUF76121D3, HUF76121D3S Rev. B1 HUF76121D3, HUF76121D3S Typical Performance Curves 2 1 THERMAL IMPEDANCE ZJC, NORMALIZED DUTY CYCLE - DESCENDING ORDER 0.5 0.2 0.1 0.05 0.02 0.01 PDM 0.1 t1 SINGLE PULSE t2 NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJC x RJC + TC 10-3 10-2 10-1 100 101 (Continued) 0.01 10-5 10-4 t, RECTANGULAR PULSE DURATION (s) FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE 1000 TC = 25 oC I DM, PEAK CURRENT (A) FOR TEMPERATURES ABOVE 25oC DERATE PEAK CURRENT AS FOLLOWS: I VGS = 10V 100 VGS = 5V = I25 175 - TC 150 TRANSCONDUCTANCE MAY LIMIT CURRENT IN THIS REGION 10 10-5 10-4 10-3 10 -2 t, PULSE WIDTH (s) 10 -1 100 101 FIGURE 4. PEAK CURRENT CAPABILITY 500 300 IAS, AVALANCHE CURRENT (A) TJ = MAX RATED TC = 25oC If R = 0 tAV = (L)(I AS)/(1.3*RATED BVDSS - VDD) If R 0 tAV = (L/R)ln[(I AS*R)/(1.3*RATED BVDSS - VDD) +1] STARTING TJ = 25oC 10 STARTING TJ = 150oC 100 ID, DRAIN CURRENT (A) 100 100s 10 OPERATION IN THIS AREA MAY BE LIMITED BY rDS(ON) 1 1 BVDSS MAX = 30V 1ms 10ms 10 VDS, DRAIN TO SOURCE VOLTAGE (V) 100 1 0.001 0.01 0.1 1 10 100 tAV, TIME IN AVALANCHE (ms) NOTE: Refer to Fairchild Application Notes AN9321 and AN9322. FIGURE 5. FORWARD BIAS SAFE OPERATING AREA FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING CAPABILITY (c)2003 Fairchild Semiconductor Corporation HUF76121D3, HUF76121D3S Rev. B1 HUF76121D3, HUF76121D3S Typical Performance Curves 75 PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX ID, DRAIN CURRENT (A) 60 -55oC 25 oC ID, DRAIN CURRENT (A) 60 VGS = 4V 45 VGS = 3.5V (Continued) 75 VGS = 4.5V 45 175oC 30 30 15 VDD = 15V 0 0 2 1 3 4 VGS, GATE TO SOURCE VOLTAGE (V) 5 15 VGS = 3V V DURATION PULSE GS = 10V = 80s DUTY VGS = 5V 0.5% MAX CYCLE = 0 1 2 3 4 VDS, DRAIN TO SOURCE VOLTAGE (V) 5 0 FIGURE 7. TRANSFER CHARACTERISTICS FIGURE 8. SATURATION CHARACTERISTICS 35 rDS(ON), ON-STATE RESISTANCE (m) ID = 20A 30 ID = 10A 25 ID = 1A 20 NORMALIZED DRAIN TO SOURCE ON RESISTANCE PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX 1.6 PULSE DURATION = 250s, VGS = 10V, I D = 20A 1.4 1.2 1.0 0.8 15 2 4 6 8 VGS, GATE TO SOURCE VOLTAGE (V) 10 0.6 -80 -40 0 40 80 120 160 TJ, JUNCTION TEMPERATURE (oC) FIGURE 9. SOURCE TO DRAIN ON RESISTANCE vs GATE VOLTAGE AND DRAIN CURRENT FIGURE 10. NORMALIZED DRAIN TO SOURCE ON RESISTANCE vs JUNCTION TEMPERATURE 1.2 NORMALIZED DRAIN TO SOURCE BREAKOWN VOLTAGE VGS = VDS, ID = 250A NORMALIZED GATE THRESHOLD VOLTAGE 1.2 ID = 250A 1.0 1.1 0.8 1.0 0.6 -80 -40 0 40 80 120 160 TJ, JUNCTION TEMPERATURE (oC) 1.0 -80 -40 0 40 80 0.12k 0.16k TJ , JUNCTION TEMPERATURE (oC) FIGURE 11. NORMALIZED GATE THRESHOLD VOLTAGE vs JUNCTION TEMPERATURE FIGURE 12. NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE vs JUNCTION TEMPERATURE (c)2003 Fairchild Semiconductor Corporation HUF76121D3, HUF76121D3S Rev. B1 HUF76121D3, HUF76121D3S Typical Performance Curves 1200 (Continued) 10 VGS , GATE TO SOURCE VOLTAGE (V) VDD = 15V 8 C, CAPACITANCE (pF) 900 VGS = 0V, f = 1MHz CISS = C GS + C GD CRSS = CGD COSS CDS + CGD CISS 6 600 COSS 300 CRSS 0 0 5 10 15 20 25 30 VDS , DRAIN TO SOURCE VOLTAGE (V) 4 WAVEFORMS IN DESCENDING ORDER: ID = 20A ID = 10A ID = 1A 0 5 10 15 Qg, GATE CHARGE (nC) 20 25 2 0 NOTE: Refer to Fairchild Application Notes AN7254 and AN7260. FIGURE 13. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE FIGURE 14. GATE CHARGE WAVEFORMS FOR CONSTANT GATE CURRENT 400 VGS = 4.5V, VDD = 15V, ID = 20A, RL = 0.75 300 tr SWITCHING TIME (ns) 200 VGS = 10V, VDD = 15V, I D = 20A, RL = 0.75 150 tf 100 tr td(OFF) SWITCHING TIME (ns) 200 tf 100 td(OFF) td(ON) 0 0 10 20 30 40 RGS, GATE TO SOURCE RESISTANCE () 50 50 td(ON) 0 0 10 20 30 40 RGS, GATE TO SOURCE RESISTANCE () 50 FIGURE 15. SWITCHING TIME vs GATE RESISTANCE FIGURE 16. SWITCHING TIME vs GATE RESISTANCE Test Circuits and Waveforms VDS BVDSS L VARY tP TO OBTAIN REQUIRED PEAK IAS VGS DUT tP RG IAS VDD tP VDS VDD + 0V IAS 0.01 0 tAV FIGURE 17. UNCLAMPED ENERGY TEST CIRCUIT FIGURE 18. UNCLAMPED ENERGY WAVEFORMS (c)2003 Fairchild Semiconductor Corporation HUF76121D3, HUF76121D3S Rev. B1 HUF76121D3, HUF76121D3S Test Circuits and Waveforms (Continued) VDS RL VDD VDS VGS = 10V VGS + Qg(TOT) Qg(5) VDD VGS VGS = 1V 0 Qg(TH) IgREF) 0 VGS = 5V DUT Ig(REF) FIGURE 19. GATE CHARGE TEST CIRCUIT FIGURE 20. GATE CHARGE WAVEFORMS VDS tON td(ON) RL VDS + tOFF td(OFF) tr tf 90% 90% VGS DUT RGS VDD 0 10% 90% 10% VGS 0 10% 50% PULSE WIDTH 50% VGS FIGURE 21. SWITCHING TIME TEST CIRCUIT FIGURE 22. SWITCHING TIME WAVEFORM (c)2003 Fairchild Semiconductor Corporation HUF76121D3, HUF76121D3S Rev. B1 HUF76121D3, HUF76121D3S PSPICE Electrical Model .SUBCKT HUF76121D 2 1 3 ; CA 12 8 1.3e-9 CB 15 14 1.25e-9 CIN 6 8 7.5e-10 10 rev May 1998 LDRAIN DPLCAP 5 RLDRAIN DBREAK 11 + EBREAK MWEAK MMED MSTRO CIN LSOURCE 8 RSOURCE RLSOURCE S1A 12 S1B CA 13 + EGS 6 8 EDS 13 8 S2A 14 13 S2B CB + 5 8 14 IT 15 17 RBREAK 18 RVTEMP 19 7 SOURCE 3 17 18 DBODY DRAIN 2 RSLC1 51 ESLC 50 RSLC2 5 51 EBREAK 11 7 17 18 33.4 EDS 14 8 5 8 1 EGS 13 8 6 8 1 ESG 6 10 6 8 1 EVTHRES 6 21 19 8 1 EVTEMP 20 6 18 22 1 IT 8 17 1 LDRAIN 2 5 1e-9 LGATE 1 9 2.4e-9 LSOURCE 3 7 3.14e-9 MMED 16 6 8 8 MMEDMOD MSTRO 16 6 8 8 MSTROMOD MWEAK 16 21 8 8 MWEAKMOD RBREAK 17 18 RBREAKMOD 1 RDRAIN 50 16 RDRAINMOD 2.6e-3 RGATE 9 20 4 RLDRAIN 2 5 10 RLGATE 1 9 24 RLSOURCE 3 7 31.4 RSLC1 5 51 RSLCMOD 1e-6 RSLC2 5 50 1e3 RSOURCE 8 7 RSOURCEMOD 12.5e-3 RVTHRES 22 8 RVTHRESMOD 1 RVTEMP 18 19 RVTEMPMOD 1 S1A S1B S2A S2B 6 12 13 8 S1AMOD 13 12 13 8 S1BMOD 6 15 14 13 S2AMOD 13 15 14 13 S2BMOD GATE 1 ESG + LGATE EVTEMP RGATE + 18 22 9 20 6 8 EVTHRES + 19 8 6 RLGATE - - VBAT 22 19 DC 1 ESLC 51 50 VALUE={(V(5,51)/ABS(V(5,51)))*(PWR(V(5,51)/(1e-6*155),4))} .MODEL DBODYMOD D (IS = 3.5e-13 RS = 8.7e-3 TRS1 = 2.2e-3 TRS2 = 2e-6 CJO = 1.34e-9 TT = 2.8e-8 M = 0.4 XTI = 4.3 N = 0.95 IKF = 3.7) .MODEL DBREAKMOD D (RS = 1.3e-1 TRS1 = 2e-3 TRS2 = -2e-5) .MODEL DPLCAPMOD D (CJO = 7.7e-10 IS = 1e-30 N = 10 M = 0.63) .MODEL MMEDMOD NMOS (VTO = 1.9 KP = 3.5 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 4) .MODEL MSTROMOD NMOS (VTO = 2.23 KP = 55 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u) .MODEL MWEAKMOD NMOS (VTO = 1.64 KP = 0.1 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 40 RS = 0.1) .MODEL RBREAKMOD RES (TC1 = 9.7e-4 TC2 = 0) .MODEL RDRAINMOD RES (TC1 = 2e-2 TC2 = 2.4e-5) .MODEL RSLCMOD RES (TC1 = 5e-3 TC2 = 8e-6) .MODEL RSOURCEMOD RES (TC1 = 0 TC2 = 0) .MODEL RVTHRESMOD RES (TC = -1.9e-3 TC2 = -5.5e-6) .MODEL RVTEMPMOD RES (TC1 = -1.2e-3 TC2 = 1e-6) .MODEL S1AMOD VSWITCH (RON = 1e-5 .MODEL S1BMOD VSWITCH (RON = 1e-5 .MODEL S2AMOD VSWITCH (RON = 1e-5 .MODEL S2BMOD VSWITCH (RON = 1e-5 .ENDS ROFF = 0.1 ROFF = 0.1 ROFF = 0.1 ROFF = 0.1 VON = -5.5 VOFF= -3) VON = -3 VOFF= -5.5) VON = -1 VOFF= 1.8) VON = 1.8 VOFF= -1) NOTE: For further discussion of the PSPICE model, consult A New PSPICE Sub-Circuit for the Power MOSFET Featuring Global Temperature Options; IEEE Power Electronics Specialist Conference Records, 1991, written by William J. Hepp and C. Frank Wheatley. (c)2003 Fairchild Semiconductor Corporation + DBODY 7 5 DBODYMOD DBREAK 5 11 DBREAKMOD DPLCAP 10 5 DPLCAPMOD - RDRAIN 21 16 - VBAT + 8 22 RVTHRES HUF76121D3, HUF76121D3S Rev. B1 HUF76121D3, HUF76121D3S SABER Electrical Model REV May 1998 template huf76121d n2, n1, n3 electrical n2, n1, n3 { var i iscl d..model dbodymod = (is = 3.5e-13, xti = 4.3, cjo = 1.34e-9, tt = 2.8e-8, n = 0.95, m = 0.4) d..model dbreakmod = () d..model dplcapmod = (cjo = 7.7e-10, is = 1e-30, n = 10, m = 0.63) m..model mmedmod = (type=_n, vto = 1.9, kp = 3.5, is = 1e-30, tox = 1) m..model mstrongmod = (type=_n, vto = 2.23, kp = 55, is = 1e-30, tox = 1) DPLCAP m..model mweakmod = (type=_n, vto = 1.64, kp = 0.1, is = 1e-30, tox = 1) sw_vcsp..model s1amod = (ron = 1e-5, roff = 0.1, von = -5.5, voff = -3) 10 sw_vcsp..model s1bmod = (ron = 1e-5, roff = 0.1, von = -3, voff = -5.5) sw_vcsp..model s2amod = (ron = 1e-5, roff = 0.1, von = -1, voff = 1.8) sw_vcsp..model s2bmod = (ron = 1e-5, roff = 0.1, von = 1.8, voff = -1) RSLC2 LDRAIN 5 RLDRAIN RDBREAK 72 DBREAK 11 MWEAK DBODY MMED MSTRO EBREAK + 17 18 71 RDBODY DRAIN 2 RSLC1 51 ISCL c.ca n12 n8 = 1.3e-9 c.cb n15 n14 = 1.25e-9 c.cin n6 n8 = 7.5e-10 d.dbody n7 n71 = model=dbodymod d.dbreak n72 n11 = model=dbreakmod d.dplcap n10 n5 = model=dplcapmod LGATE ESG 6 8 + GATE 1 RLGATE CIN EVTEMP RGATE + 18 22 9 20 6 EVTHRES + 19 8 50 RDRAIN 21 16 i.it n8 n17 = 1 l.ldrain n2 n5 = 1e-9 l.lgate n1 n9 = 2.4e-9 l.lsource n3 n7 = 3.14e-9 8 RSOURCE LSOURCE 7 RLSOURCE SOURCE 3 m.mmed n16 n6 n8 n8 = model=mmedmod, l = 1u, w = 1u m.mstrong n16 n6 n8 n8 = model=mstrongmod, l = 1u, w = 1u m.mweak n16 n21 n8 n8 = model=mweakmod, l = 1u, w = 1u 12 S1A 13 8 S1B CA 13 + EGS 6 8 S2A 14 13 S2B CB + EDS 5 8 14 IT 15 17 RBREAK 18 RVTEMP 19 res.rbreak n17 n18 = 1, tc1 = 9.7e-4, tc2 = 0 res.rdbody n71 n5 = 8.7e-3, tc1 = 2.2e-3, tc2 = 2e-6 res.rdbreak n72 n5 = 1.3e-1, tc1 = 2e-3, tc2 = -2e-5 res.rdrain n50 n16 = 2.6e-3, tc1 = 2e-2, tc2 = 2.4e-5 res.rgate n9 n20 = 4 res.rldrain n2 n5 = 10 res.rlgate n1 n9 = 24 res.rlsource n3 n7 = 31.4 res.rslc1 n5 n51 = 1e-6, tc1 = 5e-3, tc2 = 8e-6 res.rslc2 n5 n50 = 1e3 res.rsource n8 n7 = 12.5e-3, tc1 = 0, tc2 = 0 res.rvtemp n18 n19 = 1, tc1 = -1.2e-3, tc2 = 1e-6 res.rvthres n22 n8 = 1, tc1 = -1.9e-3, tc2 = -5.5e-6 spe.ebreak n11 n7 n17 n18 = 33.4 spe.eds n14 n8 n5 n8 = 1 spe.egs n13 n8 n6 n8 = 1 spe.esg n6 n10 n6 n8 = 1 spe.evtemp n20 n6 n18 n22 = 1 spe.evthres n6 n21 n19 n8 = 1 sw_vcsp.s1a n6 n12 n13 n8 = model=s1amod sw_vcsp.s1b n13 n12 n13 n8 = model=s1bmod sw_vcsp.s2a n6 n15 n14 n13 = model=s2amod sw_vcsp.s2b n13 n15 n14 n13 = model=s2bmod v.vbat n22 n19 = dc = 1 VBAT + - - 8 RVTHRES 22 equations { i (n51->n50) + = iscl iscl: v(n51,n50) = ((v(n5,n51)/(1e-9+abs(v(n5,n51))))*((abs(v(n5,n51)*1e6/155))** 4)) } } (c)2003 Fairchild Semiconductor Corporation HUF76121D3, HUF76121D3S Rev. B1 HUF76121D3, HUF76121D3S SPICE Thermal Model REV May 1998 HUF76121D CTHERM1 th 6 1.1e-3 CTHERM2 6 5 2.5e-3 CTHERM3 5 4 3.2e-3 CTHERM4 4 3 8.5e-3 CTHERM5 3 2 4.0e-2 CTHERM6 2 tl 2.2 RTHERM1 th 6 1.8e-3 RTHERM2 6 5 1.5e-2 RTHERM3 5 4 2.4e-1 RTHERM4 4 3 4.5e-1 RTHERM5 3 2 3.4e-1 RTHERM6 2 tl 7.0e-2 RTHERM1 CTHERM1 th JUNCTION 6 RTHERM2 CTHERM2 5 RTHERM3 CTHERM3 SABER Thermal Model SABER thermal model HUF76121D template thermal_model th tl thermal_c th, tl { ctherm.ctherm1 th 6 = 1.1e-3 ctherm.ctherm2 6 5 = 2.5e-3 ctherm.ctherm3 5 4 = 3.2e-3 ctherm.ctherm4 4 3 = 8.5e-3 ctherm.ctherm5 3 2 = 4.0e-2 ctherm.ctherm6 2 tl = 2.2 rtherm.rtherm1 th 6 = 1.8e-3 rtherm.rtherm2 6 5 = 1.5e-2 rtherm.rtherm3 5 4 = 2.4e-1 rtherm.rtherm4 4 3 = 4.5e-1 rtherm.rtherm5 3 2 = 3.4e-1 rtherm.rtherm6 2 tl = 7.0e-2 } 4 RTHERM4 CTHERM4 3 RTHERM5 CTHERM5 2 RTHERM6 CTHERM6 tl CASE (c)2003 Fairchild Semiconductor Corporation HUF76121D3, HUF76121D3S Rev. B1 TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM FACTTM ActiveArrayTM FACT Quiet SeriesTM BottomlessTM FAST(R) CoolFETTM FASTrTM CROSSVOLTTM FRFETTM DOMETM GlobalOptoisolatorTM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM I2CTM EnSignaTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM DISCLAIMER ImpliedDisconnectTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic(R) TruTranslationTM UHCTM UltraFET(R) VCXTM FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Preliminary No Identification Needed Full Production Obsolete Not In Production Rev. I2 |
Price & Availability of HUF76121D3S |