Part Number Hot Search : 
MT620 A304RUI L5985 144EE 5YN210 DTCSP TE0109A BT3904
Product Description
Full Text Search
 

To Download HUBL-5101L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HUBL-5101L
Features Lighting colorBlue Lens TypeWater Clear Device Outline5mm Round Type Absolute Maximum Ratings Series Power Dissipation Reverse Voltage Peak Forward Current Derating Linear Operating Range Storage Range Lead Temperature Temperature Temperature Soldering Symbol Pd VR Ipeak I/C Topr Tstr Tsol
Product Specification
5.9
Tolerance is 0.1mm unless otherwise noted.
1.0 5.0
25.4 Min 2.54
8.6
1.5
Ta = 25
Testing Condition ---- IR = 50A Duty=0.11kHz ---- ---- ----
Characteristics Max. 100 ---- 120 0.4 +80 +100 Min. ---- 6 ---- ---- -25 -40
Unit mW V mA mA/
260 for 5sec.3.0mm from resin 1000 Ta = 25 Characteristics Min. 3.4 ---- -- 11 -- TYP. 3.7 -- 468 20 15 2000 Max 4.3 50 -- -- --2500
Anti-static Voltage Electro-Optical Characteristics Series Forward Voltage Reverse Current Peak Emission Wavelength Spectrum Width of Half Value Luminous Intensity Angle Luminous Intensity Symbol VF IR p 21/2 IV
V
Testing Condition IF = 20mA VR = 5V IF = 10mA IF = 10mA IF = 20mA IF = 20mA
Unit V A nm nm mcd


▲Up To Search▲   

 
Price & Availability of HUBL-5101L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X