Part Number Hot Search : 
P83C380 SAMPLE ST8016 SAMPLE 1N3892AR BU1508DX ULN2809 IRFR9014
Product Description
Full Text Search
 

To Download HSU60-33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DUAL SELECTABLE AC INPUT AC-DC SINGLE & MULTIPLE OUTPUT 45-150 WATTS 19" COMPATIBLE EUROCARD SWITCHING POWER SUPPLIES HSU45,HSU60 & HSU100 SERIES
FEATURES:
DUAL INPUT RANGE USER SELECTABLE 19" COMPATIBLE EUROCARD FORMAT MEET THE SAFETY STANDARDS EMI MEET CISPR PUB.22 & FCC CLASS B CE MARKING COMPLIANCE HSU45 6TE x 3U x 160MM VMEbus STANDARD HSU60 8TE x 3U x 160MM VMEbus STANDARD HSU100 10TE x 3U x 160MM VMEbus STANDARD
TOTAL POWER INT'L
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 115Vac/230Vac dual selectable. Input Connector: DIN 41612 at rear. Input Frequency: 47-63Hz. Inrush Current: Typ.25A @230Vac. Input Current: HSU45 0.88A@115Vac/0.44A@230Vac. Use T2.0A/250Vac fuse. HSU60 1.2A@115Vac/0.7A@230Vac. Use T2.5A/250Vac fuse. HSU100 2.2A@115Vac/1.2A@230Vac. Use T3.15A/250Vac fuse. Dielectric Withstand: Meet IEC950. EMI: Meet CISPR PUB.22 or FCC Class B. Power Fail Signal: Installed. Remote (Logic) Inhibit: Available. Hold-up Time: Typ. 20mS @115Vac/50mS @230Vac. Earth leakage: Typ. 0.3mA @230Vac. Overload Protection (OLP): Fully protected against output overload and short circuit. Consult the factory for OLP setting.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Wattage: Typ. 45 Watts for HSU45. Typ. 60 Watts for HSU60. Typ. 100 Watts for HSU100. Output Connector: DIN 41612 at rear. Line Regulation: Typ. 0.4%. Load Regulation: Main VO1 typ. 1.0%. Aux. VO2 typ. 2-3.0% (PR). 2.0% (Mag. Amp.) Aux. VO3 typ. 2-3.0% (PR). Aux. VO4 typ. 2-3.0% (PR). Noise & Ripple: Typ. 1% peak to peak. OVP: Built-in at main VO1 (latch). Adjustability: Available at main output VO1 and Aux. output VO2 (Mag. Amp.). Remote Sense: Installed in main VO1. Operating Temperature: 0 to +50C at full load. Derate linearly to +70C at half load. Storage Temperature: -20 to +85C. Temperature Coefficient: Typ. 0.04%/C. Cooling: Free air convection cooling. Construction format: 6,8,10TEx3Ux160mm 19" compatible Eurocard VMEbus standard.
GENERAL SPECIFICATION
Efficiency: Typ. 70-75%. Switching Frequency: Typ. 100K Hz. Circuit Topology: Forward circuit. Transient Response: Output voltage returns in less than 3mS following a 25% load change. Safety Standard: IEC950/UL1950. Power Density: 1.4 Watt / Cubic Inch for HSU45 & HSU60. 1.9 Watt / Cubic Inch for HSU100.
Note: All measurements are at nominal input, full load, and +40C unless otherwise specified.
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395 Email: sales@total-power.com http://www.total-power.com -1-
OUTPUT VOLTAGE/CURRENT RATINGS CHART
HSU45 Series SINGLE OUTPUT
MODEL NO. HSU45-10/(E) HSU45-11 HSU45-11/(E) HSU45-12/(E) HSU45-13/(E) MAIN VO1 @# Typ. Volt. 9.0A 5.0V 4.0A 12.0V 3.7A 12.0V 3.0A 15.0V 2.0A 24.0V
10/15/2001
DUAL OUTPUT
MODEL NO. HSU45-20 HSU45-21 HSU45-22 HSU45-23 HSU45-24 HSU45-25 MAIN VO1 @# Typ. Volt. 4.0A 5.0V 2.0A 12.0V 4.0A 5.0V 1.5A 15.0V 4.0A 5.0V 1.0A 24.0V AUX. VO2 Typ. Volt. 2.0A 12.0V 1.5A 12.0V 1.2A 15.0V 1.5A 15.0V 1.0A 24.0V 1.0A 24.0V
(E) With gas-tube for safety purpose.
TRIPLE OUTPUT
MODEL NO. HSU45-30 HSU45-31 HSU45-32 HSU45-33 MAIN VO1 Typ. 3.0A 3.0A 3.0A 3.0A @# Volt. 5.0V 5.0V 5.0V 5.0V AUX. VO2 Typ. Volt. 2.0A 12.0V 2.0A 15.0V 2.0A 12.0V 1.0A 24.0V AUX. VO3 Typ. Volt. 0.5A 5.0V 0.5A 15.0V 0.5A 12.0V 0.5A 12.0V
Symbol: " " OVP built-in. "@" Adjustable. "#" Remote sensing. "" Post Regulator. "" Floating ( or isolated) output.
"" Magnetic Amplifier.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: HSU45 537.0g (18.90 Oz.)
HSU45
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENTS
AC INPUT ASSIGNMENT AC-L AC-N AC-G +VO1 28 30 32 4,6 HSU45-1X 28 30 32 4 HSU45-2X 28 30 32 4,6, HSU45-3X Mating connector: DIN41612-H15 Female -VO1 12,14 6 8,10 SINGLE/DUAL/TRIPLE OUTPUT +VO2 8 12 -VO2 10 14 +VO3 16 -VO3 18 NC 16,18,24,26 12,14,16,18,24,26 24,26 ASSORTED SIGNAL LOG. POWER +S -S INH. FAIL 20 8 10 22 20 22 20 22
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395 Email: sales@total-power.com http://www.total-power.com -2-
OUTPUT VOLTAGE/CURRENT RATINGS CHART
HSU60 Series
SINGLE OUTPUT
MODEL NO. HSU60-10 HSU60-10B1 HSU60-11 HSU60-12 HSU60-13 HSU60-15 MAIN VO1 @# Typ. Volt. 12.0A 5.0V 10.0A 6.0V 5.0A 12.0V 4.0A 15.0V 2.5A 24.0V 3.0A 19.0V
10/15/2001
DUAL OUTPUT
MODEL NO. HSU60-20 HSU60-21 HSU60-22 HSU60-23 HSU60-24 HSU60-25 MAIN VO1 @# Typ. Volt. 5.0A 5.0V 2.5A 12.0V 5.0A 5.0V 2.0A 15.0V 5.0A 5.0V 1.4A 24.0V AUX. VO2 Typ. 3.0A 2.5A 2.5A 2.0A 1.5A 1.4A Volt. 12.0V 12.0V 15.0V 15.0V 24.0V 24.0V
TRIPLE OUTPUT
MODEL NO. HSU60-30 HSU60-31 HSU60-32 HSU60-33 MAIN VO1 Typ. 5.0A 5.0A 5.0A 5.0A @# Volt. 5.0V 5.0V 5.0V 5.0V AUX. VO2 Typ. Volt. 2.5A 12.0V 2.0A 12.0V 2.5A 12.0V 1.5A 24.0V AUX. VO3 Typ. Volt. 1.0A 5.0V 0.5A 15.0V 0.5A 12.0V 0.5A 12.0V
Symbol: " " OVP built-in. "@" Adjustable. "#" Remote sensing. "" Post Regulator. "" Floating(or isolated) output.
"" Magnetic Amplifier.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: HSU60 707.0g (24.94 Oz.)
HSU60
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENTS
AC INPUT ASSIGNMENT AC-L AC-N AC-G +VO1 28 30 32 4,6 HSU60-1X 28 30 32 4 HSU60-2X 28 30 32 4,6, HSU60-3X Mating connector: DIN41612-H15 Female -VO1 12,14 6 8,10 SINGLE/DUAL/TRIPLE OUTPUT +VO2 8 12 -VO2 10 14 +VO3 16 -VO3 18 NC 16,18,24,26 12,14,16,18,24,26 24,26 ASSORTED SIGNAL POWER LOG. +S -S FAIL INH. 20 8 10 22 20 22 20 22
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395 Email: sales@total-power.com http://www.total-power.com -3-
OUTPUT VOLTAGE/CURRENT RATINGS CHART
HSU100 Series
SINGLE OUTPUT
MODEL NO. HSU100-10 HSU100-11 HSU100-12 HSU100-13 HSU100-16 HSU100-18 MAIN VO1 @# Typ. Volt. 20.0A 5.0V 8.0A 12.0V 7.0A 15.0V 4.2A 24.0V 3.6A 28.0V 2.0A 48.0V
10/15/2001
DUAL OUTPUT
MODEL NO. HSU100-20 HSU100-21 HSU100-22 HSU100-23 HSU100-24 HSU100-25 HSU100-26E AUX. VO2 Typ. Volt. 5.0A 12.0V 4.0A 15.0V 5.0A 12.0V 2.5A 24.0V AUX. VO2 Typ. Volt. 2.0A 24.0V 1.0A 24.0V 1.0A 48.0V MAIN VO1 @# Typ. Volt. 8.0A 5.0V 4.2A 12.0V 8.0A 5.0V 3.4A 15.0V 8.0A 5.0V 2.1A 24.0V 8.0A 12.0V AUX. VO3 Typ. Volt. 1.0A 5.0V 0.6A 15.0V 0.5A 12.0V 0.5A 12.0V AUX. VO3 Typ. Volt. 0.5A 12.0V 1.0A 12.0V 0.5A 12.0V
"" Post Regulator.
AUX. VO2 Typ. 5.0A 4.2A 4.0A 3.4A 2.5A 2.1A 0.5A
Volt. 12.0V 12.0V 15.0V 15.0V 24.0V 24.0V 24.0V
TRIPLE OUTPUT
MODEL NO. HSU100-30 HSU100-31 HSU100-32 HSU100-33 MAIN VO1 Typ. 7.0A 6.0A 7.0A 7.0A @# Volt. 5.0V 5.0V 5.0V 5.0V
QUAD OUTPUT
MODEL NO. HSU100-48 HSU100Q-050MII HSU100Q-050QII MAIN VO1 @# Typ. Volt. 4.0A 12.0V 10.0A 5.0V 10.0A 5.0V AUX. VO4 Typ. Volt. 0.5A 12.0V 1.0A 12.0V 0.5A 12.0V
"" Stacked on main output.
Symbol: " " OVP built-in. "@" Adjustable. "#" Remote sensing. . "" Magnetic Amplifier. "" Floating(or isolated) output. "" Couple common choke.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: HSU100 943.0g (33.6 Oz.)
HSU100
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENTS
ASSORTED SIGNAL POWER LOG. +S -S ASSIGNMENT AC-L AC-N AC-G +VO1 -VO1 +VO2 -VO2 +VO3 -VO3 +VO4 -VO4 NC FAIL INH. 28 30 32 4,6 12,14 16,18,24,26 20 8 10 22 HSU100-1X 28 30 32 4 6 8 10 12,14,16,18,24,26 20 22 HSU100-2X 28 30 32 4,6, 8,10 12 14 16 18 24,26 20 22 HSU100-3X 28 30 32 4 10 12 14 16 18 6,8,20,22,24 HSU100-4X
Mating connector: DIN41612-H15 Female
AC INPUT
SINGLE/DUAL/TRIPLE/QUAD OUTPUT
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395 Email: sales@total-power.com http://www.total-power.com -4-


▲Up To Search▲   

 
Price & Availability of HSU60-33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X