Part Number Hot Search : 
APTGT200 1330M1 MMBT555 MAU155 S05K140 SXXXM BFG94 TL07108
Product Description
Full Text Search
 

To Download HSM546 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 851-5040. PHONE (630) 851-4722. WWW.CONWIN.COM
PRODUCT
D AT A
SHEET
CRYSTAL CONTROLLED OSCILLATORS
5.0V SURFACE MOUNT 11x6.35mm HCMOS CLOCK OSCILLATOR
ABSOLU TE MAXI MUM RAT INGS
PARAMETER Storage Temperature Supply Voltage UNITS (Vcc) MINIMUM -55 -0.5 NOMINAL MAXIMUM 125 7.0 UNITS C Vdc TABLE 2.0 TABLE 1.0 NOTE
HSM546, HSM516 HSM526, HSM536
DESCRIPTION
MODEL SPECIFICATIONS: MODEL HSM546
Frequency Range Frequency Tolerance: (Fo) 1.8 -20 (Fo) 1.8 -25 (Fo) 1.8 -50 (Fo) 1.8 -100 MINIMUM 0 (Vdd) 1.8 to 19.999 MHz 20 to 49.999 MHz 50 to 69.999 MHz 70 to 80.0 MHz (Icc) (Icc) (Icc) (Icc) (Vih) (Vil) 4.5 2.2 MINIMUM 4.50 -16 45 NOMINAL 5.0 NOMINAL 80 20 80 25 80 50 80 100 MAXIMUM 70 5.5 20 30 50 80 .08 100 100 MAXIMUM 50 0.50 16 55 5 10 5 1 MHz ppm MHz ppm MHz ppm MHz ppm UNITS C Vdc mA mA mA mA
1
MODEL HSM516
Frequency Range Frequency Tolerance: 1
MODEL HSM526
Frequency Range Frequency Tolerance: 1
MODEL HSM536
Frequency Range Frequency Tolerance: 1 TABLE 3.0 NOTE
OPERATING SPECIFICATIO NS
PARAMETER Operating Temperature Range Supply Voltage Supply Current
The Connor-Winfield models HSM546, HSM516, HSM526 and HSM536 are 5.0V HCMOS, Surface Mount, Fixed Frequency Crystal Oscillators (XO) designed for use in all applications requiring precision clocks over the 0 to 70C, Commercial Temperature Range. The surface mount package is designed for high-density mounting and is optimum for mass production.
INPUT CHARACTERISTICS
Enable Voltage Disable Voltage Enable Time Disable Time Vdc Vdc nS nS
TABLE 4.0 2
FEATURES
1.8 to 80 MHz
TABLE 5.0 NOTE
HCMOS OUTPUT CHARACTERISTICS
PARAMETER LOAD Voltage (High) (Low) (High) (Low) Duty Cycle at 50% of Vcc Rise / Fall Time 10% to 90% Start-Up Time Jitter (BW=10Hz to 20MHz) Jitter (BW=12kHz to 20MHz) Current UNITS pF Vdc Vdc mA mA % nS mS ps rms ps rms
5.0V OPERATION TRI-STATE ENABLE / DISABLE FUNCTION OVERALL FREQUENCY TOLERANCE: HSM546 20ppm HSM516 25ppm HSM526 50ppm HSM536 100ppm TEMPERATURE RANGE: 0 to 70C
(Voh) (Vol) (Ioh) (Ioh)
50 -
PACKAG E CHARACTERISTICS
Package Hermetically sealed ceramic package and metal cover
TABLE 6.0
CERAMIC SURFACE MOUNT PACKAGE TAPE AND REEL PACKAGING RoHS COMPLIANT / Pb FREE
ORDERING INFORMATION
Note: 1) Inclusive of calibration @ 25C, frequency vs. temperature stability, sup ply voltage change, load change, shock and vibration, 10 years aging. 2) Oscillator output is enabled with no connect ion on pad 1
.252 (6.35mm) .104 (2.67mm) .200 (5.08mm)
.433 (11.05mm) .098 (2.54mm) Typical 4 Places .043 (1.14mm)
PAD 1 2 3 4
CONNECTION ENABLE/DISABLE GROUND OUTPUT Vcc
HSM536 50 MHz CW H5
HSM536
CLOCK SERIES
-
50 MHz
CENTER FREQUENCY
Dimensional Tolerance: .02" (.508mm) .005" (.127mm)
DATA SHEET #:
Sm003
PAGE 1
OF
2
REV: 12
DATE:
08/24/05
aCopyright 2001 Connor-Winfield all rights reserved.
Specifications subject to change without notice.
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 851-5040. PHONE (630) 851-4722. WWW.CONWIN.COM
PRODUCT
D AT A
SHEET
CRYSTAL CONTROLLED OSCILLATORS
0.200 (5.08mm) 0.138 (3.50mm) 0.475 (12.06mm)
0.065 (1.65mm) 0.135 (3.43mm)
1.00 (25.4mm) 8.45 Dia. (215mm Dia.) 0.08 (2.0mm)
0.45 (11.4mm) 0.08 (2.0mm) 0.27 (6.8mm)
0.157 (4.0mm)
10.00 (254.0mm) 0.08 (2.0mm) 0.47 (11.9mm)
3.15 (80mm)
0.06 Dia. (1.5mm Dia.)
1.00 Dia. (25.4mm Dia.) 0.295 (7.5mm) 0.07 (1.75mm) 0.63 (16.0mm)
1000 PCS / REEL
DATA SHEET #: Sm003 PAGE 2 OF 2 REV: 12 DATE: 08/24/05
aCopyright 2001 Connor-Winfield all rights reserved.
Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of HSM546

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X