Part Number Hot Search : 
BCY58 S7806PIC MA4ST408 MA4ST408 GU88L02 SPC560 128K8 ATS040
Product Description
Full Text Search
 

To Download HSDL-7000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H
IR 3/16 Encode/Decode IC Technical Data
HSDL-7000
Features
* Compliant with IrDA Physical Layer Specs * Interfaces with IrDA Compliant HSDL-1000 IR Transceiver * 1 Micron CMOS Gate Array * Used in Conjunction with Standard 16550 UART * Pin Compatible with PLX-1000
Description
The HSDL-7000 performs the modulation/demodulation function used to both encode and decode the electrical pulses from the IR transceiver. These pulses are then sent to a standard UART which has a BAUDOUT signal available externally. This signal is 16 times the selected baud rate. In applications where the 16XCLK is not available, an external means of generating the 16XCLK must be designed. The HSDL-7000 is comprised of two state machines - the serial IR encode and the serial IR decode blocks. Each of these blocks derives their timing from the 16XCLK input signal from the UART. The Encode block is driven by the negative edge triggered TXD signal from the UART. This initiates the modulation state machine resulting in the 3/16 modulated IR_TXD signal which drives the IR transceiver module, HSDL-1000. The IR Decode block is driven by the negative edge triggered IR_RCV signal from the HSDL-1000. After this signal is demodulated and stretched, it drives the RCV signal to the UART.
Schematic
HSDL-7000
TXD
IR ENCODE
IR_TXD
RCV
IR DECODE
IR_RCV
NRST
Applications Interfaces with HSDL-1000 to perform:
* Serial Half-Duplex Data Transfer Between: Notebook Computers Subnotebooks Desktops PCs PDAs Printers Other Peripheral Devices * Telecom Applications in: Modems Fax Machines Pagers Phones * Industrial Applications in: Data Collection Devices * Medical Applications in: Patient and Pharmaceutical Data Collection
Pin Out
16XCLK TXD RCV GND 1 2 3 4 8 7 6 5 VCC IR_TXD IR_RCV NRST
HP 7000 YYWW
5964-9278E
4-43
Pin Description
16XCLK - Positive edge triggered input clock that is set to 16 times the data transmission baud rate. The encode and decode schemes require this signal. The signal is usually tied to a UART's BAUDOUT signal. TXD - Negative edge triggered input signal; usually tied to a UART's SOUT signal (serial data to be transmitted).
RCV - Output signal which is usually tied to a UART's SIN signal (received serial data). GND - Chip ground. NRST - Active low signal used to reset the decode state machine. This signal can be tied to POR (Power on reset) or VCC. This signal can also be used to disable any data reception.
IR_RCV - A 3/16th pulse width input signal from the HSDL-1000. The signal is a demodulated (pulse stretched) to generate the RCV output signal. IR_TXD - This signal is the modulated 3/16ths TXD signal which is input to the HSDL-1000. VCC - Power.
Package Dimensions
6.65 (0.26) MAX.
8 5
1.05 (0.041)
0.10 (0.004)
SCALE 5 0.15 + 0.10/-0.00 (0.006 + 0.004/-0.00) 0.6 0.2 (0.024 0.008) DETAIL A, SCALE 20
1 4
1.42 (0.056) MAX. 1.55 (0.06) SEE DETAIL A 0.40 + 0.10/-0.00 (0.016 + 0.004/-0.000)
5.60 (0.22)
1.27 (0.05)
7.7 0.3 (0.30 0.012)
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
4-44
Encoding Scheme
16 CLOCK CYCLES
16 X CLOCK
TXD
7 cs IRTXD
3 cs
The encoder sends a pulse for every space or "0" that is sent on the TXD line. On a high to low transition of the TXD line, the generation of the pulse is delayed
for 7 clock cycles of the 16XCLK before the pulse is set high for 3 clock cycles (or 3/16th of a bit time) and then subsequently pulled low.
Decoding Scheme
16 CLOCK CYCLES
16 X CLOCK
IR_RXD 3 cs
RXD
A high to low transition of the IR_RXD line from the HSDL-1000 signifies a 3/16th pulse. This pulse is stretched to accommodate 1 bit time (16 clock cycles). Every pulse that is received is
translated into a "0" or space on the RXD line equal to 1 bit time. Note: The stretched pulse must be at least 3/4 of a bit time in duration to be correctly interpreted by a UART.
4-45
Absolute Maximum Ratings
Parameter Storage Temperature Operating Temperature Output Current Power Dissipation Input/Output Voltage Power Supply Voltage Symbol TS TA IO PMAX VI /VO VCC Min. -65 -40 Max. +150 +85 10 0.22 VCC + 0.5 +6.5 Units C C mA W V V Conditions
-0.5 -0.5
Switching Specifications
(VCC = 5 Volts 10%, TA= -40 to +85C) Parameter Toggle Frequency Propagation Delay Time Symbol ftog tpd Min. Typ. 120 0.5 1.0 2.0 1.42 1.54 Max. Units Mhz ns ns ns ns ns Conditions Internal Gate Input Buffer Output Buffer Output Buffer (CL = 15 pF) Output Buffer (CL = 15 pF)
Output Fall Time Output Rise Time
tf tr
Note: ftog represents the maximum internal D-Type Flip Flop toggle rate
Capacitance
(VCC = 0 Volts, TA= -40 to +85C) Parameter Input Capacitance Output Capacitance Output Fall Time Symbol CIN COUT Min. Typ. 10 10 10 Max. 20 20 20 Units pF pF pF Conditions f = 1 MHz - Unmeasured Pins Returned to 0 Volts
4-46
Recommended Operating Conditions
(TA= -40 to +85C) Parameter Supply Voltage Input Voltage Ambient Temperature High Level Input Voltage Low Level Input Voltage Positive Trigger Voltage Negative Trigger Voltage Hysteresis Voltage Power Dissipation Input Rise Time Input Fall Time Max Clk Frequency (16XCLK) Minimum Pulse Width (IR_TXD)* Symbol VCC VI TA VIH VIL VP VN VH PDISS tri tfa f16XCLK tmpx Min. 2.7 0.0 -40 0.7 VCC 0.0 1.61 0.55 0.50 Typ. 5.0 Max. 5.5 VCC +85 VCC 0.3 VCC 4.00 3.10 2.00 220 200 200 2 Units V V C V V V V V mW ns ns MHz ns Conditions CMOS level CMOS level CMOS level CMOS level CMOS level CMOS level CMOS level CMOS level f16XCLK = 2 MHz f16XCLK = 2 MHz f16XCLK = 2 MHz f16XCLK = 2 MHz
4.9
250
*IrDA Parameters. The Max Clk Frequency represents the maximum clock frequency to drive the HSDL-7000's internal state machine. Under normal circumstances, this clock input should not exceed 16 * 115.2 Kbp/s or 1.8432 MHz. This product can operate at higher clock rates, but the above is the recommended rate. The Minimum Pulse Width represents the minimum pulse width of the encoded IR_TXD pulse (and the IR_RCV pulse). As per the IrDA specifications, the minimum pulse width of the IR_TXD and IR_RCV pulses should be 3 * (1/1.8432 MHz) or 1.63 s. The minimum pulse width specified for the HSDL-7000 is 250 ns, which is within IrDA specification. Under normal circumstances, the pulse width should not be less than 1.63 s.
Application Circuits
HSDL-7000 Connection to UART
HSDL-1000 HSDL-7000 UART 16550
TXD
IR_TXD
TXD
SOUT
RCV
SIN
RCV
IR_RCV
16XCLK
BAUDOUT
Note: At the time of this publication, Light Emitting Diodes (LEDs) that are contained in this product are regulated for eye safety in Europe by the Commission for European Electrotechnical Standardization (CENELEC) EN60825-1. Please refer to Application Briefs I-008, I-009, I-015 for more information.
4-47


▲Up To Search▲   

 
Price & Availability of HSDL-7000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X