|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SC Type Fixed Attenuators MU SC FC Harsh Environment sFeatures 1. Maximum input power for SM : 250mW 2. Attenuaton level : 0,1,2,3,4,5,6,7,8,9,10,11,12,13,14,15,16,20,25,30 dB Attenuators 3. Dual wavelengths : 1310 nm and 1550 nm 4. User friendly push-pull mechanism 5. Please contact us if you have any requests. Hirose will offer excellent solutions to meet your requirements. Terminators sApplications Power level adjustment of optical fiber communication networks. 73 sProduct Specifications qHigh Power SC-Type Fixed Attenuator (Max. input power: 250mW) MU Ratings Operating temperature range Max. Input Power -40C to +75C 250mW Storage temperature range Fiber type -40C to +85C SM Item Optical Characteristis Test Method Requirments 0+0.4db 1,20.5dB 3,4,5,60.6dB 7,8,9,10,11,12,13,14ATT10%dB 15,16,20,251.5dB 302.5dB 40dB Change in attenuation : 0.2dB Attenuation Measurement at a point within wavelength of 1310 30 nm and a point within wavelength of 1550 30 nm. SC Return Loss Power test Power : 250mw, Time : 100 hours Laser : LD(wavelength : 1470nm) Engagement and Engagement and separation forces at 50mm/s. separation forces Gauge retention force Zirconia gauge at O2.499 0.0005 mm. Mating durability Insertion and extraction number : 500 3 hours at an amplitude of 1.5mm.with the frequency range 10 to 55Hz. Vibration In each of three mutually perpendicular plane. 8.82N load,100 cycles Flex test Telcordia GR-910-CORE 13.23N load,10 cycles Twist test Telcordia GR-910-CORE 12.25N load,90 angle,active Side test Telcordia GR-910-CORE 3 times in each of three mutually Impact test perpendicular axis with the Acceleration 981m/s2 Humidity : 90% to 96% Compasite Temparature-humidity Temperature : -10C to 65C, Cyclic test Time : 480 hours(20 Cyclic) Temp : -40/-40/80/80/80 to -40C Temperature cycling Time : 60/ 180 /60/ 180 min Cyclic : 100 cycles Dry heat-high Temperature : 85C Time : 500 hours Temparature endurance Temperature : -40C Time : 500 hours Cold Salt Mist : 5% Time : 48 hours Salt Mist Engagement force: 19.6 N Separation force: 19.6 N 2.0N to 3.9N Mechanical Characteristis FC 1) Attenuation and return loss shall be satisfild before and after the test. 2) No breakage,crack or looseness on components. Harsh Environment Environmental Characteristis No significant corrosion. Attenuators sMaterials Part Body Ferrule Split sleeve Material Zinc alloy Zirconia Zirconia Terminators sOrdering Information HSC - AT 1 1 Series name 2 Attenuator 3 Specification series : HSC 11 3 K - A ** 4 5 6 K : AdPC (40dB) 2 4 Polishing code 5 Optical fiber type A : Single Mode 6 Attenuation : 00,01,02,03,04,05,06,07,08,09, 10,11,12,13,14,15,16,20,25,30 74 qHigh Power SC-Type Fixed Attenuator (Max. input power: 250mW) * * dB 72516 MU Serial No. 9.4 35.5 12.6 SC Part Number HSC-AT11K-A00 HSC-AT11K-A01 HSC-AT11K-A02 HSC-AT11K-A03 HSC-AT11K-A04 HSC-AT11K-A05 HSC-AT11K-A06 HSC-AT11K-A07 HSC-AT11K-A08 HSC-AT11K-A09 HSC-AT11K-A10 HSC-AT11K-A11 HSC-AT11K-A12 HSC-AT11K-A13 HSC-AT11K-A14 HSC-AT11K-A15 HSC-AT11K-A16 HSC-AT11K-A20 HSC-AT11K-A25 HSC-AT11K-A30 CL No. 820-6001-6 820-6002-9 820-6003-1 820-6004-4 820-6005-7 820-6006-0 820-6007-2 820-6013-5 820-6014-8 820-6015-0 820-6008-5 820-6016-3 820-6017-6 820-6018-9 820-6019-1 820-6009-8 820-6020-0 820-6010-7 820-6011-0 820-6012-2 Attenuation 00dB 01dB 02dB 03dB 04dB 05dB 06dB 07dB 08dB 09dB 10dB 11dB 12dB 13dB 14dB 15dB 16dB 20dB 25dB 30dB Attenuation Tolerance +0.4dB 0.5dB 0.5dB 0.6dB 0.6dB 0.6dB 0.6dB 0.7dB 0.8dB 0.9dB 1.0dB 1.1dB 1.2dB Return Loss Wavelength Split Sleeve Fiber type FC 40dB 1310nm 1550nm Zirconia SM Harsh Environment 1.3dB 1.4dB 1.5dB 1.5dB 1.5dB 1.5dB 2.5dB Attenuators Terminators 75 NEW SC-Type Optical Fixed Attenuators HSC-AT11U Series Mates with SC-type simplified plugs Simplified SC receptacle Standard SC plug Standard SC plug Simplified SC plug HSC-AT11U Series sFeatures 1. Low return loss, 50 dB min.* 2. Complies with Telcordia GR-910-CORE. 3. SC-type simplified plugs Mates with the spring-less (ferrule-fastened) SCtype simplified plugs. Return Loss Histogram 120 N=400 100 AVE.=57.7 (Wavelength 1550 nm) Frequency 80 60 40 20 0 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 Return Loss (dB) 4. In-line mating with a standard SC connectors 5. High input power (250 mW max.) 6. Variety of fixed attenuation levels. sApplications 1 to 16 dB (in 1 dB increments), 20, 25, and 30 dB sOrdering Information Optical communication and data transfer equipment requiring in-line fixed power level adjustment. * Standard return loss. Contact Hirose Electric sales representative if better return loss.is required. HSC - AT - 11 - U - A - ** 1 2 Attenuator 2 3 4 5 6 U: UPC (>=50dB) 1 Series name: HSC 4 Polishing code 5 Optical fiber type A: Single Mode SC connectors A:10, 11, 12, 13, 14, 15, 16, 20, 25, 30 3 Specification series 6 In-line mating with a standard A:00, 01, 02, 03, 04, 05, 06, 07, 08,09, Part Number HSC-AT11U-A00 HSC-AT11U-A01 HSC-AT11U-A02 HSC-AT11U-A03 HSC-AT11U-A04 HSC-AT11U-A05 HSC-AT11U-A06 HSC-AT11U-A07 HSC-AT11U-A08 HSC-AT11U-A09 HSC-AT11U-A10 HSC-AT11U-A11 HSC-AT11U-A12 HSC-AT11U-A13 HSC-AT11U-A14 HSC-AT11U-A15 HSC-AT11U-A16 HSC-AT11U-A20 HSC-AT11U-A25 HSC-AT11U-A30 CL No. 820-9500-2 820-9501-5 820-9502-8 820-9503-0 820-9504-3 820-9505-6 820-9506-9 820-9507-1 820-9508-4 820-9509-7 820-9510-6 820-9511-9 820-9512-1 820-9513-4 820-9514-7 820-9515-0 820-9516-2 820-9517-5 820-9518-8 820-9519-0 Attenuation 0dB 1dB 2dB 3dB 4dB 5dB 6dB 7dB 8dB 9dB 10dB 11dB 12dB 13dB 14dB 15dB 16dB 20dB 25dB 30dB Attenuation Tolerance Return Loss +0.4dB 0.5dB 0.5dB 0.6dB 0.6dB 0.6dB 0.6dB 0.7dB 0.8dB 0.9dB 50dB 1.0dB 1.1dB 1.2dB 1.3dB 1.4dB 1.5dB 1.5dB 1.5dB 1.5dB 2.5dB Wavelength Split Sleeve Fiber Type 1310nm 1550nm Zirconia SM 2004.4 1 sSpecifications Rating Operating temperature range Storage temperature range -40c to +75c -40c to +75c Max. input power Fiber type 250 mW SMF Characteristic Attenuation Return loss Rated input power Optical characteristic Environmental characteristic Mechanical characteristics Test Method (Conforms with Telcordia GR-910-CORE) Measurement at a point within the wavelength of 1310 30 nm and a point within the wavelength of 1550 30 nm. Power : 250mW(LD) Wavelength : 1470nm Duration : 100 hours Temperature : -5c to 50c Duration : 182.5 hours Humidity : 15% to 90% Temperature : -40c to 75c Period of 1 cycle : 8 hours Number of cycles : 21 Low-Temperature Exposure and Thermal Shock Temperature : 23c 40c -40c 23c Duration : 2.1h 72 h 4 min. minimum High-Temperture Exposure and Thermal Shock Temperature : 23c 70c 70c 23c Duration : 1.6h 72 h 5 min. minimum High Relative Humidity Exposure Temperature : 23c 40c 40c 23c Duration : 0.6h 96 h 0.6h Humidity : 90% to 95% Temperature : -10c to 65c Period of 1 cycle : 12 hours Humidity : 90% to 100% Number of cycles : 14 Temperature : 43c Duration : 168 hours Solution : PH 5.5 Vibration frequency range : 10 to 55 Hz Maximum amplitude: 1.52 mm Duration : 2 hours in each of 3 directions Specification Refer to the various types of attenuation tolerance (the previous page). 50 dB min. After / during test, changing in attenuation(fluctuation)shall be less than 0.1dB. Controlled Operating Environment Uncontrolled Operating Environment Non-Operating Environment 1) After test, change in attenuation(fluctuation)and return loss shall be 1) as follows. 1) * 1, 2, and 3 dB : within (Nominal attenuation value x0.15) dB 1) * Other attenuations : within 0.5 dB 1) * Return loss : 50 dB min. 2) No breakage, crack or dislocation of components. Humidity/Condensation Cycling Test Water Immersion Vibration Side Pull Load Bend angle Load : 90 : 1.25 kg Cable Retention Durability Impact Test Load : 2 kg Insertion/withdrawal cycles : 200 Drop onto a concrete floor from a height of 1.8 m. Cycles: 8 times in each of 3 directions 1) After /during test, change in attenuation(fluctuation)and return loss 1) shall be as follows. 1) * 1, 2, and 3 dB : within (Nominal attenuation value x0.15) dB 1) * Other attenuations : within 0.5 dB 1) * Return loss : 50 dB min. 2) No breakage, crack or dislocation of components. 1) After test, change in attenuation(fluctuation)and return loss shall be 1) as follows. 1) * 1, 2, and 3 dB : within (Nominal attenuation value x0.15) dB 1) * Other attenuations : within 0.5 dB 1) * Return loss : 50 dB min. 2) No breakage, crack or dislocation of components. * * dB sMaterials and Dimensions 72516 Attenuation level 9.4 Serial No. Component Body Ferrule Split sleeve Material Zinc alloy Zirconia Zirconia 35.5 12.6 5-23,OSAKI 5-CHOME,SHINAGAWA-KU,TOKYO 141-8587,JAPAN PHONE: 81-3-3491-9741, FAX: 81-3-3493-2933 http://www.hirose.com http://www.hirose-connectors.com 2 |
Price & Availability of HSC-AT11U-A30 |