Part Number Hot Search : 
34PN010 MKP378 MA27P02 216T1 AK5388A A5800 CXA1314 BD14010
Product Description
Full Text Search
 

To Download HSA1300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6571 Issued Date : 1998.07.15 Revised Date : 2002.08.15 Page No. : 1/3
HSA1300
SILICON PNP EPITAXIAL TYPE
Description
* Strobo Flash Applications * Medium Power Amplifier Applications
Features
* High DC Current Gain and Excellenr hFE Linearity * hFE(1)=140-600, (VCE=-1V, IC=-0.5A) * hFE(2)=60 (Min.), (VCE=-1V, IC=-2A) * Low Saturation Voltage * VCE(sat)=-0.5V(Max.), (IC=-2A, IE=-50mA)
TO-92
Absolute Maximum Ratings (Ta=25C)
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current DC Pulsed (Note 1) Symbol VCBO VCES VCEO VEBO IC ICP IB PC Tj Tstg Ratios -20 -20 -10 -6 -2 -5 -0.2 750 150 -55~150 Unit V V V A A mW C C
Base Current Collector Power Dissipation Junction Temperature Storage Temperature Range
Note 1 : Pulse Width=10ms(Max.), Duty Cycle=30%(Max.)
Electrical Characteristics (Ta=25C)
Symbol V(BR)CEO V(BR)EBO ICBO IEBO *hFE1 *hFE2 *VCE(sat) VBE fT Cob Min. -10 -6 140 60 Typ. -0.83 140 50 Max. -100 -100 1000 -0.5 -1.5 Unit V V nA nA Test Condition IC=-10mA, IB=0 IE=-1mA, IC=0 VCE=-20V, IE=0 VBE=-6V, IC=0 VCE=-1V, IC=-0.5A VCE=-1V, IC=-2A IC=-2A, IB=-50mA VCE=-1V, IC=-2A VCE=-1V, IC=-0.5A VCE=-10V, IE=0, f=1KHZ
V V MHz pF
*Pulse Test: Pulse Width 380us, Duty Cycle2%
Classifications of hFE1
Rank hFE1 Y 140-280 GR 200-400 BL 300-600 PE 500~1000
HSA1300
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000
o
Spec. No. : HE6571 Issued Date : 1998.07.15 Revised Date : 2002.08.15 Page No. : 2/3
Saturation Voltage & Collector Current
1000 VCE(sat) @ IC=40IB
125 C
o
25 C 75 C
o
Saturation Voltage (mV)
hFE
100 75 C 25 C 125 C
o o o
hFE @ VCE=1V
100 1 10 100 1000 10000
10 0.1 1 10 100 1000
Collector Current-IC (mA)
Collector Current-IC (mA)
ON Voltage & Collector Current
1000
Capacitance & Reverse-Biased Voltage
1000
25 C
o
ON Voltage (mV)
75 C 125 C VBE(ON) @ VCE=1V
o
o
Capacitance (Pf)
100 Cob
100 0.1 1 10 100 1000 10000
10 0.1 1 10 100
Collector Current-IC (mA)
Reverse Biased Voltage (V)
Cutoff Frequency & Collector Current
1000 100
Safe Operating Area
PT=1ms
Cutoff Frequency (MHz).. .
Collector Current-IC (A)
10
PT=100ms PT=1s
100
fT
1
0.1
10 1 10 100 1000
0.01 1 10 100
Collector Current (mA)
Forward Biased Voltage-VCE (V)
HSA1300
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-92 Dimension
A B
1 2 3
Date Code
Spec. No. : HE6571 Issued Date : 1998.07.15 Revised Date : 2002.08.15 Page No. : 3/3
2
Marking:
H SA 1300 Rank Control Code
3
C
Style: Pin 1.Emitter 2.Collector 3.Base
D
H I E F
G
1
3-Lead TO-92 Plastic Package HSMC Package Code: A
*: Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes: 1.Dimension and tolerance based on our Spec. dated Apr. 25,1996.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HSA1300
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HSA1300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X