Part Number Hot Search : 
2SC438 AQW454 ESD3V Z25LA821 8RT1FE C8104 LTC35 SP2003
Product Description
Full Text Search
 

To Download HS-2604 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Mini PCI 133MHz FSB
ATA/33/66/100 RS-232/422/485 4 COM PC/104 IrDA
USB DOC WDT Single +5V H/W Monitor
HS-2604
RS-422/485 FDD Parallel 2-pin Power In Fan SO-DIMM 5-pin Power In
Embedded Engine Board
SO-DIMM CRT/Panel Three LAN
EDEN Embedded Engine Board with CRT/Panel & three LAN
COM 4 COM 1 COM 3 COM 2
Low Power!! Single +5V!!
Ordering Guide
IDE EDEN CPU Panel
HS-2604 EDEN 667MHz Embedded Engine Board with CRT/Panel & Three LAN HS-2604/400 EDEN 400MHz Embedded Engine Board with CRT/Panel & Three LAN
10.2 cm
RealTek RTL8100 VIA VT82C686B DiskOnChip PC/104 PS/2 KB/MS Dual RJ-45
LVDS VIA VT8606
Internal CRT
IrDA Internal LAN 3 USB COM 1
6-pin KB/MS
14.5cm
Features
VIA EDEN 400/667MHz low power embedded CPU Mini PCI Local Bus support Supports 100/133MHz FSB One SO-DIMM socket with a max. capacity of 256MB VIA VT8606/VT82C686B system chipset SMC 37C669 and VIA VT82C686B super I/O chipset VIA VT8606 CRT/Panel display controller Three RealTek RTL8100 10/100 Based LAN Fast PCI ATA/33/66/100 IDE controller Four COM, two USB connectors PC/104 Bus connector DiskOnChip socket supporting memory sizes of up to 288MB Supports Single +5V power in Supports Hardware Monitor
Specifications
* CPU: VIA EDEN 400/667MHz low power embedded CPU * Bus Interface: Mini PCI Local Bus * Memory: One SO-DIMM socket supporting up to 256MB * Chipset: VIA VT8606/VT82C686B * I/O Chipset: SMC 37C669, VIA VT82C686B * VGA: VIA VT8606 integrated S3 3D supporting AGP Bus * LAN: Three RealTek RTL8100 10/100 Based LAN * IDE: Two IDE disk drives supporting ATA/33/66/100 and with transfer rates of 33/66/100MB/sec. * FDD: Supports up to two floppy disk drives * Parallel: One enhanced bi-directional parallel port supporting SPP/ECP/EPP * Serial Port: 16C550 UART-compatible RS-232/422/485 x 1 and RS-232 x 3 serial ports with 16-byte FIFO * PC/104: PC/104 Bus connector for 16-bit ISA Bus * IrDA: One IrDA TX/RX header * USB: Two USB connectors * Keyboard/Mouse: PS/2 6-pin Mini DIN or 6-pin header * DiskOnChip: DiskOnChip socket supporting memory sizes of up to 288MB * BIOS: AMI PnP Flash BIOS * Watchdog Timer: Sets 1/2/10/20/110/220 seconds activity trigger with Reset or NMI * CMOS: Battery backup * Power: Single +5V/3.2A power in * Operating Temperature: -15~+60oC * Hardware Monitor: VIA VT82C686B * Dimensions: 14.5 x 10.2 cm
R


▲Up To Search▲   

 
Price & Availability of HS-2604

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X