Part Number Hot Search : 
BC857AW 2R600C TA8184F VN1306N2 1M4735A 21FQ030 K2012 2000W
Product Description
Full Text Search
 

To Download HPN2369A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6106 Issued Date : 1992.09.22 Revised Date : 2001.09.20 Page No. : 1/4
HPN2369A
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HPN2369A is designed for general purpose switching and amplifier applications.
Features
* Low Collector Saturation Voltage * High Speed Switching Transistor
Absolute Maximum Ratings
* Maximum Temperatures Storage Temperature .......................................................................................................... -55 ~ +150 C Junction Temperature .................................................................................................. +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) .............................................................................................. 625 mW * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ....................................................................................................... 40 V VCES Collector to Emitter Voltage..................................................................................................... 40 V VCEO Collector to Emitter Voltage .................................................................................................... 15 V VEBO Emitter to Base Voltage ......................................................................................................... 4.5 V IC Collector Current ..................................................................................................................... 200 mA ICM Peak Collector Current ......................................................................................................... 300 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCES BVEBO IEBO ICBO ICES *VCE(sat)1 *VCE(sat)2 *VCE(sat)3 *VCE(sat)4 *VBE(sat) *hFE1 *hFE2 *hFE3 fT Cob Min. 40 40 4.5 700 40 30 20 500 Typ. Max. 100 400 400 200 250 300 500 850 120 4 Unit V V V nA nA nA mV mV mV mV mV Test Conditions IC=10uA, IE=0 IC=10uA, VBE=0 IE=10uA, IC=0 VEB=4V, IC=0 VCB=20V, IE=0 VCE=40V, VBE=0 IC=10mA, IB=1mA IC=30mA, IB=3mA IC=10mA, IB=10mA IC=100mA, IB=10mA IC=10mA, IB=1mA IC=10mA, VCE=0.35V IC=30mA, VCE=0.4V IC=100mA, VCE=1V IC=10mA, VCE=10V, f=100MHz VCB=5V, f=1MHz
MHz pF
*Pulse Test : Pulse Width 380us, Duty Cycle2%
HPN2369A
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
100 1
Spec. No. : HE6106 Issued Date : 1992.09.22 Revised Date : 2001.09.20 Page No. : 2/4
Saturation Voltage & Collector Current
VBE(sat) @ IC=10IB VCE=1V
10
Saturation Voltage (V)
hFE
0.1
VCE(sat) @ IC=10IB
1 0.1 1 10 100 1000
0.01 0.1 1 10 100
Collector Current (mA)
Collector Current (mA)
On Voltage & Collector Current
1 10
Capacitance & Reverse-Biased Voltage
VBE(on) @ VCE=1V
Capacitance (pF)
On Voltage (mV)
Cob
0.1 0.1 1 10 100
1 0.1 1 10 100
Collector Current (mA)
Reverse-Biased Voltage (V)
Cutoff Frequency & Collector Current
10000 10000
Safe Operating Area
1000
Collector Current-IC (mA)
Cutoff Frequency (GHz)
1000 PT=1ms PT=100ms PT=1s 100
fT @ VCE=10V 100
10
10
1
0.1 1 10 100
1 1 10 100
Collector Current-IC (mA)
Forward Voltage-VCE (V)
HPN2369A
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6106 Issued Date : 1992.09.22 Revised Date : 2001.09.20 Page No. : 3/4
PD-Ta
700 600
Power Dissipation-PD(mW)
500 400 300 200 100 0 0 20 40 60 80 100
o
120
140
160
Ambient Temperature-Ta( C)
HPN2369A
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-92 Dimension
A B
1 2 3
Spec. No. : HE6106 Issued Date : 1992.09.22 Revised Date : 2001.09.20 Page No. : 4/4
2
Marking:
HSMC Logo Part Number Date Code Rank Product Series
3
Laser Mark
HSMC Logo Product Series
C
D
Part Number
H I E F
G
Ink Mark
1
3-Lead TO-92 Plastic Package HSMC Package Code : A
Style: Pin 1.Emitter 2.Base 3.Collector
*: Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes: 1.Dimension and tolerance based on our Spec. dated Apr. 25,1996.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HPN2369A
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HPN2369A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X