Part Number Hot Search : 
AC104 SSPL6022 1N4758A 2500E IDTQS34 BU808 487LI 90100
Product Description
Full Text Search
 

To Download HPC0603A100GXZT5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HPC0603A
Vishay
High Performance, High Precision Surface Mount 0603 Capacitor
FEATURES
* New technology surface mount capacitor based on a special semiconductor process * Construction reduces the parasitic inductance and brings the SRF values to ultra-high frequencies * Capacitance is extremely stable in a wide range of frequencies from 1 MHz to several GHz. * High Q and low ESR * Tight tolerance to 1 % or 0.05 pF * Ultra high SRF * Low parasitic inductance ( ~ 0.046 nH)
PATENTED
* Capacitance range : 0.8 pF to 560 pF
ELECTRICAL SPECIFICATIONS
Operating Temperature: - 55 C to + 125 C Temperature Coefficient of Capacitance (TCC): 0 30 ppm/C Insulation Resistance: Voltage: Ageing: 1011 min 2.5 x rated voltage for 5 seconds none
APPLICATIONS
* * * * * * * * * * Wireless communications Mobile phones Cordless phones GPS VCO Filter Networks Matching Networks Base station DC Blocking High speed circuitry
ENVIRONMENTAL SPECIFICATIONS
Life Test: Thermal Shock: Moisture Resistance: 1000 hours, + 125 C at 2 x rated voltage 100 Cycles, - 55 C/+ 125 C 240 hours, 85 % RH, + 85 C
CAPACITANCE TOLERANCE CODE
FOR LESS THAN 10 pF A B C 0.05 pF 0.10 pF 0.25 pF FOR 10 pF AND HIGHER F 1% G 2% J 5%
ORDERING INFORMATION
HPC MODEL 0603 SIZE A TYPE 100 CAPACITANCE VALUE G CAPACITANCE TOLERANCE see chart above X TERMINATION X VOLTAGE T5 PACKAGING
The first two digits are significant, the third is a multiplier. An "R" indicates a decimal point. Examples: 101 = 100 pF 4R7 = 4.7 pF
X = Tin/Lead termination W = Lead (Pb)-free termination
1=6V Z = 10 V Y = 16 V X = 25 V M = 50 V
T5 = 5000 pcs tape and reel T1 = 1000 pcs tape and reel
Document Number: 10137 Revision: 22-Dec-04
For technical questions, contact siliconRFcap@vishay.com
www.vishay.com 15
HPC0603A
Vishay
High Performance, High Precision Surface Mount 0603 Capacitor
DIMENSIONS
DIMENSION
L W
INCHES 0.063 0.002 0.031 0.002 0.022 0.002 0.008 0.002 0.049 0.002 0.025 0.002
MILLIMETERS 1.60 0.05 0.80 0.05 0.56 0.05 0.20 0.05 1.24 0.05 0.64 0.05
L W
T
T
A B C
A B
For PAD DESIGN, please see assembly/reflow recommendations page 21.
C
CAPACITANCE RANGE AND VOLTAGE
CAPACITANCE (pF) 0.8 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 CAPACITANCE CODE 6 0R8 1RO 1R2 1R5 1R8 2R2 2R7 3R3 3R9 4R7 5R6 6R8 8R2 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 10 VOLTAGE (V) 16 25 50
www.vishay.com 16
For technical questions, contact siliconRFcap@vishay.com
Document Number: 10137 Revision: 22-Dec-04
HPC0603A
High Performance, High Precision Surface Mount 0603 Capacitor
ELECTRICAL SPECIFICATIONS*
CAPACITANCE (pF) TOLERANCE SRF (GHz) AT 1 MHz CODE** TYP. 0.8 1 1.2 1.5 1.8 2.2 2.7 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 Document Number: 10137 Revision: 22-Dec-04 A,B,C A,B,C A,B,C A,B,C A,B,C A,B,C A,B,C A,B,C A,B,C A,B,C A,B,C A,B,C A,B,C A,B,C B,C B,C B,C B,C B,C F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J F,G,J 26.4 23.6 21.5 19.2 17.6 15.9 14.3 13.0 12.4 11.9 11.4 10.9 10.4 10.0 9.5 9.0 8.6 8.2 7.8 7.5 7.1 6.8 6.5 6.1 5.9 5.6 5.3 5.0 4.8 4.5 4.3 4.1 3.9 3.8 3.6 3.4 3.3 3.1 3.0 2.9 2.7 2.6 2.5 2.4 2.2 2.2 2.1 1.9 1.9 1.8 1.7 1.6 1.5 1.4 1.4 1.3 1.2 1.2 1.1 1.1 1.0 1.0 Ceff Q TYP. 200 MHz 0.80 6813 1.00 5826 1.20 5232 1.50 4724 1.80 4465 2.20 3947 2.70 3480 3.30 4157 3.60 3810 3.90 3517 4.30 3190 4.70 2918 5.10 2689 5.60 2449 6.20 2212 6.80 2017 7.50 1828 8.20 1672 9.11 1507 10.0 1371 11.0 1246 12.0 1142 13.0 1054 15.0 914 16.0 857 18.0 761 20.0 685 22.0 623 24.0 571 27.1 507 30.1 456 33.1 415 36.1 380 39.1 351 43.1 318 47.2 291 51.2 268 56.2 244 62.2 220 68.2 201 75.4 182 82.5 166 91.6 150 100.7 136 110.9 124 121.0 113 131.2 105 151.6 90 161.9 85 182.4 75 202.9 68 223.5 61 244.2 56 275.4 50 306.6 45 338.0 41 369.6 37 401.3 34 443.7 31 486.5 28 529.4 26 583.5 24 Ceff Q TYP. 500 MHz 0.80 1491 1.00 1275 1.20 1145 1.50 1033 1.80 977 2.20 863 2.70 761 3.30 909 3.61 833 3.91 769 4.31 697 4.71 638 5.11 587 5.61 535 6.22 483 6.82 440 7.53 399 8.23 365 9.14 329 10.0 299 11.1 272 12.1 249 13.1 230 15.1 199 16.1 186 18.1 165 20.2 149 22.2 135 24.3 124 27.3 110 30.4 99 33.5 90 36.6 82 39.7 76 43.8 68 48.0 63 52.2 58 57.4 52 63.8 47 70.1 43 77.6 39 85.1 35 94.9 32 104.7 29 115.7 26 126.9 24 138.1 22 160.9 19 172.4 17 195.9 15 219.8 14 244.2 12 269.1 11 307.3 10 346.8 9 387.6 8 429.6 7 473.0 6 533.2 6 596.1 5 661.9 5 748.7 4 Ceff Q TYP. 1000 MHz 0.80 519 1.00 443 1.20 398 1.50 359 1.81 339 2.21 300 2.71 264 3.32 315 3.62 289 3.93 266 4.33 241 4.74 221 5.15 203 5.66 185 6.27 167 6.88 152 7.60 138 8.32 126 9.25 113 10.2 103 11.2 93 12.3 85 13.3 79 15.4 68 16.5 63 18.6 56 20.7 50 22.9 46 25.1 42 28.4 37 31.7 33 35.1 30 38.5 27 41.9 25 46.6 22 51.3 20 56.2 19 62.3 17 69.8 15 77.5 13 86.7 12 96.2 11 108.8 10 122.0 9 137.2 8 153.1 7 169.7 6 205.5 5 224.7 5 266.7 4 312.5 3 364.3 3 422.6 2 525.4 2 652.3 2 812.9 1 1022.9 1 1309.1 1 1903.4 1 Ceff Q TYP. 2000 MHz 0.80 174 1.01 148 1.21 133 1.52 120 1.82 113 2.24 100 2.75 88 3.38 104 3.70 95 4.01 88 4.44 79 4.86 72 5.29 66 5.84 60 6.49 54 7.15 49 7.93 44 8.71 40 9.74 36 10.8 33 11.9 29 13.1 27 14.3 25 16.8 21 18.1 19 20.7 17 23.4 15 26.1 13 29.0 12 33.5 11 38.3 9 43.3 8 48.6 7 54.2 6 62.3 6 71.0 5 80.6 4 93.8 4 112.0 3 133.2 3 163.1 2 200.2 2 264.0 1 357.3 1 529.1 1 Ceff Q TYP. 2500 MHz 0.81 124 1.01 105 1.22 95 1.53 85 1.84 80 2.26 70 2.78 62 3.43 73 3.75 67 4.08 62 4.52 56 4.96 51 5.41 46 5.98 42 6.66 38 7.36 34 8.19 31 9.03 28 10.14 25 11.3 22 12.6 20 13.9 18 15.2 16 18.0 14 19.5 13 22.6 11 25.8 10 29.2 9 32.9 8 38.8 6 45.3 6 52.5 5 60.5 4 69.5 4 83.3 3 99.7 3 119.7 2 151.4 2 205.0 1 289.5 1 480.3 1
Vishay
For technical questions, contact siliconRFcap@vishay.com
www.vishay.com 17
HPC0603A
Vishay
High Performance, High Precision Surface Mount 0603 Capacitor
SRF VS. CAPACITANCE (TYPICAL)
100
10
SRF (GHz)
1 0 0,1 1 10 100 1000
CAPACITANCE (pF)
ESR VS. FREQUENCY (TYPICAL)
1
1pF
ESR (ohm)
2.2pF
0,1
10pF ; 100pF 3.3pF
0,01 0
500
1000
1500
2000
2500
3000
3500
FREQUENCY (mHz)
Q VS. FREQUENCY (TYPICAL)
10000
1000
Q factor
100
1pF
10pF
10
100pF
1 0 500 1000 1500 2000 2500 3000
FREQUENCY (MHz)
www.vishay.com 18
For technical questions, contact siliconRFcap@vishay.com
Document Number: 10137 Revision: 22-Dec-04
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of HPC0603A100GXZT5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X