Part Number Hot Search : 
SMA4743 SBR101 50014 B95027 KRA563U FDAP1D1 221MT CH29BU
Product Description
Full Text Search
 

To Download HO1065 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HO1065
* * * SAW Frequency Stabilization Fundamental-Mode Oscillation at 400.0 MHz 0.8" x 0.5" x 0.25" Metal Dip Case
This general-purpose oscillator is stabilized by surface-acoustic-wave (SAW) technology. Fundamental oscillation at 400.0 MHz eliminates all internally generated spurious outputs except integral harmonics of 400.0 MHz. The compact size of the rugged, metal, hermetically-sealed case makes this oscillator suitable for a variety of applications.
400.0 MHz SAW Oscillator
Absolute Maximum Ratings
Rating DC Supply Voltage Ambient Temperature Powered Storage Value 0 to +13 -40 to +70 -40 to +85 Units VDC C
Dip 14-8 Case
Electrical Characteristics
Characteristic Operating Frequency RF Output Power Spurious Outputs Second Harmonics Third and Higher Harmonics RF Impedance DC Power Supply Nonharmonic Nominal Impedance Operating Load VSWR Operating Voltage Operating Current Operating Ambient Temperature Lid Symbolization (YY=Year, WW=Week) ZO L VCC ICC TA 3, 6 -40 RFM HO1065 YYWW 3, 6, 7 <-80 50 10.8 Absolute Frequency Tolerance from 400.0 MHz Sym fO fO PO Notes 1, 7 3, 6 Minimum 399.800 +10 Typical 400 Maximum 400.200 200 +13 -15 -20 -60 dBc 1.5:1 13.2 50 +70 VDC mA C Units MHz kHz dBm
3 3, 5 3, 6
12.0 40
BLOCK DIAGRAM CAUTION: Electrostatic Sensitive Device. Observe precautions for handling. COCOM CAUTION: Approval by the U.S. Department of Commerce is required prior to export of this device. Notes:
1. 2. 3. 4. One or more of the following United States patents apply: 4,616,197; 4,610,681; and 4,761,616. Unless noted otherwise, all specifications are listed at TA = +25C 2C, VCC = nominal voltage 0.01 VDC, and load impedance = 50 with VSWR 1.5:1. The design, manufacturing process, and specifications of this device are subject to change without notice. Applies to oscillator only and not to sidebands caused by external electrical or mechanical sources. (Dedicated external voltage regulation with low-frequency filtering for the DC power supply and proper circuit board layout are recommended for optimum spectral purity.) For specified maximum operating load VSWR (any angle) at FO. (No instability or damage will occur for any passive load impedance.) For any combination of VCC and TA within the specified operating ranges. Applies for any combination of Note 5 and 6 conditions.
RF OUTPUT SAW Oscillator Buffer Amplifier V CC
ELECTRICAL CONNECTIONS
VCC 1 Case Ground 2 CC 13 Case Ground
5. 6. 7.
Top View
Case Ground 6 RF Output 7
9 Case Ground 8 VCC
RF Monolithics, Inc. Phone: (972) 233-2903 Fax: (972) 387-9148 RFM Europe Phone: 44 1963 251383 Fax: 44 1963 251510 (c)1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
E-mail: info@rfm.com http://www.rfm.com HO1065-101599
Page 1 of 2
400.0 MHz
DIP14-8
SAW Oscillator
Metal Dual-Inline Package with 8 leads in a 14-lead DIP configuration
mm Dimension MIN A B C D E F G H K L M N R -- -- -- 0.40 MAX 20.45 12.83 6.35 0.51 MIN -- -- -- 0.016
Inches MAX 0.805 0.505 0.250 0.020
0.64 Nominal 7.62 Nominal 2.54 Nominal 15.24 Nominal 5.97 1.30 -- -- 1.75 6.73 -- 11.18 18.80 2.26
0.025 Nominal 0.300 Nominal 0.100 Nominal 0.600 Nominal 0.235 0.051 -- -- 0.069 0.265 -- 0.440 0.740 0.089
Top View
B M C K
Bottom View
(4 Places)
F R
(3 Places) 7 6 8 9
L
A
N
2 1 13 14
H G
(4 Places)
D
Pin 1 Mark (Optional)
E
(8 Places)
RF Monolithics, Inc. Phone: (972) 233-2903 Fax: (972) 387-9148 RFM Europe Phone: 44 1963 251383 Fax: 44 1963 251510 (c)1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
E-mail: info@rfm.com http://www.rfm.com HO1065-101599
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of HO1065

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X